Part Number Hot Search : 
SR260 AMS5010 CJQ4614 10A60 LC75864E G160128 ATA5771 0505S
Product Description
Full Text Search
 

To Download RH1498M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RH1498M 10MHz, 6V/s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp DESCRIPTIO ABSOLUTE
(Note 1)
AXI U
RATI GS
The RH1498 is a dual, rail-to-rail input and output precision C-LoadTM op amp with a 10MHz gain-bandwidth product and a 6V/s slew rate. The RH1498 is designed to maximize input dynamic range by delivering precision performance over the full supply voltage. Using a patented technique, the input stages of the RH1498 are trimmed, one at the negative supply and the other at the positive supply. The resulting guaranteed common mode rejection is much better than other rail-torail input op amps. When used as a unity-gain buffer in front of single supply 12-bit A-to-D converters, the RH1498 is guaranteed to add less than 1LSB of error even in single 3V supply systems. With 110dB of supply rejection, the RH1498 maintains its performance over a supply range of 2.2V to 36V. The inputs can be driven beyond the supplies without damage or phase reversal of the output. These op amps remain stable while driving capacitive loads up to 10,000pF. The wafer lots are processed to Linear Technology's inhouse Class S flow to yield circuits usable in stringent military and space applications.
, LTC and LT are registered trademarks of Linear Technology Corporation. C-Load is a trademark of Linear Technology Corporation.
Total Supply Voltage (V + to V -) ............................. 36V Input Current ..................................................... 10mA Output Short-Circuit Duration (Note 2) ........ Continuous Operating Temperature Range ............. - 55C to 125C Specified Temperature Range ............... - 55C to 125C Junction Temperature .......................................... 150C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
BUR -I CIRCUIT
50k 16V
PACKAGE I FOR ATIO
TOP VIEW OUT A -IN A +IN A NC V- 1 2 3 4 5 10 9 8 7 6
V+ OUT B -IN B +IN B NC
100
RH1498M
50k -16V
RH1498M BI
W PACKAGE 10-LEAD FLATPAK
U
U
WW
W
W
U
U
UU
1
RH1498M TABLE 1: ELECTRICAL CHARACTERISTICS
(Pre-Irradiation) VS = 15V, VCM = VOUT = 0V, unless otherwise noted.
CONDITIONS VCM = V+, V- VCM = 14.5V, -14.5V VCM = V+ to V- VCM = 14.5V to -14.5V VCM = V+ VCM = 14.5V VCM = V- VCM = -14.5V VCM VCM = 14.5V, -14.5V VCM = V+, V- VCM = 14.5V, -14.5V -15 0.1Hz to 10Hz 400 12 0.3 1000 5200 500 90 3 84 2300 102 103 80 90 3 83 110 110 1 88 82 100 100 2, 3 1 86 102 4 60 25 400 100 2, 3 5, 6 = V+, V- 3 3 NOTES SYMBOL PARAMETER VOS Input Offset Voltage Input Offset Voltage Match (Channel-to-Channel) (Note 3) IB Input Bias Current MIN TA = 25C TYP MAX 200 250 800 1 1400 450 0 250 715 1 -715 -250 0 12 0 -1200 -500 120 50 6 70 1 15 -14.5 40 300 14.5 2, 3 400 0 500 1200 2, 3 1800 350 1100 2, 3 SUB- - 55C TA 125C SUBGROUP MIN TYP MAX GROUP UNITS V V V V nA nA nA nA nA nA nA nA V nVP-P nV/Hz pA/Hz V/mV V/mV dB dB dB dB dB dB
Input Bias Current Match (Channel-to-Channel) (Note 3) IOS Input Offset Current Input Voltage Range Input Noise Voltage en in AVOL
Input Noise Voltage Density f = 1kHz Input Noise Current Density f = 1kHz Large-Signal Voltage Gain VO = -14.5V to 14.5V, R1 = 10k VO = -10V to 10V, R1 = 2k VCM = V+ to V- VCM = 14.5V to -14.5V VCM = V+ to V- VCM = 14.5V to -14.5V VS = 2V to 16V VS = 2V to 16V
CMRR
Common Mode Rejection Ratio CMRR Match (Channel-to-Channel) (Note 3)
PSRR
Power Supply Rejection Ratio PSRR Match (Channel-to-Channel) (Note 3)
VOL
Output Voltage Swing (Low) (Note 4)
No Load ISINK = 1mA ISINK = 10mA ISINK = 5mA No Load ISINK = 1mA ISINK = 10mA ISINK = 5mA
4
18 50 230 2.5 75 420 15 30 1.8
30 100 500 10 150 800
4
25 70 180
75 150 500 25 250 800
5, 6
mV mV mV mV mV mV mV mV mA mA MHz V/s
VOH
Output Voltage Swing (High) (Note 4)
4
4
5 100 300
5, 6
ISC IS GBW SR
Short-Circuit Current Supply Current per Amp Gain-Bandwidth Product Slew Rate f = 100kHz AV = -1, RL = 2k, VO = 10V, Measure at VO = 5V
1 2.5 1
7.5 5.8
12 2.2 8.5 4 3
2, 3 2, 3 5, 6
6.8 3.5
10.5 6 4
2.2
2
RH1498M TABLE 1A: ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER VOS IB IOS AVOL Input Offset Voltage Input Bias Current Input Offset Current Input Voltage Range Large-Signal Voltage Gain VO = -14.5V to 14.5V, R1 = 10k VO = -10V to 10V, R1 = 2k CMRR Common Mode Rejection Ratio CMRR Match (Channel-to-Channel) PSRR Power Supply Rejection Ratio PSRR Match (Channel-to-Channel) VOUT Output Voltage Swing Low Output Voltage Swing High ISC IS GBW SR Short-Circuit Current Supply Current Gain-Bandwidth Product Slew Rate f = 100kHz AV = -1, RL = 10k, VO = 10V, Measure at VO = 5V 4.5 3 VCM = V+ to V- VCM = V+ to V- VS = 2V to 16V VS = 2V to 16V No Load ISINK = 1mA ISINK = 10mA No Load ISINK = 1mA ISINK = 10mA 3 3 CONDITIONS VCM VCM = V+, V- = V+, V- V- 500 250 86 83 90 83 60 100 500 20 150 800 10 2.5 4.5 3 10 2.5 4.5 3 NOTES 10Krad(Si) MIN MAX 950 765 100 V+ V- 500 250 86 83 90 83 60 100 500 20 150 800 10 2.5 4.5 3
(Post-Irradiation) VS = 15V, VCM = 0V, TA = 25C, unless otherwise noted
20Krad(Si) 50Krad(Si) MIN MAX MIN MAX 950 815 100 V+ V- 500 250 86 83 90 83 60 100 500 20 150 800 10 2.5 4.5 3 950 865 100 V+ V- 500 250 86 83 90 83 60 100 500 20 150 800 10 2.5 100Krad(Si) MIN MAX 950 915 100 V+ V- 500 250 86 83 90 83 60 100 500 20 150 800 200Krad(Si) MIN MAX 950 965 100 V+ UNITS V nA nA V V/mV V/mV dB dB dB dB mV mV mV mV mV mV mA mA MHz V/s
VCM = V+, V-
4
4
3
RH1498M TABLE 2: ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER VOS Input Offset Voltage Input Offset Voltage Match (Channel-to-Channel) (Note 3) IB Input Bias Current CONDITIONS VCM = V+, V- VCM = V+ - 0.5V, V- + 0.5V VCM = V+ to V- VCM = V+ - 0.5V, V- + 0.5V VCM = V+ VCM = V+ - 0.5V VCM = V- VCM = V- + 0.5V VCM VCM = V+ - 0.5V, V- + 0.5V VCM = V+, V- VCM = V+ - 0.5V, V- + 0.5V V- 0.1Hz to 10Hz 400 12 0.3 5 VS = 5V, VO = 75mV to 4.8V, RL = 10k VS = 3V, VO = 75mV to 2.8V, RL = 10k VS = 5V, VCM = V+ to V- VS = 3V, VCM = V+ to V- VS = 5V, VCM = 0.5V to 4.5V VS = 3V, VCM = 0.5V to 2.5V VS = 5V, VCM = V+ to V- VS = 3V, VCM = V+ to V- VS = 5V, VCM = 0.5V to 4.5V VS = 3V, VCM = 0.5V to 2.5V VS = 2.2V to 12V, VCM = VO = 0.5V VS = 2.2V to 12V, VCM = VO = 0.5V No Load ISINK = 1mA ISINK = 2.5mA No Load ISINK = 1mA ISINK = 2.5mA VS = 5V VS = 3V 3 3 600 500 76 72 3800 2000 90 86 4 60 25 210 210 5, 6 = V+, V- 3 5 65 1 V+ V- + 0.5V 15 300 V+ - 0.5V 2, 3 3 NOTES MIN
(Pre-Irradiation) VS = 3V, 5V; VCM = VOUT = half supply, unless otherwise noted.
TA = 25C TYP MAX 150 200 800 1 1400 350 1800 0 250 650 1 -650 -250 0 10 0 -1100 -450 100 0 30 400 0 0 450 1100 2, 3 300 1100 2, 3 SUB- - 55C TA 125C SUBGROUP MIN TYP MAX GROUP UNITS V V V V nA nA nA nA nA nA nA nA V nVP-P nV/Hz pA/Hz pF V/mV V/mV dB dB dB dB dB dB dB dB dB dB
Input Bias Current Match (Channel-to-Channel) (Note 3) IOS Input Offset Current Input Voltage Range Input Noise Voltage en in CIN AVOL
Input Noise Voltage Density f = 1kHz Input Noise Current Density f = 1kHz Input Capacitance Large-Signal Voltage Gain
CMRR
Common Mode Rejection Ratio
1 68 65 85 85
2, 3
CMRR Match (Channel-to-Channel) (Note 3) PSRR Power Supply Rejection Ratio PSRR Match (Channel-to-Channel) (Note 3) VOL Output Voltage Swing (Low) (Note 4) Output Voltage Swing (High) (Note 4) Short-Circuit Current Supply Current per Amp
75 70
91 86
1 66 62 82 104 118
2, 3
88 82
105 120
1
86 80
2, 3
4
14 50 90 2.5 70 140 12.5 12.0 24 19 1.7
30 100 200 10 150 250
4
25 65 110 5 100 180 5 5 10 9.5 2
75 150 220 25 250 300
5, 6
mV mV mV mV mV mV mA mA mA
VOH
4
4 1
5, 6 2, 3
ISC IS
2.2
1
2.7
2, 3
4
RH1498M TABLE 2: ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER GBW SR Gain-Bandwidth Product Slew Rate CONDITIONS VS = 5V, f = 100kHz VS = 2.5V, AV = -1, RL = 2k,VO = 2V, Measure at VO = 1V NOTES MIN 6.8 2.6
(Pre-Irradiation) VS = 3V, 5V; VCM = VOUT = half supply, unless otherwise noted.
TA = 25C TYP MAX 10.5 4.5 4 SUB- - 55C TA 125C SUBGROUP MIN TYP MAX GROUP 5.8 2 8.5 3.6 5, 6 UNITS MHz V/s
TABLE 2A: ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER VOS IB IOS AVOL CMRR Input Offset Voltage Input Bias Current Input Offset Current Input Voltage Range Large-Signal Voltage Gain Common Mode Rejection Ratio CMRR Match (Channel-to-Channel) PSRR Power Supply Rejection Ratio PSRR Match (Channel-to-Channel) VOUT Output Voltage Swing Low Output Voltage Swing High ISC IS SR Short-Circuit Current Supply Current Slew Rate VS = 2.5V,AV = -1, RL = 10k, VO = 2V, Measure at VO = 1V 2 VO R1= 10k = 75mV to V+ - 0.2V CONDITIONS VCM = V+, V- VCM VCM = V+, V- = V+, V- V- 300 70 3 70 88 3 82 60 100 200 20 150 250 8 2.2 NOTES 10Krad(Si) MIN MAX 950 700 65 V+
(Post-Irradiation) VS = 5V, 3V; VCM = half supply, TA = 25C, unless otherwise noted
20Krad(Si) 50Krad(Si) MIN MAX MIN MAX 950 750 65 V- 300 70 70 88 82 60 100 200 20 150 250 8 2.2 2 2 8 2.2 2 V+ V- 300 70 70 88 82 60 100 200 20 150 250 8 2.2 2 950 809 65 V+ V- 300 70 70 88 82 60 100 200 20 150 250 8 2.2 100Krad(Si) MIN MAX 950 850 65 V+ V- 300 70 70 88 82 60 100 200 20 150 250 200Krad(Si) MIN MAX 950 900 65 V+ UNITS V nA nA V V/mV dB dB dB dB mV mV mV mV mV mV mA mA V/s
VCM = V+ to V- VCM = V+ to V- VS = 2.2V to 12V, VCM = VO = 0.5V VS = 2.2V to 12V, VCM = VO = 0.5V No Load ISINK = 1mA ISINK = 2.5mA No Load ISINK = 1mA ISINK = 2.5mA
4
4
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: A heat sink may be required to keep the junction temperature below this absolute maximum rating when the output is shorted indefinitely.
Note 3: Matching parameters are the difference between amplifiers A and B. Note 4: Output voltage swings are measured between the output and power supply rails.
5
RH1498M
TABLE 2: ELECTRICAL TEST REQUIRE E TS
MIL-STD-883 TEST REQUIREMENTS Final Electrical Test Requirements (Method 5004) Group A Test Requirements (Method 5005) Group B and D for Class S, and End Point Electrical Parameters (Method 5005) * PDA applies to subgroup 1. See PDA Test Notes. SUBGROUP 1*,2,3,4,5,6 1,2,3,4,5,6 1,2,3 PDA Test Notes The PDA is specified as 5% based on failures from group A, subgroup 1, tests after cooldown as the final electrical test in accordance with method 5004 of MIL-STD-883. The verified failures of group A, subgroup 1, after burn-in divided by the total number of devices submitted for burn-in in that lot shall be used to determine the percent for the lot. Linear Technology Corporation reserves the right to test to tighter limits than those given.
TOTAL DOSE BIAS CIRCUIT
40pF 5k 15V
-
5k 8V
+
-15V
RH1498 TC
6
UW
RH1498M
TYPICAL PERFOR A CE CHARACTERISTICS
Large Signal Voltage Gain
8000 RL = 10k
6000
4000 VS = 5V VO = 75mV TO 4.8V 2000 VS = 3V VO = 75mV TO 2.8V 0 1 10 100 TOTAL DOSE-krads (Si) 1000
RH1498 G01
2000
SLEW RATE (V/s)
AVOL (V/mV)
AVOL (V/mV)
VS = 15V VO = 14.5V
Supply Current per Amp
4 VS = 15, 5V, 3V 800 600 3
VOS (V)
2
0 -200
IOS (nA)
IS (mA)
1
0 1 10 100 TOTAL DOSE-krads (Si) 1000
RH1498 G04
Input Bias Current
0 VS = 15V, 5V, 3V VCM = 0V 130 120 110
CMRR (dB)
-200
-400
PSRR (dB)
IB (nA)
-600
-800 1 10 100 TOTAL DOSE-krads (Si) 1000
RH1498 G07
UW
Large Signal Voltage Gain
4000 VS = 15V VO = 10V RL = 2k 8
Slew Rate
VS = 15V VO = 10V RL = 10k
3000
6
4
1000
2
0 1 10 100 TOTAL DOSE-krads (Si) 1000
RH1498 G02
0 1 10 100 TOTAL DOSE-krads (Si) 1000
RH1498 G03
Input Offset Voltage
VS = 15V, 5V, 3V VCM = 0V 80 60 40 20 0 -20 -40 -60 -80 1 10 100 TOTAL DOSE-krads (Si) 1000
RH1498 G05
Input Offset Current
VS = 15V, 5V, 3V VCM = 0V
400 200
-400 -600 -800
1
10 100 TOTAL DOSE-krads (Si)
1000
RH1498 G06
Common Mode Rejection Ratio
V- VCM V+ 160
Power Supply Rejection Ratio
2V VS 16V VCM = 0V
140 VS = 15V VS = 5V
100 90 80 70 60 50 1
120
VS = 3V
100
80 10 100 TOTAL DOSE-krads (Si) 1000
RH1498 G08
1
10 100 TOTAL DOSE-krads (Si)
1000
RH1498 G09
7
RH1498M
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
2.0
SUPPLY CURRENT PER AMPLIFIER (mA)
SUPPLY CURRENT PER AMPLIFIER (mA)
TA = 125C TA = 25C 1.5 TA = - 55C 1.0
1.5
INPUT BIAS CURRENT (nA)
0.5
0
0
4
8 12 16 20 24 28 32 TOTAL SUPPLY VOLTAGE (V)
Open-Loop Voltage Gain vs Temperature
10000
OPEN LOOP VOLTAGE GAIN (V/mV)
RL = 2k VS = 15V
INPUT BIAS CURRENT (nA)
1000
100
10 -50 -25
Output Saturation Voltage vs Load Current (Output High)
1000 1000
SATURATION VOLTAGE (mV)
SATURATION VOLTAGE (mV)
100
10 TA = - 55C TA = 125C TA = 25C 1 0.001 0.01 0.1 1 LOAD CURRENT (mA) 10
RH1498 G15
8
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507
q
UW
36
RH1498 G10
Supply Current vs Temperature
2.0 VS = 15V VS = 5V, 0V 400 300 200 100 0 -100
Input Bias Current vs Common Mode Voltage
VS = 5V, 0V
1.0
0.5
- 200
TA = 125C TA = 25C TA = - 55C
- 300 0 - 50 -25 0 75 50 25 TEMPERATURE (C) 100 125 - 400 -2 -1
0 2 3 4 5 1 COMMON MODE VOLTAGE (V)
6
RH1498 G11
RH1498 G12
Input Bias Current vs Temperature
400 300 200 NPN ACTIVE 100 0 -100 PNP ACTIVE - 200 - 300 VS = 15V VCM = - 15V VS = 5V, 0V VCM = 0V VS = 15V VCM = 15V VS = 5V, 0V VCM = 5V
0
25
50
75
100
125
TEMPERATURE (C)
RH1498 G13
- 400 - 50 - 35 - 20 - 5 10 25 40 55 70 85 100 TEMPERATURE (C)
RH1498 G14
Output Saturation Voltage vs Load Current (Output Low)
100 TA = 25C TA = 125C 10 TA = - 55C
1 0.001
0.01 0.1 1 LOAD CURRENT (mA)
10
RH1498 G16
ID No. 66-10-1089 LT/LT 0803 REV A * PRINTED IN USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2003


▲Up To Search▲   

 
Price & Availability of RH1498M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X