Part Number Hot Search : 
W2A47 4757A LPD200MX SRR1208 83C51 LBA127L BR10150 TDA5250
Product Description
Full Text Search
 

To Download QL2005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
Rev. C pASIC 2 HIGHLIGHTS
(R)
QL2005
Ultimate Verilog/VHDL Silicon Solution
-Abundant, high-speed interconnect eliminates manual routing -Flexible logic cell provides high efficiency and performance -Design tools produce fast, efficient Verilog/VHDL synthesis
Speed, Density, Low Cost and Flexibility in One Device
... 5,000 usable ASIC gates, 156 I/O pins
-16-bit counter speeds exceeding 200 MHz -5,000 usable gates, 8,000 usable PLD gates, 156 I/Os -3-layer metal ViaLink(R) process for small die sizes -100% routable and pin-out maintainable
3
pASIC 2
Advanced Logic Cell and I/O Capabilities
-Complex functions (up to 16 inputs) in a single logic cell -High synthesis gate utilization from logic cell fragments -Full IEEE Standard JTAG boundary scan capability -Individually-controlled input/feedback registers and OEs on all I/O pins
Other Important Family Features
-3.3V and 5.0V operation with low standby power -I/O pin-compatibility between different devices in the same packages -PCI compliant (at 5.0V), full speed 33 MHz implementations -High design security provided by security fuses QL2005 Block Diagram
320 Logic Cells
3-15
QL2005
PRODUCT SUMMARY The QL2005 is a 5,000 usable ASIC gate, 8,000 usable PLD gate member of the pASIC 2 family of FPGAs. pASIC 2 FPGAs employ a unique combination of architecture, technology, and software tools to provide high speed, high usable density, low price, and flexibility in the same devices. The flexibility and speed make pASIC 2 devices an efficient and high performance silicon solution for designs described using HDLs such as Verilog and VHDL, as well as schematics. The QL2005 contains 320 logic cells. With 156 maximum I/Os, the QL2005 is available in 84-PLCC, 144-pin TQFP, and 208-PQFP packages. Software support for the complete pASIC families, including the QL2005, is available through three basic packages. The turnkey QuickWorks(R) package provides the most complete FPGA software solution from design entry to logic synthesis (by Synplicity, Inc.), to place and route, to simulation. The QuickToolsTM and QuickChipTM packages provide a solution for designers who use Cadence, Mentor, Synopsys, Viewlogic, Veribest, or other thirdparty tools for design entry, synthesis, or simulation. FEATURES
Total of 156 I/O Pins
- 148 bidirectional input/output pins, PCI-compliant at 5.0V in -1/-2 speed grades - 4 high-drive input-only pins - 4 high-drive input/distributed network pins
Four Low-Skew (less than 0.5ns) Distributed Networks
- Two array networks available to logic cell flip-flop clock, set, and reset - each driven by an input-only pin - Two global clock/control networks available to F1 logic input, and logic cell flip-flop clock, set, reset; input and I/O register clock, reset, enable; and output enable controls - each driven by an input-only pin, or any input or I/O pin, or any logic cell output or I/O cell feedback
High Performance
- Input + logic cell + output delays under 6 ns - Datapath speeds exceeding 225 MHz - Counter speeds over 200 MHz
3-16
QL2005
PINOUT DIAGRAM
84-PIN PLCC
3
pASIC 2
3-17
QL2005
PINOUT DIAGRAMS PIN # 109 PIN # 1 144-PIN TQFP
pASIC QL2005-1PF144C
PIN # 73 PIN # 37 208-PIN PQFP PIN # 1 PIN # 157
pASIC QL2005-1PQ208C
PIN # 53 3-18
PIN # 105
QL2005
PQFP 208 and TQFP 144 Pinout Table
208 144 PQFP TQFP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 144 1 2 3 NC 4 5 NC 6 7 NC NC 8 NC 9 NC 10 11 12 13 NC 14 15 16 17 18 19 20 21 22 23 NC 24 NC 25 NC 26 27 28 NC NC 29
Function I/O I/O I/O I/O I/O I/O I/O I/O I/O VCC NC GND I/O I/O I/O NC I/O I/O I/O I/O NC I/O GND I/O I ACLK / I VCC I GCLK / I VCC I/O I/O I/O NC I/O I/O I/O I/O I/O I/O VCC I/O
208 144 PQFP TQFP 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 30 31 NC 32 33 34 NC 35 36 37 NC 38 39 NC 40 NC NC 41 42 43 NC 44 45 NC 46 47 48 NC 49 NC 50 51 52 NC 53 54 55 56 NC 57 58 59
Function GND I/O NC I/O I/O I/O I/O I/O I/O I/O NC TDI I/O I/O I/O NC GND I/O VCC I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O GND I/O I/O NC I/O GND I/O I/O I/O I/O VCC I/O
208 144 PQFP TQFP 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 60 61 NC 62 63 NC NC 64 NC 65 66 67 NC NC 68 69 NC 70 71 72 NC 73 NC 74 75 76 77 NC 78 79 80 NC 81 82 NC 83 NC 84 85 NC 86 NC
Function I/O I/O I/O I/O I/O I/O I/O I/O NC I/O GND I/O VCC I/O I/O I/O I/O I/O TRSTB TMS NC I/O I/O I/O I/O I/O I/O NC I/O VCC I/O GND I/O I/O I/O I/O I/O I/O I/O NC I/O I/O
208 144 PQFP TQFP 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 87 88 89 90 91 92 93 94 95 NC 96 NC 97 98 NC 99 100 NC NC 101 102 103 104 105 106 NC 107 108 NC NC 109 110 111 NC 112 113 NC NC 114 115 116 NC
Function GND I/O I ACLK / I VCC I GCLK / I VCC I/O I/O I/O I/O I/O I/O I/O I/O I/O NC VCC I/O GND I/O I/O I/O I/O I/O I/O I/O NC I/O TCK STM I/O I/O I/O I/O GND NC VCC I/O I/O I/O
208 144 Function PQFP TQFP 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 117 118 119 120 NC NC 121 NC 122 123 124 NC 125 126 127 128 129 NC 130 131 132 NC 133 134 NC 135 136 NC 137 NC 138 139 NC 140 NC 141 142 NC 143 NC I/O I/O I/O I/O NC I/O I/O I/O GND I/O I/O I/O I/O GND I/O I/O I/O NC VCC I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O GND I/O VCC I/O I/O I/O I/O I/O TDO NC
3
pASIC 2
3-19
QL2005
PIN DESCRIPTIONS
Pin TDI TRSTB TMS TCK TDO STM I/ACLK I/GCLK I I/O VCC GND Function Test Data In for JTAG Active low Reset for JTAG Test Mode Select for JTAG Test Clock for JTAG Test data out for JTAG Special Test Mode High-drive input and/or array network driver High-drive input and/or global network driver High-drive input Input/Output pin Power supply pin Ground pin Description Hold HIGH during normal operation. Connect to VCC if not used for JTAG. Hold LOW during normal operation. Connect to ground if not used for JTAG. Hold HIGH during normal operation. Connect to VCC if not used for JTAG. Hold HIGH or LOW during normal operation. Connect to VCC or ground if not used for JTAG. Output that must be left unconnected if not used for JTAG. Must be grounded during normal operation. Can be configured as either or both. Can be configured as either or both. Use for input signals with high fanout. Can be configured as an input and/or output. Connect to 3.3V supply. Connect to ground.
ORDERING INFORMATION
QL 2005 - 1 PQ208 C
QuickLogic pASIC device Operating Range C = Commercial I = Industrial
pASIC 2 device part number Package Code PL84 = 84-pin PLCC PF144 = 144-pin TQFP PQ208 = 208-pin PQFP
Speed Grade X = quick 0 = fast 1 = faster 2 = fastest
3-20
QL2005
ABSOLUTE MAXIMUM RATINGS
Supply Voltage .................... -0.5 to 7.0V Input Voltage ............. -0.5 to VCC +0.5V ESD Pad Protection ................... 2000V DC Input Current ...................... 20 mA Latch-up Immunity ................... 200 mA Storage Temperature................ -65C to + 150C Lead Temperature ............................... 300C
5 Volt OPERATING RANGE
Symbol VCC TA TC K Parameter Supply Voltage Ambient Temperature Case Temperature -X Speed Grade Delay Factor -0 Speed Grade -1 Speed Grade -2 Speed Grade Industrial Min Max 4.5 5.5 -40 85 0.4 0.4 0.4 0.4 2.75 2.00 1.61 1.35 Commercial Min Max 4.75 5.25 0 70 0.46 0.46 0.46 0.46 2.55 1.85 1.50 1.25 Unit V C C
3
pASIC 2
DC CHARACTERISTICS over 5V operating range
Symbol VIH VIL VOH VOL II IOZ CI IOS ICC Notes: [1] [2] [3] [4] -24 mA IOH and 24 mA IOL apply only to -1/-2 commercial grade devices. These speed grades are also PCI-compliant. All other devices have -16 mA IOH and 16 mA IOL specifications. Capacitance is sample tested only. Only one output at a time. Duration should not exceed 30 seconds. For -0/-1/-2 commercial grade devices only. Maximum ICC is 20 mA for -X commercial grade devices and 15mA for all industrial grade devices. For AC conditions, contact QuickLogic Customer Engineering. Parameter Input HIGH Voltage Input LOW Voltage Output HIGH Voltage Output LOW Voltage Input Leakage Current 3-State Output Leakage Current Input Capacitance [2] Output Short Circuit Current [3] D.C. Supply Current [4] Conditions Min 2.0 3.7 2.4 VCC-0.1 0.45 0.1 10 10 10 -120 210 10 Max 0.8 IOH = -4 mA IOH = -24 mA/-16 mA [1] IOH = -10 A IOL = 24 mA/16 mA [1] IOL = 10 A VI = VCC or GND VI = VCC or GND VO = GND VO = VCC VI, VIO = VCC or GND Unit V V V V V V V A A pF mA mA mA
-10 -10 -15 40 2 (typ)
3-21
QL2005
3.3 Volt OPERATING RANGE
Symbol VCC TA K Parameter Supply Voltage Ambient Temperature -0 Speed Grade Delay Factor -1 Speed Grade -2 Speed Grade Industrial Min Max 3.0 3.6 -40 85 0.56 2.74 0.56 2.21 0.56 1.85 Commercial Min Max 3.0 3.6 0 70 0.61 2.65 0.61 2.14 0.61 1.79 Unit V C
DC CHARACTERISTICS over 3.3V operating range
Symbol VIH VIL VOH VOL IIH II IOZ CI IOS ICC Notes: [5] [6] [7] Capacitance is sample tested only. Only one output at a time. Duration should not exceed 30 seconds. For commercial grade devices only. Maximum ICC is 5 mA for all industrial grade devices. For AC conditions, contact QuickLogic customer engineering. Parameter Input HIGH Voltage Input LOW Voltage Output HIGH Voltage Output LOW Voltage Input High Current Sink (for tolerance to 5V devices) Input Leakage Current 3-State Output Leakage Current Input Capacitance [5] Output Short Circuit Current [6] D.C. Supply Current [7] Conditions Min 2.0 2.4 VCC-0.1 0.4 0.1 12 -10 -10 -10 25 0.5 (typ) 10 10 10 -70 130 3 Max 0.8 IOH = -2.4 mA IOH = -10 A IOL = 4 mA IOL = 10 A 5.5V > VI > VCC VI = VCC or GND VI = VCC or GND VO = GND VO = VCC VI, VIO = VCC or GND Unit V V V V V V mA A A pF mA mA mA
3-22
QL2005
AC CHARACTERISTICS at VCC = 5V, TA = 25C (K = 1.00) Propagation delays depend on routing, fanout, load capacitance, supply voltage, junction temperature, and process variation. The AC Characteristics are a design guide to provide initial timing estimates at nominal conditions. Worst case estimates are obtained when nominal propagation delays are multiplied by the appropriate Delay Factor, K, as specified in the Delay Factor table (Operating Range). The QuickChip/QuickTools/QuickWorks software incorporates data sheet AC Characteristics into the design database for precise path analysis or simulation results following place and route. Logic Cells
Symbol tPD tSU tH tCLK tCWHI tCWLO tSET tRESET tSW tRW Parameter Combinatorial Delay [9] Setup Time [9] Hold Time Clock to Q Delay Clock High Time Clock Low Time Set Delay Reset Delay Set Width Reset Width 1 1.4 1.8 0.0 0.8 2.0 2.0 1.4 1.2 1.9 1.8 Propagation Delays (ns) Fanout [8] 2 3 4 1.7 2.0 2.3 1.8 1.8 1.8 0.0 0.0 0.0 1.1 1.4 1.7 2.0 2.0 2.0 2.0 2.0 2.0 1.7 2.0 2.3 1.5 1.8 2.1 1.9 1.9 1.9 1.8 1.8 1.8
3
pASIC 2
8 3.5 1.8 0.0 2.9 2.0 2.0 3.5 3.3 1.9 1.8
Input-Only Cells
Symbol tIN tINI tISU tIH tlCLK tlRST tlESU tlEH Notes: [8] Stated timing for worst case Propagation Delay over process variation at VCC=5.0V and TA=25C. Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature settings as specified in the Operating Range. These limits are derived from a representative selection of the slowest paths through the pASIC 2 logic cell including typical net delays. Worst case delay values for specific paths should be determined from timing analysis of your particular design. Parameter High Drive Input Delay High Drive Input, Inverting Delay Input Register Set-Up Time Input Register Hold Time Input Register Clock To Q Input Register Reset Delay Input Register clock Enable Set-Up Time Input Register Clock Enable Hold Time 1 2.5 2.6 4.8 0.0 0.9 0.8 4.1 0.0 Propagation Delays (ns) Fanout [8] 2 3 4 8 12 2.6 2.6 2.7 3.5 4.6 2.7 2.7 2.8 3.6 4.7 4.8 4.8 4.8 4.8 4.8 0.0 0.0 0.0 0.0 0.0 1.0 1.0 1.1 1.9 3.0 0.9 0.9 1.0 1.8 2.9 4.1 4.1 4.1 4.1 4.1 0.0 0.0 0.0 0.0 0.0
24 5.8 5.9 4.8 0.0 4.2 4.1 4.1 0.0
[9]
3-23
QL2005
Clock Cells
Symbol tACK tGCKP tGCKB Parameter Array Clock Delay Global Clock Pin Delay Global Clock Buffer Delay 1 2.2 1.2 1.5 Propagation Delays (ns) Loads per Half Column [10] 2 3 4 8 10 2.2 2.3 2.4 2.5 2.6 1.2 1.2 1.2 1.2 1.2 1.6 1.6 1.7 1.8 1.9
13 1.2 2.0
I/O Cells
Symbol tI/O tISU tIH tlOCLK tlORST tlESU tlEH Parameter Input Delay (bidirectional pad) Input Register Set-Up Time Input Register Hold Time Input Register Clock To Q Input Register Reset Delay Input Register clock Enable Set-Up Time Input Register Clock Enable Hold Time 1 1.8 4.8 0.0 0.8 0.7 4.1 0.0 Propagation Delays (ns) Fanout [8] 2 3 4 8 2.1 2.4 2.7 3.9 4.8 4.8 4.8 4.8 0.0 0.0 0.0 0.0 1.1 1.4 1.7 2.9 1.0 1.3 1.6 2.8 4.1 4.1 4.1 4.1 0.0 0.0 0.0 0.0 Propagation Delays (ns) Output Load Capacitance (pF) 50 75 100 3.0 3.6 4.1 3.3 3.9 4.5 2.6 3.1 3.7 3.3 4.1 4.9
10 4.6 4.8 0.0 3.6 3.5 4.1 0.0
Symbol tOUTLH tOUTHL tPZH tPZL tPHZ tPLZ Notes:
Parameter Output Delay Low to High Output Delay High to Low Output Delay Tri-state to High Output Delay Tri-state to Low Output Delay High to Tri-State [11] Output Delay Low to Tri-State [11] 30 2.6 2.8 2.1 2.6 2.9 3.3
150 5.2 5.7 4.8 6.5
[10] The array distributed networks consist of 48 half columns and the global distributed networks consist of 52 half columns, each driven by an independent buffer. The number of half columns used does not affect clock buffer delay. The array clock has up to 10 loads per half column. The global clock has up to 13 loads per half column. [11] The following loads are used for tPXZ:
tPHZ 1K 5 pF 1K tPLZ 5 pF
3-24


▲Up To Search▲   

 
Price & Availability of QL2005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X