Part Number Hot Search : 
HAT2099H NCE3010 1N4971C 17BZC MC78L AM29SL SXX17 12ZSX
Product Description
Full Text Search
 

To Download PXT2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D109
PXT2907A PNP switching transistor
Product specification Supersedes data of 1999 Apr 14 2002 Mar 20
Philips Semiconductors
Product specification
PNP switching transistor
FEATURES * High current (max. 600 mA) * Low voltage (max. 60 V). APPLICATIONS * Switching and linear amplification. DESCRIPTION PNP switching transistor in a SOT89 plastic package. NPN complement: PXT2222A. MARKING TYPE NUMBER PXT2907A MARKING CODE p2F
1 Bottom view 2 3
handbook, halfpage
PXT2907A
PINNING PIN 1 2 3 emitter collector base DESCRIPTION
2 3 1
MAM297
Fig.1 Simplified outline (SOT89) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VEBO IC ICM IBM Ptot Tstg Tj Tamb Note 1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 6 cm2. For other mounting conditions, see "Thermal considerations for SOT89 in the General Part of associated Handbook". PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) peak collector current peak base current total power dissipation storage temperature junction temperature operating ambient temperature Tamb 25 C; note 1 CONDITIONS open emitter open base open collector - - - - - - - -65 - -65 MIN. MAX. -60 -60 -5 -600 -800 -200 1.3 +150 150 +150 V V V mA mA mA W C C C UNIT
2002 Mar 20
2
Philips Semiconductors
Product specification
PNP switching transistor
THERMAL CHARACTERISTICS SYMBOL Rth j-a Rth j-s Note PARAMETER thermal resistance from junction to ambient thermal resistance from junction to soldering point CONDITIONS note 1 VALUE 97 17
PXT2907A
UNIT K/W K/W
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 6 cm2. For other mounting conditions, see "Thermal considerations for SOT89 in the General Part of associated Handbook". CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL ICBO IEBO hFE PARAMETER collector cut-off current emitter cut-off current DC current gain CONDITIONS IE = 0; VCB = -50 V IE = 0; VCB = -50 V; Tamb = 125 C IC = 0; VEB = -5 V IC = -0.1 mA; VCE = -1 V IC = -1 mA; VCE = -1 V IC = -10 mA; VCE = -1 V IC = -150 mA; VCE = -2 V IC = -500 mA; VCE = -10 V VCEsat VBEsat Cc Ce fT collector-emitter saturation voltage base-emitter saturation voltage collector capacitance emitter capacitance transition frequency IC = -150 mA; IB = -15 mA IC = -500 mA; IB = -50 mA IC = -150 mA; IB = -15 mA IC = -500 mA; IB = -50 mA IE = ie = 0; VCB = -10 V; f = 1 MHz IC = -20 mA; VCE = -10 V; f = 100 MHz ICon = -150 mA; IBon = -15 mA; IBoff = 15 mA - - - 75 100 100 100 50 - - - - - 200 MIN. MAX. -10 -10 -50 - - - 300 - -400 -1.6 -1.3 -2.6 8 35 - mV V V V pF pF MHz UNIT nA A nA
IC = ic = 0; VEB = -500 mV; f = 1 MHz -
Switching times (between 10% and 90% levels); (see Fig.2) ton td tr toff ts tf turn-on time delay time rise time turn-off time storage time fall time - - - - - - 40 12 30 365 300 65 ns ns ns ns ns ns
2002 Mar 20
3
Philips Semiconductors
Product specification
PNP switching transistor
PXT2907A
handbook, full pagewidth
VBB
VCC
RB (probe) oscilloscope 450 Vi R1 R2
RC Vo (probe) 450 DUT oscilloscope
MGD624
Vi = -9.5 V; T = 500 s; tp = 10 s; tr = tf 3 ns. R1 = 68 ; R2 = 325 ; RB = 325 ; RC = 160 . VBB = 3.5 V; VCC = -29.5 V. Oscilloscope input impedance Zi = 50 .
Fig.2 Test circuit for switching times.
2002 Mar 20
4
Philips Semiconductors
Product specification
PNP switching transistor
PACKAGE OUTLINE Plastic surface mounted package; collector pad for good heat transfer; 3 leads
PXT2907A
SOT89
D
B
A
b3
E HE
L
1
2
b2
3
c
wM
b1 e1 e
0
2 scale
4 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.6 1.4 b1 0.48 0.35 b2 0.53 0.40 b3 1.8 1.4 c 0.44 0.37 D 4.6 4.4 E 2.6 2.4 e 3.0 e1 1.5 HE 4.25 3.75 L min. 0.8 w 0.13
OUTLINE VERSION SOT89
REFERENCES IEC JEDEC TO-243 EIAJ SC-62
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 99-09-13
2002 Mar 20
5
Philips Semiconductors
Product specification
PNP switching transistor
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS
PXT2907A
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2002 Mar 20
6
Philips Semiconductors
Product specification
PNP switching transistor
NOTES
PXT2907A
2002 Mar 20
7
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2002
SCA74
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613514/04/pp8
Date of release: 2002
Mar 20
Document order number:
9397 750 09423


▲Up To Search▲   

 
Price & Availability of PXT2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X