Part Number Hot Search : 
1C681 QS5U13 KIA7427 330M166 00DT1 BR3510 N6121 N79E8221
Product Description
Full Text Search
 

To Download PR1501S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PR1501/S-PR1505/S
Vishay Lite-On Power Semiconductor
1.5A Fast Recovery Rectifier
Features
D Diffused junction D Fast switching for high efficiency D High current capability and low forward
voltage drop
DO - 41
D Surge overload rating to 50A peak D Low reverse leakage current D Plastic material - UL Recognition flammability
classification 94V-0
DO - 15
14 450
Absolute Maximum Ratings
Tj = 25_C Parameter Repetitive peak reverse voltage g =Working peak reverse voltage =DC Bl ki voltage DC Blocking lt Test Conditions Type PR1501/S PR1502/S PR1503/S PR1504/S PR1505/S Symbol VRRM =VRWM =VR V Value 50 100 200 400 600 50 1.5 -65...+150 Unit V V V V V A A C
Peak forward surge current Average forward current TA=50C Junction and storage temperature range
IFSM IFAV Tj=Tstg
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current Reverse recovery time y Diode capacitance Thermal resistance junction to ambient Test Conditions IF=1.5A TA=25C TA=100C IR=0.5A, IF=1A, Irr=0.25A VR=4V, f=1MHz Type Symbol Min VF IR IR trr trr CD CD RthJA Typ Max 1.2 5 100 150 250 Unit V
mA mA
ns ns pF pF K/W
PR1501/S-1504/S PR1505/S PR1501/S-1504/S PR1505/S
20 10 35
Rev. A2, 24-Jun-98
1 (4)
PR1501/S-PR1505/S
Vishay Lite-On Power Semiconductor Characteristics (Tj = 25_C unless otherwise specified)
IFAV - Average Forward Current ( A ) 1.5 1.2 IFSM - Peak Forward Surge Current ( A ) 60
8.3 ms Single Half-Sine-Wave JEDEC Method
40
0.9 0.6
20
0.3
Single phase half-wave 60 Hz resistive or inductive load
0 25
15514
0 1 10 Number of Cycles at 60 Hz 100
50
75
100
125
150 175
200
15516
Tamb - Ambient Temperature ( C )
Figure 1. Max. Average Forward Current vs. Ambient Temperature
10
Figure 3. Max. Peak Forward Surge Current vs. Number of Cycles
100 C D - Diode Capacitance ( pF )
Tj = 25C f = 1 MHz PR1501 - PR1504
IF - Forward Current ( A )
1.0
10
PR1505
0.1
0.01 0.6
15515
Tj = 25C IF Pulse Width = 300 s
1 1.4
15517
0.8
1.0
1.2
1
10 VR - Reverse Voltage ( V )
100
VF - Forward Voltage ( V )
Figure 2. Typ. Forward Current vs. Forward Voltage
Figure 4. Typ. Diode Capacitance vs. Reverse Voltage
2 (4)
Rev. A2, 24-Jun-98
PR1501/S-PR1505/S
Vishay Lite-On Power Semiconductor Dimensions in mm
14446
Case: molded plastic Polarity: cathode band Approx. weight: DO-41 0.3 grams, DO-15 0.4 grams Mounting position: any Marking: type number
Rev. A2, 24-Jun-98
3 (4)
PR1501/S-PR1505/S
Vishay Lite-On Power Semiconductor Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
4 (4)
Rev. A2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of PR1501S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X