Part Number Hot Search : 
MAZL000H BH4100FV 17481 2815T 1N1002 17481 VN0104N3 TKP7A
Product Description
Full Text Search
 

To Download OL5112L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2V0024-37-X1
electronic components OL5112L
LASER DIODES 1.55 mm DFB Laser Butterfly Module
OL5112L
GENERAL DESCRIPTION
The OL5112L is a 1.55 mm DFB laser module with a single-mode fiber and mounted in a 14-pin "butterfly" package. Having rated output power of 2 mW, this laser can be used in telecommunication applications and high speed WDM systems.
FEATURES
* Fiber output power: Pf=2 mW * 14-pin "butterfly" package * Built-in isolator, monitor photodiode and thermoelectric cooler
APPLICATIONS
* Long-haul transmission systems * CATV systems
PACKAGE DIMENSIONS (Unit: mm)
* OL5112L
15.20.5
5.35 8 241 17.78 0.51 4-f2.67 1.0 5.1
8.89
36.7
20.83 26.04 29.97 TERMINAL CONNECTION (BOTTOM VIEW) #8 #14 (-)
PD LD THERMISTOR CASE
f0.9
COOLER
FIBER
(+) #7 #1
PIN No. 1 2 3 4 5 6 7
FUNCTION COOLER ANODE NC NC NC LD ANODE and CASE GROUND NC PD CATHODE
PIN No. FUNCTION PD ANODE 8 LD CATHODE 9 LD ANODE, 10 THERMISTOR and CASE GROUND THERMISTOR 11 NC 12 NC 13 COOLER CATHODE 14
12
0.25
12.7
12
1/3
LASER DIODES
OL5112L
ABSOLUTE MAXIMUM RATINGS
Parameter Fiber Output Power LD Forward Current LD Reverse Voltage PD Reverse Voltage PD Forward Current Cooler Current Operating Temperature Storage Temperature Symbol Pf IF (LD) VR (LD) VR (PD) IF (PD) Ic Topr Tstg -- -- Ta=25C Test Conditions Ratings 3 150 2 20 10 1.2 -20 to +60 -40 to +70 Unit mW mA V V mA A C C
OPTICAL AND ELECTRICAL CHARACTERISTICS
( TLD=25C) Parameter Threshold Current Fiber Output Power Peak Wavelength Spectral Width Side Mode Suppression Ratio Forward Voltage Rise Time Fall Time PD Dark Current Monitor Current Cooler Capacity Cooler Current Cooler Voltage Thermistor Resistance Symbol Ith Pf lp Dl SMSR VF tr tf lDARK Im DT Ic Vc Rth Test Conditions -- IF=Ith+40 mA Pf=2 mA Pf=2 mW, -20dB Pf=2 mW IF=30 mW Ibias=Ith Pf (ave.)=1 mW, 10% to 90% VR (PD) =5 V Pf=2 mW, VR (PD) =5 V Pf=2 mW DT=40C, Pf=2mW DT=40C, Pf=2mW -- Min. -- 2 1530 -- 30 -- -- -- -- 20 40 -- -- -- Typ. 15 -- 1550 -- -- -- -- -- -- 50 -- -- -- 10 Max. 30 -- 1570 1 -- 1.5 0.2 0.3 1 -- -- 1.2 3 -- Unit mA mW nm nm dB V ns ns mA mA C A V kW
FIBER PIGTAIL SPECIFICATIONS
Parameter Fiber Type Mode Field Diameter Cladding Diameter Jacket Diameter Length Specifications Single-mode 101 1252 900 1 (Min) Unit -- mm mm mm m
2/3
LASER DIODES
OL5112L
TYPICAL CHARACTERISTICS
Fiber Output Power vs. Forward Current
2 (Pf-IF) 1.6
Fiber Output Power Pf (mW) Forward Voltage VF (V)
3 (Pf-IF)
2
1.2
(Vf-IF)
0.8
1
0.4 0 0 20 40 60 80 Forward Current IF (mA) 100
0
0
2
4 6 8 Monitor Current Im (mA)
10
Spectrum
5 Pf=2mW CW
Relative Intensity (dB)
-15
-35
-55
-75 1540.8
1550.8 Wavelength(nm)
1560.8
3/3


▲Up To Search▲   

 
Price & Availability of OL5112L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X