Part Number Hot Search : 
DPAD1 3040C EHF6Z1 BP60170 4EDL4M DPAD1 DPAD1 BP60170
Product Description
Full Text Search
 

To Download MR27V852D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  Semiconductor
MR27V852D
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
DESCRIPTION
1A
The MR27V852D is a 8Mbit electrically Programmable Read-Only Memory with page mode. Its configuration can be electrically switched between 524,288 word x 16bit and 1,048,576 word x 8bit. The MR27V852D operates on a single +3.3V power supply and is TTL compatible. The MR27V852D provides Page mode which can greatly reduce the read access time. Since the MR27V852D operates asynchronously , external clocks are not required , making this device easy-to-use. The MR27V852D is suitable as large-capacity fixed memory for microcomputers and data terminals. It is manufactured using a CMOS double silicon gate technology and is offered in 42-pin DIP , 44-pin SOP or 44-pin TSOP packages.
FEATURES
* 524,288 word x 16bit / 1,048,576 word x 8bit electrically switchable configuration * Single +3.3V power supply * Access time 80ns Page mode access time 30ns * Input / Output TTL compatible * Three-state output * Packages 42-pin plastic DIP (DIP42-P-600-2.54) 44-pin plastic SOP (SOP44-P-600-1.27-K) 44-pin plastic TSOP (TSOP II 44-P-400-0.80-K)
February 1999
1
MR27V852D
PIN CONFIGURATION (TOP VIEW)
A18 1 A17 2 A7 3 A6 4 A5 5 A4 6 A3 7 A2 8 A1 9 A0 10 CE 11 VSS 12 OE 13 D0 14 D8 15 D1 16 D9 17 D2 18 D10 19 D3 20 D11 21
42 NC 41 A8 40 A9 39 A10 38 A11 37 A12 36 A13 35 A14 34 A15 33 A16 32 BYTE/Vpp 31 VSS 30 D15/A-1 29 D7 28 D14 27 D6 26 D13 25 D5 24 D12 23 D4 22 VCC 42-pin DIP
NC 1 A18 2 A17 3 A7 4 A6 5 A5 6 A4 7 A3 8 A2 9 A1 10 A0 11 CE 12 VSS 13 OE 14 D0 15 D8 16 D1 17 D9 18 D2 19 D10 20 D3 21 D11 22
44 NC 43 NC 42 A8 41 A9 40 A10 39 A11 38 A12 37 A13 36 A14 35 A15 34 A16
NC 1 A18 2 A17 3 A7 4 A6 5 A5 6 A4 7 A3 8 A2 9 A1 10 A0 11
44 NC 43 NC 42 A8 41 A9 40 A10 39 A11 38 A12 37 A13 36 A14 35 A15 34 A16 33 BYTE/Vpp 32 VSS 31 D15/A-1 30 D7 29 D14 28 D6 27 D13 26 D5 25 D12 24 D4 23 VCC
33 BYTE/Vpp CE 12 VSS 13 32 VSS 31 D15/A-1 OE 14 30 D7 29 D14 28 D6 27 D13 26 D5 25 D12 24 D4 23 VCC 44-pin SOP D0 15 D8 16 D1 17 D9 18 D2 19 D10 20 D3 21 D11 22
44-pin TSOP
PIN NAMES D15/A-1 A0 - A18 D0 - D14 CE OE VCC VSS BYTE/VPP NC Address input Data output Chip enable Output enable
FUNCTIONS Data output / Address input
Power supply voltage GND Mode switch / Program power supply voltage Non connection
2
MR27V852D
BLOCK DIAGRAM
A-1
X8/X16 Switch
CE
OE
BYTE/VPP PGM
CE
OE
Column Decoder
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18
Row Decoder
Memory Matrix
Address Buffer
524,288X16-Bit or 1,048,576X8-Bit
Multiplexer & Page Data Latch
Output Buffer
D0 D1
D2 D3
D4 D5
D6 D7
D8
D10 D9
D12
D14 D15
D11
D13
In 8-bit output mode, these pins are three-stated and pin D15 functions as the A-1 address pin.
FUNCTION TABLE
MODE READ (16-Bit) READ (8-Bit) OUTPUT DISABLE STAND-BY PROGRAM PROGRAM INHIBIT PROGRAM VERIFY * : Don't Care CE L L L H L H H OE BYTE/VPP L L H * H H L 9.75V 4.0V H L H L H L 3.3V DOUT VCC D0 - D7 D8 - D14 DOUT Hi-Z Hi-Z * Hi-Z * DIN Hi-Z DOUT D15/A-1 L/H
3
MR27V852D
ABSOLUTE MAXIMUM RATINGS
Parameter Operating temperature under bias Storage temperature Input voltage Output voltage Power supply voltage Program power supply voltage Power dissipation per package Symbol Topr Tstg VI VO VCC VPP PD relative to VSS Condition Value 0 to 70 -55 to 125 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 -0.5 to 5 -0.5 to 11.5 1.0 Unit
C C
V V V V W
RECOMMENDED OPERATING CONDITIONS FOR READ
(Ta=0 to 70C) Parameter VCC power supply voltage VPP power supply voltage Input "H" level Input "L" level Voltage is relative to Vss Symbol VCC VPP VIH VIL VCC=3.0V-3.6V Condition Min. 3.0 -0.5 2.2 -0.5 Typ. Max. 3.6 VCC+0.5 VCC+0.5 0.6 Unit V V V V
4
MR27V852D
ELECTRICAL CHARACTERISTICS (Read operation)
DC Characteristics (VCC=3.3V0.3V, Ta=0 to 70C) Parameter Input leakage current Output leakage current VCC power supply current (Standby) VCC power supply current (Read) VPP power supply current Input "H" level Input "L" level Output "H" level Output "L" level Voltage is relative to Vss AC Characteristics (VCC=3.3V0.3V, Ta=0 to 70C) Parameter Address access cycle time Address access time Page access cycle time Page access time CE access time OE access time Output disable time Output hold time Symbol TC TACC TPC TPAC TCE TOE TCHZ TOHZ TOH Condition CE=OE=VIL OE=VIL CE=VIL OE=VIL CE=VIL CE=OE=VIL Min. 80 30 0 0 0 Max. 80 30 80 30 30 25 Unit ns ns ns ns ns ns ns ns ns Symbol ILI ILO ICS1 ICS2 ICCA IPP VIH VIL VOH VOL tc=80ns VPP=VCC IOH=-200A IOL=1mA Condition VI=0 to Vcc VO=0 to Vcc CE=VCC CE=VIH CE=VIL , OE=VIH Min. 2.2 -0.5 VCC-0.4 Typ. Max. 10 10 50 1 80 10 VCC+0.5 0.6 0.4 Unit A A A mA mA A V V V V
Measurement conditions Input signal level Input timing reference level Output load Output timing reference level
0V/3V 0.8V/2.0V 100pF 0.8V/2.0V 1.7V
400ohms Output 100pF
5
MR27V852D
TIMING CHART NORMAL MODE READ CYCLE
tC ADDRESS tCE CE tOH
tOE OE tACC DOUT Hi-Z
tCHZ
tOHZ Valid Data Hi-Z
PAGE MODE READ CYCLE tC A3 - A18 tPC A0 - A2 (Word mode) A-1 - A2 (Byte mode) tCE CE tCHZ tOE OE tACC DOUT Hi-Z Hi-Z tPAC tPAC tOHZ tOH tPC
6
MR27V852D
ELECTRICAL CHARACTERISTICS (Programming operation)
DC Characteristics (Ta=25C5C) Parameter Input leakage current VPP power supply current (Program) VCC power supply current Input "H" level Input "L" level Output "H" level Output "L" level Program voltage VCC power supply voltage Voltage is relative to Vss Symbol ILI IPP2 ICC VIH VIL VOH VOL VPP VCC Condition VI=VCC+0.5V CE=VIL IOH=-400A IOL=2.1mA Min. 3.0 -0.5 2.4 9.5 3.9 Typ. 9.75 4.0 Max. 10 50 80 VCC+0.5 0.8 0.45 10.0 4.1 Unit A mA mA V V V V V V
AC Characteristics (Vcc=4.0V0.1V,Vpp=9.75V0.25V,Ta=25C5C) Parameter Address set-up time OE set-up time Data set-up time Address hold time Data hold time Output float delay from OE VPP voltage set-up time Program pulse width Data valid from OE Address hold from OE high Symbol TAS TOES TDS TAH TDH TOHZ TVS TPW TOE TAHO Condition Min. 100 2 100 2 100 0 2 9 0 Typ. 10 Max. 100 11 100 Unit ns s ns s ns ns s s ns ns
Pin Check Function Pin Check Function is to check contact between each device-pin and each socket-lead with EPROM programmer. Setting up address as the following condition call the preprogrammed codes on device outputs. (Vcc=3.3V0.3V,CE=OE=VIL,BYTE/Vpp=VIH,Ta=25C5C) A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 DATA 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 VH* VH* 0 1 1 0 0 1 1 0 0 1 1 0 0 1 0 1 1 0 FF00 00FF FFFF * :VH=8V0.25V
Other conditions
7
MR27V852D
Consecutive Programming Waveforms
A0 - A18 tAS tPW CE tAH
High
OE tDS D0 - D15 tVS BYTE/VPP tDH
Din
Din
Consecutive Program Verify Waveforms
A0 - A18
High
CE tACC OE tOE D0 - D15 tOHZ tAHO
Dout 9.75V
Dout
BYTE/VPP
8
MR27V852D
Program and Program Verify Cycle Waveforms
A0 - A18 tAS tPW CE tOES OE tOHZ D0 - D15 tDS tDH tOE tOHZ tAHO
Din 9.75V
Dout
BYTE/VPP
PIN Capacitance (VCC=3.3V, Ta=25C, f=1MHz) Parameter Input BYTE/VPP Output Symbol CIN1 CIN2 COUT Condition VI=0V VO=0V Min. Typ. Max. 12 120 15 Unit pF
9
MR27V852D
Programming / Verify Flow Chart Programming Verify Start Start NO Pin Check NO Bad insertion Pin Check OK Address = First location VCC=3.0V VPP=3.0V NG OK Address = First location Bad insertion
VCC=4.0V
VPP=9.75V
Verify (One Byte) PASS VCC=3.6V VPP=3.6V
Program 10s
NO Increment Address Last Address ? YES Address = First location Verify (One Byte) PASS Device Passed X=0 Device Failed NG
NG Verify (One Byte) PASS NO Increment Address Last Address ? YES VCC=3.0V VPP=3.0V YES X=2? NO Program 10s X=X+1
NG Verify (One Byte) PASS Device Passed Device Failed 10
Semiconductor
NOTICE
The information contained herein can change without notice owing to product and/or technical improvements. Before using the product, please make sure that the information being referred to is up-todate. The outline of action and examples for application circuits described herein have been chosen as an explanation for the standard action and performance of the product. When planning to use the product, please ensure that the external conditions are reflected in the actual circuit, assembly, and program designs. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating temperature. Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified operating range. Neither indemnity against nor license of a third party's industrial and intellectual property right, etc. is granted by us in connection with the use of the product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g., office automation, communication equipment, measurement equipment, consumer electronics, etc.). These products are not authorized for use in any system orapplication that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property, or death or injury to humans. Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace equipment, nuclear power control, medical equipment, and life-support systems. Certain products in this document may need government approval before they can be exported to particular countries. The purchaser assumes the responsibility of determining the legality of export of these products and will take appropriate and necessary steps at their own expense for these. No part of the contents cotained herein may be reprinted or reproduced without our prior permission. All brand, company and product names are the trademarks or registered trademarks of their respective owners.
Copyright 1998 Oki Electric Industry Co., Ltd. Marketing Communications Team (RB)
Page 1
ADDRESSES & SEMICONDUCTOR WEB SITES
People To People Technology
Ltd., OKI Electric Industry Co., Ltd. Device Business Group, 10-3, Shibaura, 4-chome, Minato-ku, Tokyo 108, Japan, Tel.: +81-(0)3-5445-6327, Fax.: +81-(0)3-5445-6328, http://www.oki.co.jp/semi/ Group, OKI Semiconductor Group 785 North Mary Avenue, Sunnyvale, CA 94086, U.S.A., Tel.: +1-408-720-1900, Fax.: +1-408-720-1918, http://www.okisemi.com/ GmbH, OKI Electric Europe GmbH Head Office Europe, Hellersbergstrasse 2, D-41460 Neuss, Germany, Tel: +49-2131-15960, Fax: +49-2131-103539, http://www.oki-europe.de/ Ltd., OKI Electronics (Hong Kong) Ltd. Suite 1901-1&19, Tower 3, China Hong Kong City, 33 Canton Road, Tsimshatsui, Kowloon, Hong Kong, Tel.: +852-2-736-2336, Fax.: +852-2-736-2395 Ltd., OKI Semiconductor (Asia) Pte. Ltd. 78 Shenton Way 09-01, Singapore 0207, Tel.: +65-221-3722, Fax.: +65-323-5376 Ltd., OKI Semiconductor (Asia) Pte. Ltd. Taipei Branch, 7th Fl. No.260, Tun Hwa North Road, Taipei, Taiwan, R.O.C., Sumitomo-Flysun Building, Tel.: +886-2-2719-2561, Fax.: +886-2-2715-2892 http://www.oki.net.tw/
For further information, please contact:


▲Up To Search▲   

 
Price & Availability of MR27V852D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X