Part Number Hot Search : 
M24CL64 ISL6741 GBJ1510 TC110 RGP10KA JA54130 EL817X CPT184
Product Description
Full Text Search
 

To Download MP1508W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MP15005/W-MP1510/W
Vishay Lite-On Power Semiconductor
15A Bridge Rectifier
Features
D D D D D D
Diffused junction Low reverse leakage current Surge overload rating to 300A peak Low power loss, high efficiency Case to terminal isolation voltage 2500V UL Listed under recognized component index, file number E95060
MP - W
14 454
MP
Absolute Maximum Ratings
Tj = 25_C Parameter Repetitive peak reverse voltage g =Working peak reverse voltage =DC Bl ki voltage DC Blocking lt Test Conditions Type MP15005/W MP1501/W MP1502/W MP1505/W MP1506/W MP1508/W MP1510/W Symbol VRRM =VRWM =VR V Value 50 100 200 400 600 800 1000 300 15 -65...+125 Unit V V V V V V V A A C
Peak forward surge current Average forward current TC=55C Junction and storage temperature range
IFSM IFAV Tj=Tstg
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current I2t Rating for fusing Diode capacitance Thermal resistance junction to case Test Conditions IF=7.5A TC=25C TC=125C VR=4V, f=1MHz mounted on heatsink Type Symbol Min VF IR IR I2t CD RthJC Typ Max 1.1 10 0.5 373 Unit V
mA
mA A2s pF K/W
200 6.3
Rev. A2, 24-Jun-98
1 (4)
MP15005/W-MP1510/W
Vishay Lite-On Power Semiconductor Characteristics (Tj = 25_C unless otherwise specified)
IFSM - Peak Forward Surge Current ( A ) IFAV - Average Forward Current ( A ) 25 20
Resistive or inductive load
400
Single Half Sine-Wave (JEDEC Method)
300
15 10
200
5
100
0
15725
25
50
75
100
125
15727
0 1.0 10 Number of Cycles at 60 Hz 100
Tamb - Ambient Temperature ( C )
Figure 1. Max. Average Forward Current vs. Ambient Temperature
1000
Figure 3. Max. Peak Forward Surge Current vs. Number of Cycles
10 IR - Reverse Current ( m A )
Tj = 125C
IF - Forward Current ( A )
100
1.0
10
0.1
Tj = 25C
1
15726
0.2
0.6
1.0
1.4
1.8
2.2
15728
0.01 0 20 40 60 80 100 120 140 Percent of Rated Peak Reverse Voltage (%)
VF - Forward Voltage ( V )
Figure 2. Typ. Forward Current vs. Forward Voltage
Figure 4. Typ. Reverse Current vs. Percent of Rated Peak Reverse Voltage
2 (4)
Rev. A2, 24-Jun-98
MP15005/W-MP1510/W
Vishay Lite-On Power Semiconductor Dimensions in mm
14480
Case: molded plastic with heatsink internally mounted in the bridge encapsulation Terminals: plated leads solderable per MIL-STD-202, method 208 Polarity: symbols marked on case Approx. weight: MP 24 grams, MP-W 21 grams Mounting: through hole for #10 screw Mounting torque: 8.0 Inch-pounds maximum Mounting position: any Marking: type number
Rev. A2, 24-Jun-98
3 (4)
MP15005/W-MP1510/W
Vishay Lite-On Power Semiconductor Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
4 (4)
Rev. A2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of MP1508W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X