Part Number Hot Search : 
12160 DS714 FB002M3 SK840D UNRF1AT 2SC4351 TDA7437N 1346742
Product Description
Full Text Search
 

To Download MC74VCX16244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MC74VCX16244/D
Advance Information
Low-Voltage 1.65/2.5/3.3V 16-Bit Buffer
With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
The MC74VCX16244 is an advanced performance, non-inverting 16-bit buffer. It is designed for very high-speed, very low-power operation in 1.65V, 2.5V or 3.3V systems. When operating at 2.5V (or 1.65V) the part is designed to tolerate voltages it may encounter on either inputs or outputs when interfacing to 3.3V busses. It is guaranteed to be over-voltage tolerant to 3.6V. The MC74VCX16244 is nibble controlled with each nibble functioning identically, but independently. The control pins may be tied together to obtain full 16-bit operation. The 3-state outputs are controlled by an Output Enable (OEn) input for each nibble. When OEn is LOW, the outputs are on. When OEn is HIGH, the outputs are in the high impedance state. * Designed for Low Voltage Operation: VCC = 1.65-3.6V * 3.6V Tolerant Inputs and Outputs * High Speed Operation: 2.5ns max for 3.0 to 3.6V 3.0ns max for 2.3 to 2.7V 6.0ns max for 1.65 to 1.95V
MC74VCX16244
VCX
LOW-VOLTAGE 1.65/2.5/3.3V 16-BIT BUFFER
DT SUFFIX 48-LEAD PLASTIC TSSOP PACKAGE CASE 1201-01
* Static Drive:
24mA Drive at 3.0V 18mA Drive at 2.3V 6mA Drive at 1.65V
* Supports Live Insertion and Withdrawal * IOFF Specification Guarantees High Impedance When VCC = 0V * Near Zero Static Supply Current in All Three Logic States (20A) Substantially Reduces System Power Requirements * Latchup Performance Exceeds 300mA @ 125C * ESD Performance: Human Body Model >2000V; Machine Model >200V PIN NAMES
Pins OEn D0-D15 O0-O15 Function Output Enable Inputs Inputs Outputs
This document contains information on a new product. Specifications and information herein are subject to change without notice. 12/98
(c) Motorola, Inc. 1998
1
REV 0.2
MC74VCX16244
OE1 1 O0 2 O1 3 GND 4 O2 5 O3 6 VCC 7 O4 8 O5 9 GND 10 O6 11 O7 12 O8 13 O9 14 GND 15 O10 16 O11 17 VCC 18 O12 19 O13 20 GND 21 O14 22 O15 23 OE4 24
48 OE2 47 D0 46 D1 45 GND 44 D2 43 D3 42 VCC 41 D4 40 D5 39 GND 38 D6 37 D7 36 D8 35 D9 34 GND 33 D10 32 D11 31 VCC 30 D12 29 D13 28 GND 27 D14 26 D15 25 OE3 D4:7 O4:7 D12:15 O12:15 One of Four D0:3 O0:3 D8:11 O8:11 OE2 48 OE4 24 OE1 1 OE3 25
Figure 2. Logic Diagram
Figure 1. 48-Lead Pinout (Top View)
OE1 L L H
D0:3 L H X
O0:3 L H Z
OE2 L L H
D4:7 L H X
O4:7 L H Z
OE3 L L H
D8:11 L H X
O8:11 L H Z
OE4 L L H
D12:15 L H X
O12:15 L H Z
H = High Voltage Level; L = Low Voltage Level; Z = High Impedance State; X = High or Low Voltage Level and Transitions Are Acceptable, for ICC reasons, DO NOT FLOAT Inputs
MOTOROLA
2
LCX DATA BR1339 -- REV 2
MC74VCX16244
ABSOLUTE MAXIMUM RATINGS*
Symbol VCC VI VO Parameter DC Supply Voltage DC Input Voltage DC Output Voltage Value -0.5 to +4.6 -0.5 VI +4.6 -0.5 VO +4.6 -0.5 VO VCC + 0.5 IIK IOK DC Input Diode Current DC Output Diode Current -50 -50 +50 IO ICC IGND TSTG DC Output Source/Sink Current DC Supply Current Per Supply Pin DC Ground Current Per Ground Pin Storage Temperature Range 50 100 100 -65 to +150 Output in 3-State Note 1.; Outputs Active VI < GND VO < GND VO > VCC Condition Unit V V V V mA mA mA mA mA mA C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. 1. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO IOH IOL IOH IOL IOH IOL TA t/V Supply Voltage Input Voltage Output Voltage HIGH Level Output Current, VCC = 3.0V - 3.6V LOW Level Output Current, VCC = 3.0V - 3.6V HIGH Level Output Current, VCC = 2.3V - 2.7V LOW Level Output Current, VCC = 2.3V - 2.7V HIGH Level Output Current, VCC = 1.65V - 1.95V LOW Level Output Current, VCC = 1.65V - 1.95V Operating Free-Air Temperature Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V, VCC = 3.0V -40 0 (Active State) (3-State) Parameter Operating Data Retention Only Min 1.65 1.2 -0.3 0 0 Max 3.6 3.6 3.6 VCC 3.6 -24 24 -18 18 -6 6 +85 10 Unit V V V mA mA mA mA mA mA C ns/V
LCX DATA BR1339 -- REV 2
3
MOTOROLA
MC74VCX16244
DC ELECTRICAL CHARACTERISTICS (2.7V < VCC 3.6V)
TA = -40C to +85C Symbol VIH VIL VOH Characteristic HIGH Level Input Voltage (Note 2.) LOW Level Input Voltage (Note 2.) HIGH Level Output Voltage Condition 2.7V < VCC 3.6V 2.7V < VCC 3.6V 2.7V < VCC 3.6V; IOH = -100A VCC = 2.7V; IOH = -12mA VCC = 3.0V; IOH = -18mA VCC = 3.0V; IOH = -24mA VOL LOW Level Output Voltage 2.7V < VCC 3.6V; IOL = 100A VCC = 2.7V; IOL = 12mA VCC = 3.0V; IOL = 18mA VCC = 3.0V; IOL = 24mA II IOZ IOFF ICC Input Leakage Current 3-State Output Current Power-Off Leakage Current Quiescent Supply Current 2.7V < VCC 3.6V; 0V VI 3.6V 2.7V < VCC 3.6V; 0V VO 3.6V; VI = VIH or VIL VCC = 0V; 0V (VI, VO) 3.6V 2.7V < VCC 3.6V; VI = GND or VCC 2.7V < VCC 3.6V; VCC (VI, VO) 3.6V ICC Increase in ICC per Input 2.7V < VCC 3.6V; VIH = VCC - 0.6V 2. These values of VI are used to test DC electrical characteristics only. VCC - 0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 5.0 10 10 20 20 750 A A A A A A V Min 2.0 0.8 Max Unit V V V
DC ELECTRICAL CHARACTERISTICS (2.3V VCC 2.7V)
TA = -40C to +85C Symbol VIH VIL VOH Characteristic HIGH Level Input Voltage (Note 3.) LOW Level Input Voltage (Note 3.) HIGH Level Output Voltage Condition 2.3V VCC 2.7V 2.3V VCC 2.7V 2.3V VCC 2.7V; IOH = -100A VCC = 2.3V; IOH = -6mA VCC = 2.3V; IOH = -12mA VCC = 2.3V; IOH = -18mA VOL LOW Level Output Voltage 2.3V VCC 2.7V; IOL = 100A VCC = 2.3V; IOL = 12mA VCC = 2.3V; IOL = 18mA II IOZ IOFF ICC Input Leakage Current 3-State Output Current Power-Off Leakage Current Quiescent Supply Current 2.3V VCC 2.7V; 0V VI 3.6V 2.3V VCC 2.7V; 0V VO 3.6V; VI = VIH or V IL VCC = 0V; 0V (VI, VO) 3.6V 2.3V VCC 2.7V; VI = GND or VCC 2.3V VCC 2.7V; VCC (VI, VO) 3.6V 3. These values of VI are used to test DC electrical characteristics only. VCC - 0.2 2.0 1.8 1.7 0.2 0.4 0.6 5.0 10 10 20 20 A A A A A V Min 1.6 0.7 Max Unit V V V
MOTOROLA
4
LCX DATA BR1339 -- REV 2
MC74VCX16244
DC ELECTRICAL CHARACTERISTICS (1.65V VCC < 1.95V)
TA = -40C to +85C Symbol VIH VIL VOH Characteristic HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage Condition 1.65V VCC < 1.95V 1.65V VCC < 1.95V VCC = 1.65 - 1.95V; IOH = -100A VCC = 1.65V; IOH = -6mA VOL LOW Level Output Voltage VCC = 1.65 - 1.95V; IOL = 100A VCC = 1.65V; IOL = 6mA II IOZ IOFF ICC Input Leakage Current 3-State Output Current Power-Off Leakage Current Quiescent Supply Current VCC = 1.65 - 1.95V; 0 VI 3.6V VCC = 1.65 - 1.95V; 0 VO 3.6V; VI = VIH or VIL VCC = 0V; 0V (VI, VO) 3.6V VCC = 1.65 - 1.95V; VI = VCC or GND VCC = 1.65 - 1.95V; VCC (VI, VO) 3.6V VCC - 0.2 1.25 0.2 0.3 5.0 10 10 20 20 A A A A V Min 0.7 x VCC 0.2 x VCC Max Unit V V V
AC CHARACTERISTICS (Note 4.; tR = tF = 2.0ns; CL = 30pF; RL = 500)
Limits TA = -40C to +85C VCC = 3.0V to 3.6V Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tOSHL tOSLH Parameter Propagation Delay Input to Output Output Enable Time to High and Low Level Output Disable Time From High and Low Level Output-to-Output Skew (Note 5.) Waveform 1 2 2 Min 0.8 0.8 0.8 0.8 0.8 0.8 Max 2.5 2.5 3.5 3.5 3.5 3.5 0.5 0.5 VCC = 2.3V to 2.7V Min 1.0 1.0 1.0 1.0 1.0 1.0 Max 3.0 3.0 4.1 4.1 3.8 3.8 0.5 0.5 VCC = 1.65 - 1.95V Max 6.0 6.0 8.2 8.2 6.8 6.8 0.75 0.75 Unit ns ns ns ns
4. These AC parameters are preliminary and may be modified prior to release. For CL = 50pF, add approximately 300ps to the AC maximum specification. 5. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design.
LCX DATA BR1339 -- REV 2
5
MOTOROLA
MC74VCX16244
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25C Symbol VOLP Characteristic Dynamic LOW Peak Voltage (Note 6.) Condition VCC = 1.8V, CL = 30pF, VIH = VCC, VIL = 0V VCC = 2.5V, CL = 30pF, VIH = VCC, VIL = 0V VCC = 3.3V, CL = 30pF, VIH = VCC, VIL = 0V VOLV Dynamic LOW Valley Voltage (Note 6.) VCC = 1.8V, CL = 30pF, VIH = VCC, VIL = 0V VCC = 2.5V, CL = 30pF, VIH = VCC, VIL = 0V VCC = 3.3V, CL = 30pF, VIH = VCC, VIL = 0V VOHV Dynamic HIGH Valley Voltage (Note 7.) VCC = 1.8V, CL = 30pF, VIH = VCC, VIL = 0V VCC = 2.5V, CL = 30pF, VIH = VCC, VIL = 0V Typ 0.25 0.6 0.8 -0.25 -0.6 -0.8 1.5 1.9 V V Unit V
VCC = 3.3V, CL = 30pF, VIH = VCC, VIL = 0V 2.2 6. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH-to-LOW or LOW-to-HIGH. The remaining output is measured in the LOW state. 7. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH-to-LOW or LOW-to-HIGH. The remaining output is measured in the HIGH state.
CAPACITIVE CHARACTERISTICS
Symbol CIN COUT CPD Parameter Input Capacitance Output Capacitance Power Dissipation Capacitance Condition Note 8. Note 8. Note 8., 10MHz Typical 6 7 20 Unit pF pF pF
8. VCC = 1.8, 2.5 or 3.3V; VI = 0V or VCC. VIH Dn Vm tPLH On Vm WAVEFORM 1 - PROPAGATION DELAYS tR = tF = 2.0ns, 10% to 90%; f = 1MHz; tW = 500ns VIH OEn tPZH On Vm tPHZ Vm 0V VOH Vy 0V tPZL On Vm Vx VOL WAVEFORM 2 - OUTPUT ENABLE AND DISABLE TIMES tR = tF = 2.0ns, 10% to 90%; f = 1MHz; tW = 500ns tPLZ VCC Vm 0V tPHL Vm VOL VOH
Figure 3. AC Waveforms
MOTOROLA
6
LCX DATA BR1339 -- REV 2
MC74VCX16244
VCC Symbol S bl VIH Vm Vx Vy 3.3V 0.3V 2.7V 1.5V VOL + 0.3V VOH - 0.3V 2.5V 0.2V VCC VCC/2 VOL + 0.15V VOH - 0.15V 1.8V 0.15V VCC VCC/2 VOL + 0.15V VOH - 0.15V
VCC 6V or VCC x 2 OPEN GND
PULSE GENERATOR RT
DUT CL
RL RL
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
SWITCH Open 6V at VCC = 3.3 0.3V; VCC x 2 at VCC = 2.5 0.2V; 1.8 0.15V GND
CL = 30pF or equivalent (Includes jig and probe capacitance) RL = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
Figure 4. Test Circuit
LCX DATA BR1339 -- REV 2
7
MOTOROLA
MC74VCX16244
OUTLINE DIMENSIONS
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 1201-01 ISSUE A
48X
K REF 0.12 (0.005)
M
TU
S
V
S
K K1 J J1
48
25
M
SECTION N-N L B -U- N
1 24
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 5. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 6. DIMENSIONS A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 12.40 12.60 6.00 6.20 --- 1.10 0.05 0.15 0.50 0.75 0.50 BSC 0.37 --- 0.09 0.20 0.09 0.16 0.17 0.27 0.17 0.23 7.95 8.25 0_ 8_ INCHES MIN MAX 0.488 0.496 0.236 0.244 --- 0.043 0.002 0.006 0.020 0.030 0.0197 BSC 0.015 --- 0.004 0.008 0.004 0.006 0.007 0.011 0.007 0.009 0.313 0.325 0_ 8_
0.254 (0.010)
PIN 1 IDENT.
A -V-
N F DETAIL E M 0.25 (0.010)
D 0.076 (0.003) -T- SEATING
PLANE
C DETAIL E G H
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Motorola Japan Ltd.; SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan. 81-3-5487-8488
MOTOROLA 8
EEE CCC EEE CCC
TU
S
-W-
MC74VCX16244/D LCX DATA BR1339 -- REV 2


▲Up To Search▲   

 
Price & Availability of MC74VCX16244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X