Part Number Hot Search : 
RB157 L2320A SA9614 IMH22 P4SMA43 2SC4002 PIC7524 P0102
Product Description
Full Text Search
 

To Download MBRS2040LT3D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MBRS2040LT3/D
Advance Information Surface Mount Schottky Power Rectifier
SMB Power Surface Mount Package
. . . employing the Schottky Barrier principle in a metal-to-silicon power rectifier. Features epitaxial construction with oxide passivation and metal overlay contact. Ideally suited for low voltage, high frequency switching power supplies; free wheeling diodes and polarity protection diodes. * * * * Compact Package with J-Bend Leads Ideal for Automated Handling Highly Stable Oxide Passivated Junction Guardring for Over-Voltage Protection Low Forward Voltage Drop
MBRS2040LT3
SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES 40 VOLTS
Mechanical Characteristics: * Case: Molded Epoxy * Epoxy Meets UL94, VO at 1/8 * Weight: 95 mg (approximately) * Maximum Temperature of 260C / 10 Seconds for Soldering * Polarity: Notch in Plastic Body Indicates Cathode Lead * Available in 12 mm Tape, 2500 Units per 13 inch Reel, Add "T3" Suffix to Part Number * Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable * Marking: BKJL MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (At Rated VR, TC = 103C) Peak Repetitive Forward Current (At Rated VR, Square Wave, 20 kHz, TC = 104C) Non-Repetitive Peak Surge Current (Surge applied at rated load conditions, halfwave, single phase, 60 Hz) Storage / Operating Case Temperature Operating Junction Temperature Voltage Rate of Change (Rated VR, TJ = 25C) Symbol VRRM VRWM VR IO IFRM IFSM Tstg, TC TJ dv/dt
CASE 403A-03 SMB
Value 40
Unit V
2.0 4.0 70 -55 to 150 -55 to 125 10,000
A A A C C V/ms
THERMAL CHARACTERISTICS
Thermal Resistance - Junction-to-Lead (2) Thermal Resistance - Junction-to-Ambient (3) Rtjl Rtja 22.5 78 C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (1), See Figure 2 (IF = 2 A) (IF = 4 A) Maximum Instantaneous Reverse Current, See Figure 4 (VR = 40 V) (VR = 20 V) (1) Pulse Test: Pulse Width 250 s, Duty Cycle 2.0%. (2) Minimum pad size (0.108 X 0.085 inch) for each lead on FR4 board. (3) 1 inch square pad size (1 X 0.5 inch for each lead) on FR4 board.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
VF
TJ = 25C 0.43 0.50
TJ = 125C 0.34 0.45 TJ = 100C 20 6.0
V
IR
TJ = 25C 0.80 0.10
mA
(c)RectifierInc. 1996 Data Motorola, Device
1
MBRS2040LT3
IF, INSTANTANEOUS FORWARD CURRENT (AMPS) 100 IF, INSTANTANEOUS FORWARD CURRENT (AMPS) 100 100
10
10
1.0
TJ = 100C TJ = 125C
TJ = 125C 1.0 TJ = 100C
TJ = 25C
TJ = 25C
TJ = -40C 0.1 0 0.2 0.4 0.6 0.8 VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.1 0 0.2 0.4 0.6 0.8 VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
100E-3 I R, REVERSE CURRENT (AMPS)
100E-3 I R, MAXIMUM REVERSE CURRENT (AMPS) TJ = 125C 10E-3 TJ = 100C 1.0E-3
10E-3 TJ = 125C 1.0E-3 TJ = 100C
100E-6 TJ = 25C
100E-6
TJ = 25C
10E-6
10E-6
1.0E-6 0 10 20 30 40 VR, REVERSE VOLTAGE (VOLTS)
1.0E-6 0 10 20 30 40 VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
I O , AVERAGE FORWARD CURRENT (AMPS)
dc
PFO , AVERAGE POWER DISSIPATION (WATTS)
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 20
1.2 SQUARE WAVE 1.0 0.8 Ipk/Io = 5 0.6 Ipk/Io = 10 0.4 0.2 0 0 0.5 1.0 1.5 2.0 2.5 3.0 IO, AVERAGE FORWARD CURRENT (AMPS) Ipk/Io = 20 Ipk/Io = p dc
SQUARE WAVE Ipk/Io = p Ipk/Io = 5 Ipk/Io = 10 Ipk/Io = 20
40
60
80
100
120
140
TL, LEAD TEMPERATURE (C)
Figure 5. Current Derating
Figure 6. Forward Power Dissipation
2
Rectifier Device Data
MBRS2040LT3
TJ , DERATED OPERATING TEMPERATURE ( C) 1000 125 Rtja = 22.5C/W 115 105 95 42C/W 85 75 92C/W 65 0 5.0 10 15 20 25 30 35 40 VR, DC REVERSE VOLTAGE (VOLTS) 61C/W 78C/W
C, CAPACITANCE (pF)
TJ = 25C
100
10 0 5.0 10 15 20 25 30 35 40 VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Capacitance
Figure 8. Typical Operating Temperature Derating*
R (T) , TRANSIENT THERMAL RESISTANCE (NORMALIZED)
* Reverse power dissipation and the possibility of thermal runaway must be considered when operating this device under any reverse voltage conditions. Calculations of TJ therefore must include forward and reverse power effects. The allowable operating TJ may be calculated from the equation: TJ = TJmax - r(t)(Pf + Pr) where r(t) = thermal impedance under given conditions, Pf = forward power dissipation, and Pr = reverse power dissipation This graph displays the derated allowable TJ due to reverse bias under DC conditions only and is calculated as TJ = TJmax - r(t)Pr, where r(t) = Rthja. For other power applications further calculations must be performed. 1.0 50% 20% 10% 0.1 5.0% 2.0%
0.01
1.0% Rtjl(t) = Rtjl*r(t)
0.001 0.00001
0.0001
0.001
0.01 T, TIME (s)
0.1
1.0
10
100
R (T) , TRANSIENT THERMAL RESISTANCE (NORMALIZED)
Figure 9. Thermal Response Junction to Lead
1.0 50% 20% 0.1 10% 5.0% 2.0% 0.01 1.0% Rtjl(t) = Rtjl*r(t) 0.001 0.00001
0.0001
0.001
0.01
0.1 T, TIME (s)
1.0
10
100
1,000
Figure 10. Thermal Response Junction to Ambient
Rectifier Device Data
3
MBRS2040LT3
0.089 2.261 0.108 2.743 0.085 2.159
inches mm
SMB
PACKAGE DIMENSIONS
S A
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P.
D
B
C
INCHES DIM MIN MAX A 0.160 0.180 B 0.130 0.150 C 0.075 0.095 D 0.077 0.083 H 0.0020 0.0060 J 0.006 0.012 K 0.030 0.050 P 0.020 REF S 0.205 0.220
MILLIMETERS MIN MAX 4.06 4.57 3.30 3.81 1.90 2.41 1.96 2.11 0.051 0.152 0.15 0.30 0.76 1.27 0.51 REF 5.21 5.59
K
P
J
H
CASE 403A-03 ISSUE B
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
4
MBRS2040LT3/D Rectifier Device Data


▲Up To Search▲   

 
Price & Availability of MBRS2040LT3D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X