Part Number Hot Search : 
035150 ATM128 CS5151H MBR3035 GMS81024 C2632 DG442AK 250958B
Product Description
Full Text Search
 

To Download M74HCT174 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HCT174 M74HCT174
HEX D-TYPE FLIP FLOP WITH CLEAR
.HI .LOWPOWERDI .COMPATI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .PI
GH SPEED fMAX = 56 MHz (TYP.) AT VCC = 5 V SSIPATION ICC = 4 A (MAX.) AT TA = 25 C BLE WITH TTL OUTPUTS VIH = 2V (MIN.) VIL = 0.8V (MAX) VE CAPABILITY 10 LSTTL LOADS CAL OUTPUT IMPEDANCE IOH = IOL = 4 mA (MIN.) ON DELAYS tPLH = tPHL N AND FUNCTION COMPATIBLE WITH 54/74LS174
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
DESCRIPTION The M54/74HCT174 is a high speed CMOS HEX DTYPE FLIP-FLOP WITH CLEAR fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption. Information signals applied to D inputs are transfered to the Q output on thepositive going edge of the clock pulse. When the CLEAR input is held low, the Q outputs are held low independently of the other inputs. This integrated circuit has input and output characteristics that are fully compatible with 54/74 LSTTL logic families. M54/74HCT devices are designed to directly interface HSC2MOS systems with TTL and NMOS components. They are also plug in replacements for LSTTL devices giving a reduction of power consumption. All inputs are equipped with protection circuits against static discharge and transient excess voltage. INPUT AND OUTPUT EQUIVALENT CIRCUIT
ORDER CODES : M54HCT174F1R M74HCT174M1R M74HCT174B1R M74HCT174C1R
PIN CONNECTIONS (top view)
NC = No Internal Connection
February 1993
1/11
M54/M74HCT174
TRUTH TABLE
INPUTS CLEAR L H H H
X: Don't Care
OUTPUTS CK X Q L L H Qn
D X L H X
FUNCTION CLEAR
NO CHANGE
PIN DESCRIPTION
PIN No 1 2, 5, 7, 10, 12, 15 3, 4, 6, 11, 13, 14 9 8 16 SYMBOL CLEAR Q0 to Q5 D0 to D5 CLOCK GND V CC NAME AND FUNCTION Asynchronous Master Reset (Active LOW) Flip-flop Outputs Data Inputs Clock Input (LOW to HIGH, edge triggered) Ground (0V) Positive Supply Voltage
IEC LOGIC SYMBOL
LOGIC DIAGRAM
2/11
M54/M74HCT174
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC or IGND PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Parameter Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time (VCC = 4.5 to 5.5V) Value 4.5 to 5.5 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 500 Unit V V V
o o
C C
ns
3/11
M54/M74HCT174
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 4.5 to 5.5 4.5 to 5.5 4.5 VI = IO=-20 A VIH or IO=-4.0 mA V IL VI = IO= 20 A VIH or IO= 4.0 mA V IL VI = VCC or GND VI = VCC or GND Per Input pin VI = 0.5V or V I = 2.4V Other Inputs at V CC or GND 4.4 4.18 4.5 4.31 0.0 0.17 0.1 0.26 0.1 4 2.0 TA = 25 oC 54HC and 74HC Min. Typ. Max. 2.0 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 2.0 2.0 Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
V
V IL
0.8
0.8
0.8
V
V OH
4.4 4.13 0.1 0.33 1 40 2.9
4.4 4.10 0.1 V 0.4 1 80 3.0 A A mA V
VOL
Low Level Output Voltage
4.5
II ICC ICC
Input Leakage Current Quiescent Supply Current Additional worst case supply current
5.5 5.5 5.5
4/11
M54/M74HCT174
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) 4.5 4.5 TA = 25 C 54HC and 74HC Min. Typ. Max. 8 18 15 28
o
Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 19 35 ns 22 Unit
tTLH tTHL tPLH tPHL tPHL
Output Transition Time Propagation Delay Time (CK - Q) Propagation Delay Time (CLR - Q) Maximum Clock Frequency Minimum Pulse Width (CLOCK) Minimum Pulse Width (CLR) Minimum Set-up Time Minimum Hold Time Minimum Removal Time Input Capacitance Power Dissipation Capacitance
ns
4.5
18
28
35
42 ns
fMAX tW(H) tW(L) tW(L)
4.5 4.5
30
54 8 15
24 19 22
MHz ns
4.5
8
15
19
22 ns
ts th tREM CIN CPD (*)
4.5 4.5 4.5
2
10 5
13 6 5 10
15 8 5 10
ns ns ns pF pF
5 5 68
5 10
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC/6 (per FLIP/FLOP) And the total CPD when N pcs of FLIP FLOP operate can be gained by the following equation: CPD (total)= 38 + 15 x n
5/11
M54/M74HCT174
SWITCHING CHARACTERISTICS TEST WAVEFORM
TEST CIRCUIT ICC (Opr.)
6/11
M54/M74HCT174
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
7/11
M54/M74HCT174
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
8/11
M54/M74HCT174
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
9/11
M54/M74HCT174
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
10/11
M54/M74HCT174
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
11/11


▲Up To Search▲   

 
Price & Availability of M74HCT174

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X