Part Number Hot Search : 
00001 CZRA4750 ORE9901 8M002 TC531001 TB102 0805K DS100
Product Description
Full Text Search
 

To Download M54577P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI SEMICONDUCTOR
M54577P
7-UNIT 30mA TRANSISTOR ARRAY
DESCRIPTION M54577P is seven-circuit transistor arrays. The circuits are made of NPN transistors. The semiconductor integrated circuits perform high-current driving with extremely low inputcurrent supply. PIN CONFIGURATION
16 O1 15 O2 14 O3 13 O4 12 O5 11 O6 10 O7 9
IN1 1 IN2 2 IN3 3 INPUT IN4 4 IN5 5 IN6 6
OUTPUT
FEATURES q Medium breakdown voltage (BVCEO 30V) q Output sink current (IC(max) = 30mA) q Driving available with MOS (PMOS, CMOS) IC output q Low output saturation voltage (VCE(sat) = 0.35V at IC = 20mA) q Wide operating temperature range (Ta = -20 to +75C)
IN7 7 GND
8
VCC
Package type 16P4(P)
CIRCUIT DIAGRAM
APPLICATION Driving of digit drives of indication elements (LEDs and lamps)
10k VCC 23k INPUT OUTPUT
100k
22k GND
FUNCTION The M54577P has seven circuits consisting of NPN transistor. This IC uses a predriver stage with a diode and 23k resistor in series to input. The output transistor emitters are all connected to the GND pin (pin 8), and VCC is connected to pin 9. The collector current are capable of sinking 30mA maximum. Collector-emitter supply voltage is 30V maximum. Collector-emitter saturation voltage is below 0.35V (IC = 20mA) Drives active "H" input.
The seven circuits share the VCC and GND. The diode, indicated with the dotted line, is parasitic, and cannot be used. Unit :
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VCEO IC VI Pd Topr Tstg Supply voltage Collector-emitter voltage Collector current Input voltage Power dissipation Operating temperature Storage temperature Parameter
(Unless otherwise noted, Ta = -20 ~ +75C)
Conditions Output, H Current per circuit output, L Ta = 25C, when mounted on board
Ratings 13 -0.5 ~ +30 30 -20 ~ VCC 1.47 -20 ~ +75 -55 ~ +125
Unit V V mA V W C C
Jan.2000
MITSUBISHI SEMICONDUCTOR
M54577P
7-UNIT 300mA TRANSISTOR ARRAY
RECOMMENDED OPERATING CONDITIONS
Symbol VCC IC VIH VIL Parameter Supply voltage Collector current (Current per 1 circuit) "H" input voltage "L" input voltage
(Unless otherwise noted, Ta = -20 ~ +75C)
Limits min 4.5 0 3 0 typ 5 10 -- -- max 13 20 VCC 1
Unit V mA V V
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = 25C)
Symbol V (BR) CEO VCE(sat) II ICC hFE Parameter Collector-emitter breakdown voltage Test conditions Limits min 30 -- -- 30 -- -- 500 typ* -- -- -- -- 0.4 1.3 1200 max -- 0.25 0.35 90 0.9 2.3 -- Unit V V A mA --
ICEO = 100A VCC = 4.5V, VI = 3V, IC = 10mA Collector-emitter saturation voltage VCC = 6V, VI = 3V, IC = 20mA Input current VCC = 4.5V, VI = 3V VCC = 4.5V, VI = 3V Supply current VCC = 13V, VI = 3V (Only one time operation) VCE = 4V, VCC = 4.5V, IC = 20mA, Ta = 25C DC amplification factor
* : The typical values are those measured under ambient temperature (Ta) of 25C. There is no guarantee that these values are obtained under any conditions.
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25C)
Symbol ton toff Parameter Turn-on time Turn-off time CL = 15pF (note 1) Test conditions min -- -- Limits typ 210 3200 max -- -- Unit ns ns
NOTE 1 TEST CIRCUIT
TIMING DIAGRAM
INPUT
VCC
Vo
50% INPUT 50%
Measured device PG 50
RL OUTPUT
OUTPUT 50% 50%
CL
ton
toff
(1)Pulse generator (PG) characteristics : PRR=1kHz, tw = 10s, tr = 6ns, tf = 6ns, Zo = 50, VP = 3VP-P (2)Input-output conditions : RL = 500, Vo = 10V, VCC = 6V (3)Electrostatic capacity CL includes floating capacitance at connections and input capacitance at probes
Jan.2000
MITSUBISHI SEMICONDUCTOR
M54577P
7-UNIT 300mA TRANSISTOR ARRAY
TYPICAL CHARACTERISTICS
DC Amplification Factor Collector Current Characteristics
Thermal Derating Factor Characteristics 2.0
DC amplification factor hFE
104
7 5 3
Power dissipation Pd (W)
1.5
VCC = 4.5V VCE = 4V Ta = 75C Ta = 75C Ta = 25C Ta = 25C Ta = -20C Ta = -20C
1.0
103
7 5 3
0.5
0
0
25
50
75
100
102 0 10
3
5 7 101
3
5 7 102
Ambient temperature Ta (C) Output Saturation Voltage Collector Current Characteristics 40
Collector current Ic (mA)
Grounded Emitter Transfer Characteristics 40
Collector current Ic (mA)
Collector current Ic (mA)
30
30
VCC = 4.5V VCE = 4V Ta = 75C Ta = 75C Ta = 25C Ta = 25C Ta = -20C Ta = -20C
20
20
10
VI = 3.0V VCC = 4.5V Ta = 75C Ta = 75C Ta = 25C Ta = 25C Ta = -20C Ta = -20C
10
0
0
0.02
0.04
0.06
0.08
0
0
1
2
3
4
Output saturation voltage VCE(sat) (V)
Input voltage VI (V)
Jan.2000


▲Up To Search▲   

 
Price & Availability of M54577P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X