Part Number Hot Search : 
SCM6946 N900SL IDT5T9 LQ104V1 PC250 MA6014 2SA1757 1C3Q25
Product Description
Full Text Search
 

To Download LTE21009R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTE21009R
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI LTE21009R is Designed for Class A, Common Emitter Applications up to 2.5 GHz.
FEATURES INCLUDE:
* Gold Metalization * Emitter Ballasting
PACKAGE STYLE .250 2L FLG
Dim: A B C D E F H J K N Q U Inches Min 0.790 0.240 0.144 0.115 0.055 0.045 0.115 0.003 0.225 0.220 0.125 0.552 Max 0.810 0.260 0.170 0.125 0.065 0.055 0.135 0.006 0.275 0.240 0.135 0.572 Millimeters Min Max 20.07 20.57 6.10 6.60 3.66 4.31 2.93 3.17 1.40 1.65 1.15 1.39 2.93 3.42 0.08 0.15 5.72 6.98 5.59 6.09 3.18 3.42 14.03 14.52
MAXIMUM RATINGS
IC VCBO PDISS TJ TST JC 250 mA 40 V 4.0 W @ TC 75 C -65 C to +200 C -65 C to +200 C 36 C/W
1 = BASE 2 = COLLECTOR 3 = EMITTER
CHARACTERISTICS
SYMBOL
BVCBO BVCEO BVEBO ICBO hFE Cob GP POUT
TC = 25 C
TEST CONDITIONS
IC = 1.0 mA IC = 10 mA IE = 1.0 mA VEB = 1.5V VCE = 5.0 V VCB = 28 V VCE = 16 V IC = 150 mA IC = 150 mA f = 1.0 MHz f = 2.1 GHz
MINIMUM TYPICAL MAXIMUM
40 16 3.0 200 15 150 3.0 10 0.6
UNITS
V V V mA --pF dB W
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of LTE21009R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X