Part Number Hot Search : 
SR360 DL4756 TC75S 1600T3 SR360 BZX85C39 C1660 Y5DU56
Product Description
Full Text Search
 

To Download LTC2222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC2222/LTC2223 12-Bit,105Msps/ 80Msps ADCs
FEATURES

DESCRIPTIO
Sample Rate: 105Msps/80Msps 68dB SNR up to 140MHz Input 80dB SFDR up to 170MHz Input 775MHz Full Power Bandwidth S/H Single 3.3V Supply Low Power Dissipation: 475mW/366mW Selectable Input Ranges: 0.5V or 1V No Missing Codes Optional Clock Duty Cycle Stabilizer Shutdown and Nap Modes Data Ready Output Clock Pin Compatible Family 135Msps: LTC2224 (12-Bit), LTC2234 (10-Bit) 105Msps: LTC2222 (12-Bit), LTC2232 (10-Bit) 80Msps: LTC2223 (12-Bit), LTC2233 (10-Bit) 48-Pin QFN Package
The LTC(R)2222 and LTC2223 are 105Msps/80Msps, sampling 12-bit A/D converters designed for digitizing high frequency, wide dynamic range signals. The LTC2222/ LTC2223 are perfect for demanding communications applications with AC performance that includes 68dB SNR and 80dB spurious free dynamic range for signals up to 170MHz. Ultralow jitter of 0.15psRMS allows undersampling of IF frequencies with excellent noise performance. DC specs include 0.3LSB INL (typ), 0.2LSB DNL (typ) and no missing codes over temperature. The transition noise is a low 0.5LSBRMS. A separate output power supply allows the outputs to drive 0.5V to 3.3V logic. The ENC+ and ENC - inputs may be driven differentially or single ended with a sine wave, PECL, LVDS, TTL, or CMOS inputs. An optional clock duty cycle stabilizer allows high performance at full speed for a wide range of clock duty cycles.
APPLICATIO S

Wireless and Wired Broadband Communication Cable Head-End Systems Power Amplifier Linearization Communications Test Equipment
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATIO
REFH REFL
VDD 3.3V
100
FLEXIBLE REFERENCE 0VDD 0.5V TO 3.3V
+
ANALOG INPUT INPUT S/H
-
12-BIT PIPELINED ADC CORE
CORRECTION LOGIC
OUTPUT DRIVERS
D11 * * * D0 0GND
SFDR (dBFS)
CLOCK/DUTY CYCLE CONTROL
22201 TA01
ENCODE INPUT
22223f
U
SFDR vs Input Frequency
95 90 85 80 2nd or 3rd 75 70 65 60 0 100 200 300 400 500 600 INPUT FREQUENCY (MHz) 22223 TA01b 4th OR HIGHER
U
U
1
LTC2222/LTC2223
ABSOLUTE AXI U RATI GS PACKAGE/ORDER I FOR ATIO
TOP VIEW
OVDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................. 4V Digital Output Ground Voltage (OGND) ....... -0.3V to 1V Analog Input Voltage (Note 3) ..... -0.3V to (VDD + 0.3V) Digital Input Voltage .................... -0.3V to (VDD + 0.3V) Digital Output Voltage ............... -0.3V to (OVDD + 0.3V) Power Dissipation ............................................ 1500mW Operating Temperature Range LTC2222C, LTC2223C ............................. 0C to 70C LTC2222I, LTC2223I ...........................-40C to 85C Storage Temperature Range ..................-65C to 125C
AIN+ 1 AIN- 2 REFHA 3 REFHA 4 REFLB 5 REFLB 6 REFHB 7 REFHB 8 REFLA 9 REFLA 10 VDD 11 VDD 12
48 GND 47 VDD 46 VDD 45 GND 44 VCM 43 SENSE 42 MODE 41 OF 40 D11 39 D10 38 OGND 37 OVDD
49
36 D9 35 D8 34 D7 33 OVDD 32 OGND 31 D6 30 D5 29 D4 28 OVDD 27 OGND 26 D3 25 D2
UK PACKAGE 48-LEAD (7mm x 7mm) PLASTIC QFN EXPOSED PAD IS GND (PIN 49), MUST BE SOLDERED TO PCB TJMAX = 125C, JA = 29C/W
ORDER PART NUMBER LTC2222CUK LTC2223CUK LTC2222IUK LTC2223IUK
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
CO VERTER CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25C. (Note 4)
PARAMETER Resolution (No Missing Codes) Integral Linearity Error (Note 5) Differential Linearity Error Integral Linearity Error (Note 5) Differential Linearity Error Offset Error (Note 6) Gain Error Offset Drift Full-Scale Drift Transition Noise Internal Reference External Reference SENSE = 1V External Reference Differential Analog Input Differential Analog Input Single-Ended Analog Input Single-Ended Analog Input

CONDITIONS

MIN 12 -1.3 -1
LTC2222 TYP 0.3 0.2 1 0.2
GND 13 VDD 14 GND 15 ENC + 16 ENC - 17 SHDN 18 OE 19 CLOCKOUT 20 DO 21 OGND 22 OVDD 23 D1 24
UK PART MARKING* LTC2222UK LTC2223UK LTC2222UK LTC2223UK
MAX 1.3 1
MIN 12 -1.1 -0.8
LTC2223 TYP 0.3 0.2 1 0.2
MAX 1.1 0.8
UNITS Bits LSB LSB LSB LSB
-30 -2.5
3 0.5 10 30 15 0.5
30 2.5
-30 -2.5
3 0.5 10 30 15 0.5
30 2.5
V/C ppm/C ppm/C LSBRMS
22223f
2
U
mV %FS
W
U
U
WW
W
U
LTC2222/LTC2223
A ALOG I PUT
SYMBOL VIN VIN, CM IIN ISENSE IMODE tAP tJITTER CMRR
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 4)
PARAMETER Analog Input Range (AIN+ - AIN-) Analog Input Common Mode Analog Input Leakage Current SENSE Input Leakage MODE Pin Pull-Down Current to GND Full Power Bandwidth Sample and Hold Acquisition Delay Time Sample and Hold Acquisition Delay Time Jitter Analog Input Common Mode Rejection Ratio Figure 8 Test Circuit CONDITIONS 3.1V < VDD < 3.5V Differential Input 0 < AIN+, AIN- < VDD 0V < SENSE < 1V

DY A IC ACCURACY
SYMBOL SNR PARAMETER Signal-to-Noise Ratio
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. AIN = -1dBFS. (Note 4)
CONDITIONS 30MHz Input (1V Range) 30MHz Input (2V Range) 70MHz Input (1V Range) 70MHz Input (2V Range) 140MHz Input (1V Range) 140MHz Input (2V Range) 250MHz Input (1V Range) 250MHz Input (2V Range) SFDR Spurious Free Dynamic Range 30MHz Input (1V Range) 30MHz Input (2V Range) 70MHz Input (1V Range) 70MHz Input (2V Range) 140MHz Input (1V Range) 140MHz Input (2V Range) 250MHz Input (1V Range) 250MHz Input (2V Range) SFDR Spurious Free Dynamic Range 4th Harmonic or Higher 30MHz Input (1V Range) 30MHz Input (2V Range) 70MHz Input (1V Range) 70MHz Input (2V Range) 140MHz Input (1V Range) 140MHz Input (2V Range) 250MHz Input (1V Range) 250MHz Input (2V Range) S/(N+D) Signal-to-Noise Plus Distortion Ratio 30MHz Input (1V Range) 30MHz Input (2V Range) 70MHz Input (1V Range) 70MHz Input (2V Range) IMD Intermodulation Distortion fIN1 = 138MHz, fIN2 = 140MHz

U
WU
U
MIN 1 -1 -1
TYP 0.5 to 1 1.6
MAX 1.9 1 1
UNITS V V A A A MHz ns psRMS dB
10 775 0 0.15 80
MIN 67
LTC2222 TYP MAX 63.5 68.4 63.4 68.3 63.2 67.9 62.7 67.0
MIN 67.5
LTC2223 TYP MAX 63.6 68.5 63.5 68.4 63.5 68.0 63.0 67.3
UNITS dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dBc
72
84 84 84 84 81 81 77 77 90 90 90 90 90 90 90 90
73
84 84 84 84 84 81 80 75 90 90 90 90 90 90 90 90
66.5
63.5 68.4 63.5 68.2 81
67
63.6 68.5 63.6 68.3 81
22223f
3
LTC2222/LTC2223
I TER AL REFERE CE CHARACTERISTICS
PARAMETER VCM Output Voltage VCM Output Tempco VCM Line Regulation VCM Output Resistance 3.1V < VDD < 3.5V -1mA < IOUT < 1mA CONDITIONS IOUT = 0
DIGITAL I PUTS A D DIGITAL OUTPUTS
SYMBOL VID VICM RIN CIN VIH VIL IIN CIN LOGIC OUTPUTS OVDD = 3.3V COZ ISOURCE ISINK VOH VOL OVDD = 2.5V VOH VOL OVDD = 1.8V VOH VOL High Level Output Voltage Low Level Output Voltage IO = -200A IO = 1.6mA High Level Output Voltage Low Level Output Voltage IO = -200A IO = 1.6mA Hi-Z Output Capacitance Output Source Current Output Sink Current High Level Output Voltage Low Level Output Voltage OE = High (Note 7) VOUT = 0V VOUT = 3.3V IO = -10A IO = -200A IO = 10A IO = 1.6mA PARAMETER Differential Input Voltage Common Mode Input Voltage Input Resistance Input Capacitance High Level Input Voltage Low Level Input Voltage Input Current Input Capacitance (Note 7) VDD = 3.3V VDD = 3.3V VIN = 0V to VDD (Note 7) CONDITIONS ENCODE INPUTS (ENC +, ENC -)
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 4)
MIN
LOGIC INPUTS (OE, SHDN)

4
U
U
U
U
U
(Note 4)
MIN 1.575 TYP 1.600 25 3 4 MAX 1.625 UNITS V ppm/C mV/V
TYP
MAX
UNITS V
0.2 1.1 1.6 1.6 6 3 2 0.8 -10 3 10 2.5
Internally Set Externally Set (Note 7)
V V k pF V V A pF
3 50 50

pF mA mA V V 0.4 V V V V V V
3.1
3.295 3.29 0.005 0.09 2.49 0.09 1.79 0.09
22223f
LTC2222/LTC2223
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 8)
SYMBOL VDD OVDD IVDD PDISS PSHDN PNAP PARAMETER Analog Supply Voltage Output Supply Voltage Analog Supply Current Power Dissipation Shutdown Power Nap Mode Power SHDN = H, OE = H, No CLK SHDN = H, OE = L, No CLK CONDITIONS (Note 7) (Note 7)

POWER REQUIRE E TS
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 4)
SYMBOL fS tL tH tAP tD tC tOE Pipeline Latency Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: All voltage values are with respect to ground with GND and OGND wired together (unless otherwise noted). Note 3: When these pin voltages are taken below GND or above VDD, they will be clamped by internal diodes. This product can handle input currents of greater than 100mA below GND or above VDD without latchup. Note 4: VDD = 3.3V, fSAMPLE = 105MHz (LTC2222) or 80MHz (LTC2223), differential ENC+/ENC- = 2VP-P sine wave, input range = 2VP-P with differential drive, unless otherwise noted. PARAMETER Sampling Frequency ENC Low Time ENC High Time Sample-and-Hold Aperture Delay ENC to DATA Delay ENC to CLOCKOUT Delay DATA to CLOCKOUT Skew Output Enable Delay (Note 7) (Note 7) (tC - tD) (Note 7) (Note 7)

TI I G CHARACTERISTICS
UW
MIN 3.1 0.5
LTC2222 TYP MAX 3.3 3.3 144 475 2 35 3.5 3.6 162 535
MIN 3.1 0.5
LTC2223 TYP MAX 3.3 3.3 111 366 2 35 3.5 3.6 123 406
UNITS V V mA mW mW mW
UW
CONDITIONS
MIN 1 4.5 3 4.5 3 1.3 1.3 -0.6

LTC2222 TYP MAX 105 4.76 4.76 4.76 4.76 0 2.1 2.1 0 5 5 4 4 0.6 10 500 500 500 500
MIN 1 5.9 3 5.9 3 1.3 1.3 -0.6
LTC2223 TYP MAX 80 6.25 6.25 6.25 6.25 0 2.1 2.1 0 5 5 4 4 0.6 10 500 500 500 500
UNITS MHz ns ns ns ns ns ns ns ns ns Cycles
Duty Cycle Stabilizer Off Duty Cycle Stabilizer On Duty Cycle Stabilizer Off Duty Cycle Stabilizer On
Note 5: Integral nonlinearity is defined as the deviation of a code from a straight line passing through the actual endpoints of the transfer curve. The deviation is measured from the center of the quantization band. Note 6: Offset error is the offset voltage measured from -0.5 LSB when the output code flickers between 0000 0000 0000 and 1111 1111 1111 in 2's complement output mode. Note 7: Guaranteed by design, not subject to test. Note 8: VDD = 3.3V, fSAMPLE = 105MHz (LTC2222) or 80MHz (LTC2223), differential ENC+/ENC- = 2VP-P sine wave, input range = 1VP-P with differential drive.
22223f
5
LTC2222/LTC2223 TYPICAL PERFOR A CE CHARACTERISTICS
LTC2222: INL, 2V Range
1.0 0.8 0.6 0.4
ERROR (LSB) ERROR (LSB)
0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 1024 3072 2048 OUTPUT CODE 4096
2222 G01
0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 1024 3072 2048 OUTPUT CODE 4096
2222 G02
SNR (dBFS)
LTC2222: SNR vs Input Frequency, -1dB, 1V Range
70 69 68 67
SFDR (dBFS) SNR (dBFS)
66 65 64 63 62 61 60 0 100 200 300 400 500 600 2222 G04 INPUT FREQUENCY (MHz)
80 75 70 65 60 55 0 100 200 300 400 500 600 2222 G05 INPUT FREQUENCY (MHz)
SFDR (dBFS)
LTC2222: SFDR (HD4+) vs Input Frequency, -1dB, 2V Range
100 95 90
SFDR (dBFS) SFDR (dBFS)
85 80 75 70 65 60 55 0 100 200 300 400 500 600 INPUT FREQUENCY (MHz) 2222 G07
85 80 75 70 65 60 55 0 100 200 300 400 500 600 INPUT FREQUENCY (MHz) 2222 G08
SFDR AND SNR (dBFS)
6
UW
LTC2222: DNL, 2V Range
1.0 0.8 0.6 0.4 70 69 68 67 66 65 64 63 62 61 60
LTC2222: SNR vs Input Frequency, -1dB, 2V Range
0
100
300 400 500 600 200 2222 G03 INPUT FREQUENCY (MHz)
LTC2222: SFDR (HD2 and HD3) vs Input Frequency, -1dB, 2V Range
100 95 90 85 100 95 90 85 80 75 70 65 60 55
LTC2222: SFDR (HD2 and HD3) vs Input Frequency, -1dB, 1V Range
0
100
200 300 400 500 600 2222 G06 INPUT FREQUENCY (MHz)
LTC2222: SFDR (HD4+) vs Input Frequency, -1dB, 1V Range
100 95 90 100 95 90 85 80 75 70 65 60
LTC2222: SFDR and SNR vs Sample Rate, 2V Range, fIN = 30MHz, -1dB
SFDR
SNR
0
20
40
60
80
100
120
2222 G09
SAMPLE RATE (Msps)
22223f
LTC2222/LTC2223 TYPICAL PERFOR A CE CHARACTERISTICS
LTC2222: SFDR and SNR vs Sample Rate, 1V Range, fIN = 30MHz, -1dB
100 95 90 SFDR 120 130
SFDR AND SNR (dBFS)
85
IVDD (mA)
80 75 70 65 60 55 50 SNR
110 2V RANGE 100 1V RANGE
IOVDD (mA)
0
20
40
60
80
SAMPLE RATE (Msps)
LTC2222: SFDR vs Input Level, f IN = 70MHz, 2V Range
100 90 80 dBFS 0 - 10 - 20 - 30
SFDR (dBc AND dBFS)
AMPLITUDE (dB)
60 50 40 30 20 10 0 -60 -50
dBc
- 50 - 60 - 70 - 80 - 90
AMPLITUDE (dB)
70
-40 -30 -20 INPUT LEVELS (dBFS)
LTC2222: 8192 Point FFT, f IN = 30MHz, -1dB, 2V Range
0 - 10 - 20 - 30 0 - 10 - 20 - 30
AMPLITUDE (dB)
AMPLITUDE (dB)
- 50 - 60 - 70 - 80 - 90
- 50 - 60 - 70 - 80 - 90
AMPLITUDE (dB)
- 40
- 100 - 110 - 120 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40
UW
100
2223 G10
LTC2222: IVDD vs Sample Rate, 5MHz Sine Wave Input, -1dB
8
LTC2222: IOVDD vs Sample Rate, 5MHz Sine Wave Input, -1dB,OVDD = 1.8V
6
4
90
2
80 0 20 60 80 40 SAMPLE RATE (Msps) 100
2223 G11
0
0
20
60 80 40 SAMPLE RATE (Msps)
100
2223 G12
LTC2222: 8192 Point FFT, f IN = 5MHz, -1dB, 2V Range
0 - 10 - 20 - 30 - 40 - 50 - 60 - 70 - 80 - 90 - 100 - 110 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40 - 120 0
LTC2222: 8192 Point FFT, f IN = 5MHz, -1dB, 1V Range
- 40
- 100 - 110 - 120 -10 0
2223 G13
5
10
15 20 25 30 FREQUENCY (MHz)
35
40
2223 G14
2223 G15
LTC2222: 8192 Point FFT, f IN = 30MHz, -1dB, 1V Range
0 - 10 - 20 - 30 - 40 - 50 - 60 - 70 - 80 - 90 - 100 - 110 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40 - 120 0
LTC2222: 8192 Point FFT, f IN = 70MHz, -1dB, 2V Range
- 40
- 100 - 110 - 120
5
10
15 20 25 30 FREQUENCY (MHz)
35
40
2223 G16
2223 G17
2223 G18
22223f
7
LTC2222/LTC2223 TYPICAL PERFOR A CE CHARACTERISTICS
LTC2222: 8192 Point FFT, f IN = 70MHz, -1dB, 1V Range
0 -10 -20 -30
AMPLITUDE (dB) AMPLITUDE (dB)
-50 -60 -70 -80 -90
-50 -60 -70 -80 -90
AMPLITUDE (dB)
-40
-100 -110 -120 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40
LTC2222: 8192 Point FFT, f IN = 250MHz, -1dB, 2V Range
0 -10 -20 -30
AMPLITUDE (dB) AMPLITUDE (dB)
-50 -60 -70 -80 -90
-50 -60 -70 -80 -90
AMPLITUDE (dB)
-40
-100 -110 -120 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40
LTC2222: 8192 Point 2-Tone FFT, f IN = 68MHz and 70MHz, -7dB Each, 2V Range
0 -10 -20 -30
AMPLITUDE (dB) AMPLITUDE (dB)
-40 -50 -60 -70 -80 -90
-60 -70 -80 -90
COUNT
-100 -110 -120 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40
8
UW
2223 G19 2223 G22 2223 G25
LTC2222: 8192 Point FFT, f IN = 140MHz, -1dB, 2V Range
0 -10 -20 -30 -40 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40 -120
LTC2222: 8192 Point FFT, f IN = 140MHz, -1dB, 1V Range
-100 -110 -120
0
5
10
2223 G20
15 20 25 30 FREQUENCY (MHz)
35
40
2223 G21
LTC2222: 8192 Point FFT, f IN = 250MHz, -1dB, 1V Range
0 -10 -20 -30 -40 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40 -120
LTC2222: 8192 Point FFT, f IN = 500MHz, -6dB, 1V Range
-100 -110 -120
0
5
10
2223 G23
15 20 25 30 FREQUENCY (MHz)
35
40
2223 G24
LTC2222: 8192 Point 2-Tone FFT, f IN = 138MHz and 140MHz, -7dB Each, 1V Range
0 -10 -20 -30 -40 -50 60000 80000 100000
LTC2222: Noise Histogram
96679
40000 16182 18080
-100 -110 -120 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40
20000 42 2044
0
89 2045 2046 CODE 2047 2048
2223 G27
2223 G26
22223f
LTC2222/LTC2223 TYPICAL PERFOR A CE CHARACTERISTICS
LTC2223: INL, 2V Range
1.0 0.8 0.6 0.4 ERROR (LSB) ERROR (LSB) 0.2 0 - 0.2 - 0.4 - 0.6 - 0.8 - 1.0 0 1024 3072 2048 OUTPUT CODE 4096
2223 G01
0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 1024 3072 2048 OUTPUT CODE 4096
2223 G02
SNR (dBFS)
LTC2223: SNR vs Input Frequency, -1dB, 1V Range
70 69 68 67 SFDR (dBFS) SNR (dBFS) 66 65 64 63 70 62 61 60 0 100 200 300 400 500 600 2223 G04 INPUT FREQUENCY (MHz) 65 60 90 100 95
80 75
SFDR (dBFS)
LTC2223: SFDR (HD4+) vs Input Frequency, -1dB, 2V Range
100 95 90 SFDR (dBFS) SFDR (dBFS) 85 80 75 70 65 60 0 100 200 300 400 500 600 INPUT FREQUENCY (MHz) 2223 G07 100 95
SFDR AND SNR (dBFS)
UW
LTC2223: DNL, 2V Range
1.0 0.8 0.6 0.4 70 69 68 67 66 65 64 63 62 61 60
LTC2223: SNR vs Input Frequency, -1dB, 2V Range
0
100
300 400 500 600 200 2223 G03 INPUT FREQUENCY (MHz)
LTC2223: SFDR (HD2 and HD3) vs Input Frequency, -1dB, 2V Range
100 95 90 85 80 75 70 65 0 100 200 300 400 500 600 2223 G05 INPUT FREQUENCY (MHz) 60
LTC2223: SFDR (HD2 and HD3) vs Input Frequency, -1dB, 1V Range
85
0
100
200 300 400 500 600 2223 G06 INPUT FREQUENCY (MHz)
LTC2223: SFDR (HD4+) vs Input Frequency, -1dB, 1V Range
100 95 90 90 85 80 75 70 65 60 0 100 200 300 400 500 600 INPUT FREQUENCY (MHz) 2223 G08 85 80 75 70 65 60 55 50
LTC2223: SFDR and SNR vs Sample Rate, 2V Range, fIN = 30MHz, -1dB
SFDR
SNR
0
20
40
60
80
100
2223 G09
SAMPLE RATE (Msps)
22223f
9
LTC2222/LTC2223 TYPICAL PERFOR A CE CHARACTERISTICS
LTC2223: SFDR and SNR vs Sample Rate, 1V Range, fIN = 30MHz, -1dB
100 95 90 SFDR 120 130
SFDR AND SNR (dBFS)
85
IVDD (mA)
80 75 70 65 60 55 50 SNR
110 2V RANGE 100 1V RANGE
IOVDD (mA)
100
2223 G11
0
20
40
60
80
SAMPLE RATE (Msps)
LTC2223: SFDR vs Input Level, f IN = 70MHz, 2V Range
100 90 80 dBFS 0 - 10 - 20 - 30
SFDR (dBc AND dBFS)
AMPLITUDE (dB)
60 50 40 30 20 10 0 -60 -50
dBc
- 50 - 60 - 70 - 80 - 90
AMPLITUDE (dB)
70
-40 -30 -20 INPUT LEVELS (dBFS)
LTC2223: 8192 Point FFT, f IN = 30MHz, -1dB, 2V Range
0 - 10 - 20 - 30 0 - 10 - 20 - 30
AMPLITUDE (dB)
AMPLITUDE (dB)
- 50 - 60 - 70 - 80 - 90
- 50 - 60 - 70 - 80 - 90
AMPLITUDE (dB)
- 40
- 100 - 110 - 120 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40
10
UW
100
2223 G10
LTC2223: IVDD vs Sample Rate, 5MHz Sine Wave Input, -1dB
8
LTC2223: IOVDD vs Sample Rate, 5MHz Sine Wave Input, -1dB,OVDD = 1.8V
6
4
90
2
80 0 20 60 80 40 SAMPLE RATE (Msps)
0
0
20
60 80 40 SAMPLE RATE (Msps)
100
2223 G12
LTC2223: 8192 Point FFT, f IN = 5MHz, -1dB, 2V Range
0 - 10 - 20 - 30 - 40 - 50 - 60 - 70 - 80 - 90 - 100 - 110 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40 - 120
LTC2223: 8192 Point FFT, f IN = 5MHz, -1dB, 1V Range
- 40
- 100 - 110 - 120 -10 0
2223 G13
0
5
10
15 20 25 30 FREQUENCY (MHz)
35
40
2223 G14
2223 G15
LTC2223: 8192 Point FFT, f IN = 30MHz, -1dB, 1V Range
0 - 10 - 20 - 30 - 40 - 50 - 60 - 70 - 80 - 90 - 100 - 110 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40 - 120
LTC2223: 8192 Point FFT, f IN = 70MHz, -1dB, 2V Range
- 40
- 100 - 110 - 120
0
5
10
15 20 25 30 FREQUENCY (MHz)
35
40
2223 G16
2223 G17
2223 G18
22223f
LTC2222/LTC2223 TYPICAL PERFOR A CE CHARACTERISTICS
LTC2223: 8192 Point FFT, f IN = 70MHz, -1dB, 1V Range
0 - 10 - 20 - 30 0 - 10 - 20 - 30
AMPLITUDE (dB)
AMPLITUDE (dB)
- 50 - 60 - 70 - 80 - 90
- 50 - 60 - 70 - 80 - 90
AMPLITUDE (dB)
- 40
- 100 - 110 - 120 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40
LTC2223: 8192 Point FFT, f IN = 250MHz, -1dB, 2V Range
0 - 10 - 20 - 30 0 - 10 - 20 - 30
AMPLITUDE (dB)
AMPLITUDE (dB)
- 50 - 60 - 70 - 80 - 90
- 50 - 60 - 70 - 80 - 90
AMPLITUDE (dB)
- 40
- 100 - 110 - 120 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40
LTC2223: 8192 Point 2-Tone FFT, f IN = 68MHz and 70MHz, -7dB Each, 2V Range
0 - 10 - 20 - 30 0 - 10 - 20 - 30
AMPLITUDE (dB)
AMPLITUDE (dB)
- 40 - 50 - 60 - 70 - 80 - 90
- 60 - 70 - 80 - 90
COUNT
- 100 - 110 - 120 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40
UW
2223 G19 2223 G22 2223 G25
LTC2223: 8192 Point FFT, f IN = 140MHz, -1dB, 2V Range
0 - 10 - 20 - 30 - 40 - 50 - 60 - 70 - 80 - 90 - 100 - 110 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40 - 120
LTC2223: 8192 Point FFT, f IN = 140MHz, -1dB, 1V Range
- 40
- 100 - 110 - 120
0
5
10
2223 G20
15 20 25 30 FREQUENCY (MHz)
35
40
2223 G21
LTC2223: 8192 Point FFT, f IN = 250MHz, -1dB, 1V Range
0 - 10 - 20 - 30 - 40 - 50 - 60 - 70 - 80 - 90 - 100 - 110 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40 - 120
LTC2223: 8192 Point FFT, f IN = 500MHz, -6dB, 1V Range
- 40
- 100 - 110 - 120
0
5
10
2223 G23
15 20 25 30 FREQUENCY (MHz)
35
40
2223 G24
LTC2223: 8192 Point 2-Tone FFT, f IN = 138MHz and 140MHz, -7dB Each, 1V Range
100000
LTC2223: Noise Histogram
96679 80000
- 40 - 50 60000
40000 16182 18080
- 100 - 110 - 120 0 5 10 15 20 25 30 FREQUENCY (MHz) 35 40
20000 42 2044
0
89 2045 2046 CODE 2047 2048
2223 G27
2223 G26
22223f
11
LTC2222/LTC2223
PI FU CTIO S
AIN+ (Pin 1): Positive Differential Analog Input. AIN- (Pin 2): Negative Differential Analog Input. REFHA (Pins 3, 4): ADC High Reference. Bypass to Pins 5, 6 with 0.1F ceramic chip capacitor, to Pins 9, 10 with a 2.2F ceramic capacitor and to ground with a 1F ceramic capacitor. REFLB (Pins 5, 6): ADC Low Reference. Bypass to Pins 3, 4 with 0.1F ceramic chip capacitor. Do not connect to Pins 9, 10. REFHB (Pins 7, 8): ADC High Reference. Bypass to Pins 9, 10 with 0.1F ceramic chip capacitor. Do not connect to Pins 3, 4. REFLA (Pins 9, 10): ADC Low Reference. Bypass to Pins 7, 8 with 0.1F ceramic chip capacitor, to Pins 3, 4 with a 2.2F ceramic capacitor and to ground with a 1F ceramic capacitor. VDD (Pins 11, 12, 14, 46, 47): 3.3V Supply. Bypass to GND with 0.1F ceramic chip capacitors. Adjacent pins can share a bypass capacitor. GND (Pins 13, 15, 45, 48): ADC Power Ground. ENC + (Pin 16): Encode Input. The input is sampled on the positive edge. ENC - (Pin 17): Encode Complement Input. The input is sampled on the negative edge. Bypass to ground with 0.1F ceramic for single-ended ENCODE signal. SHDN (Pin 18): Shutdown Mode Selection Pin. Connecting SHDN to GND and OE to GND results in normal operation with the outputs enabled. Connecting SHDN to GND and OE to VDD results in normal operation with the outputs at high impedance. Connecting SHDN to VDD and OE to GND results in nap mode with the outputs at high impedance. Connecting SHDN to VDD and OE to VDD results in sleep mode with the outputs at high impedance. OE (Pin 19): Output Enable Pin. Refer to SHDN pin function. CLOCKOUT (Pin 20): Data Valid Output. Latch data on the falling edge of CLKOUT. D0 - D11 (Pins 21, 24, 25, 26, 29, 30, 31, 34, 35, 36, 39, 40): Digital Outputs. D11 is the MSB. OGND (Pins 22, 27, 32, 38): Output Driver Ground. OVDD (Pins 23, 28, 33, 37): Positive Supply for the Output Drivers. Bypass to ground with 0.1F ceramic chip capacitors. OF (Pin 41): Over/Under Flow Output. High when an over or under flow has occurred. MODE (Pin 42): Output Format and Clock Duty Cycle Stabilizer Selection Pin. Connecting MODE to 0V selects straight binary output format and turns the clock duty cycle stabilizer off. Connecting MODE to 1/3 VDD selects straight binary output format and turns the clock duty cycle stabilizer on. Connecting MODE to 2/3 VDD selects 2's complement output format and turns the clock duty cycle stabilizer on. Connecting MODE to VDD selects 2's complement output format and turns the clock duty cycle stabilizer off. SENSE (Pin 43): Reference Programming Pin. Connecting SENSE to VCM selects the internal reference and a 0.5V input range. VDD selects the internal reference and a 1V input range. An external reference greater than 0.5V and less than 1V applied to SENSE selects an input range of VSENSE. 1V is the largest valid input range. VCM (Pin 44): 1.6V Output and Input Common Mode Bias. Bypass to ground with 2.2F ceramic chip capacitor. GND (Exposed Pad): ADC Power Ground. The exposed pad on the bottom of the package needs to be soldered to ground.
12
U
U
U
22223f
LTC2222/LTC2223
FUNCTIONAL BLOCK DIAGRA
AIN+ INPUT S/H FIRST PIPELINED ADC STAGE (4 BITS) SECOND PIPELINED ADC STAGE (3 BITS) THIRD PIPELINED ADC STAGE (3 BITS) FOURTH PIPELINED ADC STAGE (3 BITS) FIFTH PIPELINED ADC STAGE (3 BITS)
AIN-
VCM 2.2F
1.6V REFERENCE SHIFT REGISTER AND CORRECTION
RANGE SELECT
REFH SENSE REF BUF
DIFF REF AMP
REFLB REFHA 2.2F 0.1F 1F
Figure 1. Functional Block Diagram
TI I G DIAGRA S
Timing Diagram
tAP ANALOG INPUT N tH tL ENC - ENC + tD D0-D11, OF tC N-5 N-4 N-3 N-2 N-1 N+1 N+2 N+3 N+4
CLOCKOUT
OE t OE DATA OF, D0-D11, CLKOUT t OE
W
REFL INTERNAL CLOCK SIGNALS OVDD OF DIFFERENTIAL INPUT LOW JITTER CLOCK DRIVER CONTROL LOGIC OUTPUT DRIVERS * * * D11 D0 CLKOUT REFLA REFHB ENC+ 0.1F 1F ENC- M0DE SHDN OE
22223 F01
W
U
UW
U
OGND
22223 TD02
22223f
13
LTC2222/LTC2223
APPLICATIO S I FOR ATIO
DYNAMIC PERFORMANCE Signal-to-Noise Plus Distortion Ratio The signal-to-noise plus distortion ratio [S/(N + D)] is the ratio between the RMS amplitude of the fundamental input frequency and the RMS amplitude of all other frequency components at the ADC output. The output is band limited to frequencies above DC to below half the sampling frequency. Signal-to-Noise Ratio The signal-to-noise ratio (SNR) is the ratio between the RMS amplitude of the fundamental input frequency and the RMS amplitude of all other frequency components except the first five harmonics and DC. Total Harmonic Distortion Total harmonic distortion is the ratio of the RMS sum of all harmonics of the input signal to the fundamental itself. The out-of-band harmonics alias into the frequency band between DC and half the sampling frequency. THD is expressed as: THD = 20Log (V2 + V3 + V4 + . . . Vn )/V1 where V1 is the RMS amplitude of the fundamental frequency and V2 through Vn are the amplitudes of the second through nth harmonics. The THD calculated in this data sheet uses all the harmonics up to the fifth. Intermodulation Distortion If the ADC input signal consists of more than one spectral component, the ADC transfer function nonlinearity can produce intermodulation distortion (IMD) in addition to THD. IMD is the change in one sinusoidal input caused by the presence of another sinusoidal input at a different frequency. If two pure sine waves of frequencies fa and fb are applied to the ADC input, nonlinearities in the ADC transfer function can create distortion products at the sum and difference frequencies of mfa nfb, where m and n = 0, 1, 2, 3, etc. The 3rd order intermodulation products are 2fa + fb, 2fb + fa, 2fa - fb and 2fb - fa. The intermodulation distortion is defined as the ratio of the RMS value of either
2 2 2 2
14
U
input tone to the RMS value of the largest 3rd order intermodulation product. Spurious Free Dynamic Range (SFDR) Spurious free dynamic range is the peak harmonic or spurious noise that is the largest spectral component excluding the input signal and DC. This value is expressed in decibels relative to the RMS value of a full scale input signal. Input Bandwidth The input bandwidth is that input frequency at which the amplitude of the reconstructed fundamental is reduced by 3dB for a full scale input signal. Aperture Delay Time The time from when a rising ENC+ equals the ENC- voltage to the instant that the input signal is held by the sample and hold circuit. Aperture Delay Jitter The variation in the aperture delay time from conversion to conversion. This random variation will result in noise when sampling an AC input. The signal to noise ratio due to the jitter alone will be: SNRJITTER = -20log (2pi) * fIN * tJITTER CONVERTER OPERATION As shown in Figure 1, the LTC2222/LTC2223 is a CMOS pipelined multistep converter. The converter has five pipelined ADC stages; a sampled analog input will result in a digitized value five cycles later (see the Timing Diagram section). For optimal AC performance the analog inputs should be driven differentially. For cost sensitive applications, the analog inputs can be driven single-ended with slightly worse harmonic distortion. The encode input is differential for improved common mode noise immunity. The LTC2222/LTC2223 has two phases of operation, determined by the state of the differential ENC+/ENC- input pins. For brevity, the text will refer to ENC+ greater than ENC- as ENC high and ENC+ less than ENC- as ENC low.
22223f
W
UU
LTC2222/LTC2223
APPLICATIO S I FOR ATIO
Each pipelined stage shown in Figure 1 contains an ADC, a reconstruction DAC and an interstage residue amplifier. In operation, the ADC quantizes the input to the stage and the quantized value is subtracted from the input by the DAC to produce a residue. The residue is amplified and output by the residue amplifier. Successive stages operate out of phase so that when the odd stages are outputting their residue, the even stages are acquiring that residue and vice versa. When ENC is low, the analog input is sampled differentially directly onto the input sample-and-hold capacitors, inside the "Input S/H" shown in the block diagram. At the instant that ENC transitions from low to high, the sampled input is held. While ENC is high, the held input voltage is buffered by the S/H amplifier which drives the first pipelined ADC stage. The first stage acquires the output of the S/H during this high phase of ENC. When ENC goes back low, the first stage produces its residue which is acquired by the second stage. At the same time, the input S/H goes back to acquiring the analog input. When ENC goes back high, the second stage produces its residue which is acquired by the third stage. An identical process is repeated for the third and fourth stages, resulting in a fourth stage residue that is sent to the fifth stage ADC for final evaluation. Each ADC stage following the first has additional range to accommodate flash and amplifier offset errors. Results from all of the ADC stages are digitally synchronized such that the results can be properly combined in the correction logic before being sent to the output buffer. SAMPLE/HOLD OPERATION AND INPUT DRIVE Sample/Hold Operation Figure 2 shows an equivalent circuit for the LTC2222/ LTC2223 CMOS differential sample-and-hold. The analog inputs are connected to the sampling capacitors (CSAMPLE) through NMOS transistors. The capacitors shown attached to each input (CPARASITIC) are the summation of all other capacitance associated with each input. During the sample phase when ENC is low, the transistors connect the analog inputs to the sampling capacitors and
U
they charge to, and track the differential input voltage. When ENC transitions from low to high, the sampled input voltage is held on the sampling capacitors. During the hold phase when ENC is high, the sampling capacitors are disconnected from the input and the held voltage is passed to the ADC core for processing. As ENC transitions from high to low, the inputs are reconnected to the sampling capacitors to acquire a new sample. Since the sampling capacitors still hold the previous sample, a charging glitch proportional to the change in voltage between samples will be seen at this time. If the change between the last sample and the new sample is small, the charging glitch seen at the input will be small. If the input change is large, such as the change seen with input frequencies near Nyquist, then a larger charging glitch will be seen.
LTC2222/LTC2223 VDD 15 CPARASITIC 1pF CSAMPLE 1.6pF CPARASITIC 1pF VDD CSAMPLE 1.6pF AIN+ VDD 15 AIN- 1.6V 6k ENC+ ENC- 6k 1.6V
22223 F02
W
U
U
Figure 2. Equivalent Input Circuit
Single-Ended Input For cost sensitive applications, the analog inputs can be driven single-ended. With a single-ended input the harmonic distortion and INL will degrade, but the SNR and DNL will remain unchanged. For a single-ended input, AIN+ should be driven with the input signal and AIN- should be connected to 1.6V or VCM.
22223f
15
LTC2222/LTC2223
APPLICATIO S I FOR ATIO
Common Mode Bias For optimal performance the analog inputs should be driven differentially. Each input should swing 0.5V for the 2V range or 0.25V for the 1V range, around a common mode voltage of 1.6V. The VCM output pin (Pin 60) may be used to provide the common mode bias level. VCM can be tied directly to the center tap of a transformer to set the DC input level or as a reference level to an op amp differential driver circuit. The VCM pin must be bypassed to ground close to the ADC with a 2.2F or greater capacitor. Input Drive Impedance As with all high performance, high speed ADCs, the dynamic performance of the LTC2222/LTC2223 can be influenced by the input drive circuitry, particularly the second and third harmonics. Source impedance and input reactance can influence SFDR. At the falling edge of ENC, the sample-and-hold circuit will connect the 1.6pF sampling capacitor to the input pin and start the sampling period. The sampling period ends when ENC rises, holding the sampled input on the sampling capacitor. Ideally the input circuitry should be fast enough to fully charge the sampling capacitor during the sampling period 1/(2FENCODE); however, this is not always possible and the incomplete settling may degrade the SFDR. The sampling glitch has been designed to be as linear as possible to minimize the effects of incomplete settling. For the best performance, it is recommended to have a source impedance of 100 or less for each input. The source impedance should be matched for the differential inputs. Poor matching will result in higher even order harmonics, especially the second. Input Drive Circuits Figure 3 shows the LTC2222/LTC2223 being driven by an RF transformer with a center tapped secondary. The secondary center tap is DC biased with VCM, setting the ADC input signal at its optimum DC level. Figure 3 shows a 1:1 turns ratio transformer. Other turns ratios can be used if the source impedance seen by the ADC does not exceed 100 for each ADC input. A disadvantage of using a transformer is the loss of low frequency response. Most small RF transformers have poor performance at frequencies below 1MHz.
0.1F ANALOG INPUT T1 1:1 25 25 25 0.1F
16
U
VCM 2.2F AIN+ AIN+ 12pF 25 AIN- AIN-
22223 F03
W
UU
LTC2222/23
T1 = MA/COM ETC1-1T RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
Figure 3. Single-Ended to Differential Conversion Using a Transformer
Figure 4 demonstrates the use of a differential amplifier to convert a single ended input signal into a differential input signal. The advantage of this method is that it provides low frequency input response; however, the limited gain bandwidth of most op amps will limit the SFDR at high input frequencies. Figure 5 shows a single-ended input circuit. The impedance seen by the analog inputs should be matched. This circuit is not recommended if low distortion is required.
VCM HIGH SPEED DIFFERENTIAL 25 AMPLIFIER ANALOG INPUT 2.2F AIN+ AIN+ 12pF AIN- AIN- AMPLIFIER = LTC6600-20, AD8138, ETC.
22223 F04
LTC2222/23
+
CM
+ -
25
-
Figure 4. Differential Drive with an Amplifier
VCM 10k 0.1F ANALOG INPUT 10k 25 2.2F AIN+ AIN+ 12pF 25 0.1F AIN- AIN-
22223 F05
LTC2222/23
Figure 5. Single-Ended Drive
The 25 resistors and 12pF capacitor on the analog inputs serve two purposes: isolating the drive circuitry from the sample-and-hold charging glitches and limiting the
22223f
LTC2222/LTC2223
APPLICATIO S I FOR ATIO
wideband noise at the converter input. For input frequencies higher than 100MHz, the capacitor may need to be decreased to prevent excessive signal loss. The AIN+ and AIN- inputs each have two pins to reduce package inductance. The two AIN+ and the two AIN- pins should be shorted together. For input frequencies above 100MHz the input circuits of Figure 6, 7 and 8 are recommended. The balun transformer gives better high frequency response than a flux coupled center tapped transformer. The coupling capacitors allow the analog inputs to be DC biased at 1.6V. In Figure 8 the series inductors are impedance matching elements that maximize the ADC bandwidth.
VCM 2.2F 0.1F ANALOG INPUT 25 T1 0.1F 25 12 12 0.1F AIN+ AIN+ 8pF AIN- AIN- T1 = MA/COM ETC1-1-13 RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
22223 F06
LTC2222/23
Figure 6. Recommended Front End Circuit for Input Frequencies Between 100MHz and 250MHz
VCM 2.2F 0.1F ANALOG INPUT 25 T1 0.1F 25 AIN- AIN- T1 = MA/COM ETC1-1-13 RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
22223 F07
AIN+ 0.1F AIN+
LTC2222/23
1.6V VCM 2.2F
Figure 7. Recommended Front End Circuit for Input Frequencies Between 250MHz and 500MHz
VCM 2.2F 0.1F ANALOG INPUT 25 T1 0.1F 25 4.7nH 4.7nH 0.1F AIN+ AIN+ 2pF AIN- AIN- T1 = MA/COM ETC1-1-13 RESISTORS, CAPACITORS, INDUCTORS ARE 0402 PACKAGE SIZE
22223 F08
LTC2222/23
Figure 8. Recommended Front End Circuit for Input Frequencies Above 500MHz
U
Reference Operation Figure 9 shows the LTC2222/LTC2223 reference circuitry consisting of a 1.6V bandgap reference, a difference amplifier and switching and control circuit. The internal voltage reference can be configured for two pin selectable input ranges of 2V (1V differential) or 1V (0.5V differential). Tying the SENSE pin to VDD selects the 2V range; typing the SENSE pin to VCM selects the 1V range. The 1.6V bandgap reference serves two functions: its output provides a DC bias point for setting the common mode voltage of any external input circuitry; additionally, the reference is used with a difference amplifier to generate the differential reference levels needed by the internal ADC circuitry. An external bypass capacitor is required for the 1.6V reference output, VCM. This provides a high frequency low impedance path to ground for internal and external circuitry. The difference amplifier generates the high and low reference for the ADC. High speed switching circuits are connected to these outputs and they must be externally bypassed. Each output has four pins: two each of REFHA and REFHB for the high reference and two each of REFLA and REFLB for the low reference. The multiple output pins are needed to reduce package inductance. Bypass capacitors must be connected as shown in Figure 9.
LTC2222/LTC2223 4 1.6V BANDGAP REFERENCE 1V RANGE DETECT AND CONTROL SENSE REFLB 0.1F REFHA BUFFER INTERNAL ADC HIGH REFERENCE 0.5V TIE TO VDD FOR 2V RANGE; TIE TO VCM FOR 1V RANGE; RANGE = 2 * VSENSE FOR 0.5V < VSENSE < 1V 1F 2.2F DIFF AMP 1F REFLA 0.1F REFHB INTERNAL ADC LOW REFERENCE
22223 F09
W
UU
Figure 9. Equivalent Reference Circuit
22223f
17
LTC2222/LTC2223
APPLICATIO S I FOR ATIO
Other voltage ranges in between the pin selectable ranges can be programmed with two external resistors as shown in Figure 10. An external reference can be used by applying its output directly or through a resistor divider to SENSE. It is not recommended to drive the SENSE pin with a logic device. The SENSE pin should be tied to the appropriate level as close to the converter as possible. If the SENSE pin is driven externally, it should be bypassed to ground as close to the device as possible with a 1F ceramic capacitor.
1.6V VCM
2.2F 12k 0.8V 12k SENSE 1F LTC2222/ LTC2223
22223 F10
Figure 10. 1.6V Range ADC
Input Range The input range can be set based on the application. The 2V input range will provide the best signal-to-noise performance while maintaining excellent SFDR. The 1V input range will have better SFDR performance, but the SNR will degrade by 5dB. See the Typical Performance Characteristics section. Driving the Encode Inputs The noise performance of the LTC2222/LTC2223 can depend on the encode signal quality as much as on the analog input. The ENC+/ENC- inputs are intended to be driven differentially, primarily for noise immunity from common mode noise sources. Each input is biased through a 6k resistor to a 1.6V bias. The bias resistors set the DC operating point for transformer coupled drive circuits and can set the logic threshold for single-ended drive circuits. Any noise present on the encode signal will result in additional aperture jitter that will be RMS summed with the inherent ADC aperture jitter. In applications where jitter is critical (high input frequencies) take the following into consideration: 1. Differential drive should be used.
18
U
2. Use as large an amplitude as possible; if transformer coupled use a higher turns ratio to increase the amplitude. 3. If the ADC is clocked with a sinusoidal signal, filter the encode signal to reduce wideband noise. 4. Balance the capacitance and series resistance at both encode inputs so that any coupled noise will appear at both inputs as common mode noise. The encode inputs have a common mode range of 1.1V to 2.5V. Each input may be driven from ground to VDD for single-ended drive.
LTC2222/LTC2223 VDD TO INTERNAL ADC CIRCUITS 1.6V BIAS 6k ENC+ 0.1F CLOCK INPUT 50 1:4 VDD 1.6V BIAS 6k ENC- VDD
22223 F11
W
UU
Figure 11. Transformer Driven ENC+/ENC-
Maximum and Minimum Encode Rates The maximum encode rate for the LTC2222/LTC2223 is 105Msps (LTC2222) and 80Msps (LTC2223). For the ADC to operate properly, the encode signal should have a 50% (5%) duty cycle. Each half cycle must have at least 4.5ns (LTC2222) or 5.9ns (LTC2223) for the ADC internal circuitry to have enough settling time for proper operation. Achieving a precise 50% duty cycle is easy with differential sinusoidal drive using a transformer or using symmetric differential logic such as PECL or LVDS. An optional clock duty cycle stabilizer circuit can be used if the input clock has a non 50% duty cycle. This circuit uses the rising edge of the ENC+ pin to sample the analog input. The falling edge of ENC+ is ignored and the internal falling edge is generated by a phase-locked loop. The input clock duty cycle can vary from 20% to 80% and the clock
22223f
LTC2222/LTC2223
APPLICATIO S I FOR ATIO
duty cycle stabilizer will maintain a constant 50% internal duty cycle. If the clock is turned off for a long period of time, the duty cycle stabilizer circuit will require a hundred clock cycles for the PLL to lock onto the input clock. To use the clock duty cycle stabilizer, the MODE pin should be connected to 1/3VDD or 2/3VDD using external resistors. The lower limit of the LTC2222/LTC2223 sample rate is determined by droop of the sample-and-hold circuits. The pipelined architecture of this ADC relies on storing analog signals on small valued capacitors. Junction leakage will discharge the capacitors. The specified minimum operating frequency for the LTC2222/LTC2223 is 1Msps.
VTHRESHOLD = 1.6V ENC+ 1.6V ENC- 0.1F
22223 F09a
LTC2222/ LTC2223
Figure 12a. Single-Ended ENC Drive, Not Recommended for Low Jitter
3.3V MC100LVELT22 3.3V 130 Q0 130 ENC+
-
D0
Q0 83
ENC
LTC2222/ LTC2223
83
22223 F09b
Figure 12b. ENC Drive Using a CMOS to PECL Translator
DIGITAL OUTPUTS Digital Output Buffers Figure 13 shows an equivalent circuit for a single output buffer. Each buffer is powered by OVDD and OGND, isolated from the ADC power and ground. The additional N-channel transistor in the output driver allows operation down to low voltages. The internal resistor in series with the output makes the output appear as 50 to external circuitry and may eliminate the need for external damping resistors.
U
As with all high speed/high resolution converters, the digital output loading can affect the performance. The digital outputs of the LTC2222/LTC2223 should drive a minimal capacitive load to avoid possible interaction between the digital outputs and sensitive input circuitry. The output should be buffered with a device such as an ALVCH16373 CMOS latch. For full speed operation the capacitive load should be kept under 10pF. Lower OVDD voltages will also help reduce interference from the digital outputs.
LTC2222/LTC2223 OVDD VDD VDD 0.5V TO VDD 0.1F OVDD DATA FROM LATCH OE OGND PREDRIVER LOGIC 43 TYPICAL DATA OUTPUT
22223 F10
W
UU
Figure 13. Digital Output Buffer
Data Format The LTC2222/LTC2223 parallel digital output can be selected for offset binary or 2's complement format. The format is selected with the MODE pin. Connecting MODE to GND or 1/3VDD selects straight binary output format. Connecting MODE to 2/3VDD or VDD selects 2's complement output format. An external resistor divider can be used to set the 1/3VDD or 2/3VDD logic values. Table 1 shows the logic states for the MODE pin.
Table 1. MODE Pin Function
MODE Pin 0 1/3VDD 2/3VDD VDD Output Format Straight Binary Straight Binary 2's Complement 2's Complement Clock Duty Cycle Stablizer Off On On Off
22223f
19
LTC2222/LTC2223
APPLICATIO S I FOR ATIO
Overflow Bit
When OF outputs a logic high the converter is either overranged or underranged. Output Clock The ADC has a delayed version of the ENC+ input available as a digital output, CLKOUT. The CLKOUT pin can be used to synchronize the converter data to the digital system. This is necessary when using a sinusoidal encode. Data will be updated just after CLKOUT rises and can be latched on the falling edge of CLKOUT. Output Driver Power Separate output power and ground pins allow the output drivers to be isolated from the analog circuitry. The power supply for the digital output buffers, OVDD, should be tied to the same power supply as for the logic being driven. For example if the converter is driving a DSP powered by a 1.8V supply then OVDD should be tied to that same 1.8V supply. OVDD can be powered with any voltage up to the VDD of the part. OGND can be powered with any voltage from GND up to 1V and must be less than OVDD. The logic outputs will swing between OGND and OVDD. Output Enable The outputs may be disabled with the output enable pin, OE. OE high disables all data outputs including OF and CLKOUT. The data access and bus relinquish times are too slow to allow the outputs to be enabled and disabled during full speed operation. The output Hi-Z state is intended for use during long periods of inactivity. Sleep and Nap Modes The converter may be placed in shutdown or nap modes to conserve power. Connecting SHDN to GND results in normal operation. Connecting SHDN to VDD and OE to VDD results in sleep mode, which powers down all circuitry including the reference and typically dissipates 1mW. When exiting sleep mode it will take milliseconds for the output data to become valid because the reference capacitors have to recharge and stabilize. Connecting SHDN to VDD and OE
20
U
to GND results in nap mode, which typically dissipates 35mW. In nap mode, the on-chip reference circuit is kept on, so that recovery from nap mode is faster than that from sleep mode, typically taking 100 clock cycles. In both sleep and nap mode all digital outputs are disabled and enter the Hi-Z state. GROUNDING AND BYPASSING The LTC2222/LTC2223 requires a printed circuit board with a clean unbroken ground plane. A multilayer board with an internal ground plane is recommended. Layout for the printed circuit board should ensure that digital and analog signal lines are separated as much as possible. In particular, care should be taken not to run any digital track alongside an analog signal track or underneath the ADC. High quality ceramic bypass capacitors should be used at the VDD, OVDD, VCM, REFHA, REFHB, REFLA and REFLB pins as shown in the block diagram on the front page of this data sheet. Bypass capacitors must be located as close to the pins as possible. Of particular importance are the capacitors between REFHA and REFLB and between REFHB and REFLA. These capacitors should be as close to the device as possible (1.5mm or less). Size 0402 ceramic capacitors are recommended. The 2.2F capacitor between REFHA and REFLA can be somewhat further away. The traces connecting the pins and bypass capacitors must be kept short and should be made as wide as possible. The LTC2222/LTC2223 differential inputs should run parallel and close to each other. The input traces should be as short as possible to minimize capacitance and to minimize noise pickup. HEAT TRANSFER Most of the heat generated by the LTC2222/LTC2223 is transferred from the die through the bottom-side exposed pad and package leads onto the printed circuit board. For good electrical and thermal performance, the exposed pad should be soldered to a large grounded pad on the PC board. It is critical that all ground pins are connected to a ground plane of sufficient area.
22223f
W
U
U
LTC2222/LTC2223
APPLICATIO S I FOR ATIO U
VCC CLKOUT JP1 U3 CLKOUT VCC
R19 OPT ANALOG INPUT J1
C1 0.1F
R1* T1* R2 24.9 C2* R4 24.9
C3 0.1F VCM R5 1k C4 0.1F
R6* 1 2 3 4 13 C5 1F C6 0.1F 15 5
U1 LTC2222* 20 AIN+ CLKOUT 21 AIN- D0 24 REFHA D1 25 REFHA D2 26 GND D3 29 GND D4 30 REFLB D5 31 REFLB D6 34 REFHB D7 35 REFHB D8 36 REFLA D9 39 REFLA D10 40 VDD D11 41 VDD OF 37 VDD OVDD 33 VDD OVDD 28 VDD OVDD 23 ENC+ OVDD 38 - ENC OGND 32 SHDN OGND 27 OEL OGND 22 VCM OGND 48 SENSE GND 45 MODE GND GND 49
C7 2.2F
6 7 8 C8 1F C9 0.1F 9 10
VDD
VDD
46 47 11 12 14 CLK SHDN C11 33pF CLK JP2 GND C13 0.1F C15 2.2F 16 17 18 19 44 43 42
C10 0.1F C12 0.1F
VDD
JP3 SENSE VDD VDD VCM VCM EXT REF EXT REF R13 1k R14 1k C22 0.1F VCC R12 1k VDD
JP4 MODE VDD
2/3VDD
1/3VDD C24 0.1F C20 0.1F
GND
C27 10F 6.3V
R17 105k R18 100k
U6 (2.5V) 1 LT1763 8 OUT IN 2 7 ADJ GND 3 6 GND GND 4 5 BYP SHDN C28 0.01F
VDD ENCODE INPUT
C23 J3 0.1F R16 100
C34 1F
W
UU
Evaluation Circuit Schematic of the LTC2222
34 45
VCC
GND GND GND VCC 2LE 1LE 2OE 1OE 1D1 1D2 1D3 1D4 1D5 1D6 1D7 1D8 2D1 2D2 2D3 2D4 2D5 2D6 2D7 2D8
GND VCC GND GND VCC GND GND VCC 1Q1 1Q2 1Q3 1Q4 1Q5 1Q6 1Q7 1Q8 2Q1 2Q2 2Q3
28 31 21 15 18 10 4 7 2 3 5 6 8 9 11 12 13 14 16 17
RN1D 33 RN1C 33 RN1B 33 RN1A 33 RN2D 33 RN2C 33 RN2B 33 RN2A 33 RN3D 33 RN3C 33 RN3B 33 RN3A 33 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 C33 0.1F 1 2 U2 5 NC7SV865X 4 3 R3 33
39 42 25 48 24 1 47 46 44 43 41 40 38 37 36 35 33 32 30 29 27 26
39 37 35 33 31 29 27 25 23 21 19 17 15 13 11 9 7 5 3
C17 0.1F U4
40 38 36 34 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2
3201S-40G1
2Q4
19
2Q5
20
2Q6 2Q7 2Q8
22 23
PI74VCX16373A VCC U5 4 NC7SV865X 3 5 1 2 C16 0.1F
1
R10 10k R9 10k R8 10k
1 A0 2 A1 3 A2 4 A3
8 VCC 7 WP 6 SCL 5 SDA
24LC025 VDD GND C25 4.7F PWR GND VDD 3.3V VCC C29 0.1F C30 0.1F C31 0.1F C32 0.1F
C21 0.1F
Assembly Type DC751A-A
VCC
U1 LTC2222 LTC2223 LTC2232 LTC2233 LTC2222 LTC2223 LTC2232 LTC2233
R1, R6 24.9 24.9 24.9 24.9 12.4 12.4 12.4 12.4
C2 12pF 12pF 12pF 12pF 8.2pF 8.2pF 8.2pF 8.2pF
T1 ETC1-1T ETC1-1T ETC1-1T ETC1-1T ETC1-1-13 ETC1-1-13 ETC1-1-13 ETC1-1-13
22223f
C19 0.1F
DC751A-B DC751A-C DC751A-D
CLK
C18 0.1F T2 ETC1-1T
DC751A-E DC751A-F DC751A-G DC751A-H *Version Type
R15 100 CLK C26 0.1F
21
LTC2222/LTC2223
APPLICATIO S I FOR ATIO U
Silkscreen Top Layer 2 GND Plane Layer 4 Bottom Side
22223f
Layer 1 Component Side
Layer 3 Power Plane
22
W
UU
LTC2222/LTC2223
PACKAGE DESCRIPTIO U
UK Package 48-Lead Plastic QFN (7mm x 7mm)
(Reference LTC DWG # 05-08-1704)
0.70 0.05 5.15 0.05 6.10 0.05 7.50 0.05 (4 SIDES) NOTE: 1. DRAWING CONFORMS TO JEDEC PACKAGE OUTLINE MO-220 VARIATION (WKKD-2) 2. ALL DIMENSIONS ARE IN MILLIMETERS 3. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE, IF PRESENT 4. EXPOSED PAD SHALL BE SOLDER PLATED 5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE PACKAGE OUTLINE 0.25 0.05 0.50 BSC RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS 7.00 0.10 (4 SIDES) 0.75 0.05 R = 0.115 TYP 47 48 0.40 0.10 1 PIN 1 CHAMFER 2 5.15 0.10 (4-SIDES)
(UK48) QFN 0903
PIN 1 TOP MARK (SEE NOTE 5)
0.200 REF 0.00 - 0.05
0.25 0.05 0.50 BSC BOTTOM VIEW--EXPOSED PAD
22223f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
23
LTC2222/LTC2223
RELATED PARTS
PART NUMBER LTC1741 LTC1742 LTC1743 LTC1744 LTC1745 LTC1746 LTC1747 LTC1748 LTC1749 LTC1750 LTC2220 LTC2221 LTC2224 LTC2230 LTC2231 LTC2232 LTC2233 LTC2234 LT5512 LT5514 LT5515 LT5516 LT5517 LT5522 DESCRIPTION 12-Bit, 65Msps ADC 14-Bit, 65Msps ADC 12-Bit, 50Msps ADC 14-Bit, 50Msps ADC 12-Bit, 25Msps ADC 14-Bit, 25Msps ADC 12-Bit, 80Msps ADC 14-Bit, 80Msps ADC 12-Bit, 80Msps Wideband ADC 14-Bit, 80Msps Wideband ADC 12-Bit, 170Msps ADC 12-Bit, 135Msps ADC 12-Bit, 135Msps ADC 10-Bit, 170Msps ADC 10-Bit, 135Msps ADC 10-Bit, 105Msps ADC 10-Bit, 80Msps ADC 10-Bit, 135Msps ADC DC-3GHz High Signal Level Downconverting Mixer Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain 1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator 0.8GHz to 1.5GHz Direct Conversion Quadrature Demodulator 40MHz to 900MHz Direct Conversion Quadrature Demodulator 600MHz to 2.7GHz High Linearity Downconverting Mixer COMMENTS 72dB SNR, 87dB SFDR, 48-Pin TSSOP Package 76.5dB SNR, 90dB SFDR, 48-Pin TSSOP Package 72.5dB SNR, 90dB SFDR, 48-Pin TSSOP Package 77dB SNR, 90dB SFDR, 48-Pin TSSOP Package 72.5dB SNR, 380mW, 48-Pin TSSOP Package 77.5dB SNR, 390mW, 48-Pin TSSOP Package 72dB SNR, 87dB SFDR, 48-Pin TSSOP Package 76.3dB SNR, 90dB SFDR, 48-Pin TSSOP Package Up to 500MHz IF Undersampling, 87dB SFDR Up to 500MHz IF Undersampling, 90dB SFDR 890mW, 67.5dB SNR, 9mm x 9mm QFN Package 660mW, 67.5dB SNR, 9mm x 9mm QFN Package 660mW, 67.5dB SNR, 7mm x 7mm QFN Package 890mW, 61dB SNR, 9mm x 9mm QFN Package 660mW, 61dB SNR, 9mm x 9mm QFN Package 475mW, 61dB SNR, 7mm x 7mm QFN Package 366mW, 61dB SNR, 7mm x 7mm QFN Package 660mW, 61dB SNR, 7mm x 7mm QFN Package DC to 3GHz, 21dBm IIP3, Integrated LO Buffer 450MHz 1dB BW, 47dB OIP3, Digital Gain Control 10.5dB to 33dB in 1.5dB/Step 20dBm IIP3, Integrated LO Quadrature Generator 21.5dBm IIP3, Integrated LO Quadrature Generator 21dBm IIP3, Integrated LO Quadrature Generator 4.5V to 5.25V Supply, 25dBm IIP3 at 900MHz, NF = 12.5dB, 500 Single-Ended RF and LO Ports
22223f
24
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507
LT/TP 0804 1K * PRINTED IN USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2004


▲Up To Search▲   

 
Price & Availability of LTC2222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X