Part Number Hot Search : 
V20X40 TDA725 TC114T DM74AS74 BAV19 AN238 0ETTTS XC4000E
Product Description
Full Text Search
 

To Download IRGPC30MD2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 9.1082
IRGPC30MD2
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Features
* Short circuit rated -10s @125C, VGE = 15V * Switching-loss rating includes all "tail" losses * HEXFREDTM soft ultrafast diodes * Optimized for medium operating frequency ( 1 to 10kHz) See Fig. 1 for Current vs. Frequency curve
C
Short Circuit Rated Fast CoPack IGBT
VCES = 600V VCE(sat) 2.9V
G
@VGE = 15V, IC = 16A
E
n-channel
Description
Co-packaged IGBTs are a natural extension of International Rectifier's well known IGBT line. They provide the convenience of an IGBT and an ultrafast recovery diode in one package, resulting in substantial benefits to a host of high-voltage, high-current, applications. These new short circuit rated devices are especially suited for motor control and other applications requiring short circuit withstand capability.
Absolute Maximum Ratings
Parameter
VCES IC @ TC = 25C IC @ TC = 100C I CM ILM IF @ TC = 100C IFM tsc VGE PD @ TC = 25C PD @ TC = 100C TJ TSTG Collector-to-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Clamped Inductive Load Current Diode Continuous Forward Current Diode Maximum Forward Current Short Circuit Withstand Time Gate-to-Emitter Voltage Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 sec. Mounting Torque, 6-32 or M3 Screw.
TO -2 4 7 AC
Max.
600 26 16 52 52 12 52 10 20 100 42 -55 to +150 300 (0.063 in. (1.6mm) from case) 10 lbf*in (1.1 N*m)
Units
V
A
s V W
C
Thermal Resistance
Parameter
RJC RJC RCS RJA Wt Junction-to-Case - IGBT Junction-to-Case - Diode Case-to-Sink, flat, greased surface Junction-to-Ambient, typical socket mount Weight
Min.
-------------------------
Typ.
----------0.24 ----6 (0.21)
Max.
1.2 2.5 -----40 ------
Units
C/W
g (oz)
IRGPC30MD2
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Min. Collector-to-Emitter Breakdown Voltage 600 V(BR)CES /T J Temperature Coeff. of Breakdown Voltage---Collector-to-Emitter Saturation Voltage ---VCE(on) ------VGE(th) Gate Threshold Voltage 3.0 V GE(th)/TJ Temperature Coeff. of Threshold Voltage ---Forward Transconductance 3.3 gfe Zero Gate Voltage Collector Current ---ICES ---V FM Diode Forward Voltage Drop ------Gate-to-Emitter Leakage Current ---IGES V(BR)CES Typ. ---0.65 1.9 2.7 2.2 ----12 6.5 ------1.4 1.3 ---Max. Units Conditions ---V VGE = 0V, IC = 250A ---- V/C VGE = 0V, IC = 1.0mA 2.9 IC = 16A VGE = 15V See Fig. 2, 5 ---V IC = 26A ---IC = 16A, TJ = 150C 5.5 VCE = VGE, IC = 250A ---- mV/C VCE = VGE, IC = 250A ---S VCE = 100V, IC = 16A 250 A VGE = 0V, VCE = 600V 2500 VGE = 0V, VCE = 600V, TJ = 150C 1.7 V IC = 12A See Fig. 13 1.6 IC = 12A, TJ = 150C 100 nA VGE = 20V
Switching Characteristics @ TJ = 25C (unless otherwise specified)
Max. Units Conditions 53 IC = 16A 11 nC VCC = 400V 21 See Fig. 8 ---TJ = 25C ---ns IC = 16A, VCC = 480V 500 VGE = 15V, RG = 23 470 Energy losses include "tail" and ---diode reverse recovery. ---mJ See Fig. 9, 10, 11, 18 5.4 ---s VCC = 360V, TJ = 125C VGE = 15V, RG = 23, VCPK < 500V Turn-On Delay Time ---66 ---TJ = 150C, See Fig. 9, 10, 11, 18 t d(on) Rise Time ---- 120 ---ns IC = 14A, VCC = 480V tr t d(off) Turn-Off Delay Time ---- 580 ---VGE = 15V, RG = 23 Fall Time ---- 630 ---Energy losses include "tail" and tf Total Switching Loss ---- 5.7 ---mJ diode reverse recovery. Ets Internal Emitter Inductance ---13 ---nH Measured 5mm from package LE Input Capacitance ---- 750 ---VGE = 0V Cies Coes Output Capacitance ---- 110 ---pF VCC = 30V See Fig. 7 Reverse Transfer Capacitance ---- 9.3 --- = 1.0MHz Cres Diode Reverse Recovery Time ---42 60 ns TJ = 25C See Fig. t rr ---80 120 TJ = 125C 14 IF = 12A Diode Peak Reverse Recovery Current ---- 3.5 6.0 A TJ = 25C See Fig. Irr ---- 5.6 10 TJ = 125C 15 VR = 200V Diode Reverse Recovery Charge ---80 180 nC TJ = 25C See Fig. Q rr ---- 220 600 TJ = 125C 16 di/dt = 200A/ 180 s di(rec)M/dtDiode Peak Rate of Fall of Recovery ------A/s TJ = 25C See Fig. During t b ---120 Notes: ---TJ = 125CCC=80%(VCES), VGE=20V, L=10H, 17 V Pulse width 5.0s, RG= 23, ( See fig. 19 ) single shot. Repetitive rating; VGE=20V, pulse width limited by max. junction temperature. ( See fig. 20 ) Pulse width 80s; duty factor 0.1%. Qg Qge Q gc t d(on) tr t d(off) tf Eon Eoff Ets tsc Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Short Circuit Withstand Time Min. ------------------------------10 Typ. 35 7.4 14 68 130 330 310 1.5 2.1 3.6 ----
IRGPC30MD2
16 Duty cycle: 50% TJ = 125C Tsink = 90C Gate drive as specified Turn-on losses include effects of reverse recovery Power Dissipation = 21W
12
Load Current (A)
8
60% of rated voltage
4
0 0.1 1 10
A
100
f, Frequency (kHz)
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
100
100
I C , Collector-to-Emitter Current (A)
T = 25C J
10
TJ = 150C
IC , Collector-to-Emitter Current (A)
TJ = 150C
10
TJ = 25C
1
0.1 0.1 1
VGE = 15V 20s PULSE WIDTH A
10
1 5 10
VCC = 100V 5s PULSE WIDTH A
15 20
V CE , Collector-to-Emitter Voltage (V)
VGE, Gate-to-Emitter Voltage (V)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
IRGPC30MD2
30
25
VCE , Collector-to-Emitter Voltage (V)
Maximum DC Collector Current (A)
VGE = 15V
5.0
VGE = 15V 80s PULSE WIDTH I C = 32A
4.0
20
3.0
15
I C = 16A
2.0
10
I C = 8.0A
1.0
5
0 25 50 75 100 125
A
150
0.0 -60
A
-40 -20 0 20 40 60 80 100 120 140 160
TC , Case Temperature (C)
TC, Case Temperature (C)
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Collector-to-Emitter Voltage vs. Case Temperature
10
Thermal Response (Z thJC )
1
D = 0.50
0.20 0.10
P DM
0.1
0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE)
t1 t2
Notes: 1. Duty factor D = t 1 /t 2
0.01 0.00001
2. Peak TJ = PDM x Z thJC + T C
0.0001
0.001
0.01
0.1
1
10
t 1 , Rectangular Pulse Duration (sec)
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
IRGPC30MD2
1400
1200
VGE , Gate-to-Emitter Voltage (V)
A
V GE = 0V, f = 1MHz Cies = Cge + C gc , Cce SHORTED Cres = C gc Coes = Cce + C gc
20
VCE = 400V I C = 16A
16
C, Capacitance (pF)
1000
Cies
800
12
Coes
600
8
400
4
200
Cres
0 1 10
0 0 10 20 30
A
40
100
VCE, Collector-to-Emitter Voltage (V)
Qg , Total Gate Charge (nC)
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
3.80 3.76
Total Switching Losses (mJ)
3.72 3.68 3.64 3.60 3.56 3.52 3.48 3.44 3.40 0
Total Switching Losses (mJ)
VCC = 480V VGE = 15V TC = 25C I C = 16A
100
RG = 23 V GE = 15V V CC = 480V I C = 32A
10
I C = 16A I C = 8.0A
1
A
10 20 30 40 50 60
0.1 -60
-40
-20
0
20
40
60
80
A 100 120 140 160
R G , Gate Resistance ()
TC, Case Temperature (C)
Fig. 9 - Typical Switching Losses vs. Gate Resistance
Fig. 10 - Typical Switching Losses vs. Case Temperature
IRGPC30MD2
15
12
IC , Collector-to-Emitter Current (A)
Total Switching Losses (mJ)
RG = 23 T C = 150C VCC = 480V VGE = 15V
100
VGE = 20V TJ = 125C
SAFE OPERATING AREA
9
10
6
3
0 0 10 20 30
A 40
1 1 10 100
A
1000
I C , Collector-to-Emitter Current (A)
VCE, Collector-to-Emitter Voltage (V)
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
100
Fig. 12 - Turn-Off SOA
Instantaneous Forward Current - IF (A)
TJ = 150C
10
TJ = 125C TJ = 25C
1 0.4
0.8
1.2
1.6
2.0
2.4
Forward Voltage Drop - V FM (V)
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
IRGPC30MD2
160 100
VR = 200V TJ = 125C TJ = 25C
120
VR = 200V TJ = 125C TJ = 25C
I F = 24A I F = 12A
80
I IRRM - (A)
I F = 24A
10
t rr - (ns)
I F = 12A IF = 6.0A
I F = 6.0A
40
0 100
di f /dt - (A/s)
1000
1 100
di f /dt - (A/s)
1000
Fig. 14 - Typical Reverse Recovery vs. dif/dt
600
Fig. 15 - Typical Recovery Current vs. dif /dt
10000
VR = 200V TJ = 125C TJ = 25C
VR = 200V TJ = 125C TJ = 25C
di(rec)M/dt - (A/s)
400
1000
Q RR - (nC)
IF = 6.0A
I F = 24A I F = 12A
I F = 12A
100
200
IF = 6.0A
I F = 24A
0 100
di f /dt - (A/s)
1000
10 100
di f /dt - (A/s)
1000
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M /dt vs. dif/dt
IRGPC30MD2
90% Vge +Vge
Same type device as D.U.T.
Vce
Ic 80% of Vce 430F D.U.T.
10% Vce Ic
90% Ic 5% Ic
td(off)
tf
Eoff =
t1+5S Vce ic dt t1
Fig. 18a - Test Circuit for Measurement of ILM, Eon, Eoff(diode), trr, Qrr, Irr, td(on), tr, td(off), tf
t1 t2
Fig. 18b - Test Waveforms for Circuit of Fig. 18a, Defining
Eoff, td(off), tf
GATE VOLTAGE D.U.T. 10% +Vg +Vg
trr Ic
Qrr =
trr id dt tx
tx 10% Vcc Vce Vcc 10% Ic 90% Ic DUT VOLTAGE AND CURRENT Ipk Ic
10% Irr Vcc
Vpk Irr
td(on)
tr
5% Vce t2 Eon = Vce ie dt t1 t2 DIODE REVERSE RECOVERY ENERGY t3
DIODE RECOVERY WAVEFORMS
t4 Erec = Vd id dt t3
t1
t4
Fig. 18c - Test Waveforms for Circuit of Fig. 18a,
Defining Eon, td(on), tr
Fig. 18d - Test Waveforms for Circuit of Fig. 18a,
Defining Erec, trr, Qrr, Irr
IRGPC30MD2
Vg GATE SIGNAL DEVICE UNDER TEST CURRENT D.U.T.
VOLTAGE IN D.U.T.
CURRENT IN D1
t0
t1
t2
Fig. 18e - Macro Waveforms for Test Circuit of Fig. 18a
L 1000V 50V 6000F 100V Vc*
D.U.T.
R L= 0 - 480V
480V 4 X IC @25C
Fig. 19 - Clamped Inductive Load Test Circuit
15.90 (.626) 15.30 (.602) - B3.65 (.143) 3.55 (.140) 0.25 (.010) M D B M -A5.50 (.217) 20.30 (.800) 19.70 (.775) 1 2 3 - C- D-
Fig. 20 - Pulsed Collector Current Test Circuit
5.30 (.209) 4.70 (.185) 2.50 (.089) 1.50 (.059) 4
NOTES: 1 DIMENSIONS & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH. 3 DIMENSIONS ARE SHOWN MILLIMETERS (INCHES). 4 CONFORMS TO JEDEC OUTLINE TO-247AC.
2X
5.50 (.217) 4.50 (.177)
LEAD ASSIGNMENTS 1 - GATE 2 - COLLECTOR 3 - EMITTER 4 - COLLECTOR
* 14.20 (.559)
2.40 (.094) 2.00 (.079) 2X 5.45 (.215) 2X
14.80 (.583)
4.30 (.170) 3.70 (.145)
* LONGER LEADED (20mm) VERSION AVAILABLE (TO-247AD)
0.80 (.031) 3X 0.40 (.016) 2.60 (.102) 2.20 (.087)
TO ORDER ADD "-E" SUFFIX TO PART NUMBER
1.40 (.056) 3X 1.00 (.039) 0.25 (.010) M 3.40 (.133) 3.00 (.118)
CAS
CONFORMS TO JEDEC OUTLINE TO-247AC (TO-3P)
Dimensions in Millimeters and (Inches)


▲Up To Search▲   

 
Price & Availability of IRGPC30MD2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X