Part Number Hot Search : 
30N45T SB315 TZQ5242B 5602M 2805D C5000 MT1210 LHY3333
Product Description
Full Text Search
 

To Download IRFC2907B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 93777
IRFC2907B
HEXFET(R)
l
Power MOSFET Die in Wafer Form
D
100% Tested at Probe l Available in Tape and Reel, Chip Pack, Sawn on Film and Gel Pack** l Ultra Low On-Resistance Electrical Characteristics *
Parameter V(BR)DSS RDS(on)*** VGS(th) IDSS IGSS TJ TSTG Description Drain-to-Source Breakdown Voltage Static Drain-to-Source On-Resistance Gate Threshold Voltage Drain-to-Source Leakage Current Gate-to-Source Leakage Current Operating Junction and Storage Temperature Range
G S
75V RDS(on) = 2.5m (typ.) 6" Wafer
Test Conditions VGS = 0V, ID = 250A VGS = 10V, ID = 110A V DS = VGS, ID = 250A VDS = 75V, VGS = 0V, TJ = 25C V GS = 20V
Min Typ. Max 75V --- --- --- 2.5m 4.5m 2.0 --- 4.0V --- --- 20A --- --- 200nA -55C to 175C Max.
Mechanical Data
Nominal Back Metal Composition, Thickness: Nominal Front Metal Composition, Thickness: Dimensions: Wafer Diameter: Wafer Thickness: Relevant Die Mechanical Drawing Number Minimum Street Width Reject Ink Dot Size Recommended Storage Environment: Recommended Die Attach Conditions: Reference Packaged Part Cr-NiV-Ag ( 1kA-2kA-5kA ) 100% Al (0.008 mm) .257" x .360" [ 6.53 mm x 9.14 mm ] 150 mm, with 100 flat 0.254 mm 0.025 mm 01-5403 0.107 mm 0.51 mm Diameter Minimum Store in original container, in dessicated nitrogen, with no contamination For optimum electrical results, die attach temperature should not exceed 300 C IRFP2907
NOT ES : 1. AL L DIMENS IONS ARE S HOWN IN MILL IMET ERS [INCHES ]. 2. CONT ROL L ING DIMENS ION: [INCH]. 3. LET T ER DES IGNAT ION: S = S OURCE G = GAT E S K = S OURCE KELVIN IS = CURRENT S ENS E < 0.635 T OLERANCE = + /- 0.013 < [.0250] T OLERANCE = + /- [.0005] > 0.635 T OLERANCE = + /- 0.025 > [.0250] T OLERANCE = + /- [.0010] < 1.270 T OLERANCE = + /- 0.102 < [.050] T OL ERANCE = + /- [.004] > 1.270 T OLERANCE = + /- 0.203 > [.050] T OL ERANCE = + /- [.008] E = EMITT ER
Die Outline
6.53 [.257]
4. DIMENS IONAL T OL ERANCES: B ONDING PADS :
SOURCE
SOURCE
9.14 [.360]
WIDTH & L ENGT H OVERALL DIE:
GAT E
WIDTH & L ENGT H
0.508 [.020]
0.508 [.020]
5. UNL ES S OT HERWIS E NOT ED AL L DIE ARE GEN III
* Electrical characteristics are reported for the reference packaged part (see above) and can not be guaranteed in die sales form. Variations in customer packaging materials, dimensions and processes may affect parametric performance. ** Contact factory for these product forms. ***The typical RDS(on) is an estimated value for the bare die, actual results will depend on customer packaging materials and dimensions.
www.irf.com
1
10/4/00


▲Up To Search▲   

 
Price & Availability of IRFC2907B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X