Part Number Hot Search : 
SCD5583A ZVN4424Z 7C4255 T5111 AM79C98 LD39150 74FCT1 ML4801CS
Product Description
Full Text Search
 

To Download IDT74FCT162500CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FCT162500AT/CT FAST CMOS 18-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
FEATURES:
* * * * * * * * * *
IDT74FCT162500AT/CT
0.5 MICRON CMOS Technology High-speed, low-power CMOS replacement for ABT functions Typical tSK(o) (Output Skew) < 250ps Low input and output leakage 1A (max.) ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) VCC = 5V 10% Balanced Output Drivers (24mA) Reduced system switching noise Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V, TA = 25C Available in SSOP and TSSOP packages
The FCT162500T 18-bit registered transceivers are built using advanced dual metal CMOS technology. These high-speed, low-power 18-bit registered bus transceivers combine D-type latches and D-type flip-flops to allow data flow in transparent, latched and clocked modes. Data flow in each direction is controlled by output-enable (OEAB and OEBA), latch enable (LEAB and LEBA) and clock (CLKAB and CLKBA) inputs. For A-to-B data flow, the device operates in transparent mode when LEAB is high. When LEAB is low, the A data is latched if CLKAB is held at a high or low logic level. If LEAB is low, the A bus data is stored in the latch/flip-flop on the high-to-low transition of CLKAB. OEAB performs the output enable function on the B port. Data flow from B port to A port is similar but uses OEBA, LEBA and CLKBA. Flow-through organization of signal pins simplifies layout. All inputs are designed with hysteresis for improved noise margin. The FCT162500T have balanced output drive with current limiting resistors. This offers low ground bounce, minimal undershoot, and controlled output fall times-reducing the need for external series terminating resistors. The FCT162500T are plug-in replacements for the FCT16500T and ABT16500 for on-board bus interface applications.
DESCRIPTION:
FUNCTIONAL BLOCK DIAGRAM
OEAB CLKBA LEBA OEBA CLKAB LEAB
1
30
28
27
55
2
C A1
3
C D
54
D
B1
C D
C D
TO 17 OTHER CHANNELS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 2002 Integrated Device Technology, Inc.
JANUARY 2002
DSC-5432/1
IDT74FCT162500AT/CT FAST CMOS 18-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
O EA B LEAB A1 GND A2 A3 VCC A4 A5 A6 GND A7 A8 A9 A10 A11 A12 GND A13 A14 A15 VCC A16 A17 GND A18 O EB A LEBA 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 GND C LKA B B1 GND B2 B3 VCC B4 B5 B6 GND B7 B8 B9 B10 B11 B12 GND B13 B14 B15 VCC B16 B17 GND B18 C LKB A GND
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) VTERM(3) TSTG IOUT Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to 7 -0.5 to VCC+0.5 -65 to +150 -60 to +120 Unit V V C mA
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. All device terminals except FCT162XXX Output and I/O terminals. 3. Output and I/O terminals for FCT162XXX.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3.5 3.5 Max. 6 8 Unit pF pF
NOTE: 1. This parameter is measured at characterization but not tested.
FUNCTION TABLE(1, 4)
Inputs OEAB L H H H H H H LEAB X H H L L L L CLKAB X X X H L Ax X L H L H X X Outputs Bx Z L H L H B(2) B(3)
SSOP/ TSSOP TOP VIEW
PIN DESCRIPTION
Pin Names OEAB OEBA LEAB LEBA CLKAB CLKBA Ax Bx Description A-to-B Output Enable Input B-to-A Output Enable Input (Active LOW) A-to-B Latch Enable Input B-to-A Latch Enable Input A-to-B Clock Input (Active LOW) B-to-A Clock Input (Active LOW) A-to-B Data Inputs or B-to-A 3-State Outputs B-to-A Data Inputs or A-to-B 3-State Outputs
NOTES: 1. A-to-B data flow is shown. B-to-A data flow is similar but uses OEBA, LEBA, and CLKBA. 2. Output level before the indicated steady-state input conditions were established. 3. Output level before the indicated steady-state input conditions were established, provided that CLKAB was LOW before LEAB went LOW. 4. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-impedance = HIGH-to-LOW Transition
2
IDT74FCT162500AT/CT FAST CMOS 18-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%
Symbol VIH VIL IIH Parameter Input HIGH Level Input LOW Level Input HIGH Current (Input pins)(5) Input HIGH Current (I/O pins)(5) IIL Input LOW Current (Input pins)(5) Input LOW Current (I/O pins)(5) IOZH IOZL VIK IOS VH ICCL ICCH ICCZ High Impedance Output Current (3-State Output pins)(5) Clamp Diode Voltage Short Circuit Current Input Hysteresis Quiescent Power Supply Current VCC = Max. VIN = GND or VCC VCC = Min., IIN = -18mA VCC = Max., VO = GND(3) -- VCC = Max. VO = 2.7V VO = 0.5V VI = GND Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC Min. 2 -- -- -- -- -- -- -- -- -80 -- -- Typ.(2) -- -- -- -- -- -- -- -- -0.7 -140 100 5 Max. -- 0.8 1 1 1 1 1 1 -1.2 -250 -- 500 V mA mV A A Unit V V A
OUTPUT DRIVE CHARACTERISTICS
Symbol IODL IODH VOH VOL Parameter Output LOW Current Output HIGH Current Output HIGH Voltage Output LOW Voltage Test Conditions(1) VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3) VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3) VCC = Min. IOH = -24mA VIN = VIH or VIL VCC = Min. IOH = 24mA VIN = VIH or VL Min. 60 -60 2.4 -- Typ.(2) 115 -115 3.3 0.3 Max. 200 -200 -- 0.55 Unit mA mA V V
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. Duration of the condition can not exceed one second. 5. The test limit for this parameter is 5A at TA = -55C.
3
IDT74FCT162500AT/CT FAST CMOS 18-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open OEAB = OEBA = VCC or GND One Input Togging 50% Duty Cycle VCC = Max. Outputs Open fCP = 10MHz (CLKAB) 50% Duty Cycle OEAB = OEBA = VCC LEAB = GND One Bit Toggling fi = 5MHz 50% Duty Cycle VCC = Max. Outputs Open fCP = 10MHz (CLKAB) 50% Duty Cycle OEAB = OEBA = VCC LEAB = GND Eighteen Bits Toggling fi = 2.5MHz 50% Duty Cycle VIN = VCC VIN = GND Test Conditions(1) Min. -- -- Typ.(2) 0.5 75 Max. 1.5 120 Unit mA A/ MHz
IC
Total Power Supply Current(6)
VIN = VCC VIN = GND
--
0.8
1.7
mA
VIN = 3.4V VIN = GND
--
1.3
3.2
VIN = VCC VIN = GND
--
3.8
6.5(5)
VIN = 3.4V VIN = GND
--
8.5
20.8(5)
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi
4
IDT74FCT162500AT/CT FAST CMOS 18-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
74FCT162500AT Symbol fMAX tPLH tPHL tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tH tSU tH tW tW tSK(o) Parameter CLKAB or CLKBA frequency(4) Propagation Delay Ax to Bx or Bx to Ax Propagation Delay LEBA to Ax, LEAB to Bx Propagation Delay CLKBA to Ax, CLKAB to Bx Output Enable Time OEBA to Ax, OEAB to Bx Output Disable Time OEBA to Ax, OEAB to Bx Set-up Time, HIGH or LOW Ax to CLKAB, Bx to CLKBA Hold Time, HIGH or LOW Ax to CLKAB, Bx to CLKBA Set-up Time HIGH or LOW Ax to LEAB, Bx to LEBA Hold Time, HIGH or LOW Ax to LEAB, Bx to LEBA LEAB or LEBA Pulse Width HIGH(4) CLKAB or CLKBA Pulse Width HIGH or LOW(4) Output Skew(3) 3 3 -- -- -- 0.5 3 3 -- -- -- 0.5 ns ns ns Clock HIGH Clock LOW 3 1.5 1.5 -- -- -- 2 1.5 0.5 -- -- -- ns ns ns 0 -- 0 -- ns 3 -- 2.4 -- ns 1.5 5.6 1.5 4.4 ns 1.5 6 1.5 4.8 ns 1.5 5.6 1.5 4.4 ns 1.5 5.6 1.5 4.2 ns Condition(1) CL = 50pF RL = 500 Min.(2) -- 1.5 Max. 150 5.1 74FCT162500CT Min.(2) -- 1.5 Max. 150 3.8 Unit MHz ns
NOTES: 1. See test circuits and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design. 4. This parameter is guaranteed but not tested.
5
IDT74FCT162500AT/CT FAST CMOS 18-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
V CC 7.0V 500 V IN Pulse Generator D.U.T. 50pF RT 500 CL V OUT
SWITCH POSITION
Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Test Circuits for All Outputs
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
DATA INPUT tSU TIM ING INPUT ASYNCHRONOUS CONTROL PRES ET CLEA R ETC. SYNCHRONOUS CONTROL PRES ET CLEA R CLOCK ENABLE ETC. tREM
tH
LOW -HIGH-LOW PULSE tW HIGH-LOW -HIGH PULSE
1.5V
1.5V
tSU
tH
Pulse Width
Set-up, Hold, and Release Times
ENABLE SAM E PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE P HASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V DISABLE 3V CONTROL INPUT tPZL OUTPUT NORM ALLY LOW SW ITCH CLOSED tPZH OUTPUT NORM ALLY HIGH SW ITCH OPEN 3.5V 1.5V 0.3V tPHZ 0.3V 1.5V 0V 0V VOH tPLZ 1.5V 0V 3.5V VOL
Propagation Delay
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns.
6
IDT74FCT162500AT/CT FAST CMOS 18-BIT REGISTERED TRANSCEIVER
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX Temp. Range FCT XXX Family XXXX Device Type XX Package
PV PA
Shrink Small O utline Package Thin Shrink Small Outline Package
500AT 500CT
18-Bit Registered Transceiver
162
Double-Density, 5 Volt, Balanced Drive
74
- 40C to +85C
DATA SHEET DOCUMENT HISTORY 1/21/2002 Removed Military temp grade
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74FCT162500CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X