Part Number Hot Search : 
E002059 LS244 AN7410 GAL16LV8 UM4306 30C45 SX1210 GPM80A
Product Description
Full Text Search
 

To Download ICS840021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS840021
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
FEATURES
* 1 LVCMOS/LVTTL output, 7 output impedence * Crystal oscillator interface designed for 25MHz, 18pF parallel resonant crystal * Output frequency: 125MHz * VCO range: 560MHz to 680MHz * RMS phase jitter @ 125MHz, using a 25MHz crystal (1.875MHz - 20MHz): 0.34ps (typical) * RMS phase noise at 125MHz (typical) Phase noise: Offset Noise Power 100Hz ............... -96.9 dBc/Hz 1KHz .............. -122.2 dBc/Hz 10KHz .............. -131.1 dBc/Hz 100KHz .............. -129.5 dBc/Hz * 3.3V operating supply * 0C to 70C ambient operating temperature * Industrial temperature information available upon request
GENERAL DESCRIPTION
The ICS840021 is a Gigabit Ethernet Clock Generator and a member of the HiPerClocksTM HiPerClockSTM family of high performance devices from ICS. The ICS840021 uses a 25MHz crystal to synthesize 125MHz. The ICS840021 has excellent phase jitter performance, over the 1.875MHz - 20MHz integration range. The ICS840021 is packaged in a small 8-pin TSSOP, making it ideal for use in systems with limited board space.
ICS
BLOCK DIAGRAM
OE 25MHz XTAL_IN
PIN ASSIGNMENT
VDDA OE XTAL_OUT XTAL_IN 1 2 3 4 8 7 6 5 VDD Q0 GND nc
OSC
XTAL_OUT
Phase Detector
VCO
/5
Q0
ICS840021
/25 (fixed)
8-Lead TSSOP 4.40mm x 3.0mm x 0.925mm package body G Package Top View
840021AG
www.icst.com/products/hiperclocks.html
1
REV. A NOVEMBER 30, 2004
Integrated Circuit Systems, Inc.
ICS840021
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
Type Power Input Input Pullup Description Analog supply pin. Output enable pin. When HIGH, Q0 output is enabled. When LOW, forces Q0 to HiZ state. LVCMOS/LVTTL interface levels. Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output. No connect. Power supply ground. Single-ended clock output. LVCMOS/LVTTL interface levels. 7 output impedence. Core supply pin.
TABLE 1. PIN DESCRIPTIONS
Number 1 2 3, 4 5 6 7 8 Name VDDA OE XTAL_OUT, XTAL_IN nc GND Q0 VDD
Unused Power Output Power
NOTE: Pullup refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol CIN CPD RPULLUP ROUT Parameter Input Capacitance Power Dissipation Capacitance Input Pullup Resistor Output Impedance 5 VDD, VDDA = 3.465V Test Conditions Minimum Typical 4 24 51 7 12 Maximum Units pF pF K
TABLE 3. CONTROL FUNCTION TABLE
Control Inputs OE 0 1 Output Q0 Hi-Z Active
840021AG
www.icst.com/products/hiperclocks.html
2
REV. A NOVEMBER 30, 2004
Integrated Circuit Systems, Inc.
ICS840021
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
4.6V -0.5V to VDD + 0.5 V -0.5V to VDD + 0.5V 101.7C/W (0 mps) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDD Inputs, VI Outputs, VO Package Thermal Impedance, JA Storage Temperature, TSTG
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VDD = VDDA = 3.3V5%, TA = 0C TO 70C
Symbol VDD VDDA IDD IDDA Parameter Core Supply Voltage Analog Supply Voltage Power Supply Current Analog Supply Current Test Conditions Minimum 3.135 3.135 Typical 3.3 3.3 Maximum 3.465 3.465 75 15 Units V V mA mA
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, VDD = VDDA = 3.3V5%, TA = 0C TO 70C
Symbol VIH VIL IIH IIL VOH Parameter Input High Voltage Input Low Voltage Input High Current Input Low Current OE OE VDD = VIN = 3.465V VDD = 3.465V, VIN = 0V -150 2.6 0.5 Test Conditions Minimum 2 -0.3 Typical Maximum VDD + 0.3 0.8 5 Units V V A A V V
Output High Voltage; NOTE 1
VOL Output Low Voltage; NOTE 1 NOTE 1: Outputs terminated with 50 to VDD/2. See Parameter Measurement Information Section, "3.3V Output Load Test Circuit".
TABLE 5. CRYSTAL CHARACTERISTICS
Parameter Mode of Oscillation Frequency Equivalent Series Resistance (ESR) Shunt Capacitance Test Conditions Minimum Typical Fundamental 25 50 7 MHz pF Maximum Units
TABLE 6. AC CHARACTERISTICS, VDD = VDDA = 3.3V5%, TA = 0C TO 70C
Symbol fOUT Parameter Output Frequency RMS Phase Jitter (Random); NOTE 1 Output Rise/Fall Time Test Conditions Minimum Typical 125 Intergration Range: 1.875MHz to 20MHz 20% to 80% 250 48 0.34 550 52 Maximum Units MHz ps ps %
tjit(O)
tR / tF
odc Output Duty Cycle NOTE 1: Please refer to the Phase Noise Plot.
840021AG
www.icst.com/products/hiperclocks.html
3
REV. A NOVEMBER 30, 2004
Integrated Circuit Systems, Inc.
ICS840021
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
TYPICAL PHASE NOISE AT 125MHZ
0 -10 -20 -30 -40 -50 -60 -70
10 Gb Ethernet Filter 125MHz
RMS Phase Jitter (Random) 1.875MHz to 20MHz = 0.34ps (typical)
NOISE POWER dBc Hz
-80 -90 -100 -110
Raw Phase Noise Data
-120 -130 -140 -150 -160 -170 -180 -190 100k 1k
Phase Noise Result by adding a 10 Gb Ethernet Filter to raw data
10k 100k 1M 10M 100M
OFFSET FREQUENCY (HZ)
840021AG
www.icst.com/products/hiperclocks.html
4
REV. A NOVEMBER 30, 2004
Integrated Circuit Systems, Inc.
ICS840021
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
PARAMETER MEASUREMENT INFORMATION
1.65V 5%
Phase Noise Plot
V DD
Qx
Noise Power
SCOPE
LVCMOS
GND
Phase Noise Mask
f1
Offset Frequency
f2
-1.65V 5%
RMS Jitter = Area Under the Masked Phase Noise Plot
3.3V OUTPUT LOAD AC TEST CIRCUIT
RMS PHASE JITTER
V
DD
Q0
Pulse Width t
2
80% 20% tR
80% 20% tF
PERIOD
Clock Outputs
odc =
t PW t PERIOD
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
OUTPUT RISE/FALL TIME
840021AG
www.icst.com/products/hiperclocks.html
5
REV. A NOVEMBER 30, 2004
Integrated Circuit Systems, Inc.
ICS840021
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR APPLICATION INFORMATION
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins are vulnerable to random noise. The ICS840021 provides separate power supplies to isolate any high switching noise from the outputs to the internal PLL. VDD and VDDA should be individually connected to the power supply plane through vias, and bypass capacitors should be used for each pin. To achieve optimum jitter performance, power supply isolation is required. Figure 1 illustrates how a 10 resistor along with a 10F and a .01F bypass capacitor should be connected to each VDDA pin.
3.3V VDD .01F 10
V DDA .01F 10F
FIGURE 1. POWER SUPPLY FILTERING
CRYSTAL INPUT INTERFACE
The ICS840021 has been characterized with 18pF parallel resonant crystals. The capacitor values, C1 and C2, shown in Figure 2 below were determined using a 25MHz, 18pF parallel resonant crystal and were chosen to minimize the ppm error. The optimum C1 and C2 values can be slightly adjusted for different board layouts.
XTAL_OUT C1 33p X1 18pF Parallel Crystal XTAL_IN C2 27p
Figure 2. CRYSTAL INPUt INTERFACE
840021AG
www.icst.com/products/hiperclocks.html
6
REV. A NOVEMBER 30, 2004
Integrated Circuit Systems, Inc.
ICS840021
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
output frequency. The C1 = 27pF and C2 = 33pF are recommended for frequency accuracy. For different board layout, the C1 and C2 values may be slightly adjusted for optimizing frequency accuracy.
APPLICATION SCHEMATIC
Figure 3A shows a schematic example of the ICS840021. An example of LVCMOS termination is shown in this schematic. Additional LVCMOS termination approaches are shown in the LVCMOS Termination Application Note. In this example, an 18pF parallel resonant 25MHz crystal is used for generating 125MHz
VDD
VDDA
R2 10
C3 10uF
C4 0.1u
U1
OE
1 2 3 4
VDDA OE XTAL_OUT XTAL_IN
VDD Q0 GND NC
8 7 6 5
VDD Q
R3 43
Zo = 50 Ohm
C2 33pF
X1
ICS840021
C5 0.1u
LVCMOS
C1 27pF
VDD=3.3V
FIGURE 3A. ICS840021 SCHEMATIC EXAMPLE
PC BOARD LAYOUT EXAMPLE
Figure 3B shows an example of ICS840021 P.C. board layout. The crystal X1 footprint shown in this example allows installation of either surface mount HC49S or through-hole HC49 package. The footprints of other components in this example are listed
in the Table 7. There should be at least one decoupling capacitor per power pin. The decoupling capacitors should be located as close as possible to the power pins. The layout assumes that the board has clean analog power ground plane.
TABLE 7. FOOTPRINT TABLE
Reference C1, C2 C3 C4, C5 Size 0402 0805 0603
R2, R3 0603 NOTE: Table 6, lists component sizes shown in this layout example.
FIGURE 3B. ICS840021 PC BOARD LAYOUT EXAMPLE
840021AG
www.icst.com/products/hiperclocks.html
7
REV. A NOVEMBER 30, 2004
Integrated Circuit Systems, Inc.
ICS840021
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR RELIABILITY INFORMATION
TABLE 8. JAVS. AIR FLOW TABLE FOR 8 LEAD TSSOP
JA by Velocity (Meters per Second)
0
Multi-Layer PCB, JEDEC Standard Test Boards 101.7C/W
1
90.5C/W
2.5
89.8C/W
TRANSISTOR COUNT
The transistor count for ICS840021 is: 1961
840021AG
www.icst.com/products/hiperclocks.html
8
REV. A NOVEMBER 30, 2004
Integrated Circuit Systems, Inc.
ICS840021
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
8 LEAD TSSOP
PACKAGE OUTLINE - G SUFFIX
FOR
TABLE 9. PACKAGE DIMENSIONS
SYMBOL N A A1 A2 b c D E E1 e L aaa 0.45 0 -4.30 0.65 BASIC 0.75 8 0.10 -0.05 0.80 0.19 0.09 2.90 6.40 BASIC 4.50 Millimeters Minimum 8 1.20 0.15 1.05 0.30 0.20 3.10 Maximum
Reference Document: JEDEC Publication 95, MO-153
840021AG
www.icst.com/products/hiperclocks.html
9
REV. A NOVEMBER 30, 2004
Integrated Circuit Systems, Inc.
ICS840021
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
Marking 021AG 021AG Package 8 lead TSSOP 8 lead TSSOP on Tape and Reel Count 100 per tube 2500 Temperature 0C to 70C 0C to 70C
TABLE 10. ORDERING INFORMATION
Part/Order Number ICS840021AG ICS840021AGT
The aforementioned trademarks, HiPerClockSTM and FemtoClocksTM are a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. 840021AG
www.icst.com/products/hiperclocks.html
10
REV. A NOVEMBER 30, 2004
Integrated Circuit Systems, Inc.
ICS840021
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REVISION HISTORY SHEET
Rev A A
Table T10 T8
Page 10 3 8
Description of Change Ordering Information Table - correct count from 154 to 100. Absolute Maximum Ratings - corrected Package Thermal Impedance air flow. Corrected air flow in table.
Date 10/14/04 11/30/04
840021AG
www.icst.com/products/hiperclocks.html
11
REV. A NOVEMBER 30, 2004


▲Up To Search▲   

 
Price & Availability of ICS840021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X