|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PRELIMINARY Integrated Circuit Systems, Inc. ICS83052I-01 2-BIT, 2:1, SINGLE-ENDED MULTIPLEXER GENERAL DESCRIPTION The ICS83052I-01 is a 2-bit, 2:1, Single-ended Multiplexer and a member of the HiPerClockSTMfamHiPerClockSTM ily of High Performance Clock Solutions from ICS. The ICS83052I-01 has two selectable single-ended clock inputs and two single-ended clock outputs. The output has a VDDO pin which may be set at 3.3V, 2.5V, or 1.8V, making the device ideal for use in voltage translation applications. An output enable pin places the output in a high impedance state which may be useful for testing or debug. Possible applications include systems with up to two transceivers which need to be independently set for different rates. For example, a board may have two transceivers, each of which need to be independently configured for 1 Gigabit Ethernet or 1 Gigabit Fibre Channel rates. Another possible application may require the ports to be independently set for FEC (Forward Error Correction) or non-FEC rates. The device operates up to 250MHz and is packaged in a 16 TSSOP. FEATURES * 2-bit, 2:1 single-ended multiplexer * Nominal output impedance: 15 (VDDO = 3.3V) * Maximum output frequency: 250MHz * Propagation delay: 2.5ns (typical) * Input skew: 45ps (typical) * Part-to-part skew: TBD * Additive phase jitter, RMS (12KHz - 20MHz): 0.07ps (typical) * Operating supply modes: VDD/VDDO 3.3V/3.3V 3.3V/2.5V 3.3V/1.8V 2.5V/2.5V 2.5V/1.8V * -40C to 85C ambient operating temperature ICS BLOCK DIAGRAM SEL0 Pulldown PIN ASSIGNMENT nc VDDO nc GND Q1 SEL1 CLK1 VDD 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 nc VDDO nc GND Q0 SEL0 CLK0 OE CLK0 Pulldown 0 Q0 CLK1 Pulldown 1 0 Q1 ICS83052I-01 16-Lead TSSOP 4.4mm x 3.0mm x 0.92mm package body G Package Top View 1 SEL1 Pulldown OE Pullup The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice. 83052AGI-01 www.icst.com/products/hiperclocks.html REV. A NOVEMBER 24, 2004 1 PRELIMINARY Integrated Circuit Systems, Inc. ICS83052I-01 2-BIT, 2:1, SINGLE-ENDED MULTIPLEXER TABLE 1. PIN DESCRIPTIONS Number 1, 3, 14, 16 2, 15 4, 13 5, 12 6, 11 7, 10 8 Name nc VDDO GND Q1, Q0 SEL1, SEL0 CLK1, CLK0 VDD Power Power Output Input Input Power Type Unused Description No connect. Output supply pins. Power supply ground. Single-ended clock output. LVCMOS/LVTTL interface levels. Clock select inputs. See Control Input Function Table. Pulldown LVCMOS / LVTTL interface levels. Pulldown Single-ended clock inputs. LVCMOS/LVTTL interface levels. Core supply pin. Output enable. When LOW, outputs are in HIGH impedance state. 9 OE Input Pullup When HIGH, outputs are active. LVCMOS / LVTTL interface levels. NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values. TABLE 2. PIN CHARACTERISTICS Symbol CIN RPULLUP RPULLDOWN C PD ROUT Parameter Input Capacitance Input Pullup Resistor Input Pulldown Resistor Power Dissipation Capacitance (per output) Output Impedance Test Conditions Minimum Typical 4 51 51 11 15 Maximum Units pF K K pF TABLE 3. CONTROL INPUT FUNCTION TABLE Control Inputs SEL1 S E L0 0 0 0 1 1 1 0 1 Outputs Q1 CLK0 CLK0 CLK1 CLK1 Q0 CLK0 CLK1 CLK0 CLK1 83052AGI-01 www.icst.com/products/hiperclocks.html 2 REV. A NOVEMBER 24, 2004 PRELIMINARY Integrated Circuit Systems, Inc. ICS83052I-01 2-BIT, 2:1, SINGLE-ENDED MULTIPLEXER ABSOLUTE MAXIMUM RATINGS Supply Voltage, VDD Inputs, VI Outputs, VO Package Thermal Impedance, JA Storage Temperature, TSTG 4.6V -0.5V to VDD + 0.5 V -0.5V to VDDO + 0.5V 89C/W (0 lfpm) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability. TA = -40C TO 85C TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VDD = 3.3V5%, VDDO = 3.3V5%, OR 2.5V5%, OR 1.8V0.2V, Symbol VDD VDDO IDD IDDO Parameter Core Supply Voltage Output Supply Voltage Power Supply Current Output Supply Current Test Conditions Minimum 3.135 3.135 2.375 1.6 Typical 3.3 3.3 2.5 1.8 32 4 Maximum 3.465 3.465 2.625 2.0 Units V V V V mA mA TABLE 4B. POWER SUPPLY DC CHARACTERISTICS, VDD = 2.5V5%, VDDO = 2.5V5%, OR 1.8V0.2V, TA = -40C TO 85C Symbol VDD VDDO IDD IDDO Parameter Core Supply Voltage Output Supply Voltage Power Supply Current Output Supply Current Test Conditions Minimum 2.375 2.375 1.6 Typical 2.5 2.5 1.8 30 4 Maximum 2.625 2.625 2.0 Units V V V mA mA 83052AGI-01 www.icst.com/products/hiperclocks.html REV. A NOVEMBER 24, 2004 3 PRELIMINARY Integrated Circuit Systems, Inc. ICS83052I-01 2-BIT, 2:1, SINGLE-ENDED MULTIPLEXER TABLE 4C. LVCMOS/LVTTL DC CHARACTERISTICS, TA = -40C TO 85C Symbol Parameter CLK0, CLK1 VIH Input High Voltage OE, SEL0, SEL1 CLK0, CLK1 VIL Input Low Voltage OE, SEL0, SEL1 Input High Current CLK0, CLK1, SEL0, SEL1 OE CLK0, CLK1, SEL0, SEL1 OE Test Conditions VDD = 3.3V 5% VDD = 2.5V 5% VDD = 3.3V 5% VDD = 2.5V 5% VDD = 3.3V 5% VDD = 2.5V 5% VDD = 3.3V 5% VDD = 2.5V 5% VDD = 3.3V or 2.5V 5% VDD = 3.3V or 2.5V 5% VDD = 3.3V or 2.5V 5% VDD = 3.3V or 2.5V 5% VDDO = 3.3V 5%; NOTE 1 VOH Output HighVoltage VDDO = 2.5V 5%; NOTE 1 VDDO = 1.8V 0.2V; NOTE 1 VDDO = 3.3V 5%; NOTE 1 VOL Output Low Voltage VDDO = 2.5V 5%; NOTE 1 VDDO = 1.8V 0.2V; NOTE 1 -5 -150 2.6 1.8 VDD - 0.3 0.5 0.45 0.35 Minimum 2 1.7 2 1.7 -0.3 -0.3 -0.3 -0.3 Typical Maximum VDD + 0.3 VDD + 0.3 VDD + 0.3 VDD + 0.3 1.3 0.7 1.3 0.7 150 5 Units V V V V V V V V A A A A V V V V V V IIH IIL Input Low Current NOTE 1: Outputs terminated with 50 to VDDO/2. See Parameter Measurement section, "Load Test Circuit" diagrams. TABLE 5A. AC CHARACTERISTICS, VDD = VDDO = 3.3V 5%, TA = -40C TO 85C Symbol Parameter fMAX tpLH tpHL Output Frequency Propagation Delay, Low to High; NOTE 1 Propagation Delay, High to Low; NOTE 1 Input Skew; NOTE 5 Par t-to-Par t Skew; NOTE 2, 5 Buffer Additive Phase Jitter, RMS; refer to Additive Phase Jitter section, NOTE 4 Output Rise/Fall Time Output Duty Cycle Output Enable Time; NOTE 3 Output Disable Time; NOTE 3 Test Conditions Minimum Typical Maximum 250 2.5 2.65 45 TBD Integration Range: 12KHz - 20MHz 20% to 80% 0.07 535 50 5 5 Units MHz ns ns ps ps ps ps % ns ns dB t sk(i) t sk(pp) tjit tR / tF odc t EN tDIS MUXISOL MUX Isolation @100MHz 45 NOTE 1A: Measured from VDD/2 of the input to VDDO/2 of the output. NOTE 2: Defined as skew between outputs on different devices operating a the same supply voltages and with equal load conditions. Using the same type of input on each device, the output is measured at VDDO/2. NOTE 3: These parameters are guaranteed by characterization. Not tested in production. NOTE 4: Driving only one input clock. NOTE 5: This parameter is defined in accordance with JEDEC Standard 65. 83052AGI-01 www.icst.com/products/hiperclocks.html 4 REV. A NOVEMBER 24, 2004 PRELIMINARY Integrated Circuit Systems, Inc. ICS83052I-01 2-BIT, 2:1, SINGLE-ENDED MULTIPLEXER TABLE 5B. AC CHARACTERISTICS, VDD = 3.3V 5%, VDDO = 2.5V 5%, TA = -40C TO 85C Symbol Parameter fMAX tpLH tpHL Output Frequency Propagation Delay, Low to High; NOTE 1 Propagation Delay, High to Low; NOTE 1 Input Skew; NOTE 5 Par t-to-Par t Skew; NOTE 2, 5 Buffer Additive Phase Jitter, RMS; refer to Additive Phase Jitter section, NOTE 4 Output Rise/Fall Time Output Duty Cycle Output Enable Time; NOTE 3 Output Disable Time; NOTE 3 Test Conditions Minimum Typical Maximum 250 2.7 2.7 38 TBD Integration Range: 12KHz - 20MHz 20% to 80% 0.04 550 50 5 5 Units MHz ns ns ps ps ps ps % ns ns dB t sk(i) t sk(pp) tjit tR / tF odc tEN tDIS MUXISOL MUX Isolation @100MHz 45 NOTE 1A: Measured from VDD/2 of the input to VDDO/2 of the output. NOTE 2: Defined as skew between outputs on different devices operating a the same supply voltages and with equal load conditions. Using the same type of input on each device, the output is measured at VDDO/2. NOTE 3: These parameters are guaranteed by characterization. Not tested in production. NOTE 4: Driving only one input clock. NOTE 5: This parameter is defined in accordance with JEDEC Standard 65. TABLE 5C. AC CHARACTERISTICS, VDD = 3.3V 5%, VDDO = 1.8V 0.2V, TA = -40C TO 85C Symbol Parameter fMAX tpLH tpHL Output Frequency Propagation Delay, Low to High; NOTE 1 Propagation Delay, High to Low; NOTE 1 Input Skew; NOTE 5 Par t-to-Par t Skew; NOTE 2, 5 Buffer Additive Phase Jitter, RMS; refer to Additive Phase Jitter section, NOTE 4 Output Rise/Fall Time Output Duty Cycle Output Enable Time; NOTE 3 Output Disable Time; NOTE 3 Test Conditions Minimum Typical Maximum 250 3 3 38 TBD Integration Range: 12KHz - 20MHz 20% to 80% 0.05 595 50 5 5 Units MHz ns ns ps ps ps ps % ns ns dB t sk(i) t sk(pp) tjit tR / tF odc t EN tDIS MUXISOL MUX Isolation @100MHz 45 NOTE 1A: Measured from VDD/2 of the input to VDDO/2 of the output. NOTE 2: Defined as skew between outputs on different devices operating a the same supply voltages and with equal load conditions. Using the same type of input on each device, the output is measured at VDDO/2. NOTE 3: These parameters are guaranteed by characterization. Not tested in production. NOTE 4: Driving only one input clock. NOTE 5: This parameter is defined in accordance with JEDEC Standard 65. 83052AGI-01 www.icst.com/products/hiperclocks.html REV. A NOVEMBER 24, 2004 5 PRELIMINARY Integrated Circuit Systems, Inc. ICS83052I-01 2-BIT, 2:1, SINGLE-ENDED MULTIPLEXER TABLE 5D. AC CHARACTERISTICS, VDD = VDDO = 2.5V 5%, TA = -40C TO 85C Symbol Parameter fMAX tpLH tpHL Output Frequency Propagation Delay, Low to High; NOTE 1 Propagation Delay, High to Low; NOTE 1 Input Skew; NOTE 5 Par t-to-Par t Skew; NOTE 2, 5 Buffer Additive Phase Jitter, RMS; refer to Additive Phase Jitter section, NOTE 4 Output Rise/Fall Time Output Duty Cycle Output Enable Time; NOTE 3 Output Disable Time; NOTE 3 Test Conditions Minimum Typical Maximum 250 2.7 2.9 45 TBD Integration Range: 12KHz - 20MHz 20% to 80% 0.10 540 50 5 5 Units MHz ns ns ps ps ps ps % ns ns dB t sk(i) t sk(pp) tjit tR / tF odc tEN tDIS @100MHz 45 MUXISOL MUX Isolation NOTE 1A: Measured from VDD/2 of the input to VDDO/2 of the output. NOTE 2: Defined as skew between outputs on different devices operating a the same supply voltages and with equal load conditions. Using the same type of input on each device, the output is measured at VDDO/2. NOTE 3: These parameters are guaranteed by characterization. Not tested in production. NOTE 4: Driving only one input clock. NOTE 5: This parameter is defined in accordance with JEDEC Standard 65. TABLE 5E. AC CHARACTERISTICS, VDD = 2.5V 5%, VDDO = 1.8V -0.2V, TA = -40C TO 85C Symbol Parameter fMAX tpLH tpHL Output Frequency Propagation Delay, Low to High; NOTE 1 Propagation Delay, High to Low; NOTE 1 Input Skew; NOTE 5 Par t-to-Par t Skew; NOTE 2, 5 Buffer Additive Phase Jitter, RMS; refer to Additive Phase Jitter section, NOTE 4 Output Rise/Fall Time Output Duty Cycle Output Enable Time; NOTE 3 Output Disable Time; NOTE 3 Test Conditions Minimum Typical Maximum 250 2.9 3 43 TBD Integration Range: 12KHz - 20MHz 20% to 80% 0.07 590 50 5 5 Units MHz ns ns ps ps ps ps % ns ns dB t sk(i) t sk(pp) tjit tR / tF odc tEN tDIS MUXISOL MUX Isolation @100MHz 45 NOTE 1A: Measured from VDD/2 of the input to VDDO/2 of the output. NOTE 2: Defined as skew between outputs on different devices operating a the same supply voltages and with equal load conditions. Using the same type of input on each device, the output is measured at VDDO/2. NOTE 3: These parameters are guaranteed by characterization. Not tested in production. NOTE 4: Driving only one input clock. NOTE 5: This parameter is defined in accordance with JEDEC Standard 65. www.icst.com/products/hiperclocks.html 6 83052AGI-01 REV. A NOVEMBER 24, 2004 PRELIMINARY Integrated Circuit Systems, Inc. ICS83052I-01 2-BIT, 2:1, SINGLE-ENDED MULTIPLEXER ADDITIVE PHASE JITTER The spectral purity in a band at a specific offset from the fundamental compared to the power of the fundamental is called the dBc Phase Noise. This value is normally expressed using a Phase noise plot and is most often the specified plot in many applications. Phase noise is defined as the ratio of the noise power present in a 1Hz band at a specified offset from the fundamental frequency to the power value of the fundamental. This ratio is expressed in decibels (dBm) or a ratio of the power in 0 -10 -20 -30 -40 -50 -60 the 1Hz band to the power in the fundamental. When the required offset is specified, the phase noise is called a dBc value, which simply means dBm at a specified offset from the fundamental. By investigating jitter in the frequency domain, we get a better understanding of its effects on the desired application over the entire time record of the signal. It is mathematically possible to calculate an expected bit error rate given a phase noise plot. Additive Phase Jitter (Random) at 155.52MHz (12KHz - 20MHz) = 0.07ps (typical) SSB PHASE NOISE dBc/HZ -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 -190 1k 10k 100k 1M 10M 100M OFFSET FROM CARRIER FREQUENCY (HZ) As with most timing specifications, phase noise measurements have issues. The primary issue relates to the limitations of the equipment. Often the noise floor of the equipment is higher than the noise floor of the device. This is illustrated above. The device meets the noise floor of what is shown, but can actually be lower. The phase noise is dependant on the input source and measurement equipment. 83052AGI-01 www.icst.com/products/hiperclocks.html REV. A NOVEMBER 24, 2004 7 PRELIMINARY Integrated Circuit Systems, Inc. ICS83052I-01 2-BIT, 2:1, SINGLE-ENDED MULTIPLEXER PARAMETER MEASUREMENT INFORMATION 1.65V5% 1.25V5% VDD, VDDO SCOPE Qx VDD, VDDO SCOPE Qx LVCMOS GND LVCMOS GND -1.65V5% -1.25V5% 3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT 2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT 2.05V5% 1.25V5% 2.40.065V 0.9V0.1V VDD VDDO SCOPE Qx V DD VDDO SCOPE Qx LVCMOS GND LVCMOS GND -1.25V5% -0.9V0.1V 3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT 1.6V0.025V 0.9V0.1V 3.3V CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT VDD VDDO SCOPE Qx Part 1 Qx V DDO 2 LVCMOS GND Part 2 Qy V DDO 2 tsk(pp) -0.9V0.1V 2.5 CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT 83052AGI-01 PART-TO-PART SKEW REV. A NOVEMBER 24, 2004 www.icst.com/products/hiperclocks.html 8 PRELIMINARY Integrated Circuit Systems, Inc. ICS83052I-01 2-BIT, 2:1, SINGLE-ENDED MULTIPLEXER VDD 80% 20% tR 80% 20% tF CLK0, CLK1 2 VDDO Q0, Q1 2 tpLH Clock Outputs PROPAGATION DELAY OUTPUT RISE/FALL TIME CLKx V DDO Q0, Q1 tPD1 Q0, Q1 Pulse Width t 2 PERIOD odc = t PW t PERIOD CLKy Q0, Q1 tPD2 INPUT SKEW OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD 83052AGI-01 www.icst.com/products/hiperclocks.html REV. A NOVEMBER 24, 2004 9 PRELIMINARY Integrated Circuit Systems, Inc. ICS83052I-01 2-BIT, 2:1, SINGLE-ENDED MULTIPLEXER RELIABILITY INFORMATION TABLE 5. JAVS. AIR FLOW TABLE FOR 16 LEAD TSSOP JA by Velocity (Linear Feet per Minute) 0 Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 137.1C/W 89.0C/W 200 118.2C/W 81.8C/W 500 106.8C/W 78.1C/W NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs. TRANSISTOR COUNT The transistor count for ICS83052I-01 is: 967 83052AGI-01 www.icst.com/products/hiperclocks.html 10 REV. A NOVEMBER 24, 2004 PRELIMINARY Integrated Circuit Systems, Inc. ICS83052I-01 2-BIT, 2:1, SINGLE-ENDED MULTIPLEXER PACKAGE OUTLINE - G SUFFIX FOR 16 LEAD TSSOP TABLE 6. PACKAGE DIMENSIONS SYMBOL N A A1 A2 b c D E E1 e L aaa 0.45 0 -4.30 -0.05 0.80 0.19 0.09 4.90 6.40 BASIC 4.50 0.65 BASIC 0.75 8 0.10 Millimeters Minimum 16 1.20 0.15 1.05 0.30 0.20 5.10 Maximum Reference Document: JEDEC Publication 95, MO-153 83052AGI-01 www.icst.com/products/hiperclocks.html REV. A NOVEMBER 24, 2004 11 PRELIMINARY Integrated Circuit Systems, Inc. ICS83052I-01 2-BIT, 2:1, SINGLE-ENDED MULTIPLEXER TABLE 7. ORDERING INFORMATION Part/Order Number ICS83052AGI-01 ICS83052AGI-01 Marking 3052AI01 3052AI01 Package 16 Lead TSSOP 16 Lead TSSOP on Tape and Reel Count 94 per tube 2500 Temperature -40C to 85C -40C to 85C The aforementioned trademark, HiPerClockSTM is a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial and industrial applications. Any other applications such as those requiring high reliability or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. 83052AGI-01 www.icst.com/products/hiperclocks.html 12 REV. A NOVEMBER 24, 2004 |
Price & Availability of ICS83052I-01 |