|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HM628128A Series 131,072-word x 8-bit High Speed CMOS Static RAM Description The Hitachi HM628128A is a CMOS static RAM organized 128-kword x 8-bit. It realizes higher density, higher performance and low power consumption by employing 0.8 m Hi-CMOS process technology. It offers low power standby power dissipation; therefore, it is suitable for battery backup systems. The device, packaged in a 525-mil SOP (460-mil body SOP) or a 600-mil plastic DIP, or a 8 x 20 mm TSOP with thickness of 1.2 mm, is available for high density mounting. TSOP package is suitable for cards, and reverse type TSOP is also provided. Features * High speed Fast access time: 55/70/85/100 ns (max) * Low power Active: 75 mW (typ) Standby: 10 W (typ) * Single 5 V supply * Completely static memory No clock or timing strobe required * Equal access and cycle times * Common data input and output Three state output * Directly TTL compatible All inputs and outputs * Capability of battery backup operation 2 chip selection for battery backup HM628128A Series Ordering Information Type No. HM628128ALP-5 HM628128ALP-7 HM628128ALP-8 HM628128ALP-10 HM628128ALP-5SL HM628128ALP-7SL HM628128ALP-8SL HM628128ALP-10SL HM628128ALFP-5 HM628128ALFP-7 HM628128ALFP-8 HM628128ALFP-10 HM628128ALFP-5SL HM628128ALFP-7SL HM628128ALFP-8SL HM628128ALFP-10SL HM628128ALT-5 HM628128ALT-7 HM628128ALT-8 HM628128ALT-10 HM628128ALT-5SL HM628128ALT-7SL HM628128ALT-8SL HM628128ALT-10SL HM628128ALR-5 HM628128ALR-7 HM628128ALR-8 HM628128ALR-10 HM628128ALR-5SL HM628128ALR-7SL HM628128ALR-8SL HM628128ALR-10SL Access Time 55 ns 70 ns 85 ns 100 ns 55 ns 70 ns 85 ns 100 ns 55 ns 70 ns 85 ns 100 ns 55 ns 70 ns 85 ns 100 ns 55 ns 70 ns 85 ns 100 ns 55 ns 70 ns 85 ns 100 ns 55 ns 70 ns 85 ns 100 ns 55 ns 70 ns 85 ns 100 ns 8 mm x 20 mm 32-pin TSOP (reverse type) (TFP-32DR) 8 mm x 20 mm 32-pin TSOP (normal type) (TFP-32D) 525-mil 32-pin plastic SOP (FP-32D) Package 600-mil 32-pin plastic DIP (DP-32) 2 HM628128A Series Pin Arrangement HM628128ALP/ALFP Series NC A16 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 (Top View) 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VCC A15 CS2 WE A13 A8 A9 A11 OE A10 CS1 I/O7 I/O6 I/O5 I/O4 I/O3 HM628128ALR Series A11 A9 A8 A13 WE CS2 A15 VCC NC A16 A14 A12 A7 A6 A5 A4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 (Top View) 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 OE A10 CS1 I/O7 I/O6 I/O5 I/O4 I/O3 VSS I/O2 I/O1 I/O0 A0 A1 A2 A3 (Top View) HM628128ALT Series A4 A5 A6 A7 A12 A14 A16 NC VCC A15 CS2 WE A13 A8 A9 A11 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 A3 A2 A1 A0 I/O0 I/O1 I/O2 VSS I/O3 I/O4 I/O5 I/O6 I/O7 CS1 A10 OE Pin Description Pin Name A0 - A16 I/O0 - I/O7 CS1 CS2 WE OE NC VCC VSS Function Address Input/output Chip select 1 Chip select 2 Write enable Output enable No connection Power supply Ground 3 HM628128A Series Block Diagram (MSB) A13 A15 A6 A7 A12 A14 A16 A5 A4 (LSB) Row Decoder * * * * * V CC V SS Memory Matrix 512 x 2,048 I/O0 Input Data Control I/O7 * * Column I/O Column Decoder * * (LSB) A8 A9 A11 A10 A0 A1 A2 A3 * * (MSB) CS2 CS1 WE OE Timing Pulse Generator Read/Write Control 4 HM628128A Series Function Table CS1 H X L L L L CS2 X L H H H H OE X X H L H L WE X X H H L L Mode Standby Standby Output disable Read Write Write VCC Current I SB , I SB1 I SB , I SB1 I CC I CC I CC I CC I/O Pin High-Z High-Z High-Z Dout Din Din Ref. Cycle -- -- -- Read cycle Write cycle (1) Write cycle (2) Note: X: H or L Absolute Maximum Ratings Parameter Supply voltage relative to VSS Voltage on any pin relative to V SS Power dissipation Operating temperature Storage temperature Storage temperature under bias *1 Symbol VCC VT PT Topr Tstg Tbias Value -0.5 to +7.0 -0.5 1.0 0 to +70 -55 to +125 -10 to +85 *2 Unit V *3 to V CC + 0.3 V W C C C Notes: 1. With respect to V SS 2. -3.0 V for pulse half-width 30 ns 3. Maximum voltage is 7.0V. Recommended DC Operating Conditions (Ta = 0 to +70C) Parameter Supply voltage Symbol VCC VSS Input voltage (HM628128A-7/8/10) VIH VIL Input voltage (HM628128A-5) VIH VIL Note: 1. -3.0 V for pulse half-width 30 ns Min 4.5 0 2.2 -0.3 2.4 -0.3 *1 *1 Typ 5.0 0 -- -- -- -- Max 5.5 0 VCC + 0.3 0.8 VCC + 0.3 0.8 Unit V V V V V V 5 HM628128A Series DC Characteristics (Ta = 0 to +70C, VCC = 5 V 10%, VSS = 0 V) Parameter Input leakage current Output leakage current Symbol |ILI| |ILO | Min -- -- Typ*1 Max -- -- 1.0 1.0 Unit A A Test Conditions Vin = VSS to V CC CS1 = VIH or CS2 = VIL or OE = VIH or WE = VIL, VI/O = VSS to V CC CS1 = VIL, CS2 = VIH, Others = VIH/V IL I I/O = 0 mA Min cycle, duty = 100%, CS1 = VIL, CS2 = VIH, Others = VIH/V IL II/O = 0 mA Cycle time = 1 s, duty = 100%, I I/O = 0 mA, CS1 0.2 V, CS2 V CC - 0.2 V VIH V CC - 0.2 V, VIL 0.2 V (1) CS1 = VIH, CS2 = VIH or (2) CS2 = VIL I SB1 (L-version) -- 2 100 A 0 V Vin V CC , (1) CS1 V CC- 0.2 V, (2) CS2 V CC - 0.2 V or , 0 V CS2 0.2 V I SB1 (L-SL version) Output voltage VOL VOH Note: -- -- 2.4 2 -- -- 50 0.4 -- A V V I OL = 2.1 mA I OH = -1.0 mA Operating power supply current: DC Operating power supply current I CC -- 15 30 mA I CC1 (HM628128A7/8/10) -- 45 70 mA I CC1 (HM628128A-5) -- I CC2 -- 50 15 80 25 mA mA Standby power supply current: DC Standby power supply current (1): DC I SB -- 1 2 mA 1. Typical values are at VCC = 5.0 V, Ta = +25C and not guaranteed. Capacitance (Ta = 25C, f = 1.0 MHz)*1 Parameter Input capacitance Input/output capacitance Note: Symbol Cin CI/O Min -- -- Typ -- -- Max 8 10 Unit pF pF Test Conditions Vin = 0 V VI/O = 0 V 1. This parameter is sampled and not 100% tested. 6 HM628128A Series AC Characteristics (Ta = 0 to +70C, VCC = 5 V 10%, unless otherwise noted.) Test Conditions * Input pulse levels: 0.8 V to 2.4 V (HM628128A-7/8/10) 0 V to 3 V (HM628128A-5) * Input rise and fall time: 5 ns * Input and output timing reference levels: 1.5 V * Output load: 1 TTL Gate and CL (100 pF) (HM628128A-7/8/10) 1 TTL Gate and CL (30 pF) (HM628128A-5) (Including scope & jig) Read Cycle HM628128A -5 Parameter Read cycle time Address access time Chip selection to output valid -7 -8 -10 Min 100 -- -- -- -- 10 10 5 0 0 0 10 Max -- 100 100 100 50 -- -- -- 35 35 35 -- Unit ns ns ns ns ns ns ns ns ns ns ns ns 2, 3 2, 3 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 Notes Symbol Min Max Min Max Min Max t RC t AA t CO1 t CO2 55 -- -- -- -- 5 5 5 0 0 0 5 -- 55 55 55 30 -- -- -- 20 20 20 -- 70 -- -- -- -- 10 10 5 0 0 0 10 -- 70 70 70 35 -- -- -- 25 25 25 -- 85 -- -- -- -- 10 10 5 0 0 0 10 -- 85 85 85 45 -- -- -- 30 30 30 -- Output enable to output valid Chip selection to output in low-Z t OE t LZ1 t LZ2 Output enable to output in low-Z t OLZ Chip deselection to output in high-Z t HZ1 t HZ2 Output disable to output in high-Z Output hold from address change t OHZ t OH Notes: 1. t HZ and t OHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referred to output voltage levels. 2. At any given temperature and voltage condition, t HZ max is less than tLZ min both for a given device and from device to device. 3. This parameter is sampled and not 100% tested. 7 HM628128A Series Read Timing Waveform (WE = VIH) t RC Address Address Valid t AA CS1 t CO1 t LZ1 CS2 t CO2 t LZ2 t HZ2 t HZ1 OE t OE t OLZ Dout High Impedance t OHZ t OH Data Valid 8 HM628128A Series Write Cycle HM628128A -5 Parameter Write cycle time Chip selection to end of write Address setup time Address valid to end of write Write pulse width Write recovery time Write to output in high-Z Data to write time overlap Data hold from write time Output active from end of write Output disable to output in High-Z Symbol t WC t CW t AS t AW t WP t WR t WHZ t DW t DH t OW t OHZ Min 55 50 0 50 40 0 0 25 0 5 0 Max -- -- -- -- -- -- 20 -- -- -- 20 -7 Min 70 60 0 60 50 0 0 30 0 5 0 Max -- -- -- -- -- -- 25 -- -- -- 25 -8 Min 85 75 0 75 55 0 0 35 0 5 0 -10 Max Min -- -- -- -- -- -- 30 -- -- -- 30 100 80 0 80 60 0 0 40 0 5 0 Max Unit -- -- -- -- -- -- 35 -- -- -- 35 ns ns ns ns ns ns ns ns ns ns ns 6 5 1, 7 4 5, 6 2 3 Notes Notes: 1. A write occurs during the overlap of a low CS1, a high CS2, and a low WE. A write begins at the latest transition among CS1 going low, CS2 going high, and WE going low. A write ends at the earliest transition among CS1 going high, CS2 going low, and WE going high. tWP is measured from the beginning of write to the end of write. 2. t CW is measured from the later of CS1 going low or CS2 going high to the end of write. 3. t AS is measured from the address valid to the beginning of write. 4. t WR is measured from the earliest of CS1 or WE going high or CS2 going low to the end of write cycle. 5. During this period, I/O pins are in the output state; therefore, the input signals of the opposite phase to the outputs must not be applied. 6. This parameter is sampled and not 100% tested. 7. In the write cycle with OE low fixed, tWP must satisfy the following equation to avoid a problem of data bus contention. t WP tDW min + tWHZ mix 9 HM628128A Series Write Timing Waveform (1) (OE Clock) t WC Address Address Valid t AW OE t CW CS1 *1 t WR CS2 t AS WE t OHZ High Impedance Dout t DW Din t DH t WP Data Valid Notes: 1. If the CS1 goes low simultaneously with WE going low or after the WE going low, the outputs remain in a high impedance state. 10 HM628128A Series Write Timing Waveform (2) (OE low Fixed) t WC Address Address Valid t CW t WR CS1 *1 CS2 t AW t WP WE t AS t WHZ t OW *2 *3 t OH Dout High Impedance t DW t DH *4 Din Data Valid Notes: 1. If the CS1 goes low simultaneously with WE going low or after the WE going low, the outputs remain in a high impedance state. 2.Dout is the same phase of the latest written data in this write cycle. 3.Dout is the read data of next address. 4.If CS1 is low and CS2 high during this period, I/O pins are in the output state. Therefore, the input signals of opposite phase to the outputs must not be applied to them. 11 HM628128A Series Low VCC Data Retention Characteristics (Ta = 0 to +70C) Parameter VCC for data retention Symbol VDR Min Typ Max Unit Test Conditions*3 2.0 -- -- V CS1 V CC - 0.2 V, CS2 V CC - 0.2 V or 0 V CS2 0.2 V Vin > 0 V VCC = 3.0 V, Vin 0 V CS1 V CC - 0.2V CS2 V CC - 0.2 V or 0 V CS2 0.2 V Data retention current I CCDR (L-version) -- 1 50*1 A I CCDR (L-SL version) -- Chip deselect to data retention time t CDR 0 5 1 -- -- 15*2 -- -- A ns ms See retention waveform Operation recovery time t R Notes: 1. 20 A max at Ta = 0 to 40C (L-version). 2. 3 A max at Ta = 0 to 40C (L-SL-version). 3. CS2 controls address buffer, WE buffer, CS1 buffer, OE buffer, and Din buffer. If CS2 controls data retention mode, Vin levels (address, WE, OE, CS1, I/O) can be in the high impedance state. If CS1 controls data retention mode, CS2 must be CS2 V CC - 0.2 V or 0 V CS2 0.2 V. The other input levels (address, WE, OE, I/O) can be in the high impedance state. Low V CC Data Retention Timing Waveform (1) (CS1 Controlled) t CDR V CC 4.5 V Data retention mode tR 2.2 V V DR1 CS1 0V CS1 > VCC - 0.2 V 12 HM628128A Series Low V CC Data Retention Timing Waveform (2) (CS2 Controlled) t CDR V CC 4.5 V CS2 V DR2 0.4 V 0V 0 V < CS2 < 0.2 V Data retention mode tR 13 HM628128A Series Package Dimensions HM628128ALP Series (DP-32) 41.90 42.50 Max Unit: mm 32 17 13.40 13.70 Max 1 2.30 Max 5.08 Max 1.20 16 15.24 0.51 Min 2.54 Min 2.54 0.25 0.48 0.10 0.25 - 0.05 0 - 15 + 0.11 HM628128ALFP Series (FP-32D) 20.45 20.95 Max 32 17 Unit: mm 1 1.00 Max 16 3.00 Max 14.14 0.30 + 0.13 - 0.07 11.30 1.42 0.22 1.27 0.10 0.40 + 0.05 - 0.10 0.15 M + 0.12 - 0.10 0-8 0.80 0.20 14 0.15 HM628128A Series HM628128ALT Series (TFP-32D) 8.00 8.20 Max 32 17 Unit: mm 1 0.20 0.10 16 0.50 0.08 M 0.45 Max 20.00 0.20 0 - 5 0.17 0.05 0.13 0.05 0.50 0.10 0.80 1.20 Max 0.10 HM628128ALR Series (TFP-32DR) 8.00 8.20 Max 17 32 18.40 Unit: mm 16 0.20 0.10 1 0.50 0.08 M 0.45 Max 20.00 0.20 0 - 5 0.17 0.05 0.13 0.05 0.50 0.10 0.80 1.20 Max 0.10 18.40 15 |
Price & Availability of HM628128ASERIES |