Part Number Hot Search : 
PC200 GLLM317 GLLM317 HC541 CDG00 101BE CS43L43 HT27C512
Product Description
Full Text Search
 

To Download HA-2500883 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HA-2500/883 HA-2502/883
July 1997
Precision High Slew Rate Operational Amplifiers
Description
HA-2500/883 and HA-2502/883 comprise a series of monolithic operational amplifiers whose designs are optimized to deliver excellent slew rate, bandwidth, and settling time specifications. The outstanding dynamic features of this internally compensated device are complemented with low offset voltage and offset current. These dielectrically isolated amplifiers are ideally suited for applications such as data acquisition, RF, video, and pulse conditioning circuits. Guaranteed slew rates of 25V/s minimum (HA-2500/883) and 20V/s minimum (HA-2502/883) make these devices excellent components in fast, accurate data acquisition and pulse amplification designs. To insure compliance, all devices are 100% tested for AC performance characteristics over the full temperature limits. A typical 12MHz gain bandwidth product and 500kHz full power bandwidth make these devices well suited to RF and video applications. With guaranteed offset voltages of 5mV (HA-2500/883) and 8mV (HA-2502/883) plus external offset adjust flexibility and low offset current, these amplifiers are particularly useful components in signal conditioning designs.
Features
* This Circuit is Processed in Accordance to MIL-STD883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1. * High Slew Rate (HA-2500/883) . . . . . . . . . 25V/s (Min) 30V/s (Typ) * Wide Power Bandwidth (HA-2500/883). . . 350kHz (Min) * High Input Impedance (HA-2500/883). . . . . 25M (Min) 50M (Typ) * Low Offset Current (HA-2500/883) . . . . . . . 25nA (Max) 10nA (Typ) * Low Quiescent Current . . . . . . . . . . . . . . . . . 6mA (Max) * Fast Settling Time (0.1% of 10V Step) . . . . 330ns (Typ) * High Gain Bandwidth Product . . . . . . . . . 12MHz (Typ) * Internally Compensated For Unity Gain Stability
Applications
* Data Acquisition Systems * RF Amplifiers * Video Amplifiers * Signal Generators * Pulse Amplification
Ordering Information
PART NUMBER HA2-2500/883 HA2-2502/883 HA7-2500/883 TEMP. RANGE (oC) -55 to 125 -55 to 125 -55 to 125 PACKAGE 8 Pin Can 8 Pin Can 8 Ld CERDIP PKG. NO. T8.C T8.C F8.3A
Pinouts
HA-2500/883 (CERDIP) TOP VIEW HA-2500/883, HA-2502/883 (METAL CAN) TOP VIEW
COMP BAL -IN +IN V1 2 3 4 + 8 7 6 5 COMP V+ OUT BAL +IN 3 4 V5 BAL -IN BAL 1 + 8 7 V+
2
6 OUT
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
Spec Number
1
511002-883 File Number 3734.1
HA-2500/883, HA-2502/883
Absolute Maximum Ratings
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 40V Differential Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to VPeak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Thermal Information
Thermal Resistance (Typical, Note 1) JA JC CERDIP Package . . . . . . . . . . . . . . . . . . 115oC/W 28oC/W Metal Can Package . . . . . . . . . . . . . . . . . 160oC/W 75oC/W Package Power Dissipation Limit at 75oC for TJ 175oC CERDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 870mW Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 625mW Package Power Dissipation Derating Factor Above 75oC CERDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.7mW/oC Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.3mW/oC Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 175oC Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V VINCM 1/2 (V+ - V-) RL 2k
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on an evaluation PC board in free air. TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS Device Tested at: VSUPPLY = 15V, RSOURCE = 100 , RLOAD = 500k, VOUT = 0V, Unless Otherwise Specified. HA-2500/883 PARAMETER Input Offset Voltage SYMBOL VIO CONDITIONS VCM = 0V GROUP A SUBGROUPS 1 2, 3 Input Bias Current +IB VCM = 0V, +RS = 100k, -RS = 100 VCM = 0V, +RS = 100, -RS = 100k VCM = 0V, +RS = 100k, -RS = 100k V+ = 5V, V- = -25V 1 2, 3 1 2, 3 1 2, 3 1 2, 3 -CMR V+ = 25V, V- = -5V 1 2, 3 Large Signal Voltage Gain +AVOL VOUT = 0V and +10V, RL = 2k VOUT = 0V and -10V, RL = 2k VCM = +10V, V+ = +5V, V- = -25V, VOUT = -10V VCM = -10V, V+ = +25V, V- = -5V, VOUT = +10V 4 5, 6 4 5, 6 1 2, 3 1 2, 3 TEMP (oC) 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 MIN -5 -8 -200 -400 -200 -400 -25 -50 +10 +10 20 15 20 15 80 80 80 80 MAX 5 8 200 400 200 400 25 50 -10 -10 HA-2502/883 MIN -8 -10 -250 -500 -250 -500 -50 -100 +10 +10 15 10 15 10 74 74 74 74 MAX 8 10 250 500 250 500 50 100 -10 -10 UNITS mV mV nA nA nA nA nA nA V V V V kV/V kV/V kV/V kV/V dB dB dB dB
-IB
Input Offset Current
IIO
Common Mode Range
+CMR
-AVOL
Common Mode Rejection Ratio
+CMRR
-CMRR
Spec Number 2
511002-883
HA-2500/883, HA-2502/883
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) Device Tested at: VSUPPLY = 15V, RSOURCE = 100 , RLOAD = 500k, VOUT = 0V, Unless Otherwise Specified. HA-2500/883 PARAMETER Output Voltage Swing SYMBOL +VOUT CONDITIONS RL = 2k GROUP A SUBGROUPS 4 5, 6 -VOUT RL = 2k 4 5, 6 Output Current +IOUT VOUT = -10V 4 5, 6 -IOUT VOUT = +10V 4 5, 6 Quiescent Power Supply Current +ICC VOUT = 0V, IOUT = 0mA VOUT = 0V, IOUT = 0mA VSUP = 10V, V+ = +20V, V- = -15V, V+ = +10V, V- = -15V VSUP = 10V, V+ = +15V, V- = -20V, V+ = +15V, V- = -10V Note 2 1 2, 3 1 2, 3 1 2, 3 1 2, 3 1 2, 3 -VIOAdj Note 2 1 2, 3 NOTE: 2. Offset adjustment range is [VIO (Measured) 1mV] minimum referred to output. This test is for functionality only to assure adjustment through 0V. TABLE 2. ECTRICAL PERFORMANCE CHARACTERISTICS Device Tested at: VSUPPLY = 15V, RSOURCE = 50, RLOAD = 2k, CLOAD = 50pF, AVCL = +1V/V, Unless Otherwise Specified. HA-2500/883 PARAMETER Slew Rate SYMBOL +SR CONDITIONS VOUT = -5V to +5V 25% +SR 75% VOUT = +5V to -5V 75% -SR 25% GROUP A SUBGROUPS 7 8A, 8B -SR 7 8A, 8B TEMP (oC) 25 125, -55 25 125, -55 MIN 25 20 25 20 MAX HA-2502/883 MIN 20 15 20 15 MAX UNITS V/s V/s V/s V/s TEMP (oC) 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 MIN 10 10 10 7.5 -6 -6.5 80 80 80 80 VIO-1 VIO-1 VIO+1 VIO+1 MAX -10 -10 -10 -7.5 6 6.5 HA-2502/883 MIN 10 10 10 7.5 -6 -7 74 74 74 74 VIO-1 VIO-1 VIO+1 VIO+1 MAX -10 -10 -10 -7.5 6 7 UNITS V V V V mA mA mA mA mA mA mA mA dB dB dB dB mV mV mV mV
-ICC
Power Supply Rejection Ratio
+PSRR
-PSRR
Offset Voltage Adjustment
+VIOAdj
Spec Number 3
511002-883
HA-2500/883, HA-2502/883
TABLE 2. ECTRICAL PERFORMANCE CHARACTERISTICS (Continued) Device Tested at: VSUPPLY = 15V, RSOURCE = 50, RLOAD = 2k, CLOAD = 50pF, AVCL = +1V/V, Unless Otherwise Specified. HA-2500/883 PARAMETER Rise and Fall Time SYMBOL tr CONDITIONS VOUT = 0 to +200mV 10% tr 90% VOUT = 0 to -200mV 10% tf 90% VOUT = 0 to +200mV GROUP A SUBGROUPS 7 8A, 8B 7 8A, 8B 7 8A, 8B -OS VOUT = 0 to -200mV 7 8A, 8B TEMP (oC) 25 125, -55 25 125, -55 25 125, -55 25 125, -55 MIN MAX 50 60 50 60 40 50 40 50 HA-2502/883 MIN MAX 50 60 50 60 50 60 50 60 UNITS ns ns ns ns % % % %
tf
Overshoot
+OS
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS Device Characterized at: VSUPPLY = 15V, RLOAD = 2k, CLOAD = 50pF, Unless Otherwise Specified. HA-2500/883 PARAMETER Differential Input Resistance Full Power Bandwidth Minimum Closed Loop Stable Gain Quiescent Power Consumption NOTES: 3. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These parameters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization based upon data from multiple production runs which reflect lot to lot and within lot variation. 4. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2VPEAK). 5. Quiescent Power Consumption based upon Quiescent Supply Current test maximum. (No load on outputs.) TABLE 4. ELECTRICAL TEST REQUIREMENTS MIL-STD-883 TEST REQUIREMENTS Interim Electrical Parameters (Pre Burn-In) Final Electrical Test Parameters Group A Test Requirements Groups C and D Endpoints NOTE: 6. PDA applies to Subgroup 1 only. SUBGROUPS (SEE TABLES 1 AND 2) 1 1 (Note 6), 2, 3, 4, 5, 6, 7, 8A, 8B 1, 2, 3, 4, 5, 6, 7, 8A, 8B 1 SYMBOL RIN FPBW CONDITIONS VCM = 0V VPEAK = 10V RL = 2k, CL = 50pF VOUT = 0V, IOUT = 0mA NOTES 3 TEMP (oC) 25 MIN 25 MAX HA-2502/883 MIN 20 MAX UNITS M
3, 4
25
350
-
300
-
kHz
CLSG
3
-55 to 125
1
-
1
-
V/V
PC
3, 5
-55 to 125
-
195
-
210
mW
Spec Number 4
511002-883
HA-2500/883, HA-2502/883 Die Characteristics
DIE DIMENSIONS: 57 x 65 x 19 milss 1450 x 1650 x 483m METALLIZATION: Type: Al, 1% Cu Thickness: 16kA 2kA GLASSIVATION: Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos.) Silox Thickness: 12kA 2kA Nitride Thickness: 3.5kA 1.5kA WORST CASE CURRENT DENSITY: 0.3 x 105A/cm2 SUBSTRATE POTENTIAL (Powered Up): Unbiased TRANSISTOR COUNT: HA-2500/883: 40 HA-2502/883: 40 PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-2500/883, HA-2502/883
+IN
-IN
BAL
COMP
V-
V+
BAL
OUT
Spec Number 5
511002-883
HA-2500/883, HA-2502/883 Burn-In Circuits
HA7-2500/883 CERDIP
1 R1 2 3 VD2 C2 4
8
+
7 6 5 C3 C1 D1
V+
HA2-2500/883 METAL CAN HA2-2502/883 METAL CAN
V+
C3
C1
D1
8 1 + 3 4 R1 VC2 D2 5 7
2
6
NOTES: R1 = 1M, 5%, 1/4W (Min) C1 = C2 = 0.01F/Socket (Min) or 0.1F/Row (Min) C3 = 0.01F/Socket (10%) D1 = D2 = 1N4002 or Equivalent/Board |(V+) - (V-)| = 30V
Spec Number 6
511002-883
HA-2500/883, HA-2502/883 Ceramic Dual-In-Line Frit Seal Packages (CERDIP)
c1 -A-DBASE METAL E b1 M -Bbbb S BASE PLANE SEATING PLANE S1 b2 b ccc M C A-B S AA C A-B S D Q -CA L DS M (b) SECTION A-A (c) LEAD FINISH
F8.3A MIL-STD-1835 GDIP1-T8 (D-4, CONFIGURATION A)
8 LEAD CERAMIC DUAL-IN-LINE FRIT SEAL PACKAGE INCHES SYMBOL A b b1 b2 b3 c MIN 0.014 0.014 0.045 0.023 0.008 0.008 0.220 MAX 0.200 0.026 0.023 0.065 0.045 0.018 0.015 0.405 0.310 MILLIMETERS MIN 0.36 0.36 1.14 0.58 0.20 0.20 5.59 MAX 5.08 0.66 0.58 1.65 1.14 0.46 0.38 10.29 7.87 NOTES 2 3 4 2 3 5 5 6 7 2, 3 8 Rev. 0 4/94
eA
c1 D E e eA eA/2 L Q S1
e
DS
eA/2
c
0.100 BSC 0.300 BSC 0.150 BSC 0.125 0.015 0.005 90o 8 0.200 0.060 105o 0.015 0.030 0.010 0.0015
2.54 BSC 7.62 BSC 3.81 BSC 3.18 0.38 0.13 90o 8 5.08 1.52 105o 0.38 0.76 0.25 0.038
aaa M C A - B S D S
NOTES: 1. Index area: A notch or a pin one identification mark shall be located adjacent to pin one and shall be located within the shaded area shown. The manufacturer's identification shall not be used as a pin one identification mark. 2. The maximum limits of lead dimensions b and c or M shall be measured at the centroid of the finished lead surfaces, when solder dip or tin plate lead finish is applied. 3. Dimensions b1 and c1 apply to lead base metal only. Dimension M applies to lead plating and finish thickness. 4. Corner leads (1, N, N/2, and N/2+1) may be configured with a partial lead paddle. For this configuration dimension b3 replaces dimension b2. 5. This dimension allows for off-center lid, meniscus, and glass overrun. 6. Dimension Q shall be measured from the seating plane to the base plane. 7. Measure dimension S1 at all four corners. 8. N is the maximum number of terminal positions. 9. Dimensioning and tolerancing per ANSI Y14.5M - 1982. 10. Controlling dimension: INCH.
aaa bbb ccc M N
Spec Number 7
511002-883
HA-2500/883, HA-2502/883 Metal Can Packages (Can)
REFERENCE PLANE A L L2 L1 A A OD OD1 Oe 2 1 Ob1 Ob BASE AND SEATING PLANE BASE METAL LEAD FINISH N k1 OD2
T8.C MIL-STD-1835 MACY1-X8 (A1)
e1 8 LEAD METAL CAN PACKAGE INCHES SYMBOL A Ob Ob1 Ob2 OD MIN 0.165 0.016 0.016 0.016 0.335 0.305 0.110 MAX 0.185 0.019 0.021 0.024 0.375 0.335 0.160 MILLIMETERS MIN 4.19 0.41 0.41 0.41 8.51 7.75 2.79 MAX 4.70 0.48 0.53 0.61 9.40 8.51 4.06 NOTES 1 1 2 1 1 1 3 3 4 Rev. 0 5/18/94
k
OD1
C L
OD2 e
F Q
0.200 BSC 0.100 BSC 0.027 0.027 0.500 0.250 0.010 45o BSC 45o BSC 8 0.040 0.034 0.045 0.750 0.050 0.045 -
5.08 BSC 2.54 BSC 1.02 0.86 1.14 19.05 1.27 1.14
e1 F k k1
0.69 0.69 12.70 6.35 0.25
Ob1
Ob2
L L1
SECTION A-A
L2 Q
NOTES: 1. (All leads) Ob applies between L1 and L2. Ob1 applies between L2 and 0.500 from the reference plane. Diameter is uncontrolled in L1 and beyond 0.500 from the reference plane. 2. Measured from maximum diameter of the product. 3. is the basic spacing from the centerline of the tab to terminal 1 and is the basic spacing of each lead or lead position (N -1 places) from , looking at the bottom of the package. 4. N is the maximum number of terminal positions. 5. Dimensioning and tolerancing per ANSI Y14.5M - 1982. 6. Controlling dimension: INCH.
N
45o BSC 45o BSC 8
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. Taiwan Limited 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
Spec Number 8
511002-883


▲Up To Search▲   

 
Price & Availability of HA-2500883

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X