Part Number Hot Search : 
MIC3230 1T365 DV20220 FR840F MM3ZXXVB D2024 LC2272 90814
Product Description
Full Text Search
 

To Download DM74LS645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74LS645 Octal Bus Transceiver
August 1986 Revised March 2000
DM74LS645 Octal Bus Transceiver
General Description
These octal bus transceivers are designed for asynchronous two-way communication between data buses. The devices transmit data from the A bus to the B bus or from the B bus to the A bus depending upon the level at the direction control (DIR) input. The enable input (G) can be used to disable the device so that the buses are effectively isolated.
Features
s Bi-directional bus transceivers in high-density 20-pin packages s Hysteresis at bus inputs improves noise margins s 3-STATE outputs
Ordering Code:
Order Number DM74LS645WM DM74LS645N Package Number M20B N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Function Table
Control Inputs G L L H
H = HIGH Level L = LOW Level X = Irrelevant
DM74LS645 DIR L H X B data to A bus A data to B bus Isolation
(c) 2000 Fairchild Semiconductor Corporation
DS009056
www.fairchildsemi.com
DM74LS645
Absolute Maximum Ratings(Note 1)
Supply Voltage Input Voltage Operating Free Air Temperature Range Storage Temperature Range 7V 7V 0C to +70C -55C to +150C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
Recommended Operating Conditions
Symbol VCC VIH VIL IOH IOL TA Parameter Supply Voltage (Note 2) HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Current LOW Level Output Current Free Air Operating Temperature 0 Min 4.75 2 0.6 -15 24 70 Nom 5 Max 5.25 Units V V V mA mA C
Note 2: Voltage values are with respect to the network ground terminal.
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted) Symbol VI HYS VOH VOL IOZH IOZL II IIH IIL IOS ICC Parameter Input Clamp Voltage Hysteresis (VT+ - V -) A or B Input HIGH Level Output Voltage LOW Level Output Voltage Off-State Output Current, HIGH Level Voltage Applied Off-State Output Current, LOW Level Voltage Applied Input Current at Maximum Input Voltage HIGH Level Input Current LOW Level Input Current Total Supply Current VCC = Min, VIH = 2V, VIL = Max VCC = Min, VIH = 2V, VIL = Max VCC = Max, G at 2V, VO = 2.7V VCC = Max, G at 2V VO = 0.4V VCC = Max A or B DIR or G VCC = Max, VIH = 2.7 VCC = Max, VIL = 0.4V -40 VCC = Max, Outputs Open 48 62 64 Outputs HIGH Outputs LOW Outputs at Hi-Z
Note 3: For conditions shown as Min or Max, use the appropriate value specified under Recommended Operating Conditions. Note 4: All typicals are at VCC = 5V, TA = 25C. Note 5: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Conditions (Note 3) VCC = Min, II = 18 mA VCC = Min IOH = -3 mA IOH = Max IOL = 12 mA IOL = 24 mA
Min
Typ (Note 4) 0.4 3.4 0.25 0.35
Max -1.5
Units V V
0.2 2.4 2
V 0.4 0.5 20 -400 V A A mA A mA mA mA
VI = 5.5V VI = 7V
0.1 0.1 20 -0.4 -225 70 90 95
Short Circuit Output Current (Note 5) VCC = Max
www.fairchildsemi.com
2
DM74LS645
Switching Characteristics
at VCC = 5V and TA = 25C From (Input) Symbol Parameter To (Output) CL = 45 pF Min tPLH tPHL tPLH tPHL tPZL tPZH tPZL tPZH tPLZ tPHZ tPLZ tPHZ Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Output Enable Time to LOW Level Output Enable Time to HIGH Level Output Enable Time to LOW Level Output Enable Time to HIGH Level Output Disable Time to LOW Level Output Disable Time to HIGH Level Output Disable Time to LOW Level Output Disable Time to HIGH Level A to B A to B B to A B to A Max 15 15 15 15 RL = 667 CL = 5 pF Min Max ns ns ns ns Units
G to A
40
ns
G to A
40
ns
G to B
40
ns
G to B
40
ns
G to A
25
ns
G to A
25
ns
G to B
25
ns
G to B
25
ns
3
www.fairchildsemi.com
DM74LS645
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide Package Number M20B
www.fairchildsemi.com
4
DM74LS645 Octal Bus Transceiver
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N20A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 5 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of DM74LS645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X