Part Number Hot Search : 
TD62380P A2011 SC220 0160B C3510 ALVC16 CY7C643 A2011
Product Description
Full Text Search
 

To Download DFL1501S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DFL15005S thru DFL1514S
Vishay Semiconductors
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Case Style Low Profile DFS
Major Ratings and Characteristics
IF(AV) VRRM IFSM IR VF Tj max. 1.5 A 50 V to 1400 V 50 A 5 A 1.1 V 150 C
~ ~
~
~
Features
* * * * * Low Profile: Typical height of 2.5 mm UL Recognition, file number E54214 Ideal for automated placement High surge current capability Meets MSL level 1, per J-STD-020C
Typical Applications
General purpose use in ac-to-dc bridge full wave rectification for SMPS, Lighting Ballaster, Adapter, Battery Charger, Home Appliances, Office Equipment, and Telecommunication applications
Maximum Ratings
Parameter
(TA = 25 C unless otherwise noted)
N ew
Symbol VRRM VRMS VDC IF(AV) IFSM DFL 15005S 50
Pr od uc t
Mechanical Data
DFL 1501S 100 70 100 DFL 1502S 200 140 200 DFL 1504S 400 280 400 1.5 50 DFL 1506S 600 420 600 DFL 1508S 800 560 800 700 10 - 55 to + 150
Case: Low Profile DFS Epoxy meets UL-94V-0 Flammability rating Terminals: Matte tin plated (E3 Suffix) leads, solderable per J-STD-002B and MIL-STD-750, Method 2026 Polarity: As marked on body
DFL 1510S 1000
DFL 1514S 1400 980 1400
Unit V V V A A
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage
35
50
1000
Maximum average forward output rectified current at TA = 40 C(2) Peak forward surge current single half sine-wave superimposed on rated load Rating for fusing (t < 8.3 ms) Operating junction and storage temperature range
I2 t TJ, TSTG
A2sec C
Document Number 88874 16-Nov-04
www.vishay.com 1
DFL15005S thru DFL1514S
Vishay Semiconductors Electrical Characteristics
(TA = 25 C unless otherwise noted) Parameter Max. instantaneous forward voltage drop per leg Maximum DC reverse current at rated DC blocking voltage per leg Typical junction capacitance per leg (1) Test condition at 1.5 A TA = 25 C TA = 125 C Symbol VF IR DFL DFL 15005S 1501S DFL 1502S DFL 1504S DFL 1506S DFL 1508S DFL 1510S DFL 1514S Unit V A
1.1 5.0 500 16
CJ
pF
Thermal Characteristics
(TA = 25 C unless otherwise noted) Parameter Typical thermal resistance per leg(2) Notes: (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (2) Units mounted on P.C.B. with 0.51 x 0.51" (13 x 13 mm) copper pads Symbol RJA RJL DFL 15005S DFL 1501S DFL 1502S DFL 1504S 40 15 DFL 1506S DFL 1508S DFL 1510S DFL 1514S Unit C/W
Ratings and Characteristics Curves
(TA = 25 C unless otherwise noted)
2.0
Average Forw ard Current (A) Peak Forward Surge Current (A)
1.5
50 Hz Resistive or Inductive Load
60 50 40 30 20 10 0 1 10 Number of Cycles at 50 Hz 100 TJ = 150C Single Sine-Wave
1.0
0.5
0 20 40 100 120 Ambient Temperature (C) 60 80 140 160
Figure 1. Forward Current Derating Curve Per Leg
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Leg
www.vishay.com 2
Document Number 88874 16-Nov-04
VISHAY
DFL15005S thru DFL1514S
Vishay Semiconductors
100
Junction Capacitance (pF)
10
Instantaneous Forw ard Current (A)
TJ = 150C 1 TJ = 125C TJ = 25C 0.1 TJ = 25C Pulse width = 300s 1% Duty Cycle 0.01 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 Instantaneous Forward Voltage (V)
TJ = 25C f = 1.0 MHz Vsig = 50mVp-p
10
1 1 10 Reverse Voltage(V) 100
Figure 3. Typical Forward Voltage Characteristics Per Leg
Figure 5. Typical Junction Capacitance Per Leg
1000
Instantaneous Reverse leakage Current (A)
TJ = 150C
100 TJ = 125C
10
1 TJ = 25C 0.1
0.01 10 20 30 40 50 60 70 80 90 100 Percent of Rated Peak ReverseVoltage (%)
Figure 4. Typical Reverse Characteristics Per Leg
Package outline dimensions in inches (millimeters)
Case Style Low Profile DFS
0.205 (5.2) 0.195 (5.0) 0.047 (1.20) 0.040 (1.02)
Mounting Pad Layout
0.047 Min. (1.20 Min.)
0.404 Max. (10.26 Max.) 0.060 Min. (1.52 Min.)
0.335 (8.51) 0.320 (8.13)
45o
0.013 (0.330) 0.009 (0.241) 0.102 (2.60) 0.094 (2.40)
0.404 (10.3) 0.386 (9.80) 0.255 (6.5 ) 0.245 (6.2 )
0.205 (5.2) 0.195 (5.0)
0.060 (1.524) 0.040 (1.016) 0.013 (0.330) 0.003 (0.076)
Document Number 88874 16-Nov-04
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of DFL1501S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X