Part Number Hot Search : 
KU10N14 L4448 AH293YA 40174 SDP55N 2SB90607 P0502 ATF16
Product Description
Full Text Search
 

To Download CY3120J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 25/C
CY3120/CY3125/CY3120J
Warp2(R) VHDL Compiler for CPLDs
Features
* VHDL (IEEE 1076 and 1164) high-level language compiler -- Facilitates device-independent design -- Designs are portable across multiple devices and/or EDA environments -- Facilitates the use of industry-standard simulation and synthesis tools for board and system-level design -- Supports functions and libraries facilitating modular design methodology * Warp2(R) provides synthesis of IEEE Standard 1076 and 1164 VHDL including: -- Enumerated types -- Operator overloading -- For ... Generate statements -- Integers * Several design entry methods support high and low-level design descriptions: -- Behavioral VHDL (IF...THEN...ELSE; CASE...) -- Boolean -- Aldec Active-HDLTM FSM graphical Finite State Machine editor (PC only) -- Structural VHDL (RTL) -- Designs can include multiple VHDL entry methods in a single design * State-of-the-art optimizations and reduction algorithms -- Automatic selection of optimal flip-flop type (D type/T type) -- Automatic pin assignment * UltraGenTM Synthesis and Fitting Technology -- Infers "modules" like adders, comparators, etc., from behavioral descriptions -- Replaces operator internally with an architecture specific circuit based on the target device -- User selectable speed and/or area optimization on a block-by-block basis * Supports all Cypress Programmable Logic Devices -- Ultra37000TM CPLDs (now with FBGA support) -- FLASH370iTM CPLDs -- MAX340TM CPLDs -- Industry standard PLDs (16V8, 20V8, 22V10) * VHDL and Verilog timing model output for use with third-party simulators * * * * * Timing simulation provided with Active-HDLTM Sim Release 3.3 from Aldec (PC only) -- Graphical waveform simulator -- Entry and modification of on-screen waveforms -- Ability to probe internal nodes -- Display of inputs, outputs, and High Impedance (Z) signals in different colors -- Automatic clock and pulse creation -- Support for buses Year 2000 Compliant PC Support (Windows 95TM, Windows 98TM and Windows NTTM 4.0) Workstation Support including Sun SolarisTM and HP-UXTM On-line documentation and help
Functional Description
Warp2 is a state-of-the-art HDL compiler for designing with Cypress's Complex Programmable Logic Devices (CPLDs). Warp2 utilizes a subset of IEEE 1076 and 1164 VHDL as its Hardware Description Language (HDL) for design entry. Warp2 accepts VHDL, synthesizes and optimizes the entered design, and outputs a JEDEC file for the desired PLD or CPLD (see Figure 1). Furthermore, Warp2 accepts VHDL produced by the Active-HDL FSM graphical Finite State Machine editor (PC only). For simulation, Warp2 provides a timing simulator (PC only), as well as VHDL and Verilog timing models for use with third party simulators.
DESIGN ENTRY
VHDL
State Machine
COMPILATION
UltraGenTM Synthesis and Fitting
VERFICA TION
JEDEC/Jam Programming File
Timing Simulator
VHDL, Verilog &Third-Party
Simulation Models
Figure 1. Warp2 VHDL Design Flow.
Cypress Semiconductor Corporation
*
3901 North First Street
*
San Jose
*
CA 95134
*
408-943-2600 July 28, 1999
CY3120/CY3125/CY3120J
VHDL Compiler VHDL (VHSIC [very high speed integrated circuit] Hardware Description Language) is a powerful language that is a standard for behavioral design entry and simulation, and is supported by every major vendor of EDA tools. VHDL allows designers to learn a single language that is useful for all facets of the design process. VHDL offers designers the ability to describe designs at many different levels. At the highest level, designs can be entered as a description of their behavior. This behavioral description is not tied to any specific target device. As a result, simulation can be done very early in the design to verify correct functionality, which significantly speeds up the design process. Warp2's VHDL syntax also includes support for intermediate level entry modes such as state tables and Boolean entry. At the lowest level, designs can be described using gate-level RTL (Register Transfer Language) descriptions. Warp2 gives the designer the flexibility to intermix all of these entry modes. In addition, VHDL allows you to design hierarchically, building up entities in terms of other entities. This allows you to work either "top-down" (designing the highest levels of the system and its interfaces first, then progressing to greater and greater detail) or "bottom-up" (designing elementary building blocks of the system, then combining these to build larger and larger parts) with equal ease. Because VHDL is an IEEE standard, multiple vendors offer tools for design entry and simulation at both high and low levels, and synthesis of designs to different silicon targets. The use of device-independent behavioral design entry gives users the freedom to easily migrate to high volume technologies. The wide availability of VHDL tools provides complete vendor independence as well. Designers can begin their project using Warp2 for Cypress CPLDs and convert to high volume gate arrays using the same VHDL behavioral description with industry-standard synthesis tools. The VHDL language allows users to define their own functions. User-defined functions allow users to extend the capabilities of the language and build reusable libraries of tested routines. As a result, the user can produce complex designs faster than with ordinary "flat" languages. VHDL also provides control over the timing of events or processes. VHDL has constructs that identify processes as either sequential, concurrent, or a combination of both. This is essential when describing the interaction of complex state machines. VHDL is a rich programming language. Its flexibility reflects the nature of modern digital systems and allows designers to create accurate models of digital designs. Because of its depth and completeness, it is easy to describe a complex hardware system. In addition, models created in VHDL can readily be transported to other EDA Environments. Warp2 supports IEEE 1076 and 1164 VHDL including loops, for generate statements, full hierarchical designs with packages, as well as synthesis for enumerated types and integers. The part of a Warp2 description that specifies the behavior or structure of the design is called an entity/architecture pair. Entity/architecture pairs, as their name implies, are divided into two parts: an entity declaration, which declares the design's interface signals (i.e., defines what external signals the design has, and what their directions and types are), and a design architecture, which describes the design's behavior or structure. The entity portion of a design file is a declaration of what a design presents to the outside world (the interface). For each external signal, the entity declaration specifies a signal name, a direction and a data type. In addition, the entity declaration specifies a name by which the entity can be referenced in a design architecture. This section shows code segments from five sample design files. The top portion of each example features the entity declaration. Behavioral Description The architecture portion of a design file specifies the function of the design. As shown in Figure 1, multiple design-entry methods are supported in Warp2. A behavioral description in VHDL often includes well known constructs such as If...Then...Else, and Case statements. Here is a code segment from a simple state machine design (soda vending machine) that uses behavioral VHDL to implement the design: LIBRARY ieee; USE ieee.std_logic_1164.all; ENTITY drink IS PORT (nickel,dime,quarter,clock:#in std_logic; returnDime,returnNickel,giveDrink:out std_logic); END drink;
ARCHITECTURE fsm OF drink IS TYPE drinkState IS (zero,five,ten,fifteen, twenty,twentyfive,owedime); SIGNAL drinkstatus:drinkState; BEGIN PROCESS BEGIN WAIT UNTIL clock = '1'; giveDrink <= '0'; returnDime <= '0'; returnNickel <= '0'; CASE drinkStatus IS WHEN zero => IF (nickel = '1') THEN drinkStatus <= five; ELSIF (dime = '1') THEN drinkStatus <= Ten; ELSIF (quarter = '1') THEN drinkStatus <= twentyfive; END IF; WHEN five =>
Designing with Warp2
Design Entry Warp2 descriptions specify: * The behavior or structure of a design, and * The mapping of signals in a design to the pins of a PLD/CPLD (optional)
2
CY3120/CY3125/CY3120J
IF (nickel = '1') THEN drinkStatus <= ten; ELSIF (dime = '1') THEN drinkStatus <= fifteen; ELSIF (quarter = '1') THEN giveDrink <= '1'; drinkStatus <= zero END IF; -- Several states are omitted in this -- example. The omitted states are ten, -- fifteen, twenty, and twentyfive. WHEN owedime => returnDime <= '1'; drinkStatus <= zero; when others => -- This makes sure that the state -- machine resets itself if -- it somehow gets into an undefined state. drinkStatus <= zero; END CASE; END PROCESS; END FSM; VHDL is a strongly typed language. It comes with several predefined operators, such as + and /= (add, not-equal-to). VHDL offers the capability of defining multiple meanings for operators (such as +), which results in simplification of the code written. For example, the following code segment shows that "count <= count +1" can be written such that count is a std_logic_vector, and 1 is an integer. LIBRARY ieee; USE ieee.std_logic_1164.all; USE work.std_arith.all; ENTITY sequence IS port (clk: in std_logic; s : inout std_logic); end sequence; ARCHITECTURE fsm OF sequence IS SIGNAL count: std_logic_vector(3 downto 0); BEGIN PROCESS BEGIN WAIT UNTIL clk = '1'; CASE count IS WHEN x"0" | x"1" s <= '1'; count <= count WHEN x"4" | x"5" s <= '0'; count <= count WHEN x"8" | x"9" s <= '1'; count <= count WHEN others => | x"2" | x"3" => + 1; | x"6" | x"7" => + 1; => + 1; s <= '0'; count <= (others => '0'); END CASE; END PROCESS; END FSM; In this example, the + operator is overloaded to accept both integer and std_logic arguments. Warp2 supports overloading of operators. Functions A major advantage of VHDL is the ability to implement functions. The support of functions allows designs to be reused by simply specifying a function and passing the appropriate parameters. Warp2 features some built-in functions such as ttf (truth-table function). The ttf function is particularly useful for state machine or look-up table designs. The following code describes a seven-segment display decoder implemented with the ttf function: LIBRARY ieee; USE ieee.std_logic_1164.all; USE work.table_std.all; ENTITY seg7 IS PORT( inputs: IN STD_LOGIC_VECTOR (0 to 3) outputs: OUT STD_LOGIC_VECTOR (0 to 6) ); END SEG7; ARCHITECTURE mixed OF seg7 IS CONSTANT truthTable: ttf_table (0 to 11, 0 to 10) := ( -- input& output -- ----------------------"0000"& "0111111", "0001"& "0000110", "0010"& "1011011", "0011"& "1001111", "0100"& "1100110", "0101"& "1101101", "0110"& "1111101", "0111"& "0000111", "1000"& "1111111", "1001"& "1101111", "101-"& "1111100", --creates E pattern "111-"& "1111100" ); BEGIN outputs <= ttf(truthTable,inputs); END mixed; Boolean Equations A third design-entry method available to Warp2 users is Boolean equations. Figure 2 displays a schematic of a simple one-bit half adder. The following code describes how this one-bit half adder can be implemented in Warp2 with Boolean equations:
3
CY3120/CY3125/CY3120J
2
x y
carry sum
x clk d q clk
q0
q1
q2
d
q clk
d
q clk
Figure 2. One-Bit Half Adder. LIBRARY ieee; USE ieee.std_logic_1164.all; --entity declaration ENTITY half_adder IS PORT (x, y : IN std_logic; sum, carry : OUT std_logic); END half_adder; --architecture body ARCHITECTURE behave OF half_adder IS BEGIN sum <= x XOR y; carry <= x AND y; END behave; Structural VHDL (RTL) While all of the design methodologies described thus far are high-level entry methods, structural VHDL provides a method for designing at a very low level. In structural descriptions (also called RTL), the designer simply lists the components that make up the design and specifies how the components are wired together. Figure 3 displays the schematic of a simple 3-bit shift register and the following code shows how this design can be described in Warp2 using structural VHDL: LIBRARY ieee; USE ieee.std_logic_1164.all; USE work.rtlpkg.all; ENTITY shifter3 IS port ( clk : IN STD_LOGIC; x : IN STD_LOGIC; q0 : OUT STD_LOGIC; q1 : OUT STD_LOGIC; q2 : OUT STD_LOGIC); END shifter3; ARCHITECTURE struct OF shifter3 IS SIGNAL q0_temp, q1_temp, q2_temp : STD_LOGIC; BEGIN d1 : DFF PORT MAP(x,clk,q0_temp); d2 : DFF PORT MAP(q0_temp,clk,q1_temp); d3 : DFF PORT MAP(q1_temp,clk,q2_temp); q0 <= q0_temp; q1 <= q1_temp; q2 <= q2_temp; END struct;
Figure 3. Three-Bit Shift Register Circuit Design. All of the design-entry methods described can be mixed as desired. VHDL has the ability to combine both high- and low-level entry methods in a single file. The flexibility and power of VHDL allows users of Warp2 to describe designs using whatever method is appropriate for their particular design.
Finite State Machine Editor (PC only)
Aldec's Active-HDLTM FSM finite state machine editor, allows graphic design entry through the use of graphical state diagrams. A design may be represented graphically using state diagrams and data flow logic. This tool will automatically generate the HDL code of the design.
3
Figure 4. Active HDL FSM Finite State Machine Entry.
Compilation
Once the VHDL description of the design is complete, it is compiled using Warp2. Although implementation is with a single command, compilation is actually a multistep process as shown in Figure 1. The first part of the compilation process is the same for all devices. The input VHDL description is synthesized to a logical representation of the design. Warp2 synthesis is unique in that the input language (VHDL) supports device-independent design descriptions. Competing programmable logic compilers require very specific and device-dependent information in the design description. Warp2 synthesis is based on UltraGen technology. This technology allows Warp2 to infer "modules" like adders, multipliers, comparators, etc., from behavioral descriptions. Warp2 then replaces that operator internally with an architecture specific
4
CY3120/CY3125/CY3120J
circuit based on the target device. This circuit or "module" is also pre-optimized for either area or speed, and Warp2 uses the appropriate implementation based on user directives. The second step of compilation is an iterative process of optimizing the design and fitting the logic into the targeted device. Logical optimization in Warp2 is accomplished using Espresso algorithms. The optimized design is automatically fed to the Warp2 fitter for targeting a PLD or CPLD. This fitter supports the automatic or manual placement of pin assignments as well as automatic selection of D or T flip-flops. After optimization and fitting, Warp2 creates a JEDEC file for the specified PLD or CPLD. To facilitate design conversion, a JEDEC translator is provided to convert FLASH370i JEDEC files to target Ultra37000 devices. Ultra37000 ISR Programming Kit (CY3700i) or the FLASH370i ISR Programming Kit (CY3600i) data sheet.
System Requirements
For PCs * IBM PC or equivalent (Pentium(R) class recommended) * 32 Mbytes of RAM (64 Mbytes recommended) * 110 Mbytes Disk Space * CD-ROM drive * Windows (including Japanese) 95, Windows 98, or Windows NT 4.0 For Sun Workstations * SPARCTM CPU * SolarisTM 2.6 * 32 Mbytes of RAM (64 Mbytes recommended) * CD-ROM drive For HP 9000TM Workstations * HP-UXTM 10.20 * 32 Mbytes of RAM (64 Mbytes recommended) * CD-ROM drive
Simulation (PC only)
Warp2 includes a post-synthesis timing simulator called Active-HDL Sim. Active-HDL Sim features a graphical waveform simulator that can be used to simulate PLD/CPLD designs generated in Warp2. The simulator provides timing simulation for PLDs/CPLDs and features interactive waveform editing and viewing. The simulator also provides the ability to probe internal nodes, and automatically generate clocks and pulses. (Source level simulation support is available with Warp3(R) [CY3130].) Warp2 will also output standard VHDL and Verilog timing models. These models can be used with many third-party simulators to perform functional and timing verifications of the synthesized design.
Product Ordering Information
Product Code CY3120R52 CY3125R52 CY3110JR52 Description Warp2 VHDL development system for PCs Warp2 VHDL development system for Sun Solaris Workstations Warp2 VHDL Japanese development system for PCs
Programming
The result of Warp2 compilation is a JEDEC file that implements the input design in the targeted device. Using this file, Cypress devices can be programmed on any qualified third-party programmer. Cypress's FLASH370i and Ultra37000 In-System ReprogrammableTM (ISRTM) devices can also be programmed on board with an ISR programmer. The JEDEC files are used to program FLASH370i CPLDs or are converted to Jam files by Cypress's ISR software for use with Ultra37000 CPLDs. Once in Jam format, Ultra37000 CPLDs may be programmed using the Jam player with Cypress's ISR software and ISR cable. For more information on Cypress's ISR software see the
Warp2 VHDL includes: * CD-ROM with Warp2, Aldec Active-HDL Sim & FSM, and on-line documentation (Getting Started Manual, User's Guide, HDL Reference Manual) * VHDL for Programmable Logic Textbook * Registration Card * Release Notes * Document #: 38-00218-K
5
CY3120/CY3125/CY3120J
Figure 5. Warp2 Graphical User Interface and VHDL Book.
Warp2 and Warp3 are registered trademarks and UltraGen, Ultra37000, MAX340, Impulse3, ISR, In-System Reprogrammable, and FLASH370i are trademarks of Cypress Semiconductor Corporation. Pentium is a registered trademark of Intel Corporation. Windows 95, Windows 98 and Windows NT are trademarks of Microsoft Corporation. Solaris is a trademark of Sun Microsystems Corporation. Active-HDL is a trademark of Aldec Incorporated.
(c) Cypress Semiconductor Corporation, 1999. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.


▲Up To Search▲   

 
Price & Availability of CY3120J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X