Part Number Hot Search : 
AUY14A2 N74AC K1060 6277A ADG12 N2238 BUL146FG 25N50
Product Description
Full Text Search
 

To Download CY2CC1810NBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMLINKTM SERIES
CY2CC1810
1:10 Clock Fanout Buffer with Output Enable
Features
Low-voltage operation VDD range from 2.5 to 3.3V 1:10 fanout Drives either a 50-ohm or 75-ohm transmission line Over voltage tolerant input hot swappable Low input capacitance Low output skew Low propagation delay Typical (tpd < 4 ns) High-speed operation > 200 MHz LVTTL-/LVCMOS-compatible input -- Output disable to three-state * Industrial versions available * Packages available include: SOIC/SSOP * * * * * * * * * * *
Description
The Cypress series of network circuits is produced using advanced 0.35-micron CMOS technology, achieving the industries fastest logic and buffers. The Cypress CY2CC1810 fanout buffer features one input and ten three-state outputs. Designed for data communications clock management applications, the large fanout from a single input reduces loading on the input clock. AVCMOS-type outputs dynamically adjust for variable impedance-matching and eliminate the need for seriesdamping resistors; they also reduce noise overall.
Block Diagram
Q1 OE# Q2 Q3 Q4 Q5 IN Q6 Q7 Q8 Q9 Q 10 OUTPUT
(AVCMOS)
Pin Configuration
VDD
GND Q10 VDD Q9 OE# IN GND GND Q8 VDD Q7 GND
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
CY2CC1810
GND Q1 VDD Q2 GND Q3 Q4 GND Q5 VDD Q6 GND
GND
24 pin SOIC/SSOP
Pin Description
Pin Number 1,7,8,12,13,17,20,24 3,10,15,22 5 6 2,4,9,11,14,16,18,19,21,23 Pin Name GND VDD OE# IN Q10........Q1 Ground Power Supply Output Enable Input Output Pin Description Power Power LVTTL/LVCMOS LVTTL/LVCMOS AVCMOS
Cypress Semiconductor Corporation Document #: 38-07055 Rev. *C
*
3901 North First Street
*
San Jose
*
CA 95134 * 408-943-2600 Revised December 14, 2002
COMLINKTM SERIES
CY2CC1810
Maximum Ratings[1][2]
Storage Temperature: ................................-65C to + 150C Ambient Temperature:................................... -40C to +85C Supply Voltage to Ground Potential VCC .................................................................. -0.5V to 4.6V Input ................................................................. -0.5V to 5.8V Supply Voltage to Ground Potential (Outputs only) ........................................ -0.5V to VDD + 0.5V DC Output Voltage................................. -0.5V to VDD + 0.5V Power Dissipation........................................................ 0.75W
DC Parameter @ 3.3V VDD = 3.3V 5%, TA= -40C to +85C (see Figure 6)
Parameter VOH VOL VIH VIL IIH IIL II VIK IOK OOFF VH Description Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input High Current Input Low Current Input High Current Clamp Diode Voltage Continuous Clamp Current Power-down Disable Input Hysteresis Conditions VDD = Min., VIN = VIH or VIL VDD = Min., VIN = VIH or VIL Guaranteed Logic High Level Guaranteed Logic Low Level VDD = Max. VDD = Max. VDD = Max., VIN = VDD(Max) VDD = Min., IIN = -18 mA VDD = Max., VOUT = GND VDD = GND, VOUT = < 4.5V 80 -0.7 VIN = 2.7V VIN = 0.5V IOH = -12 mA IOL = 12 mA 2 Min. 2.3 Typ. 3.3 0.2 0.5 5.8 0.8 1 -1 20 -1.2 -50 100 Max. Unit V V V V uA uA uA V mA uA mV
DC Parameter @ 2.5V VDD = 2.5V 5%, TA= -40C to +85C (see Figure 1)
Parameter VOH VOL VIH VIL IIH IIL II VIK IOK OOFF VH Description Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input High Current Input Low Current Input High Current Clamp Diode Voltage Continuous Clamp Current Power-down Disable Input Hysteresis Conditions VDD = Min., VIN = VIH or VIL VDD = Min., VIN = VIH or VIL Guaranteed Logic High Level Guaranteed Logic Low Level VDD = Max. VDD = Max. VDD = Max., VIN = VDD(Max.) VDD = Min., IIN = -18 mA VDD = Max., VOUT = GND VDD = GND, VOUT = < 4.5V 80 -0.7 VIN = 2.4V VIN = 0.5V IOH= -7 mA IOH= 12 mA IOL = 12 mA 1.6 Min. 1.8 1.6 0.65 5.0 0.8 1 -1 20 -1.2 -50 100 Typ. Max. Unit V V V V V uA uA uA V mA uA mV
Capacitance
Symbol CIN COUT Description Input Capacitance Output Capacitance Test Conditions VIN = 0V VOUT = 0V Typ. 2.5 6.5 Max. Unit pF pF
Note: 1. Stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. This is intended to be a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
Document #: 38-07055 Rev. *C
Page 2 of 8
COMLINKTM SERIES
CY2CC1810
Power Supply Characteristics (See Figure 1)
Parameter ICC ICCD Description Delta ICC Quiescent Power Supply Current Dynamic Power Supply Current Total Power Supply Current Test Conditions (IDD @ VDD = Max. and VIN = VDD) - (IDD @ VDD = Max. and VIN = VDD - 0.6V) VDD = Max. Input toggling 50% Duty Cycle, Outputs Open VDD = Max. Input toggling 50% Duty Cycle, Outputs Open fL = 40 MHz fL= fMAX OE# = VDD fL=100 MHz OE# = GND Min. Typ. Max. 50 Unit uA mA/ MHz mA
0.63
IC
25
High-frequency Parametrics
Parameter DJ Description Jitter, Deterministic Test Conditions 50% duty cycle tW(50-50) The "point to point load circuit" |Output Jitter - Input Jitter| 50% duty cycle tW(50-50) Standard Load Circuit. 50% duty cycle tW(50-50) The "point to point load circuit" Fmax(20) Maximum frequency VDD = 3.3 V Maximum frequency VDD = 2.5 V tW Minimum pulse VDD = 3.3 V Minimum pulse VDD = 2.5 V 20% duty cycle tW(20-80) The "point to point load circuit" VIN = 3.0V/0.0V VOUT = 2.3V/0.4V The "point to point load circuit" VIN = 2.4V/0.0V VOUT = 1.7V/0.7V The "point to point load circuit" VIN = 3.0V/0.0V F = 100 MHz VOUT = 2.0V/0.8V The "point to point load circuit" VIN = 2.4V/0.0V F = 100 MHz VOUT = 1.7V/0.7V See Figure 8 Min. Typ Max 20 Unit ps
Fmax
Maximum frequency VDD = 3.3V
See Figure 6 See Figure 8 See Figure 8
160 200 200
MHz
MHz
See Figure 3 See Figure 7 2
100 ns
See Figure 2
1
AC Switching Characteristics @ 3.3V VDD = 3.3V 5%, TA = -40C to +85C (See Figure 6)
Parameter tPLH tPHL tPHZ tPLZ tR tF tSK(0) tSK(p) tSK(t) tOFF tON Propagation Delay - Low to High Propagation Delay - High to Low Propagation Delay - High to High Z Propagation Delay - Low to High Z Output Rise Time Output Fall Time Output Skew: Skew between outputs of the same package (in phase) See Figure 12 See Figure 9 See Figure 10 Description See Figure 9 Min. 1.5 1.5 Typ. 3 3 4 3 0.8 0.8 0.2 0.2 0.3 4.0 4.0 Max. 3.9 3.9 Unit nS nS nS nS V/nS V/nS nS nS nS nS nS
Pulse Skew: Skew between opposite transitions of the same output See Figure 11 (tPHL - tPLH) Package Skew: Skew between outputs of different packages at the See Figure 13 same power supply voltage, temperature and package type. Delay from OE to Driver Off Delay from OE to Driver on
Document #: 38-07055 Rev. *C
Page 3 of 8
COMLINKTM SERIES
CY2CC1810
AC Switching Characteristics @ 2.5V VDD = 2.5V 5%, TA = -40C to +85C (See Figure 1)
Parameter tPLH tPHL tPHZ tPLZ tR tF tSK(0) tSK(p) tSK(t) tOFF tON Propagation Delay - Low to High Propagation Delay - High to Low Propagation Delay - High to High Z Propagation Delay - Low to High Z Output Rise Time Output Fall Time Output Skew: Skew between outputs of the same package (in phase) See Figure 12 Pulse Skew: Skew between opposite transitions of the same output (tPHL - tPLH) Package Skew: Skew between outputs of different packages at the same power supply voltage, temperature and package type. Delay from OE to Driver Off Delay from OE to Driver on See Figure 11 See Figure 13 See Figure 4 See Figure 5 Description See Figure 4 Min. 1.5 1.5 Typ. 3.8 3.8 5 4 0.4 0.6 0.2 0.2 0.3 5.0 5.0 Max. Unit 3.5 3.5 nS nS nS nS V/nS V/nS nS nS nS nS nS
Parameter Measurement Information: VDD @ 2.5V[3,5,6]
500 ohm From O utput Under Test C L = 50 pF 500 ohm 2x VDD Open V SS
Input tPLH Output
1.25 V
1.25 V tPHL 1.25 V
2.5 V 0V
VOH 1.25 V VOL
2.5 V
VOL (max)
Figure 4. Voltage Waveforms-Propagation Delay Times[9]
VOH (min)
Figure 1. Load Circuit
Output Control (low-level enabling)
1.25 V
0V tPLZ 1.25 V VOL + 0.3V tPHZ 1.25V VOH- 0.3V
tw(50-50) Input 1.25 V tw(20-80) Input 1.25 V 1.25 V
2.5 V 0V 2.5 V 0V
Waveform 2 S1 at GND Waveform 1 S1 at 2 x VDD
tPZL
Z
2.5 V VOL VOH ~0 V
tPZH
Z
Figure 2. Voltage Waveforms-Pulse Duration
From Output Under Test CL = 3 pF 500 ohm
Figure 5. Voltage Waveforms- Enable and Disable Times[4,7,8] Table 1. Test tPLH/tPHL tPLZ/tPZL tPHZ/tPZH S1 Open 2 x VDD VSS See Figure 4 See Figure 5
Figure 3. Point-to-Point Load Circuit
Notes: 3. CL includes probe and jig capacitance. 4. Waveform 1 is for an output with internal conditions such that the output is LOW, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is HIGH except when disabled by the output control. 5. All input pulses are supplied by generators having the following characteristics: PRR < 10 MHz, Zo = 50, tR < 2.5 nS, tF < 2.5 nS. 6. Outputs are measured one at a time with one transition per measurement. 7. tPLZ and tPHZ are the same as tDIS. 8. tPZL and tPZH are the same as tEN. 9. tPLH and tPHL are the same as tPD.
Document #: 38-07055 Rev. *C
Page 4 of 8
COMLINKTM SERIES
CY2CC1810
Parameter Measurement Information: VDD @ 3.3V [10,12,13]
500 ohm From Output Under Test CL = 50 pF 500 ohm
Output
2x VDD Open VSS
Input tPLH
1.5 V
1.5 V tPHL 1.5 V
1.5 V 0V
VOH 1.5 V VOL
Figure 9. Voltage Waveforms- Propagation Delay Times[16] Figure 6. Load Circuit
VOH (min)
3.3 V
VOL (max)
tw(50-50) Input 1.5 V tw(20-80) Input 1.5 V 1.5 V
2.7 V 0V 2.7 V 0V
Output Control (low-level enabling) tPZL Waveform 1 S1 at 2 x VDD
Z
1.5 V
0V tPLZ 1.5 V VOL + 0.3V tPHZ 1.5V VOH- 0.3V
3V VOL VOH ~0 V
tPZH Waveform 2 S1 at GND
Z
Figure 7. Voltage Waveforms-Pulse Duration
From Output Under Test C L = 3 pF 500 ohm
Figure 10. Voltage Waveforms- Enable and Disable Times[11,14,15] Table 2. Test S1 Open 2xVDD VSS See Figure 9 See Figure 10 tPLH/tPHL tPLZ/tPZL tPHZ/tPZH
Figure 8. Point-to-Point Load Circuit
3V 1.5V
INPUT
tPLH tPHL
0V VOH 1.5V
OUTPUT
tsk (P) =
VOL
l tPHL - tPLH l
Figure 11. Pulse Skew-tsk(p) Notes: 10. CL includes probe and jig capacitance 11. Waveform 1 is for an output with internal conditions such that the output is LOW, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is HIGH, except when disabled by the output control. 12. All input pulses are supplied by generators having the following characteristics: PRR < 10 MHz, Zo = 50, tR < 2.5 nS, tF < 2.5 nS. 13. The outputs are measured one at a time with one transition per measurement. 14. tPLZ and tPHZ are the same as tDIS. 15. tPZL and tPZH are the same as tEN. 16. tPLH and tPHL are the same as tPD.
Document #: 38-07055 Rev. *C
Page 5 of 8
COMLINKTM SERIES
CY2CC1810
3V 1.5V
INPUT
tPLH1 tPHL1
0V VOH 1.5V
OUTPUT 1
tsk (O)
tsk (O)
VOL VOH 1.5V
OUTPUT 2
VOL
tPLH 2 tPLH 2
tsk (P) =
l tPLH 2 - t PLH1 l or tPHL2 - t PH L1 l
3V 1.5V
Figure 12. Output Skew-tsk(0)
INPUT
tPLH1 tPHL1
0V VOH 1.5V
PACKAGE 1 OUTPUT
tsk(t)
tsk(t)
VOL VOH 1.5V
PACKAGE 2 OUTPUT
VOL
tPLH 2 tPLH 2
tsk(t) =
l tPLH2 - tPLH1 l or tPHL2 - tPHL1 l
Figure 13. Package Skew - tsk(t)
Ordering Information
Part Number CY2CC1810SI CY2CC1810SIT CY2CC1810OI CY2CC1810OIT CY2CC1810SC CY2CC1810SCT CY2CC1810OC CY2CC1810OCT Package Type 24-pin SOIC 24-pin SOIC-Tape and Reel 24-pin SSOP 24-pin SSOP-Tape and Reel 24-pin SOIC 24-pin SOIC-Tape and Reel 24-pin SSOP 24-pin SSOP-Tape and Reel Product Flow Industrial, -40 to 85C Industrial, -40 to 85C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0C to 70C Commercial, 0C to 70C Commercial, 0C to 70C Commercial, 0C to 70C
Document #: 38-07055 Rev. *C
Page 6 of 8
COMLINKTM SERIES
CY2CC1810
Package Drawing and Dimensions
24-lead (300-mil) Molded SOIC S13
51-85025-A
24-lead (5.3-mm) Shrunk Small Outline Package O24
51-85078-**
All product and company names mentioned in this document are the trademarks of their respective holders.
Document #: 38-07055 Rev. *C
Page 7 of 8
(c) Cypress Semiconductor Corporation, 2002. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
COMLINKTM SERIES
CY2CC1810
Document History Page
Document Title: CY2CC1810 1:10 Clock Fanout Buffer with Output Enable Document #: 38-07055 Orig. of REV. ECN NO. Issue Date Change Description of Change ** 107080 06/07/01 IKA Convert from IMI to Cypress format *A 114316 05/08/02 TSM IDD validation *B 119147 10/07/02 RGL Added 5.8 as the Max. value for VIH in the DC Parameters @3.3V table. Changed the Max. value of the VIH from 5.8 to 5.0 in the DC Parameters @2.5V table. *C 122742 12/14/02 RBI Added power up requirements to maximum ratings information.
Document #: 38-07055 Rev. *C
Page 8 of 8


▲Up To Search▲   

 
Price & Availability of CY2CC1810NBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X