Part Number Hot Search : 
1027D 80C186 FB612 80021 160AT 677007 105K0 M38B79M3
Product Description
Full Text Search
 

To Download CDLL4565 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N4565AUR-1 THRU 1N4584AUR-1 AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/452 * TEMPERATURE COMPENSATED ZENER REFERENCE DIODES * LEADLESS PACKAGE FOR SURFACE MOUNT * LOW CURRENT OPERATING RANGE: 0.5 TO 4.0 mA * METALLURGICALLY BONDED, DOUBLE PLUG CONSTRUCTION MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C DC Power Dissipation: 500mW @ +50C Power Derating: 4 mW / C above +50C
1N4565AUR-1 thru 1N4584AUR-1 and CDLL4565 thru CDLL4584A
REVERSE LEAKAGE CURRENT
lR = 2A @ 25C & VR = 3Vdc ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise speci1/2ed.
CDI TYPE NUMBER ZENER TEST CURRENT l ZT EFFECTIVE TEMPERATURE COEFFICIENT VOLTAGE TEMPERATURE STABILITY VZT MAX -55 to + 100 (Note 1) mV 48 100 24 50 10 20 5 10 2.5 5 48 100 24 50 10 20 5 10 2.5 5 48 100 24 50 10 20 5 10 2.5 5 48 100 24 50 10 20 5 10 2.5 5 TEMPERATURE RANGE MAX.DYNAMIC ZENER IMPEDANCE ZZT (Note 2) C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C 0 to + 75C -55 to + 100C OHMS 200 200 200 200 200 200 200 200 200 200 100 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 50 50 50 50 25 25 25 25 25 25 25 25 25 25
mA CDLL4565 CDLL4565A CDLL4566 CDLL4566A CDLL4567 CDLL4567A CDLL4568 CDLL4568A CDLL4569 CDLL4569A CDLL4570 CDLL4570A CDLL4571 CDLL4571A CDLL4572 CDLL4572A CDLL4573 CDLL4573A CDLL4574 CDLL4574A CDLL4575 CDLL4575A CDLL4576 CDLL4576A CDLL4577 CDLL4577A CDLL4578 CDLL4578A CDLL4579 CDLL4579A CDLL4580 CDLL4580A CDLL4581 CDLL4581A CDLL4582 CDLL4582A CDLL4583 CDLL4583A CDLL4584 CDLL4584A .5 .5 .5 .5 .5 .5 .5 .5 .5 .5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0
%/C .01 .01 .005 .005 .002 .002 .001 .001 .0005 .0005 .01 .01 .005 .005 .002 .002 .001 .001 .0005 .0005 .01 .01 .005 .005 .002 .002 .001 .001 .0005 .0005 .01 .01 .005 .005 .002 .002 .001 .001 .0005 .0005
DIM D F G G1 S
MILLIMETERS INCHES MIN MAX MIN MAX 1.60 1.70 0.063 0.067 0.41 0.55 0.016 0.022 3.30 3.70 .130 .146 2.54 REF. .100 REF. 0.03 MIN. .001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34) LEAD FINISH: Tin / Lead POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: Any. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device.
NOTE 1 The maximum allowable change observed over the entire temperature range i.e.,the diode voltage will not exceed the speci1/2ed mV at any discrete temperature between the established limits, per JEDEC standard No.5. NOTE 2 Zener impedance is derived by superimposing on l ZT A 60Hz rms a.c. current equal to 10% of l ZT.
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
121
CDLL4565 thru CDLL4584A
+.0015 +.0010 +.0005 0 CHANGE IN TEMPERATURE COEFFICIENT ( %/C) -.0005 -.0010 -.0015
CDLL4565 - CDLL4569
CDLL4570 - CDLL4574
.1
.2
.3 .4 .5 .6 .7 OPERATING CURRENT lZT (mA)
.8
.9
.25
.5
1.0 1.5 OPERATING CURRENT lZT (mA)
2.0
+.0010 +.0005 0 -.0005 -.0010
CDLL4575 - CDLL4579
CDLL4580 - CDLL4584
0.5
1.0
1.5 2.0 2.5 3.0 3.5 OPERATING CURRENT lZT (mA)
4.0
4.5
2.0
2.5
3.0 3.5 4.0 4.5 5.0 OPERATING CURRENT lZT (mA)
5.5
6.0
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT WITH CHANGE IN OPERATING CURRENT
10000 5000 1000
CDLL4565 - CDLL4574
500
CDLL4575 - CDLL4584
ZENER IMPEDANCE ZZT (OHMS)
ZENER IMPEDANCE ZZT (OHMS)
1000 500
100 50
100 50
10
5
10 .25 .5 1.0 1.5 2.0 2.5 3.0 OPERATING CURRENT IZT (mA) 3.5
1 1.0 2.0 3.0 4.0 5.0 6.0 OPERATING CURRENT IZT (mA)
ZENER IMPEDANCE VS. OPERATING CURRENT
122


▲Up To Search▲   

 
Price & Availability of CDLL4565

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X