Part Number Hot Search : 
1100T R3002 A104ERU 0BEEVAE BFQ67F 73001 04504 APT15
Product Description
Full Text Search
 

To Download CD4049UBC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD4049UBC * CD4050BC Hex Inverting Buffer * Hex Non-Inverting Buffer
October 1987 Revised April 2002
CD4049UBC * CD4050BC Hex Inverting Buffer * Hex Non-Inverting Buffer
General Description
The CD4049UBC and CD4050BC hex buffers are monolithic complementary MOS (CMOS) integrated circuits constructed with N- and P-channel enhancement mode transistors. These devices feature logic level conversion using only one supply voltage (VDD). The input signal high level (VIH) can exceed the VDD supply voltage when these devices are used for logic level conversions. These devices are intended for use as hex buffers, CMOS to DTL/ TTL converters, or as CMOS current drivers, and at VDD = 5.0V, they can drive directly two DTL/TTL loads over the full operating temperature range.
Features
s Wide supply voltage range: 3.0V to 15V s Direct drive to 2 TTL loads at 5.0V over full temperature range s High source and sink current capability s Special input protection permits input voltages greater than VDD
Applications
* CMOS hex inverter/buffer * CMOS to DTL/TTL hex converter * CMOS current "sink" or "source" driver * CMOS HIGH-to-LOW logic level converter
Ordering Code:
Order Number CD4049UBCM CD4049UBCN CD4050BCM CD4050BCN Package Number M16A N16E M16A N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagrams
Pin Assignments for DIP CD4049UBC CD4050BC
Top View
Top View
(c) 2002 Fairchild Semiconductor Corporation
DS005971
www.fairchildsemi.com
CD4049UBC * CD4050BC
Schematic Diagrams
CD4049UBC 1 of 6 Identical Units
CD4050BC 1 of 6 Identical Units
www.fairchildsemi.com
2
CD4049UBC * CD4050BC
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VDD) Input Voltage (VIN) Voltage at Any Output Pin (VOUT) Storage Temperature Range (TS) Power Dissipation (PD) Dual-In-Line Small Outline Lead Temperature (TL) (Soldering, 10 seconds) 260C 700 mW 500 mW
Recommended Operating Conditions (Note 2)
Supply Voltage (VDD) Input Voltage (VIN) Voltage at Any Output Pin (VOUT ) Operating Temperature Range (TA) CD4049UBC, CD4050BC 3V to 15V 0V to 15V 0 to VDD
-0.5V to +18V -0.5V to +18V -0.5V to VDD + 0.5V -65C to +150C
-55C to +125C
Note 1: "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed; they are not meant to imply that the devices should be operated at these limits. The table of "Recommended Operating Conditions" and "Electrical Characteristics" provides conditions for actual device operation. Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Symbol IDD Parameter Quiescent Device Current VDD = 5V VDD = 10V VDD = 15V VOL LOW Level Output Voltage VIH = VDD, VIL = 0V, |IO| < 1 A VDD = 5V VDD = 10V VDD = 15V VOH HIGH Level Output Voltage VIH = VDD, VIL = 0V, |IO| < 1 A VDD = 5V VDD = 10V VDD = 15V VIL LOW Level Input Voltage (CD4050BC Only) |IO| < 1 A VDD = 5V, VO = 0.5V VDD = 10V, VO = 1V VDD = 15V, VO = 1.5V VIL LOW Level Input Voltage (CD4049UBC Only) |IO| < 1 A VDD = 5V, VO = 4.5V VDD = 10V, VO = 9V VDD = 15V, VO = 13.5V VIH HIGH Level Input Voltage (CD4050BC Only) |IO| < 1 A VDD = 5V, VO = 4.5V VDD = 10V, VO = 9V VDD = 15V, VO = 13.5V VIH HIGH Level Input Voltage (CD4049UBC Only) |IO| < 1 A VDD = 5V, VO = 0.5V VDD = 10V, VO = 1V VDD = 15V, VO = 1.5V IOL LOW Level Output Current (Note 4) VIH = VDD, VIL = 0V VDD = 5V, VO = 0.4V VDD = 10V, VO = 0.5V VDD = 15V, VO = 1.5V IOH HIGH Level Output Current (Note 4) VIH = VDD, VIL = 0V VDD = 5V, VO = 4.6V VDD = 10V, VO = 9.5V VDD = 15V, VO = 13.5V IIN Input Current VDD = 15V, VIN = 0V VDD = 15V, VIN = 15V
Note 3: VSS = 0V unless otherwise specified.
Conditions
-55C Min Max 1.0 2.0 4.0 Min
+25C Typ 0.01 0.01 0.03 Max 1.0 2.0 4.0
+125C Min Max 30 60 120
Units
A
0.05 0.05 0.05
0 0 0
0.05 0.05 0.05
0.05 0.05 0.05 V
4.95 9.95 14.95 1.5 3.0 4.0 1.0 2.0 3.0 3.5 7.0 11.0 4.0 8.0 12.0 5.6 12 35 -1.3 -2.6 -8.0 -0.1 0.1
4.95 9.95 14.95
5 10 15 2.25 4.5 6.75 1.5 2.5 3.5 1.5 3.0 4.0 1.0 2.0 3.0
4.95 9.95 14.95 1.5 3.0 4.0 1.0 2.0 3.0 3.5 7.0 11.0 4.0 8.0 12.0 3.2 6.8 20 -0.72 -1.5 -5 -0.1 0.1 -1.0 1.0 A mA mA V V V V V
3.5 7.0 11.0 4.0 8.0 12.0 4.6 9.8 29 -1.1 -2.2 -7.2
2.75 5.5 8.25 3.5 7.5 11.5 5 12 40 -1.6 -3.6 -12 -10-5 10-5
3
www.fairchildsemi.com
CD4049UBC * CD4050BC
DC Electrical Characteristics AC Electrical Characteristics
CD4049UBC Symbol tPHL Parameter Propagation Delay Time HIGH-to-LOW Level tPLH Propagation Delay Time LOW-to-HIGH Level tTHL Transition Time HIGH-to-LOW Level tTLH Transition Time LOW-to-HIGH Level CIN Input Capacitance
(Continued)
Note 4: These are peak output current capabilities. Continuous output current is rated at 12 mA maximum. The output current should not be allowed to exceed this value for extended periods of time. IOL and IOH are tested one output at a time.
(Note 5)
TA = 25C, CL = 50 pF, RL = 200k, tr = tf = 20 ns, unless otherwise specified
Conditions VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V Any Input
Note 5: AC Parameters are guaranteed by DC correlated testing.
Min
Typ 30 20 15 45 25 20 30 20 15 60 30 25 15
Max 65 40 30 85 45 35 60 40 30 120 55 45 22.5
Units ns
ns
ns
ns pF
AC Electrical Characteristics
CD4050BC Symbol tPHL Parameter Propagation Delay Time HIGH-to-LOW Level tPLH Propagation Delay Time LOW-to-HIGH Level tTHL Transition Time HIGH-to-LOW Level tTLH Transition Time LOW-to-HIGH Level CIN Input Capacitance
(Note 6)
TA = 25C, CL = 50 pF, RL = 200k, tr = tf = 20 ns, unless otherwise specified
Conditions VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V Any Input
Note 6: AC Parameters are guaranteed by DC correlated testing.
Min
Typ 60 25 20 60 30 25 30 20 15 60 30 25 5
Max 110 55 30 120 55 45 60 40 30 120 55 45 7.5
Units ns
ns
ns
ns pF
www.fairchildsemi.com
4
CD4049UBC * CD4050BC
Switching Time Waveforms
Typical Applications
CMOS to TLL or CMOS at a Lower VDD
VDD1 VDD2 In the case of the CD4049UBC the output drive capability increases with increasing input voltage. E.g., If VDD1 = 10V the CD4049UBC could drive 4 TTL loads.
5
www.fairchildsemi.com
CD4049UBC * CD4050BC
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M16A
www.fairchildsemi.com
6
CD4049UBC * CD4050BC Hex Inverting Buffer * Hex Non-Inverting Buffer
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of CD4049UBC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X