Part Number Hot Search : 
1225B KBJ60 HI576605 DSP16 9575GJ 2SB106 5A101 3N03LA
Product Description
Full Text Search
 

To Download BU4000B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard ICs
CMOS logic IC
BU4000B
The BU4000B Series are CMOS ICs featuring low voltage and low power consumption. The wide range of operating power supply voltages is compatible with the general-purpose 4000B Series, and when a 5V power supply voltage is used, the LS-TTL IC can be driven directly. These ICs are available in SOP and SSOP packages as well as the standard DIP package.
*Features dissipation. 1) Low power
2) Wide range of operating power supply voltages. 3) High input impedance.
4) High fan-out. 5) Direct drive of 2 L-TTL inputs and 1 LS-TTL input.
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage
Input voltage Power dissipation3 Storage temperature
Symbol VDD
VIN
Limits
- 0.3 ~ + 181 - 0.3 ~ VDD + 0.32 Please refer to specifications for individual package - 55 ~ + 150
Unit
V V mW C
Pd
Tstg
1 For the BU4XXXBC type, VDD = - 0.5 ~ + 20V. 2 For the BU4XXXBC type, - 0.5 ~ VDD + 0.5. 3 The values for the SOP and SSOP packages are the values when mounted on a glass epoxy PCB
(50mm x 50mm x 1.6mm).
*Recommended operating conditions (Ta = 25C)
Parameter Power supply voltage Input voltage Operating temperature Symbol VDD VIN Topr Limits 3 ~ 16 0 ~ VDD - 40 ~ + 85 Unit V V C
For the BU4XXXBC type, VDD = 3 to 18V.
*Electrical characteristic curves
30 OUTPUT SINK CURRENT: Isink (mA) B Type Ta = 25C 25 VDD = 15V OUTPUT SOURCE CURRENT: Isource (mA) 60 OUTPUT SINK CURRENT: Isink (mA) B Type Ta = 25C 50 30 B Type 25 VDD = 15V - 40C - 5C 20 25C 40C 85C VDD = 10V 40C - - 5C 25C 40C - 40C VDD = 5V - 40C - 5C 25C 40C 85C 5 10 15 20 40
15 10 5 VDD = 5V 0 0 5 10 15 20 25 30
30 20 10 VDD = 5V 0 0 5 10 15 20 25 30 VDD = 15V VDD = 10V
15 10 5 0 0
VDD = 10V
20
25
30
OUTPUT VOLTAGE: VOUT (V)
OUTPUT VOLTAGE: VOUT (V)
OUTPUT VOLTAGE: VOUT (V)
Fig.1 Output sink current vs. output voltage
Fig.2 Output source current vs. output voltage
Fig.3 Output SINK current vs. output voltage
1
Standard ICs
BU4000B
60 OUTPUT SOURCE CURRENT: Isouce (mA) B Type 50 OUTPUT VOLTAGE: VOUT (V) VDD = 15V - 40C - 5C 25C 40C 85C VDD = 10V - 40C - 5C 25C 40C 85C
24 B Type 20 VDD = 15V 85C 25C 40C - 5C - 40C 1500
RISE TIME: tr (ns)
40
16
1000
VDD = 15V
30 20 10 0 0
12 8
VDD = 5V - 40C - 5C 25C 40C 85C 20 25 30
85C 25C 40C - 5C - 40C VDD = 5V 85C 25C 40C - 5C 4 - 40C VDD = 10V 0 0 5 10 15 20 25 30
10V 500 5V
5
10
15
0 INPUT VOLTAGE: VIN (V)
10
100
1000
OUTPUT VOLTAGE: VOUT (V)
LOAD CAPACITANCE: CL (pF)
Fig.4 Output source current vs. output voltage
Fig.5 Output voltage vs. input voltage
Fig.6 Rise time vs. load capacitance
PROPAGATION DELAY TIME HIGH - TO - LOW LEVEL OUTPUT: tPHL (ns)
PROPAGATION DELAY TIME LOW - TO - HIGH LEVEL OUTPUT: tPLH (ns)
1500 VDD = 15V FALL TIME: tf (ns) 1000 10V
1500
1500
1000
VDD = 5V
1000
500
5V
500
10V
500
VDD = 5V 10V
15V 0 10 100 1000
0
10
100
1000
0 10 100 LOAD CAPACITANCE: CL (pF)
15V 1000
LOAD CAPACITANCE: CL (pF)
LOAD CAPACITANCE: CL (pF)
Fig.7 Fall time vs. load capacitance
Fig.8 "H" to "L" propagation delay time vs. load capacitance
Fig.9 "L" to "H" propagation delay time vs. load capacitance
VDD = 15V 1m 10V 5V MAXIMUM FREQUENCY (MHz) SUPPLY CURRENT: IDD (A) 10
100
CL = 50pF 5
10
10
100k
1M
0
5
10
15
CLOCK FREQUENCY: f (Hz)
POWER SUPPLY VOLTAGE: VDD (V)
Fig.10 Supply current vs. clock frequency
Fig.11 Maximum clock frequency vs. power supply voltage
2


▲Up To Search▲   

 
Price & Availability of BU4000B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X