Part Number Hot Search : 
HD74AL UPA1808 NNCD33DA MSM6997V ACE7402A VCX162 2SK2043 3296Z253
Product Description
Full Text Search
 

To Download BSP60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP Silicon Darlington Transistors
BSP 60 ... BSP 62
High collector current q Low collector-emitter saturation voltage q Complementary types: BSP 50 ... BSP 52 (NPN)
q
Type BSP 60 BSP 61 BSP 62
Marking BSP 60 BSP 61 BSP 62
Ordering Code (tape and reel) Q62702-P1166 Q62702-P1167 Q62702-P1168
Pin Configuration 1 2 3 4 B C E C
Package1) SOT-223
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Base current Total power dissipation, TS = 124 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VCER VCB0 VEB0 IC ICM IB Ptot Tj Tstg
Values Unit BSP 60 BSP 61 BSP 62 45 60 60 80 5 1 2 0.1 1.5 150 - 65 ... + 150 W C A 80 90 V
72 17
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
BSP 60 ... BSP 62
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage1) IC = 10 mA, RBE = 150 BSP 60 BSP 61 BSP 62 Collector-base breakdown voltage IC = 100 A, IB = 0 BSP 60 BSP 61 BSP 62 Emitter-base breakdown voltage IE = 100 A, IB = 0 Collector-emitter cutoff current VCE = VCERmax, VBE = 0 Emitter-base cutoff current VEB = 4 V, IC = 0 DC current gain2) IC = 150 mA, VCE = 10 V IC = 500 mA, VCE = 10 V Collector-emitter saturation voltage2) IC = 500 mA, IB = 0.5 mA IC = 1 A, IB = 1 mA Base-emitter saturation voltage2) IC = 500 mA, IB = 0.5 mA IC = 1 A, IB = 1 mA AC characteristics Transition frequency IC = 100 mA, VCE = 5 V, f = 100 MHz Switching times IC = 500 mA, IB1 = IB2 = 0.5 mA (see diagrams) fT - 200 - MHz V(BR)CER 45 60 80 V(BR)CB0 60 80 90 V(BR)EB0 ICES IEB0 hFE 1000 2000 VCEsat - - VBEsat - - - - 1.9 2.2 - - 1.3 1.8 - - - - V 5 - - - - - - - - - - - - 10 10 -
A
Values typ. max.
Unit
V - - - - - -
ton toff
- -
400 1500
- -
ns ns
1) 2)
Compare RBE for thermal stability. Pulse test conditions: t 300 s, D = 2 %.
Semiconductor Group
2
BSP 60 ... BSP 62
Switching time test circuit
Switching time waveform
Semiconductor Group
3
BSP 60 ... BSP 62
Total power dissipation Ptot = f (TA*; TS) * Package mounted on epoxy
External resistance RBE = f (TA)** VCB = VCE max ** RBE max for thermal stability
Permissible pulse load Ptot max / Ptot DC = f (tp)
DC current gain hFE = f (IC) VCE = 10 V
Semiconductor Group
4
BSP 60 ... BSP 62
Collector-emitter saturation voltage IC = f (VCE sat), IB-parameter
Base-emitter saturation voltage IC = f (VBE sat), IB-parameter
Transition frequency fT = f (IC) VCE = 10 V, f = 100 MHz
Semiconductor Group
5


▲Up To Search▲   

 
Price & Availability of BSP60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X