Part Number Hot Search : 
54853A PFS5000 MC1402 4111D L7805T TDZ27J 00406 BU2508AW
Product Description
Full Text Search
 

To Download BCM5421S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5421S
(R)
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER WITH SERDES
FEATURES * Fully integrated 10BASE-T/100BASE-TX/1000BASE-T
Gigabit Ethernet transceiver with SerDes * MII, GMII, TBI, RGMII, RTBI, SGMII, and MAC SerDes interface options * Line-side copper and fiber interface options
SUMMARY OF BENEFITS * Provides triple-speed operation for compatibility with legacy
networks.
* Simplifies system and board design.
* RGMII/RTBI reduces I/O pin requirement over GMII and TBI by more than 50%. * SGMII further reduces the interface to six pins, while the serial * MAC SerDes interface requires only four pins. * Lowers system cost and reduces solution footprint. * Provides interoperability with IEEE standard device operation at 10, 100 and 1000 Mbps at half- and full-duplex. * Requires no airflow or heatsink.
* On-chip low voltage regulators * Fully compliant with IEEE 802.3, 802.3u, and 802.3ab
standards
* 0.13-m CMOS -- low power and cost * Low power
* 1W per port * Wake on LAN support * Advanced power management * Low EMI emissions * Ethernet@WireSpeedTM logic automatically selects the maximum speed based on channel conditions * Cable plant diagnostic * Cable plant analyzer function detects cable plant impairments * Link quality indication LED * Automatic detection and correction of wiring pair swaps, pairskew, and pair polarity * Automatic MDI/MDIX crossover at all speeds * Robust CESD tolerance
* Provides compliance with PCI 2.2 and PC99/PC2000. * Reduces system design constraints to meet EMI emissions
standards. * Automatically configures the link to support the highest possible speed based on link partner capability and characteristics of the channel. * Cable diagnostic function characterizes cable plant condition and immediately indicates cabling issues. * Prevents erroneous equipment return due to bad cable plants. * Prevents manufacturing fall-out due to bad cable plants. * High CESD tolerance prevents equipment damage and return.
* Operates with larger packets for wider range of packet
protocol support and improved efficiency. * Ease of manufacturing with JTAG support, simplified power supply, and multiple MAC interfaces.
* Support for jumbo packets up to 9 KB * IEEE 1149.1 (JTAG) boundary scan * 117-pin BGA and 128-pin MQFP packages 10/100/1000BASE-T GBIC Module
1000BASE-T Gigabit Copper or Fiber Uplink
Transformer
RJ-45
GBIC Connector
SerDes
GBIC Module
BCM5421S
BCM5605
BCM5421S
Optical Module
Switch/MAC
Transformer
RJ-45
BCM5228
BCM5228
BCM5228
OVERVIEW
8
TX DAC
Symbol Encoder
MUX Echo Canceller TRD [3:0]+ Gain Automatic Control DFE/ Trellis Decoder XTALK Canceller X3
TXD[7:0] TX_EN TX_ER GTX_CLK TX_CLK SGIN SCLK SGOUT
SERDES/ SGSMII
PGA
ADC
FFE
Symbol Decoder/ Aligner
AutoNegotiation XTALI XTALO RDAC Clock Generator Bias Generator
Timing & Phase Recovery LED Drivers
8
MII Registers
MII MGMT Control
COL CRS RX_CLK RX_DV RX_ER RXD[7:0] Link[2] Link[1] RCVLED XMTLED FDXLED MDC MDIO
INTR Modes
The BCM5421S is a fully integrated 10/100/1000BASE-T Gigabit Ethernet transceiver. The BCM5421S is optimized for low power and small footprint size to enable GBIC, copper, and fiber applications. By lowering system cost and reducing power dissipation by nearly 50%, the BCM5421S enables a new class of cost-effective Gigabit Ethernet equipment. The BCM5421S's Digital Signal Processor based architecture and advanced power management techniques combine to achieve robust and low power operation over the existing CAT 5 twisted pair wiring. The BCM5421S architecture not only meets the requirements of 802.3, 802.3u, and 802.3ab, but maintains the industry's highest level of margin over IEEE requirements for Echo, NEXT, and FEXT. Low power is a key factor in implementing Gigabit small form factor GBICs and uplinks and, at 1W per port, the BCM5421S dissipates nearly half the power of previous Gigabit PHY transceivers. In addition, the BCM5421S has extremely low EMI emissions, which reduces the design constraints required to meet EMI emissions specifications. In addition to supporting IEEE 802.3 Standard Gigabit Media Independent Interface (GMII), and industry standard Ten Bit Interface (TBI), the BCM5421S also supports the RGMII and RTBI, serial SerDes, and SGMII interfaces. The serial SerDes and SGMII are reduced pin-count (4 and 6 respectively, versus 25) Switch/MAC interfaces. In addition, the serial SerDes interface can be used to route from SerDes to copper as in GBIC applications. RGMII is a reduced pin-count (12 versus 25) version of the GMII and RTBI is a reduced pin-count version of TBI, utilizing standard ASIC technology. The high-density package, multiple MAC interfaces, and streamlined power supply lowers system cost and simplifies the system and board level design.
This device represents the fourth generation of Gigabit Ethernet transceivers based on the same field-proven architecture as in the BCM5400, BCM5401, BCM5411, and BCM5402 transceivers. The fourth generation Gigabit PHY core has already been deployed in the BCM5404, a quad port 10/100/1000BASE-T device of which the BCM5421S is a single port slice. The BCM5421S incorporates a number of advanced features. A link quality indicator LED gives installers an instant visual indication if there are any problems with the wiring plant supporting operation at the desired speed. This includes physical wiring defects that the BCM5421S cannot automatically correct for and channel conditions such as excessive cable length, and return loss, crosstalk, echo, and noise. Broadcom's cable analyzer software can be used with the device to provide remote management of the cable and a first level of diagnostics and fault isolation. The BCM5421S is fully compatible with the IEEE 802.3 standard for auto-negotiation of speed, but additionally supports Ethernet@WireSpeedTM. Ethernet@WireSpeed allows the BCM5421S to force auto-negotiation to automatically establish link at speeds that the channel can reliably support, preventing failure to link due to standard IEEE auto-negotiation. The BCM5421S also has ESD tolerance well above typical industry standards. This prevents ESD damage not only during manufacturing but during CESD events in the field. Cable-sourced electrostatic discharge (CESD) is an ESD event that occurs when an electrically charged network cable is plugged into a network port, an issue becoming more prevalent with recent cable installations.
Broadcom(R), the pulse logo, Ethernet@WireSpeedTM, and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2004 by BROADCOM CORPORATION. All rights reserved. 5421S-PB00-R 07/09/04
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5421S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X