Part Number Hot Search : 
DB1507S EP100 IRF540N D206I AON3611 SDHN5KS SNC68805 AOXYY
Product Description
Full Text Search
 

To Download BC635 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN Silicon AF Transistors
High current gain q High collector current q Low collector-emitter saturation voltage q Complementary types: BC 636, BC 638, BC 640 (PNP)
q
BC 635 ... BC 639
2 3 1
Type BC 635 BC 637 BC 639
Marking -
Ordering Code Q68000-A3360 Q68000-A2285 Q68000-A3361
Pin Configuration 1 2 3 E C B
Package1) TO-92
If desired, selected transistors, type BC 63 5 -10 (hFE = 63 ... 160), or BC 63 5 -16 (hFE = 100 ... 250) are available. Ordering codes upon request.
1)
For detailed information see chapter Package Outlines.
Semiconductor Group
1
5.91
BC 635 ... BC 639
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Base current Peak base current Junction temperature Storage temperature range Thermal Resistance Junction - ambient1) Junction - case2) Rth JA Rth JC

Symbol VCE0 VCB0 VEB0 IC ICM IB IBM Tj Tstg
Values BC 635 45 45
Unit BC 637 60 60 5 1 1.5 100 200 0.8 (1) 150 - 65 ... + 150 W C mA A BC 639 80 100 V
Total power dissipation, TC = 90 C1) Ptot
156 75
K/W
1)
2)
If the transistors with max. 4 mm lead length are fixed on PCBs with a min. 10 mm x 10 mm large copper area for the collector terminal, Rth JA = 125 K/W and thus Ptot max = 1 W at TA = 25 C. Mounted on Al heat sink 15 mm x 25 mm x 0.5 mm.
Semiconductor Group
2
BC 635 ... BC 639
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 10 mA BC 635 BC 637 BC 639 Collector-base breakdown voltage IC = 100 A BC 635 BC 637 BC 639 Emitter-base breakdown voltage IE = 10 A Collector cutoff current VCB = 30 V VCB = 30 V, TA = 150 C Emitter cutoff current VEB = 4 V DC current gain IC = 5 mA; VCE = 2 V IC = 150 mA; VCE = 2 V1) IC = 500 mA; VCE = 2 V1) Collector-emitter saturation voltage1) IC = 500 mA; IB = 50 mA Base-emitter voltage1) IC = 500 mA; VCE = 2 V AC characteristics Transition frequency IC = 50 mA, VCE = 10 V, f = 20 MHz fT - 100 - MHz V(BR)EB0 ICB0 - - IEB0 hFE 25 40 25 VCEsat VBE) - - - - - - - - 250 - 500 1 mV V - - - - 100 20 100 nA
A
Values typ. max.
Unit
V(BR)CE0 45 60 80 V(BR)CB0 45 60 100 5 - - - - - - - - - - - - - -
V
nA -
1)
Pulse test: t 300 s, D 2 %.
Semiconductor Group
3
BC 635 ... BC 639
Total power dissipation Ptot = f (TA; TC)
Collector cutoff current ICB0 = f (TA) VCB = 30 V
Permissible pulse load RthJA = f (tp) VCE = 2 V
Collector current IC = f (VBE)
Semiconductor Group
4
BC 635 ... BC 639
DC current gain hFE = f (IC) VCE = 2 V
Collector-emitter saturation voltage VCEsat = f (IC) hFE = 10
Transition frequency fT = f (IC) VCE = 10 V, f = 20 MHz
Semiconductor Group
5


▲Up To Search▲   

 
Price & Availability of BC635

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X