Part Number Hot Search : 
24A01 TT2200 463U01 F2040 LC758 LM2901DT DCR15 6202P502
Product Description
Full Text Search
 

To Download BA8400FV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Video ICs
CTL recording / playback amplifier for VHS VCRs
BA8400FV
The BA8400FV is a CTL recording / playback amplifier developed for VHS VCRs. The playback amplifier has an AGC circuit that can handle large input signal fluctuations, and a recording / playback switching circuit is provided to allow high-speed switching.
*Applications VHS-format VCRs *Featuresoperated off low power supply voltage (2.7V 1) Can be
to 3.5V). 2) Playback amplifier with AGC. 3) Fast switching between recording and playback.
*Block diagram
MONI OUT HysBIAS FILTER 14 13 12 11 10 9 8 P RECPBGND 7 Ref R CTL - 6 BIAS AGC IN - AMP CTL + 5 P VCC
DET
REC AMP
R
P
1
2
SW
3
CTL OUT
RECHPB
RECIN
GND
4
R
AGC
1
Video ICs
BA8400FV
*Pin descriptions
Pin No. 1 Pin name CTL OUT (CTL pulse output) RECHPB (record / play switch) RECIN (REC CTL pulse input) GND CTL + (CTL head "+" input) CTL - (CTL head "-" input) RECPBGND BIAS (bias) IN - (playback amplifier input) Function CTL pulse output. High output level approx. VCC - 0.05V, IO = + 0.5mA Low output level approx. 0.05V, IO = - 0.5mA Switch input pin for the record / playback amplifiers. High input: REC mode Low input: PB mode Threshold voltage: approx. 1 / 2VCC CTL pulse input pin for recording. Threshold voltage: approx. 1 / 2VCC Power, REC / PB SW, CTL output buffer ground pin. When recording: CTL head positive-side recording current. When playing: input pin for the playback CTL pulse. When recording: CTL head negative-side recording current. When playing: bias pin for the playback CTL pulse input. Ground pin for the REC and playback amplifiers. Bias pin for the playback amplifier. Bias voltage: VIB8 = 0.15VCC + 1.3V (approx.) Feedback input pin for the playback amplifier.
2
3 4 5 6 7 8 9 10
MONIOUT Playback amplifier output monitor pin. (playback amplifier output) Output dynamic range is the DC level Vf. AGC (AGC time constant) HysBIAS (hysteresis amplifier center level) FILTER (high-frequency noise filter) VCC Set the time constant after considering the transient response of the playback mode switching. AGC detect level VdetAGC = 0.47VCC [V] (approx.) Playback amplifier output amplitude VAGC = 2 x (VdetAGC - HysVcent) [VP-P] Connection pin for the bypass capacitor for the hysteresis amplifier center level. Pin for connection of high-frequency noise filter for AGC amplifier output for playback CTL pulse. Also, input pin for the hysteresis amplifier. Hysteresis amplifier center voltage HysVcent = 0.27Vcc [V] approx. High-side hysteresis width HysVH = 0.367VCC - HysVcent [V] Low-side hysteresis width HysVL = 0.173VCC - HysVcent [V] Connect a decoupling capacitor close to the pin.
11
12
13
14
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Power dissipation Operating temperature Storage temperature Symbol VCC Pd Topr Tstg Limits 8.0 450 - 25 ~ + 75 - 55 ~ + 125 Unit V mW C C
*Recommended operating conditions (Ta = 25C)
Parameter Symbol VCC Applied voltage
Not designed for radiation resistance.
Reduced by 4.5mW for each increase in Ta of 1 C over 25C.
Limits
Unit V
2.7 ~ 3.5
2
Video ICs
BA8400FV
*Input / output circuits
Vcc Vcc 25k
Vcc 1 CTLOUT 1k
2 30k RECPB
25k
Fig.1
Vcc
Fig.2
Vcc 25k CTL + 5 3 30k RECIN 6 CTL - 2k
25k
Fig.3
Fig.4
Vcc
22k BIAS 8 45k 30k
4k
Fig.5
3
Video ICs
CTL + 5 Vcc
BA8400FV
22k
45k
30k 2k
4k
1.7V
1.7V
9 IN - 100 100
10
Fig.6
Vcc
MONIOUT
15.9k
14.1k
5.6k 1k 11 AGC Vcc
Fig.7
19k
2.9k
2.9k
5.2k
13 FILTER 12 HysBIAS
Fig.8
4
Video ICs
BA8400FV
*Electrical characteristics (unless otherwise noted, Ta = 25C and VCC = 3V)
Parameter Circuit current AGC amplifier AGC amplifier gain Input bias voltage Pin 5 input resistance AGC control sensitivity Output amplitude Hysteresis amplifier Hysteresis width CTLOUT output high level voltage CTLOUT output low level voltage REC amplifier Recording current Max. output high level voltage Max. output low level voltage Threshold voltage Input resistance REC / PB switch Threshold voltage REC to PB switching time Vth2 TR - P 1.0 -- 1.5 -- 2.0 100 V ms
See note below
Symbol ICC
Min. --
Typ. 3.5
Max. 7.0
Unit mA
Conditions No signal, CTLOUT: High
GVagc VIB8 ZIN5 AGC / V VAGC HysV VOHP VOLP
2.5 1.35 1.6 -2 0.88 250 2.0 -- 1.3 2.0 -- 1.0 24
4.5 1.7 2.0 0 1.1 290 2.8 0.2 2.5 2.8 0.2 1.5 30
6.5 2.05 2.4 +2 1.32 330 -- 1.0 3.7 -- 1.0 2.0 36
dB V k dB VP-P
-- -- -- VIN = 0.151.0VP-P f = 300Hz, VIN = 300mVP-P
mV V V IO = - 0.5mA IO = + 0.5mA
--
Irec VOHR VOLR Vth3 ZIN3
mA V V V k
RO = 400 W IO = - 0.5mA IO = + 0.5mA -- --
--
Note: The switching time from REC to PB is the time until CTLOUT is output.
5
Video ICs
BA8400FV
*Measurement circuit
SW1 a b c 1 Is1 V Vm1 P R 14
VCC
A Am14
SW13a 2 A Am2 SW2 a b c 3 V Is2 VCC a b c V Vm3 Vs3 VCC 5 SW5 a b c
+
SW
13 V 1000p + - 12 REC AMP + -
+
SW13b
Vm13 270k Vs13
A Am3 SW3 d 4
4.7k
SW12
DET
11 1
+
10 1M V
R
AGC 10
P 400 A Am56 10 6 P V Vm6 a 7 Ref 8 910 V Vm5 R AMP + - 9 a 330k b
SW10
V Vm10
12k
Is5 OSC
820 b SW9
+
+
V Vm8
10
1
Fig.9
6
Video ICs
BA8400FV
*Measurement conditions (unless otherwise noted, Ta = 25C and VCC = 3V)
Switch position Parameter Circuit current AGC amplifier AGC amplifier gain Input bias voltage Pin 5 input resistance AGC control sensitivity Output amplitude Hysteresis amplifier Hysteresis width CTLOUT output voltage H CTLOUT output voltage L REC amplifier Recording current 5 Recording current 6 Max. output voltage "H" Max. output voltage "L" Input threshold voltage Input resistance REC / PB switch Threshold voltage REC to PB switching time
Measurement method 1 Input a sine wave of f = 300Hz to pin 5, and measure the output amplitudes on pins 10 and 13 (Vo10 and Vo13). The AGC gain is given by: Gvagc = 20log (Vo13 / Vo10) [dB]. 2 Measure the output voltages Vo0 and Vo.5 on pin 5 when currents of Is5 = 0, and Is5 = 0.5mA are applied. The input resistance is given by: ZIN5 = {0.0005 / (Vo.5 Vo0) 1 / 400} -1 [] 3 Input a sine wave of f = 300Hz to pin 5. Adjust the input level until the output amplitude on pin 10 is 0.15VP-P and 1.0VP-P, and measure the corresponding output amplitudes on pin 13 (Vo0.15 and Vo1.0). The AGC control sensitivity is given by: AGC / V = 20log (Vo1.0 / Vo0.15) [dB]. 4 Input a sine wave of f = 300Hz to pin 5. Adjust the input level until the output amplitude on pin 10 is 300mVP-P. Measure the output amplitude on pin 13. 5 With pin 13 floating, measure the output voltage Vocent. Increase Vs13 from 0V, and record VINH as the Vs13 voltage when the pin 1 output exceeds 2.8V. Decrease Vs13 from 1.5V, and record VINL as the Vs13 voltage when the pin 1 output goes below 0.2V. High-side hysteresis width HysVH = VINH Vocent [VP-P] Low-side hysteresis width HysVL = VINL Vocent [VP-P] 6 Measure the currents IIN2.7 and IIN3.0 on pin 3 when voltages Vs3 of 2.7V and 3.0V respectively are applied. The input resistance is given by: ZIN3 = 0.3 / (IIN3.0 IIN2.7) [] 7 Input a square wave of 300Hz, VIN = 20mVP-P to pin 5, and measure the time that it takes CTLOUT to be output after pin 2 goes from VCC to 0V.
Symbol ICC
Monitor SW 1 Am14 a
SW SW SW 2 3 5 a a a
SW SW SW SW SW 9 10 12 13a 13b a a ON OFF OFF
Notes --
1. f = 300Hz,
GVagc VIB8 ZIN5 AGC / V VAGC
Vm13 Vm8 Vm5 13pin 13pin
a a a a a
a a b a a
a a b a a
c a b c c
b a a a a
b a a b b
OFF ON OFF ON OFF OFF ON OFF OFF ON OFF OFF ON OFF OFF
VIN = 50mVP-P --
2. 3. f = 300Hz,
VIN = 0.15 / 1.0VP-P
4. f = 300Hz,
VIN = 300mVP-P
5.
HysV VOHP VOLP
Vm1 Vm1 Vm1
a c c
a a a
a a a
a a a
a a a
a a a
ON OFF ON OFF ON OFF
b b b
IO = - 0.5mA, Vs13 = 1.5V IO = + 0.5mA, Vs13 = 0V
Irec5 Irec6 VOHR VOLR Vth3 ZIN3
Am56 Am56 Vm1 Vm1 Vm3 Vm3
a a c c a a
b b b b b b
b a b a c d
a a a a a a
a a a a a a
a a a a a a
ON OFF OFF ON OFF OFF ON OFF OFF ON OFF OFF ON OFF OFF ON OFF OFF
6.
-- -- IO = - 0.5mA IO = + 0.5mA --
Vth2 TR-P
Vm2 1pin
a a
c ba
a a
a c
a a
a a
ON OFF OFF ON OFF OFF
6.
--
7
Video ICs
BA8400FV
*Application example
VCC 3.0V CTL OUT 1 P R 33F 14
+
RECHPB
2
SW
13
FILTER
1000pF
RECIN
+ 3
- 12
+
HysBIAS
REC AMP + -
22F
GND
4
DET
11
+
AGC
1F
1M
AGC R CTL + 5 P 10 MONI OUT
AMP + - R
330k
IN - 6 CTL - P 9 910
+
10F
RECPBGND
7
Ref
8
+
BIAS
1F
Fig.10
8
Video ICs
BA8400FV
*External dimensions (Units: mm)
5.0 0.2 14 6.4 0.3 4.4 0.2 8
1.15 0.1
1 0.1
7
0.65
0.22 0.1
0.3Min. 0.1
SSOP-B14
0.15 0.1
9


▲Up To Search▲   

 
Price & Availability of BA8400FV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X