Part Number Hot Search : 
CPDER24V FR024 KST9015 BZT5233B ADV7170 3004M D1975 FS50SM
Product Description
Full Text Search
 

To Download ASM1810R-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 February 2005 rev 1.4
ASM1810
Low Power, 5V P Reset - Active LOW, Push-Pull Output
Key Features
* * * Low Supply Current *20 A maximum (5.5 V) Automatically restarts a microprocessor after power failure 150ms reset delay after VCC returns to an in-tolerance condition * * * * * * Active LOW power-up reset Precision temperature-compensated voltage reference and comparator Eliminates external components Low cost TO-92 and compact surface mount SOT-23 package Push-Pull output for minimum current drain Operating temperature -40C to +85C
General Description
The ASM1810 is a voltage supervisor with low-power, 5V P active LOW Reset, Push-Pull output. Maximum supply current over temperature is a low 20A. The ASM1810 generates an active LOW reset signal whenever the monitored supply is out of tolerance. A precision reference and comparator circuit monitor power supply (VCC) level. Tolerance level options are 5%, 10% and 15%. When an out-oftolerance condition is detected, an internal power-fail signal is generated which forces an active LOW reset signal. After VCC returns to an in-tolerance condition, the reset signal remains active for 150ms to allow the power supply and system microprocessor to stabilize. The ASM1810 is designed with a push-pull output stage and operates over the extended industrial temperature range. Devices are available in low cost TO-92 and compact surface mount SOT-23 packages. Other low power products in this family include the ASM1811/ 12/15/16/17, ASM1233D and ASM1233M.
Applications
* * * * * * * Set-top boxes Cellular phones PDAs Energy management systems Embedded control systems Printers Single board computers
Typical Operating Circuit
Block Diagram
VCC 2
VCC
ASM1810
Microprocessor
RESET RESET
Supply Tolerance Bias
ASM1810
+
Reference
Delay 150ms Typical
1
RESET
GND
3
GND
Alliance Semiconductor 2575 Augustine Drive . Santa Clara, CA 95054 . Tel: 408.855.4900 . Fax: 408.855.4999 . www.alsc.com
Notice: The information in this document is subject to change without notice
February 2005 rev 1.4
ASM1810
Pin Configuration
TO-92 SOT-23
ASM1810
RESET
1
ASM1810-R 3
GND
VCC
2 1 2 3
Pin Description
SOT-23 Pin # 1 2 3 TO-92 Pin Name Pin # 1 2 3 RESET VCC GND Active LOW reset output Power supply input Ground Description
Low Power, 5V P Reset
Notice: The information in this document is subject to change without notice
2 of 9
February 2005 rev 1.4
ASM1810
Application Information
Operation - Power Monitor The ASM1810 detects out-of-tolerance power supply conditions. It resets a processor during power-up, power-down and issues a reset to the system processor when the monitored power supply voltage is below the reset threshold. When an out-of-tolerance VCC voltage is detected, the RESET signal is asserted. On power-up, RESET is kept active (LOW) for approximately 150ms after the power supply voltage has reached the selected tolerance. This allows the power supply and microprocessor to stabilize before RESET is released.
VCC VCCTP (MIN) tR VCCTP (MAX) VCCTP
~ ~
tRPU
VOH
ASM1810
Microprocessor
RESET 100k RESET
~ ~
RESET
Figure 2: Timing Diagram: Power-Up
Figure 1: RESET Valid to 0V VCC
VCC VCCTP (MAX) VCCTP VCCTP (MIN) tF
Output Conditions The ASM1810 active LOW reset signal is valid as long as VCC remains above 1.2V. However the RESET output on the ASM1810 uses a push-pull drive stage that can maintain a valid output below 1.2V. To sink current with VCC below 1.2V, a resistor can be connected from the reset pin (RESET) to Ground (see Figure 1). This configuration will give a valid value on the RESET output with VCC approaching 0V. During both power up and down, this configuration will draw current when the RESET is in the high state. A value of 100k should be adequate to maintain a valid connection.
RESET
tRPD
VOL Figure 3: Timing Diagram: Power-Down
~ ~
3 of 9
Low Power, 5V P Reset
Notice: The information in this document is subject to change without notice
February 2005 rev 1.4
ASM1810
Absolute Maximum Ratings
Parameter Voltage on VCC Voltage on RESET Operating Temperature Range Soldering Temperature (for 10 sec) Storage Temperature -55 Min -0.5 -0.5 -40 Max 7 VCC + 0.5 85 260 125 Unit V V C C C
ESD rating HBM MM 2 200 KV V
NOTE: These are stress ratings only and functional use is not implied. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability.
Electrical Characteristics
Unless otherwise noted VCC = 1.25V to 5.5V and specifications are over the operating temperature range of -400c to +850c. All voltages are referenced to ground
Parameter Supply voltage Output voltage Output Current Output Current Operating Current VCC Trip Point (ASM1810R-5) VCC Trip Point (ASM1810R-10) VCC Trip Point (ASM1810R-15) Output Capacitance VCC Detect to RESET Low VCC Slew Rate (VCCTP (MAX) to VCCTP (MIN) VCC Slew Rate (VCCTP (MIN) to VCCTP (MAX) VCC Detect to RESET High
Symbol VCC VOH IOH IOL ICC VCCTP VCCTP VCCTP COUT tRPD tF tR tRPU
Conditions
Min 1.2
Typ
Max 5.5
Unit V V A mA
IOUT < 500 A Output = 2.4V, VCC > 2.7V Output = 0.4V, VCC > 2.7V VCC < 5.5V, RESET output open
VCC - 0.5V
VCC - 0.1V 350
+10 8 4.50 4.25 4.00 4.62 4.37 4.12 20 4.75 4.49 4.24 10 2 300 5
A V V V pF s s
0 tr = 5s 100 150 300
ns ms
Note: The tF value is for reference in defining values for tRPD and should not be considered for proper operation or use.
Low Power, 5V P Reset
Notice: The information in this document is subject to change without notice
4 of 9
February 2005 rev 1.4
ASM1810
Family Selection Guide
Part # ASM1810 ASM1811 ASM1812 ASM1815 ASM1816 ASM1817 ASM1233D ASM1233M RESET Voltage (V) 4.620, 4.370, 4.120 4.620, 4.350, 4.130 4.620, 4.350, 4.130 3.060, 2.880, 2.550 3.060, 2.880, 2.550 3.060, 2.880, 2.550 4.625, 4.375, 4.125 4.625, 4.375, 2.720 RESET Time (ms) 150 150 150 150 150 150 350 350 Output Stage Push-Pull Open-Drain Push-Pull Push-Pull Open-Drain Push-Pull Open-Drain Open-Drain RESET Polarity LOW LOW HIGH LOW LOW HIGH LOW LOW
Low Power, 5V P Reset
Notice: The information in this document is subject to change without notice
5 of 9
February 2005 rev 1.4
ASM1810
Package Dimension
Plastic SOT-23 (3-Pin)
D B
E
H
S
e
A C L
a A1 e1
Inches
Millimeters
Min
Max
Min
Max
Plastic SOT-23 (3-Pin)
A A1 B C D E e e1 H L a S 0.030 0.002 0.012 0.003 0.110 0.047 0.046 0.006 0.020 0.008 0.120 0.055 0.75 0.05 0.30 0.08 2.80 1.20 1.17 0.15 0.50 0.20 3.04 1.40
0.037 BSC 0.075 BSC 0.083 0.016 0.104 0.024
0.95 BSC 1.9 BSC 2.10 0.40 2.64 0.60
0
o
8
NA
o
0
o
8
NA
o
Low Power, 5V P Reset
Notice: The information in this document is subject to change without notice
6 of 9
February 2005 rev 1.4 To-92 (3-Pin)
ASM1810
Dimensions in Inches Min Max TO-92 A b C D E e e1 j L s 0.175 0.016 0.014 0.175 0.138 0.098 0.045 0.168 0.500 0.095 0.185 0.020 0.016 0.185 0.144 0.102 0.055 0.174 0.585 0.099
Dimensions in Millimeters Min Max
4.445 0.406 0.356 4.445 3.505 2.489 1.143 4.269 12.7 2.413
4.699 0.508 0.406 4.699 3.658 2.591 1.397 4.420 14.86 2.515
Low Power, 5V P Reset
Notice: The information in this document is subject to change without notice
7 of 9
February 2005 rev 1.4
ASM1810
Ordering Information
Device Summary RESET Output Voltage (V) RESET Tolerance (%) RESET Time (ms) Push-Pull Output Stage SOT-23 Package RESET Polarity
Part ** Number
Package Marking
TIN - LEAD DEVICES ASM1810R-5 ASM1810R-10 ASM1810R-15 LEAD FREE DEVICES ASM1810R-5F ASM1810R-10F ASM1810R-15F 4.62 4.37 4.12 RESET Output Voltage (V) 5 10 15 RESET Tolerance (%) 150 150 150 RESET Time (ms) Push-Pull Output Stage TO-92 Package LOW LOW LOW RESET Polarity KALL KBLL KCLL 4.62 4.37 4.12 5 10 15 150 150 150 LOW LOW LOW RALL RBLL RCLL
Part ** Number
Package Marking
TIN - LEAD DEVICES ASM1810-5 ASM1810-10 ASM1810-15 LEAD FREE DEVICES ASM1810-5F ASM1810-10F ASM1810-15F 4.62 4.37 4.12 5 10 15 150 150 150 LOW LOW LOW ASM1810-5F ASM1810-10F ASM1810-15F 4.62 4.37 4.12 5 10 15 150 150 150 LOW LOW LOW ASM1810-5 ASM1810-10 ASM1810-15
** Add /T to Part Number for Tape and Reel (i.e ASM18xx-x/T) LL - Lot Code
Low Power, 5V P Reset
Notice: The information in this document is subject to change without notice
8 of 9
ASM1810
Alliance Semiconductor Corporation 2575, Augustine Drive, Santa Clara, CA 95054 Tel: 408 - 855 - 4900 Fax: 408 - 855 - 4999 www.alsc.com
Copyright (c) Alliance Semiconductor All Rights Reserved Part Number: ASM1810 Document Version: 1.4
(c) Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.


▲Up To Search▲   

 
Price & Availability of ASM1810R-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X