Part Number Hot Search : 
PEF220 MP6902 04020 EM78P260 0LD063M0 CS5010RQ 18818 IRF830S
Product Description
Full Text Search
 

To Download 5082-2277 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5082-2277
SCHOTTKY BARRIER DUAL DIODE
DESCRIPTION:
The ASI 5082-2277 is a medium Barrier Schottky Dual Diode Designed for Single Balanced Mixer, Phase Detector and Modulator Applications from 2.4 to 4.8 GHz.
PACKAGE STYLE 809
FEATURES INCLUDE:
* Medium Barrier * Excellent Matching * Rugged design
MAXIMUM RATINGS
IF PDISS TJ TSTG TSOLDER 100 mA 75 mW @ TC = 25 C per Junction -65 C to +125 C -65 C to +175 C +220 C for 10 seconds
TOP VIEW
NONE
CHARACTERISTICS
SYMBOL
VF VF CT CT RD IF = 1 mA
TC = 25 C
TEST CONDITIONS
IR = 5.0 mA VR = 0 V VR = 0 IF = 5.0 mA Diagonal Adjecent f = 1.0 MHz f = 1.0 MHz
MINIMUM
TYPICAL
MAXIMUM
350 20 0.50 0.67 0.10 15
UNITS
mV mV pF pF
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of 5082-2277

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X