Part Number Hot Search : 
AD8324 MC100LV AM29F 7815AB 1N4732A 18VUV AF4000 314008
Product Description
Full Text Search
 

To Download 5082-0800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5082-0800
SILICON STEP RECOVERY DIODE
DESCRIPTION:
The ASI 5082-0800 is a Silicon Step Recovery Diode Designed as a Frequency Multiplier with S-Band Output Frequencies.
FEATURES INCLUDE:
* Replacement for HP 5082-0800 * POUT = 10 W typ. @ 4 GHz (X 2) * Hermetic Package
PACKAGE STYLE 50
MAXIMUM RATINGS
IF PDISS TJ TSTG JC 100 mA 7.0 W @ TC = 25 C -65C to +150 C -65C to +150 C 15 C/W
Dimensions in parenthesis are in millimeters
CHARACTERISTICS
SYMBOL
VBR Cj6 fc tt IF = 10 mA IR = 10 A VR = 6 V
TA = 25 C
NONE
TEST CONDITIONS
MINIMUM
75
TYPICAL
MAXIMUM
UNITS
V
f = 1.0 MHz
3.5 100
5.0
pF GHz S
IR = 6 mA
200 400
Charge Level = 1000 pC, measured at 20% & 80% points
pS
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without ti
REV. A 1/1


▲Up To Search▲   

 
Price & Availability of 5082-0800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X