Part Number Hot Search : 
2SK2322S LTC1061 STV0119A B1256 EM520 MAX690 AD8801 MV8713
Product Description
Full Text Search
 

To Download 40100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4000 SERIES
Toroidal Surface Mount Inductors
SELECTION GUIDE
Nominal Inductance Inductance Range DC Resistance DC Current Continuous
Order Code
403R3 404R7 406R8 40100 40150 40220
H 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330
H 2.4 - 3.9 3.7 - 6.1 5.3 - 8.8 7.2 - 12.0 11.9 - 19.8 16.2 - 27.0 24.8 - 41.4 35.3 - 58.9 50.3 - 83.9 74.4 - 124 115 - 192 165 - 275 247 - 412
m
MAX
A
MAX
10kHz rms 10mV AC 10kHz rms 10mV AC
17 19 20 23 30 35 54 79 148 177 273 405 610
5.20 4.40 3.60 3.00 2.40 2.10 1.66 1.42 1.20 0.94 0.76 0.67 0.54
FEATURES 3.3H to 330H Surface Mounting Up to 5.20A IDC UL 94V-0 Package Materials Compact Size Toroidal Construction giving Low Leakage Flux Pick & Place Compatible DESCRIPTION
The 4000 series is a range of surface mount toroidal inductors designed for use in switching power supplies and DC/DC converters. The parts are ideal for applications requiring low profile compact components in a surface mount package.
40330 40470 40680 40101 40151 40221 40331
PACKAGE DETAILS
Order Code TYP Weight (g) Packaging Style QTY
40XXX
3.2
Tube
30
MECHANICAL DIMENSIONS
0.555 (14.1) MAX Recommended Footprint Details
0.520 (13.21) 0.56 (14.22) MAX 0.460 (11.68) 0.060 (1.52)
TUBE OUTLINE DIMENSIONS
0.591 (15.0) S 0.345 (8.76) MAX x4 Places 0.005 (0.127) S
All dimensions in inches (mm)
0.362 (9.2)
0.485 (12.32) 0.417 (10.60)
0.0240.006 (0.600.15)
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range Storage temperature range
C&D Technologies (NCL) Ltd Tanners Drive, Blakelands North Milton Keynes MK14 5BU, England Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545 email: info@cdtechno-ncl.com C&D Technologies Inc. 3400 E Britannia Drive, Tucson, Arizona 85706, USA Tel: +1 (800) 547-2537 Fax: +1 (520) 741-4598 email: sales@cdtechno.com
-40C to 85C -40C to 125C
C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing process at any time, without notice. Please check with your supplier or visit our web site to ensure that you have the current and complete specification for your product before use. (c) C&D Technologies (NCL) Limited 2003 NMP 4000.1
No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including, but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies (NCL) Limited. Instructions for use are available from: www.cdpoweronline.com
www.cdpoweronline.com


▲Up To Search▲   

 
Price & Availability of 40100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X