|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET MOS FIELD EFFECT TRANSISTOR 2SK3297 SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE DESCRIPTION The 2SK3297 is N-channel DMOS FET device that features a low gate charge and excellent switching characteristics, and designed for high voltage applications such as switching power supply, AC adapter. ORDERING INFORMATION PART NUMBER 2SK3297 PACKAGE Isolated TO-220 FEATURES *Low gate charge QG = 18 nC TYP. (VDD = 450 V, VGS = 10 V, ID = 5.0 A) *Gate voltage rating 30 V *Low on-state resistance RDS(ON) = 1.6 MAX. (VGS = 10 V, ID = 2.5 V) *Avalanche capability ratings *Isolated TO-220 package (Isolated TO-220) ABSOLUTE MAXIMUM RATINGS (TA = 25C) Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current(DC) (TC = 25C) Drain Current(pulse) Note1 VDSS VGSS ID(DC) ID(pulse) PT1 PT2 Tch Tstg 600 30 5.0 20 2.0 35 150 -55 to +150 5.0 16.7 V V A A W W C C A mJ Total Power Dissipation (TA = 25C) Total Power Dissipation (TC = 25C) Channel Temperature Storage Temperature Single Avalanche Current Single Avalanche Energy Note2 Note2 IAS EAS Notes1. PW 10 s, Duty Cycle 1% 2. Starting Tch = 25C, VDD = 150 V, RG = 25 , VGS = 20 0 V The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all devices/types available in every country. Please check with local NEC representative for availability and additional information. Document No. D14058EJ1V0DS00 (1st edition) Date Published November 2000 NS CP (K) Printed in Japan (c) 1999, 2000 2SK3297 ELECTRICAL CHARACTERISTICS (TA = 25C) Characteristics Zero Gate Voltage Drain Current Gate Leakage Current Gate to Source Cut-off Voltage Forward Transfer Admittance Drain to Source On-state Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge IDSS IGSS VGS(off) | yfs | RDS(on) Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr VDD = 450 V VGS = 10 V ID = 5.0 A IF = 5.0 A, VGS = 0 V IF = 5.0 A, VGS = 0 V di/dt = 50 A/s Symbol Test Conditions VDS = 600 V, VGS = 0 V VGS = 30 V, VDS = 0 V VDS = 10 V, ID = 1 mA VDS = 10 V, ID = 2.5 A VGS = 10 V, ID = 2.5 A VDS = 10 V VGS = 0 V f = 1 MHz VDD = 150 V, ID = 2.5 A VGS(on) = 10 V RG = 10 2.5 1.5 1.3 750 130 9.7 17 3 37 10 18 4 7 0.9 1.4 5.3 1.6 MIN. TYP. MAX. 100 100 3.5 Unit A nA V S pF pF pF ns ns ns ns nC nC nC V s C TEST CIRCUIT 1 AVALANCHE CAPABILITY D.U.T. RG = 25 PG. VGS = 20 0 V BVDSS VDS VGS 0 50 L VDD TEST CIRCUIT 2 SWITCHING TIME D.U.T. RL PG. RG VDD ID 90% 90% VGS VGS Wave Form 0 10% VGS(on) 90% IAS ID VDD ID ID Wave Form 0 10% 10% = 1 s Duty Cycle 1% td(on) ton tr td(off) toff tf Starting Tch TEST CIRCUIT 3 GATE CHARGE D.U.T. IG = 2 mA 50 RL VDD PG. 2 Data Sheet D14058EJ1V0DS 2SK3297 TYPICAL CHARACTERISTICS DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE 12 VGS =10 V 10 ID - Drain Current - A 100 FORWARD TRANSFER CHARACTERISTICS Pulsed VDS = 10 V 8.0 V 6.0 V ID - Drain Current - A 10 8 6 4 2 0 Pulsed 0 10 20 30 40 VDS - Drain to Source Voltage - V 1 Tch = -25C 25C 75C 125C 0.1 0.01 0 5 10 15 VGS - Gate to Source Voltage - V GATE TO SOURCE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT VGS(off) - Gate to Source Cut-off Voltage - V | yfs | - Forward Transfer Admittance - S 4 VDS = 10 V ID = 1 mA 10 3 1 2 1 Tch = -25C 25C 75C 125C VDS = 10 V Pulsed 10 0 -50 0 50 100 150 0.1 0.1 1 ID - Drain Current - A Tch - Channel Temperature - C RDS(on) - Drain to Source On-state Resistance - 4 Pulsed 3 ID = 5.0 A 2.5 A RDS(on) - Drain to Source On-state Resistance - DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 4 Pulsed 3 VGS = 10 V 20 V 2 2 1 1 0 0 5 10 15 20 0 0.1 1 10 100 VGS - Gate to Source Voltage - V ID - Drain Current - A Data Sheet D14058EJ1V0DS 3 2SK3297 RDS(on) - Drain to Source On-state Resistance - DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE 4 VGS = 10 V Pulsed 100 SOURCE TO DRAIN DIODE FORWARD VOLTAGE Pulsed 3 ID = 5.0 A 2.5 A 2 ISD - Diode Forward Current - A 10 1 VGS = 10 V 0V 1 0.1 0 -50 0 50 100 150 0.01 0 0.5 1 1.5 Tch - Channel Temperature - C VSD - Source to Drain Voltage - V CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 10000 SWITCHING CHARACTERISTICS 100 td(on), tr, td(off), tf - Switching Time - ns Ciss, Coss, Crss - Capacitance - pF VGS = 0 V f = 1 MHz Ciss td(off) 1000 td(on) 10 tf 100 Coss 10 tr VDD = 150 V VGS = 10 V RG = 10 1 0.1 Crss 1 10 100 1000 1 0.1 1 ID - Drain Current - A 10 VDS - Drain to Source Voltage - V REVERSE RECOVERY TIME vs. DIODE FORWARD CURRENT 10000 trr - Reverse Recovery Time - ns VDS - Drain to Source Voltage - V DYNAMIC INPUT/OUTPUT CHARACTERISTICS 16 14 600 VDD = 450 V 300 V 150 V VGS 6 200 VDS 0 0 8 16 24 QG - Gate Charge - nC 4 2 0 32 12 10 8 VGS - Gate to Source Voltage - V ID = 5.0 A 1000 400 100 0.1 di/dt = 50 A/s VGS = 0 V 1 ISD - Diode Forward Current - A 10 4 Data Sheet D14058EJ1V0DS 2SK3297 DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA TOTAL POWER DISSIPATION vs. CASE TEMPERATURE 40 dT - Percentage of Rated Power - % 100 80 60 40 PT - Total Power Dissipation - W 0 20 40 60 80 120 140 160 30 20 10 20 0 100 0 0 20 40 60 80 100 120 140 160 Tch - Channel Temperature - C TC - Case Temperature - C FORWARD BIAS SAFE OPERATING AREA 100 ID - Drain Current - A ID(pulse) P W 10 S RD VGS (@ d ite im 0 V) )L (on =1 ID(DC) Po we r 1 Di ss ipa tio n 10 0 s 1m 3m s s 10 m s =1 0 s Lim ite d 30 ms 100 ms 0.1 TC = 25C Single Pulse 1 10 100 1000 VDS - Drain to Source Voltage - V TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH 100 Rth(ch-A) = 62.5C/W rth(t) - Transient Thermal Resistance - C/W 10 Rth(ch-C) = 3.57C/W 1 0.1 Single Pulse 0.01 10 100 1m 10 m 100 m 1 10 100 1000 PW - Pulse Width - sec Data Sheet D14058EJ1V0DS 5 2SK3297 SINGLE AVALANCHE CURRENT vs. INDUCTIVE LOAD 100 IAS - Single Avalanche Current - A SINGLE AVALANCHE ENERGY DERATING FACTOR VDD = 150 V RG = 25 VGS = 20 0 V IAS 5.0 A 10 IAS = 5.0 A EAS =1 6.7 mJ Energy Derating Factor - % 10 100 80 60 40 20 0 25 1 VDD = 150 V VGS = 20 0 V RG = 25 0.1 Starting Tch = 25C 0.01 0.1 1 50 75 100 125 150 L - Inductive Load - mH Starting Tch - Starting Channel Temperature - C 6 Data Sheet D14058EJ1V0DS 2SK3297 PACKAGE DRAWING(Unit: mm) Isolated TO-220 (MP-45F) 10.00.3 4.50.2 2.70.2 3.20.2 EQUIVALENT CIRCUIT 15.00.3 30.1 Drain 12.00.2 Gate Body Diode 40.2 13.5 MIN. Source 0.70.1 2.54 TYP. 1.30.2 1.50.2 2.54 TYP. 2.50.1 0.650.1 1.Gate 2.Drain 3.Source 123 Remark Strong electric field, when exposed to this device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Data Sheet D14058EJ1V0DS 7 2SK3297 * The information in this document is current as of November, 2000. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above). M8E 00. 4 |
Price & Availability of 2SK3297 |