Part Number Hot Search : 
Z50FF5 A1504 01909 KBPC1502 MC1357 PIC16F85 10A30 AN17830
Product Description
Full Text Search
 

To Download 2SK1838 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1838 L , 2SK1838 S
Silicon N Channel MOS FET
Application
DPAK-1
4 12 3 12 3
4
High speed power switching
Features
S Type
L Type 1. 1. Gate Gate 2. 2. Drain Drain 3. 3. Source Source 4. 4. Drain Drain
* * * * *
Low on-resistance High speed switching Low drive current No secondary breakdown Suitable for switchingregulator, DC-DC converter
2, 4 1
3
Table 1 Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Channel dissipation Channel temperature Storage temperature * ** PW 10 s, duty cycle 1 % Value at Tc = 25 C Symbol VDSS VGSS ID ID(pulse)* IDR Pch** Tch Tstg Ratings 250 30 1 2 1 10 150 -55 to +150 Unit V V A A A W C C
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
2SK1838 L , 2SK1838 S
Table 2 Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Symbol V(BR)DSS V(BR)GSS IGSS IDSS VGS(off) RDS(on) |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr Min 250 Typ -- Max -- Unit V Test Conditions ID = 10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 25 V, VDS = 0 VDS = 200 V, VGS = 0 ID = 1 mA, VDS = 10 V
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
30 -- -- V
--------------------------------------------------------------------------------------
-- -- 2.0 -- -- -- -- 5.5 10 50 3.0 8.0 A A V
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
ID = 0.5 A VGS = 10 V * ID = 0.5 A VDS = 10 V * VDS = 10 V VGS = 0 f = 1 MHz ID = 0.5 A VGS = 10 V RL = 60
--------------------------------------------------------------------------------------
0.3 0.5 -- S
--------------------------------------------------------------------------------------
Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time * Pulse Test -- -- -- -- -- -- -- -- 60 30 5 5 6 10 4.5 0.96 -- -- -- -- -- -- -- -- pF pF pF ns ns ns ns V IF = 1 A, VGS = 0 IF = 1 A, VGS = 0, diF / dt = 100 A / s
---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- 160 -- ns
--------------------------------------------------------------------------------------
2SK1838 L , 2SK1838 S
Power vs. Temperature Derating
20
Maximum Safe Operation Area
10
Pch (W)
3
15
10
Drain Current I D (A)
1
DC
Channel Dissipation
O
PW
pe ra
10
=
1
0 s
s
10
(T
m
s
10
tio
m
c
0.3 0.1
Operation in this area is limited by R DS (on)
n
s
(1
25
=
sh
C
ot
)
)
5
0.03 Ta = 25C
0 50 100 Case Temperature 150 Tc (C) 200
0.01 1
3
10
30
100
300
1000
Drain to Source Voltage V DS (V)
Typical Output Characteristics
1.0 8V 10 V 0.8 Pulse Test Drain Current ID (A) Drain Current I D (A) 0.6 4.5 V 0.4 4V 0.2 V GS = 3.5 V 0 2 4 6 8 10 0 0.2 0.6 5V 0.8 6V 1.0
Typical Transfer Characteristics
Pulse Test V DS = 10 V
0.4
Tc = 75C
25C - 25C
2
4
6
8
10
Drain to Source Voltage V DS (V)
Gate to Source Voltage V GS (V)
2SK1838 L , 2SK1838 S
Drain-Source Saturation Voltage vs. Gate-Source Voltage
5 Pulse Test Static Drain-Source on State Resistance R DS (on) ( ) 4 50
Static Drain-Source on State Resistance vs. Drain Current
Drain to Source Saturation Voltage VDS (on) (V)
20 10 5
Pulse Test V GS = 10 V
3
0.5 A
2 0.2 A 1 ID = 0.1 A
2 1
0
4
8
12
16
20
0.5 0.02
0.05
0.1
0.2
0.5
1
2
Gate to Source Voltage VGS (V)
Drain Current I D (A)
Static Drain-Source on State Resistance vs. Temperature
25 5
Forward Transfer Admittance vs. Drain Current
Pulse Test VDS = 10 V Forward Transfer Admittance |y fs | (S) 2 1 Tc = - 25C 0.5 25C 75C 0.2 0.1 0.05 0.02
20 Static Drain-Source on State Resistance R DS (on) ( )
Pulse Test V GS = 10 V
15 I D = 0.5 A 10 0.1 A 5 0.2 A
0 - 40
0
40
80
120
160
0.05
0.1
0.2
0.5
1
2
Case Temperature Tc (C)
Drain Current I D (A)
2SK1838 L , 2SK1838 S
Body-Drain Diode Reverse Recovery Time
1000 500 1000
Typical Capacitance vs. Drain-Source Voltage
VGS = 0 f = 1 MHz
Reverse Recovery Time trr (ns)
Capacitance C (pF)
200 100 50 di / dt = 100 A / s V GS = 0, Ta = 25C 20 10 0.05
100
Ciss
Coss 10
Crss 1 0
0.1
0.2
0.5
1
2
5
10
20
30
40
50
Reverse Drain Current IDR (A)
Drain to Sourve Voltage VDS (V)
Dynamic Input Characteristics
500 I D = 0.5 A 16 V GS 300 VDD = 200 V 200 V DS 100 V 50 V 8 12 Gate to Source Voltage VGS (V) 400 20 100 50
Switching Characteristics
. V GS = 10 V,V DD = 30 V . PW = 2 s, duty 1 %
Drain to Source Voltage VDS (V)
Switching Time t (ns)
tf 20 10 td (on) 5 tr 2 td (off)
100
VDD = 200 V 100 V 50 V
4
0
4
8
12
16
20
0
1 0.05
0.1
0.2
0.5
1
2
5
Gate Charge Qg (nc)
Drain Current I D (A)
2SK1838 L , 2SK1838 S
Reverse Drain Current vs. Source to Drain Voltage
1.0 Pulse Test Reverse Drain Current IDR (A) 0.8
0.6
0.4
0.2
VGS = 10 V 0, - 5 V
0
0.4
0.8
1.2
1.6
2.0
Source to Drain Voltage VSD (V)
Normalized Transient Thermal Impedance vs. Pulse Width
Normalized Transient Thermal Impedance s (t) 3 D=1 1.0 0.5 0.3 0.2 0.1 0.1 0.05 0.02 0.03 0.01 10
1s hot Pul se
Tc = 25C
ch - c(t) = s(t) . ch - c ch - c = 12.5C / W. Tc = 25C PW D= T P DM T PW
0.01
100
1m
10 m Pulse Width PW (S)
100 m
1
10
2SK1838 L , 2SK1838 S
Switching Time Test Circuit
Waveforms
Vin Monitor 90 % Vout Monitor D.U.T RL Vin 10 V 50 Vin Vout 10 % 10 % 10 %
. . V DD = 30 V
td (on)
90 % tr
90 % td (off) tf


▲Up To Search▲   

 
Price & Availability of 2SK1838

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X