Part Number Hot Search : 
2SC5004 USFF1206 AC03D 0A015 20N03L 0FB100K 3266Y105 SBM37PT
Product Description
Full Text Search
 

To Download 2SK1404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1404
Silicon N-Channel MOS FET
November 1996 Application
High speed power switching
Features
N N N N N
Low on-resistance High speed switching Low drive current No secondary breakdown Suitable for switching regulator and DC-DC converter
Outline
TO-220FM
D G
1
23
1. Gate 2. Drain 3. Source
S
2SK1404
Absolute Maximum Ratings (Ta = 25GC)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body to drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Notes 1. PW d 10 Ps, duty cycle d1% 2. Value at TC = 25qC Symbol VDSS VGSS ID ID(pulse)* IDR Pch* Tch Tstg
2 1
Ratings 600
Unit V V A A A W
r30
5 20 5 35 150 -55 to +150
qC qC
2
2SK1404
Electrical Characteristics (Ta = 25GC)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Symbol Min V(BR)DSS V(BR)GSS IGSS VGS(off) RDS(on) |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr 600 Typ -- -- -- -- -- 1.1 5.0 1000 250 45 12 45 105 55 0.9 500 Max -- -- Unit V V Test conditions ID = 10 mA, VGS = 0 IG = r100 PA, VDS = 0 VGS = r25 V, VDS = 0 VDS = 500 V, VGS = 0 ID = 1 mA, VDS = 10 V ID = 2.5 A, VGS = 10 V * ID = 2.5 A, VDS = 10 V * VDS = 10 V, VGS = 0, f = 1 MHz
1
r30
-- -- 2.0 -- 3.0 -- -- -- -- -- -- -- -- --
r10
250 3.0 1.5 -- -- -- -- -- -- -- -- -- --
Zero gate voltage drain current IDSS Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time Note 1. Pulse test
PA PA
V
:
S pF pF pF ns ns ns ns V ns
1
ID = 2.5 A, VGS = 10 V, RL = 12 :
IF = 5 A, VGS = 0 IF = 5 A, VGS = 0, diF/dt = 100 A/Ps
3
2SK1404
Power vs. Temperature Derating 60
Channel Dissipation Pch (W)
Maximum Safe Operation Area 50 30
ar ea
Drain Current ID (A)
10 3 1 0.3 0.1
10
10
s
O is per lim at ite ion d in by th R is
(o n
)
40
0
DS
1
s
PW
D C
m
) ot ) Sh C (1 25 s = m (T C 10 n = tio ra pe O
s
20
Ta = 25C
0.05 0 50 100 Case Temperature TC (C) 150 1 3 10 30 100 300 1,000 Drain to Source Voltage VDS (V)
Typical Output Characteristics 10 10 V 8 6V 5V Pulse Test
Typical Transfer Characteristics 10 VDS = 20 V Pulse Test 8
Drain Current ID (A)
Drain Current ID (A)
6
4.5 V
6
4 4V VGS = 3 V 0 3.5 V
4
2
2
TC = 75C 25C -25C
10 30 40 20 50 Drain to Source Voltage VDS (V)
0
2 6 8 4 10 Gate to Source Voltage VGS (V)
4
2SK1404
Drain to Source Saturation Voltage VDS (on) (V)
10 Pulse Test 8 ID = 5 A
Static Drain to Source on State Resistance RDS (on) ()
Drain to Source Saturation Voltage vs. Gate to Source Voltage
Static Drain to Source on State Resistance vs. Drain Current 50 Pulse Test 20 10 5 2 1 15 V 0.5 0.2 0.5 10 1 2 5 Drain Current ID (A) 20 VGS = 10 V
6
4 2A 2 1A
0
8 20 4 12 16 Gate to Source Voltage VGS (V)
Static Drain to Source on State Resistance vs. Temperature
Static Drain to Source on State Resistance RDS (on) ()
Forward Transfer Admittance vs. Drain Current
Forward Transfer Admittance yfs (S)
5 VGS = 10 V Pulse Test
10 VDS = 20 V Pulse Test 5 2 1 0.5 0.2 0.1 0.05 75C -25C TC = 25C
4
3 ID = 5 A 2 1A 2A
1
0 -40
40 0 80 120 Case Temperature TC (C)
160
0.1
2 0.5 0.2 1 Drain Current ID (A)
5
5
2SK1404
Body to Drain Diode Reverse Recovery Time 1,000 Reverse Recovery Time trr (ns) 500 Capacitance C (pF)
1,000 10,000 VGS = 0 f = 1 MHz Ciss Typical Capacitance vs. Drain to Source Voltage
200 100 50 20 10 0.05 di/dt = 50 A/s, Ta = 25C VGS = 0 Pulse Test 0.1 0.2 2 1 0.5 Reverse Drain Current IDR (A) 5
100
Coss
Crss 10 0 20 50 10 30 40 Drain to Source Voltage VDS (V)
Dynamic Input Characteristics 1,000 20
Switching Characteristics 500
Gate to Source Voltage VGS (V)
Drain to Source Voltage VDS (V)
. VGS = 10 V, VDD = 30 V . PW = 2 s, duty < 0.1% td (off)
VDD = 100 V 250 V 400 V VGS
Switching Time t (ns)
800
16
200 100 50 tr td (on) 10 5 0.1 tf
600
12
400
VDS
ID = 5 A VDD = 400 V 250 V 100 V
8
20
200
4 0
0
8
24 32 16 Gate Charge Qg (nc)
40
0.2
2 5 0.5 1 Drain Current ID (A)
10
6
2SK1404
Reverse Drain Current vs. Source to Drain Voltage 10 Pulse Test 8
Reverse Drain Current IDR (A)
6
4
VGS = 5 V, 10 V
2 0, -5 V 0 0.8 2.0 0.4 1.2 1.6 Source to Drain Voltage VSD (V)
Normalized Transient Thermal Impedance S (t)
Normalized Transient Thermal Impedance vs. Pulse Width 3 D=1 1.0 0.5 0.3 0.2 TC = 25C
0.1
0.1
0.05
ch-c (t) = S (t) * ch-c ch-c = 3.57C/W, TC = 25C PDM PW D = PW T
0.03
0.02 0.01 ulse P hot 1S
100 1m 10 m 100 m Pulse Width PW (s)
T
0.01 10
1
10
Switching Time Test Circuit Vin Monitor
Waveforms 90%
Vout Monitor
D.U.T. RL Vin 10 V 50
Vin Vout
VDD . = 30 V .
10% 10% 10% 90% td (off)
90% td (on) tr
tf
7
2SK1404
Notice
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
8


▲Up To Search▲   

 
Price & Availability of 2SK1404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X