Part Number Hot Search : 
KBPC3504 MC12015D 2SC20 STUP012 1820A BR1765 H053B 2SA765
Product Description
Full Text Search
 

To Download 2SB1488 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB1488
Silicon PNP triple diffusion planer type
Unit: mm
For power switching
0.7
6.90.1 4.0
(1.0) (0.2) 4.50.1
2.50.1 (0.8)
(0.5)
q q q
14.50.5
q
High foward current transfer ratio hFE. High-speed switching. High collector to base voltage VCBO. Allowing supply with the radial taping.
0.45+0.10 -0.05
(1.0)
s Features
0.65 max.
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
(Ta=25C)
Ratings -400 -400 -7 -1 - 0.5 1 150 -55 ~ +150 Unit V V V A A W C
1.050.05 2.50.5
0.45+0.10 -0.05
2.50.5
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
1
2
3
Note: In addition to the lead type shown in the upper figure, the type as shown in the lower figure is also available.
1:Emitter 2:Collector 3:Base MT-2-A1 Package
1.20.1
C
0.45+0.1 - 0.05
0.65 max.
Printed circuit board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion
(HW type)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Collector current fall time Collector output capacitance
*1h FE1
(Ta=25C)
Symbol ICBO ICEO IEBO VCEO hFE1*1 hFE2 VCE(sat) VBE(sat) fT ton tstg tf Cob Conditions VCB = -400V, IE = 0 VCE = -100V, IB = 0 VBE = -5V, IC = 0 IC = -1mA, IB = 0 VCE = -5V, IC = -50mA VCE = -5V, IC = -300mA*2 IC = -100mA, IB = -10mA*2 IC = -100mA, IB = -10mA*2 VCB = -10V, IE = 0.1A, f = 1MHz*2 IC = -100mA, RL = 1.5k IB1 = -10mA, IB2 = 10mA VCC = -150V VCB = -10V, IE = 0, f = 1MHz -400 80 10 - 0.25 - 0.8 25 0.4 5.5 0.5 20
*2
min
typ
max -1 -1 -1
Unit A A A V
280
- 0.5 -1.2
V V MHz s s s pF
1.0 6.5 1.0 40
Rank classification
P 80 ~ 160 Q 130 ~ 280
Pulse measurement
Rank hFE1
281
Transistor
PC -- Ta
1.2 -1.0 Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion. Ta=25C - 0.9
2SB1488
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 Ta=100C 25C -25C
VCE(sat) -- IC
IC/IB=5
Collector power dissipation PC (W)
1.0
0.8
Collector current IC (mA)
- 0.8 - 0.7 - 0.6 IB=100mA - 0.5 - 0.4 - 0.3 - 0.2 - 0.1 10mA 5mA 1mA 0.5mA 0.1mA 0 -2 -4 -6 -8 -10 -12 50mA
0.6
0.4
- 0.3 - 0.1
0.2
- 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
0 0 20 40 60 80 100 120 140 160
0
-1
-3
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
-100
hFE -- IC
IC/IB=5 10000 VCE=-5V 1000 300 100 30 10 3 1 0.3
fT -- IC
VCE=-10V Ta=25C
Base to emitter saturation voltage VBE(sat) (V)
-10 -3 25C -1 Ta=-25C 100C
1000 300 100 30 10 3 1 - 0.001 - 0.003 - 0.01 - 0.03 - 0.1 - 0.3 25C Ta=100C
-25C
- 0.3 - 0.1
- 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
Transition frequency fT (MHz)
-1
-30
Forward current transfer ratio hFE
3000
-1
-3
-10
0.1 - 0.001 - 0.003 - 0.01 - 0.03 - 0.1 - 0.3
-1
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
100 100 IE=0 f=1MHz Ta=25C 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=5(-IB1=IB2) VCC=-100V Ta=25C tstg
Collector output capacitance Cob (pF)
90 80 70 60 50 40 30 20 10 0 -1
Switching time ton,tstg,tf (s)
10 3 1 tf 0.3 0.1 0.03 0.01 ton
-3
-10
-30
-100
0
- 0.2
- 0.4
- 0.6
- 0.8
- 1.0
Collector to base voltage VCB (V)
Collector current IC (A)
282
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SB1488

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X