Part Number Hot Search : 
ELM842B 100000 67DWR2 8752B D2838 74HC4020 74HC5 MHW1915
Product Description
Full Text Search
 

To Download 2SA1981 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
2SA1981
PNP Silicon Transistor
Description
* Audio power amplifier application
Features
* High hFE : hFE=100~320 * Complementary pair with 2SC5344
Ordering Information
Type NO. 2SA1981 Marking A1981 Package Code TO-92
Outline Dimensions
3.450.1 4.50.1 2.250.1
unit : mm
4.50.1
0.40.02
2.060.1
14.00.40
1.27 Typ. 2.54 Typ.
123
PIN Connections 1. Emitter 2. Collector 3. Base
1.200.1
0.38
KST-9003-001
1
2SA1981
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-Base voltage Collector current Collector dissipation Junction temperature Storage temperature
(Ta=25C)
Symbol
VCBO VCEO VEBO IC PC Tj Tstg
Ratings
-35 -30 -5 -800 625 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-Emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol
BVCBO BVCEO BVEBO ICBO IEBO hFE fT Cob
*
Test Condition
IC=-500A, IE=0 IC=-1mA, IB=0 IE=-50A, IC=0 VCB=-35V, IE=0 VEB=-5V, IC=0 VCE=-1V, IC=-100mA IC=-500mA, IB=-20mA VCE=-5V, IE=10mA VCB=-10V, IE=0, f=1MHz
Min. Typ. Max.
-35 -30 -5 100 120 19 -0.1 -0.1 320 -0.5 -
Unit
V V V A A V MHz pF
VCE(sat)
* : hFE rank / O : 100~200, Y : 160~320
KST-9003-001
2
2SA1981
Electrical Characteristic Curves
Fig. 1 Pc-Ta Fig. 2 IC -VBE
Fig. 3 IC - VCE
Fig. 4 hFE - IC
Fig. 5 VCE(SAT) - IC
KST-9003-001
3


▲Up To Search▲   

 
Price & Availability of 2SA1981

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X