Part Number Hot Search : 
035150 ATM128 CS5151H MBR3035 GMS81024 C2632 DG442AK 250958B
Product Description
Full Text Search
 

To Download XN01504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XN01504 (XN1504)
Silicon NPN epitaxial planer transistor
Unit: mm
For amplification of low frequency output
2.90+0.20 -0.05 1.90.1 (0.95) (0.95) 3 4 5 1.50+0.25 -0.05 2.8+0.2 -0.3
0.16+0.10 -0.06
I Features
G G
10 1.1+0.2 -0.1 1.1+0.3 -0.1
I Basic Part Number of Element
G
2SD1915F x 2 elements
I Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Rating Emitter to base voltage of element Collector current Peak collector current Total power dissipation Overall Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PT Tj Tstg
(Ta=25C)
Ratings 50 20 25 300 500 300 150 -55 to +150 Unit V V V mA mA mW C C
1 : Collector (Tr1) 2 : Collector (Tr2) 3 : Base (Tr2)
4 : Emitter 5 : Base (Tr1) EIAJ : SC-74A Mini5-G1 Pakage
Marking Symbol: 5S Internal Connection
5 4 3 2 Tr1 1
Tr2
I Electrical Characteristics
Parameter Collector to emitter voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Forward current transfer hFE ratio Collector to emitter saturation voltage Base to emitter voltage Transition frequency Collector output capacitance ON Resistance
*1 *2
(Ta=25C)
Symbol VCEO ICBO IEBO hFE hFE (small/large)*1 VCE(sat) VBE fT Cob Ron*2
1k IB=1mA f=1kHz V=0.3V
Conditions IC = 1mA, IB = 0 VCB = 50V, IE = 0 VEB = 25V, IC = 0 VCE = 2V, IC = 4mA VCE = 2V, IC = 4mA IC = 30mA, IB = 3mA VCE = 2V, IC = 4mA VCB = 6V, IE = -4mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz
min 20
typ
0 to 0.1
(0.65)
Two elements incorporated into one package. (Emitter-coupled transistors) Reduction of the mounting area and assembly cost by one half.
2 0.30+0.10 -0.05
1
max
0.1 0.1 500 0.5 0.99 0.1 0.6 80 7 1.0 2500
MHz pF
Ratio between 2 elements Ron test circuit
VB
VV
VA
VB 1000() Ron= VA-VB
Note) The Part number in the Parenthesis shows conventional part number.
0.40.2
5
Unit V A A
V V
1
Composite Transistors
PT -- Ta
500
XN01504
IC -- VCE
24 Ta=25C
120 VCE=2V 100 25C
IC -- VBE
Total power dissipation PT (mW)
Collector current IC (mA)
IB=10A 16 8A 12
Collector current IC (mA)
400
20
80
Ta=75C
300
-25C 60
6A 4A
200
8
40
100
4
2A
20
0 0 40 80 120 160
0 0 2 4 6 8 10 12
0 0 0.2 0.4 0.6 0.8 1.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
10
hFE -- IC
IC/IB=10 2000 VCE=2V
fT -- I E
200 VCB=6V Ta=25C
Collector to emitter saturation voltage VCE(sat) (V)
Forward current transfer ratio hFE
Transition frequency fT (MHz)
1600 25C 1200 -25C 800
1
Ta=75C
160
120
0.1 Ta=75C 25C 0.01 -25C
80
400
40
0.001 0.1
1
10
100
0 0.1
1
10
100
0 -0.1
-1
-10
-100
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob -- VCB
20
Collector output capacitance Cob (pF)
f=1MHz Ta=25C
16
12
8
4
0 1 10 100
Collector to base voltage VCB (V)
2
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of XN01504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X