Part Number Hot Search : 
ST2205U 0N03L HCT00 LL4753 XFTPR 10000 E100N20 FJX4012R
Product Description
Full Text Search
 

To Download VSMP1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VSMP1206
Vishay Foil Resistors
SURFACE MOUNT
Z-Based Bulk Metal(R) Foil Technology Discrete High Precision Surface Mount Chip Resistor High Power - Excellent Long Term Stabilty
FEATURES
* Excellent Load Life Stabilty: (70C for 2000 hours) 0.005% at 200mW 0.01% at 300mW * High Rated Power at +70C: 300mW * Tight Tolerance to 0.01% (see table 1) * Low TCR to 2ppm/C (see table 1) * Resistance Range: 10 to 30K (for lower and higher values please contact us) * Shelf Life Stability: 50ppm/year (0.005%) maximum R * Maximum Weight: 11 (mg) * Voltage Coefficient: < 0.00001%/volt (< 0.1ppm/V) * Current Noise: - 40DB: < 0.01V(RMS)/volt of applied voltage * Non Inductive: < 0.08H * Low Thermal EMF: < 0.1V/C maximum * Terminal Finishes Available: Lead (Pb)-free (Sn 99.3% Cu 0.7%) Tin/Lead Alloy (Sn 62% Pb 36% Ag 2%)
INTRODUCTION VSMP1206 is the industry's first device to provide higher power rating with excellent long term stability along with low nominal TCR of 0.5ppm/C (-55C to +125C) all in one. The VSMP1206 Precision Surface Mount Chip Resistor utilizes Ultra Precision Bulk Metal(R) Z Foil (BMZF) Vishay's revolutionary for the resistive element. This technology provides a significant reduction of the resistive components' sensitivity to ambient temperature variations and applied power changes. Designers now can guarantee a high degree of stability an accuracy in fixed - resistor applications using solutions based on BZMF technology. The new technology provides inherently an extremely low and predictable Temperature Coefficient of Resistance (TCR), a remarkably improved load life stability, low noise and availability of tight tolerance. The TCR is a process capability not a selection process and for most of the range is independent of ohmic value and lot related variations. A voltage divider can be fashioned by using two arbitrarily selected VSMP1206s with a resultant tracking specification of < 3ppm/C. Extremely low tracking of < 1ppm/C can be supplied upon request. The VSMP1206 has a conventional full wrap around robust termination which insures safe handling during manufacturing process, as well as providing stability during the multiple thermal cyclings it will see over its service life. The availability of tight absolute tolerance provides a good cost solution for the variability of other components when compiling the total error budget. BMZF offers the best stability available; and is more than an order of magnitude better than thin film technology. The noise generated by the resistor is non measurable and its design and construction make it well suited for high frequency applications. The BMZF is the ultimate resistor component for analog applications. Most effective in applications where high stability is required under load and extreme enviromental conditions. Our Applications Engineering Department is prepared to advise and to make recommendations for non standard technical requirements and special applications, please contact us.
TABLE 1 TOLERANCE AND TCR VS RESISTANCE VALUE (MIL Range)
VALUE () 250 to < 30K 100 to < 250 50 to < 100 25 to < 50 10 to < 25 STANDARD TOLERANCE (%)* 0.01% 0.02% 0.05% 0.1% 0.25% MAXIMUM TCR -55C to +125C 2 ppm/C 2 ppm/C 3 ppm/C 4 ppm/C 4 ppm/C
*Tighter tolerances are available. Please contact Vishay Application Engineering.
APPLICATIONS
* Automatic Test Equipment (ATE) * High Precision Instrumentation * Laboratory, Industrial and Medical * Audio (High End Stereo Equipment)) * EB Applications (electron beam scanning and recording equipment, electron microscopes) * Military * Airborne * Down Hole
SALES * ISRAEL: foilsales.israel@vishay.com * FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com * AMERICAS: foilsales.usa@vishay.com * ASIA/JAPAN: foilsales.asia@vishay.com * UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com * GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
www.vishay.com 24
For technical questions in the Americas, contact foilsupport1@vishay.com Document Number: 63096 For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com Revision 28-Oct-04
VSMP1206
Z-Based Bulk Metal Foil Technology Vishay Foil Resistors Discrete High Precision Surface Mount Chip Resistor
(R)
SURFACE MOUNT
Percent of Rated Power
TABLE 2 - ENVIRONMENTAL PERFORMANCE SPECIFICATIONS
TEST MIL-PRF-55342G VSMP1206 CHARACTERISTIC E MAXIMUM R LIMITS R LIMITS* 0.10% 0.10% 0.10% 0.10% 0.20% 0.20% 0.50% 300 (P x R)1/2 0.01% 0.01% 0.01% 0.02% 0.01% 0.02% 0.01% -
FIGURE 2 - DERATING CURVE
125 100 75 50 25 0 -75
-55C
+70C Rated Power
Thermal Shock Low Temperature Operation Short Time Overload High Temperature Exposure Resistance to Bonding Moisture Resistance Life 2000 hours @ + 70C Power @ + 70C (mW) Maximum Working Voltage
-50
-25
0
+25
+50
+75
+100 +125 +150 +175
Ambient Temperature (C)
FIGURE 3 - RECOMMENDED MOUNTING
*As shown + 0.01 Ohms to allow for measurement errors at low values.
25% to 85% of T A low profile solder fillet is recommended to avoid unnecessary stresses along top edge of metallization. IR and vapor phase reflow are best. Avoid the use of cleaning agents which could attack epoxy resins, which form part of the resistor construction.
TABLE 3 - DIMENSIONS AND LAND PATTERN in inches (millimeters)
Top View
L X T D W G Z
Recommended Land Pattern
Footprint
L 0.005 [0.13] 0.126 [3.2]
W 0.005 [0.13] 0.062 [1.57]
T MAXIMUM 0.025 [0.64]
D
0.005 [0.13]
0.020 [0.50]
Z* MAXIMUM 0.175 [4.4]
G* MINIMUM 0.059 [1.5]
X* MAXIMUM 0.071 [1.806]
*Land Pattern Dimensions are per IPC-782
TABLE 4 - ORDERING INFORMATION
MODEL VSMP CHIP SIZE 1206 RESISTANCE RANGE RESISTANCE VALUE LETTER DESIGNATOR MULTIPLIER FACTOR x 1.0 TOLERANCE T 0.01% Q 0.02% A 0.05% B 0.1% C 0.25% D 0.5% F 1.0% TERMINATION S - Lead (Pb)-free B - Tin/Lead PACKAGING T = Tape and Reel W = Waffle Pack
10 to < 1K R Example: 249R00 = 249
1K to 30K K x 103 Example: 10K000 = 10.0K
*Example: VSMP1206 10K000 TSW, VSMP1206, Value: 10K, Tolerance: 0.01%, Lead (Pb)-free, Waffle Pack.
SALES * ISRAEL: foilsales.israel@vishay.com * FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com * AMERICAS: foilsales.usa@vishay.com * ASIA/JAPAN: foilsales.asia@vishay.com * UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com * GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
For technical questions in the Americas, contact foilsupport1@vishay.com Document Number: 63096 For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com Revision 28-Oct-04
www.vishay.com 25


▲Up To Search▲   

 
Price & Availability of VSMP1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X