Part Number Hot Search : 
C1506H BZX84C33 APL1087R 55C6V OP565B LC723740 TA166 AP4924M
Product Description
Full Text Search
 

To Download UPD7225G01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS INTEGRATED CIRCUIT
PD7225
PROGRAMMABLE LCD CONTROLLER/DRIVER
The PD7225 is a software-programmable LCD (Liquid Crystal Display) controller/driver. The PD7225 can be serially interfaced with the CPU in a microcomputer and can directly drive 2, 3, or 4-time division LCD. The PD7225 contains a segment decoder which can generate specific segment patterns. In addition, the PD7225 can be used to control on/off (blinking) operation of a display.
FEATURES
* Can directly drive LCD * Programmable time-division multiplexing
* *
Static drive Divide-by-2, 3, or -4 time division multiplexing 7-segment Divide-by-4 Divide-by-3 Divide-by-2 time division ............... 16 digits time division ............... 10 2/3 digits time division ............... 8 digits
* Number of digits displayed
*
Static................................................. 4 digits
*
14-segment Divide-by-4 time division ............... 8 digits
* Bias method Static, 1/2, 1/3 * Segment decoder output
* *
7-segment : Numeric characters 0 to 9, six symbols 14-segment : 36 alphanumeric characters, 13 symbols
* Blinking operation * Multi-chip configuration possible * 8-bit serials interface 75X series and 78K series compatible * CMOS * Single power supply
ORDERING INFORMATION
Part Number Package 52-pin plastic QFP (14 x 14 mm) 52-pin plastic QFP (straight) ( 56-pin plastic QFP (10 x 10 mm) 52-pin plastic QFP (14 x 14 mm) 14 mm)
PD7225G00 PD7225G01 PD7225GB-3B7 PD7225GC-AB6
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. S14308EJ6V0DS00 (6th edition) (O.D. No. IC-1555) Date Published June 1999 N CP (K) Printed in Japan
The mark
shows major revised points.
(c)
1986, 1999
PD7225
PIN CONFIGURATION: (Top View)
PD7225G00 PD7225G01 PD7225GC-AB6
52-pin plastic QFP (14 x 14 mm) 52-pin plastic QFP (straight) ( 14 mm) 52-pin plastic QFP (14 x 14 mm)
CL1 S31 S30 S29 S28 S27 S26 S25 S24 S23 S22 S21 S20 40 39 38 37 36 35 34 33 32 31 30 29 28 15 16 17 18 19 20 21 22 23 24 25 27 26
52 CL2 /SYNC VLC1 VLC2 VLC3 VSS VDD /SCK SI /CS /BUSY C, /D /RESET 1 2 3 4 5 6 7 8 9 10 11 12 13 14
51 50
49
48
47
46
45
44 43
42 41
S19 S18 S17 S16 S15 S14 VDD S13 S12 S11 S10 S9 S8
NC
COM0
COM1
COM2
COM3
S0
S1
S2
S3
S4
S5
S6
SI /SCK C, /D /CS /BUSY SYNC S0-S31 NC Remark
: Serial Input : Serial Clock : Command/Data : Chip Select : Busy : Sync : Segment : Non-connection /xxx indicates active low signal.
CL1 CL2 RESET VDD VSS IC
: External Resistor 1 (External Clock) : External Resistor 2 : Reset : Power Supply : Ground : Internally Connected
VLC1-VLC3 : Power Supply For LCD Drive
COM0-COM3 : Common
2
Data Sheet S14308EJ6V0DS00
S7
PD7225
PD7225GB-3B7 56-pin plastic QFP (10 x 10 mm)
S19 S18 S17 S16 S15 S14 S13 S12 S11 S10 VDD S9 S8 IC
56 S20 S21 S22 S23 S24 S25 S26 S27 S28 S29 S30 S31 CL1 IC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
55
54
53
52
51
50
49
48
47
46
45
44
43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28
IC S7 S6 S5 S4 S3 S2 S1 S0 COM3 COM2 COM1 COM0 NC
16
17
18
19
20
21
22
23
24
25
26
27
C, /D
/SCK
/CS
/BUSY
Note
IC Pin must be connected to VDD or left unconnected.
/RESET
VLC1
VLC2
CL2
/SYNC
VLC3
VDD
VSS
IC
SI
Data Sheet S14308EJ6V0DS00
3
PD7225
BLOCK DIAGRAM
COM S31 S30 S29 S1 S0 3 COM 2 COM 1 COM 0
VLC1
LCD DRIVER
VLC2
LCD TIMING CONTROL
VLC3
DISPLAY DATA LATCH
/SYNC
CL1 SEGMENT OSC CL2 DECODER DATA MEMORY DATA POINTER
BLINKING DATA MEMORY
VDD VSS /RESET
/CS
COMMAND/DATA REGISTER WRITE CONTROL COMMAND DECODER SERIAL INTERFACE
C, /D
/BUSY
SI
/SCK
4
Data Sheet S14308EJ6V0DS00
PD7225
1. PIN FUNCTIONS
1.1 SI (Serial Input)...... ......Input ......
This pin is used for inputting serial data (commands/data). Data to be displayed as well as 19 deffernet
commands for controlling the operation of the PD7225 can be input to this pin.
1.2 /SCK (Serial Clock)...... ......Input ......
This pin is used for inputting the shift clock for serial data (SI input). The content of the SI input is read into the serial register at the rising edge of this clock one bit at a time. /SCK input is effective when /CS = 0 and /BUSY = 1. If /BUSY = 0, this input is ignored. If /CS = 1, this signal is ignored regardless of the /BUSY status.
1.3 C, /D (Command/Data)...... ......Input ......
This input indicates whether the signal input from the SI pin is a command or data. A low level indicates data; a high level indicates a command.
1.4 /BUSY...... ......Tri-state output ......
This is an active-low output pin that is used to control serial data input disable/enable. A low level disables serial data input; a high level enables serial data input. This pin becomes high impedance when /CS = 1.
1.5 /CS (Chip Select)...... ......Input ......
When /CS is changed from high level to low level, the SCK counter in the PD7225 is cleared and serial data input is enabled. At the same time, the data pointer is initialized to address 0. When /CS is set to high level after serial data is input, the contents of the data memory are transferred to the display latch and displayed on the LCD.
1.6 /SYNC (SYNChronous)...... ......Input/Output ......
The /SYNC pin is used to make a wired-OR connection when the common pins are shared or when blinking operation is synchronized in a multi-chip configuration. When the PD7225 is reset (/RESET = 0), the /SYNC pin outputs the clock frequency (fCL) divided by four (refer to Figure 1-1), and synchronizes the system clock (fCL/4) of the PD7225. When the reset is released (/RESET =1), the display timing of each PD7225 is synchronized with the common drive signal timing shown in Figure 1-2. Figure 1-1. /SYNC Pin Status During Reset (/RESET = 0)
fCL
/SYNC
Data Sheet S14308EJ6V0DS00
5
PD7225
Figure 1-2. /SYNC Pin Status after Reset (/RESET = 1)
1 frame Static
COM0
/SYNC Divie-by-2 time division 1 frame
COM0
/SYNC Divie-by-3 time division 1 frame
COM0
/SYNC Divie-by-4 time division 1 frame
COM0
/SYNC
1.7 /RESET...... ......Input ......
This is an active low reset input pin.
1.8 S0-S31 (Segment)...... ......Output ......
These pins output segment drive signals.
1.9 COM0-COM3 (COMmon)...... ......Output ......
These pins output common drive signals.
1.10 CL1, CL2 (Clock)
A resistor is connected across these pins for internal clock generation. When inputting an external clock, use the CL1 pin for input.
1.11 VLC1, VLC2, VLC3
LCD driver power supply pin.
6
Data Sheet S14308EJ6V0DS00
PD7225
1.12 VDD
Positive power supply pin. Either pin 7 or pin 33 can be used.
1.13 VSS
GND pin.
Data Sheet S14308EJ6V0DS00
7
PD7225
2. INTERNAL SYSTEM CONFIGURATION
2.1 Serial Interface
The serial interface consists of an 8-bit serial register and a 3-bit SCK counter. The serial register clocks in the serial data from the SI pin at the rising edge of /SCK. At the same time, the SCK counter increments (+1) the serial clock. As a result, if an overflow occurs (when eight pulses are counted), input from the SI pin is disabled (/BUSY = 0), and the contents of the serial register is output to the command/data register. The /SCK should be set to high before serial data is input and after the data has been input (after eight clocks are input to /SCK). Serial data must be input to the SI pin beginning with MSB first.
MSB SI pin D7 D6 D5 D4 D3 D2 D1 LSB D0
PD7225
2.2 Command/Data Register
The command/data register latches the contents of the serial register in order to process the serial data clocked into the serial register. After the serial data is latched, if the clocked in data is specified as command, the command/data register transfers its contents to the command decoder. If specified as data the command/data register transfers its contents to data memory or the segment decoder.
2.3 Command Decoder
When the contents of the command/data register are specified as a command (C, /D was high when data was input), the command decoder, clocks in the contents of the command/data register and controls the PD7225.
2.4 Segment Decoders
The PD7225 has a 7-segment decoder for use with divide-by-3 and divide-by-4 time division, and a 14-segment decoder for use divide-by-4 time division. The 7-segment decoder can generate signals for numeric characters 0 to 9 and six different symbols. The 14segment decoder can generate signals for 36 alphanumeric characters and 13 different symbols. When the WITH SEGMENT DECODER command is executed, if the contents of the command/data register are specified as data, the contents will be input to the segment decoder, and converted to display codes, and then automatically written to the data memory. Whether to select the 7-segment decoder or 14-segment decoder is determined by the most significant bit (bit 7) of the data input to the segment decoder. It the most significant bit is 0, the 7-segment decoder will be selected. If it is 1, the 14-segment decoder will be selected. If the 7-segment decoder is selected (however, divide-by-3 and divide-by-4 time division), the lower 4 bits (bit 3 to bit 0) of the input data (C, /D = 0) will be decoded and written to the data memory. If the 14- segment decoder is selected (however, divide-by-4 time division), the lower 7 bits of the input data (C, /D = 0) will be decoded and written to the data memory.
8
Data Sheet S14308EJ6V0DS00
PD7225
7 0
3
0
7 1
6
0
Decode data Specifies 7-segment decoder
Decode data Specifies 14-segment decoder
When displaying the output of the segment decoder (display data) on the LCD, use an LCD configured as shown in Figure 2-1 or Figure 2-2. If another type of LCD is used, the displayed pattern will be different.
When configuring the LCD for divide-by-3 time division mode, connect as follows:
SEGn + 1 COM0
SEGn + 2
, , ,
a b g c DP
Figure 2-1. 7-Segment Type LCD
SEGn
,,, ,,,, ,,, ,,,, ,,,,
COM1 COM2
f
SEGn SEGn +1 SEGn + 2 COM0 COM1 COM2
: b, c, DP : a, d, g : e, f : a, b, f : c, e, g : d, DP
e d
Data Sheet S14308EJ6V0DS00
9
PD7225
When configuring the LCD for divide-by-4 time division mode, connect as follows:
, ,, , ,
SEGn SEGn + 1 a f g e d c DP b
COM0
COM2
,, ,, ,, ,,
SEGn : a, b, c, DP SEGn + 1 : d, e, f, g COM0 : a, f COM1 : b, g COM2 : c, e COM3 : d, DP
COM1
COM3
10
Data Sheet S14308EJ6V0DS00
PD7225
Figure 2-2. 14-Segment LCD The 14-segment type LCD can be used only in the divide-by-4 time division mode. For the 14-segment LCD type, connect segments and commons as follows:
SEGn + 3 SEGn + 2
, ,, , ,, , ,,, ,,, ,,, ,, ,,, , , ,,, ,, , , ,, ,, ,, , ,, ,, ,
SEGn + 1 SEGn a g h i b SEGn : h, i, k, n SEGn + 1 : d, e, f SEGn + 2 : a, b, c, DP SEGn + 3 : g, j, l, m COM0 : a, g, h COM1 COM2 COM3 : b, i, j, f : c, e, k, l : d, m, n, DP j k
COM0
COM1
COM2
COM3
f
e
l
m
n
c
d
DP
The following shows the input data and display pattern, and the configuration of the display data which is automatically written into the data memory. For the 7-segment type, the lower 4 bits (D3 to D0) are decoded. For the 14-segment type, the input data and display pattern correspond to 8-bit ASCII code. The first address to which the display data is written is indicated as address N.
Data Sheet S14308EJ6V0DS00
11
PD7225
Figure 2-3. 7-Segment LCD
Data memory Data (HEX) Display pattern Divide-by-3 time division N +2 N +1 N Divide-by-4 time division N +1 N Data (HEX) Display pattern Data memory Divide-by-3 time division N +2 N +1 N Divide-by-4 time division N +1 N
00
3
5
3
D
7
08
3
7
3
F
7
01
0
0
3
0
6
09
1
7
3
B
7
02
2
7
1
E
3
0A
0
2
0
2
0
03
0
7
3
A
7
0B
3
7
0
F
1
04
1
2
3
3
6
0C
3
5
0
D
1
05
1
7
2
B
5
0D
0
6
0
A
0
06
3
7
2
F
5
0E
2
6
2
E
4
07
0
1
3
0
7
0F
0
0
0
0
0
12
Data Sheet S14308EJ6V0DS00
PD7225
Figure 2-4. 14-Segment LCD
Upper bit A Data (HEX) Data memory Display pattern N+3 N+2 N+1 N 0 0 0 0 B Data memory Display pattern N+3 N+2 N+1 N 4 7 E 2 C Data memory Display pattern N+3 N+2 N+1 N A 7 C 0 D Data memory Display pattern N+3 N+2 N+1 N 2 3 6 4
0
1
0
6
0
0
2
7
6
4
0
7
E
8
2
2
3
C
4
8
7
8
5
2
3
6
C
3
2
7
8
4
0
1
E
0
1
5
8
4
4
2
6
2
4
8
7
8
1
8
1
0
1
5
2
5
A
4
2
1
E
4
0
6
E
0
6
2
5
E
4
2
1
6
4
4
0
6
2
Lower bits
7
0
0
0
2
0
7
0
0
0
5
E
4
4
6
6
8
8
0
0
0
A
2
7
E
4
2
6
6
4
5
0
0
A
9
5
0
0
0
2
7
A
4
8
1
8
1
9
0
0
2
A
F
0
0
F
0
6
C
0
4
1
8
2
B
A
0
0
5
2
0
6
A
C
4
0
8
2
0
0
E
0
1
0
0
8
D
2
0
0
4
2
0
8
4
1
6
6
2
E
1
0
8
8
1
6
6
8
F
4
0
0
2
0
7
E
0
Data Sheet S14308EJ6V0DS00
13
PD7225
2.5 Data Memory/Data Pointer
The data memory is a memory which stores display data (32 x 4 bits). Data input by serial transfer, command immediate data, etc., is written to the data memory.
Specified by data pointer Address 0 0 1 Bit 2 3 1 2 3 4 5 6 7 8 9 10 29 30 31
In the data memory, either data from the serial register (when the segment decoder is not used) or data from the segment decoder (when the segment decoder is used) is written as display data. When the segment decoder is not used, all bits or the lower 4 bits of the serial data (C, /D = 0) input to the serial register are assigned and written to the specific bits in location 2 to location 4 in the data memory according to the specified time division. When the segment decoder is used, the contents of the serial register (C, /D = 0) are decoded by the segment decoder, and the corresponding display data are allocated to the location specified in data memory by the time division specification (devide-by-3, -4 time division) and the MSB (Most Significant Bit) of the serial data. (1) to (4) below describe these operations. The contents of the data memory can be modified in 4-bit units or in bit units using a command. (1) Static The lower 4 bits of the contents of the serial register are written to bit 0 in each address (the upper 4 bits are ignored).
bit3 D3 n+3 n+2 D2 n+1 D1 Address n bit0 D0
Only the content of bit 0 in each address are effective as display data. After the data is written, the data pointer points to address n + 4. (2) Divide-by-2 time division The contents of the 4 even bits of the serial register are written to bit 0 in the four addresses, and the contents of 4 odd bits of the serial register are written to bit 1.
bit3 D7 D6 n+3 D5 D4 n+2 D3 D2 n+1 bit0 D1 D0 Address n
The contents of bits 0 and 1 of each address are effective as display data. After the data is written, the data pointer points to address n + 4.
14
Data Sheet S14308EJ6V0DS00
PD7225
(3) Divide-by-3 time division The contents of the 8 bits of the serial register of the segment decoder output (8 bits) are written to bits 0, 1, and 2 of each address. In this case, 0 will be automatically written to bit 2 of address n + 2. For segment decoder output, 0 will also be automatically written to bit 2 (D2) of address n.
bit3 0 D7 D6 D5 D4 D3 n+1
D2 0
bit0 D1 D0
n+2
Address n
The contents of bits 0, 1, and 2 of each address are effective as display data. After the data is written, the data pointer points to address n + 3. The segment decoder output written to the data memory corresponds to segments (a to g, DP) shown in Figure 2-1 as follows:
bit3 e n+2 f d g a DP c bit0 b
n+1
Address n
(4) Divide-by-4 time division The contents of the 8 bits of the serial register or the segment decoder output (8 bits) are written to bits 0, 1, 2, and 3 of each address. For segment decoder output, 0 is automatically written to bit 3 (D3) of address n.
bit3 D7 D6 D5 D4 n+1
D3 0
bit0 D2 D1 D0 Address n
The contents of all bits of each address are effective as display data. After the data is written, the data pointer points to address n + 2. When 7 segments are used, the segment decoder output written to the data memory corresponds to segments (a to g, DP) shown in Figure 2-1 as follows:
bit3 d e g f DP c b bit0 a
n+1
Address n
When 14 segments are used, the segment decoder output is written to bits 0, 1, 2, and 3 of each address. In this case, 0s are automatically written to bit 3 of address n + 2, and bit 0 of address n+ 1.
bit3 D15 D14 D13 D12
D11
bit0
D10 D9 D8
D7 D6 D5
D4 0
D3 D2 D1 D0
0
n+3
n+2
n+1
Address n
Data Sheet S14308EJ6V0DS00
15
PD7225
All bits of each address are effective. After the data is written, the data pointer points to address n + 4. The segment decoder output written to the data memory corresponds to segments (a to n, DP) shown in Figure 2-2 as follows:
m l j g DP c b a d e f 0 n k i h
n+3
n+2
n+1
Address n
All contents of the 32 x 4-bit data memory are transferred to the 32 x 4-bit display data latch when the /CS is set to high. In this case, if the DISPLAY ON command has been set, the contents of the display data latch are converted to the segment drive signal in 32-bit units in synchronization with COM0-COM3 signals, and output from the segment pins. The figure below shows the relationship of the data memory, segment pins, and common signal selection timing. Figure 2-5. Data Memory, Segment Pins, and Common Signal Selection Timing
S0 S1 S2 S3 S4 S5 S6 S7 S8 S9 S10 S28 S29 S30 S31
COM 0 COM 1 COM 2 COM 3 0 1 2 3 4 5 6 7 8 9 10 28 29 30 31
0 1 2 3 Bit
Address
The data pointer (5 bits) specifies the address (0-31) of the data memory to which the display data will be written (at the same time, the data pointer specifies the blinking data memory address (0-31)). The LOAD DATA POINTER command is used to set the address to the data pointer (the data pointer can be initialized by setting the /CS to low). When the data pointer is counted up to 31, it then becomes 0 at the next count, and thus it repeats the operation shown below.
0
31
It should be noted that, if display data is written sequentially from address 0 in the divide-by-3 time division mode, addresses 30 and 31 will not be written. However, if the data is written in the divide-by-3 time division mode again, data will be written from addresses 30, 31, followed by 0 so that the display data previously written to address 0 will be modified.
16
Data Sheet S14308EJ6V0DS00
PD7225
2.6 Blinking Data Memory
The blinking data memory stores blinking data used to control display on/off operation (blinking). memory; if a bit in the blinking data memory is set to 1, the corresponding segment will blink. The blinking data memory is addressed by the data pointer at the same time the data memory is addressed. Data is written by using the WRITE BLINKING DATA MEMORY command, and bit manipulation can be performed by using the AND BLINKING DATA MEMORY, or OR BLINKING DATA MEMORY command. Setting) The BLINKING ON command is used to initiate blinking operation or select the blinking interval (refer to 3.2 Blinking Frequency Blinking
operation can be performed in segment units. Each bit in blinking data memory corresponds to a bit in the data
2.7 Display Data Latch
The display data latch stores the data of the 32 x 4-bit segment driver. Each bit of the display data latch
corresponds to a bit in the data memory. All contents of the data memory are transferred to the display data latch at the rising edge of /CS, and the contents displayed on the LCD are modified. If blinking is set, the contents of data memory are modified by the contents of blinking data memory and the resulting values are transferred to the display data latch. The display data written to the display data latch is successively selected by the control function performed by the LCD timing control, and converted to segment drive signal before output.
2.8 LCD Driver
The LCD driver consists of the segment driver and the common driver, and generates the segment drive signal and common drive signal. The segment driver outputs a segment signal so that the relationship with the common drive signal is select level if the drive data stored in the display data latch is 1. If the drive data stored in the display data latch is 0, the output of the segment driver will be non-select level. The common drive signal sequentially drives the LCD common poles according to the time divison specificaion.
2.9 LCD Timing Control
The LCD timing control generates the LCD drive timing according to the number of time divisions, the frequency division ratio, and bias method, and supplies it to the LCD driver. In addition, the LCD timing control outputs a /SYNC signal from the /SYNC pin in order to synchronize the display timing of each PD7225 when configured in a multichip configuration. In a multi-chip configuration, the common signal can be used in common or blinking operation can be synchronized by making a wired-OR connection with the /SYNC pin of each PD7225.
Data Sheet S14308EJ6V0DS00
17
PD7225
3. FRAME FREQUENCY AND BLINKING FREQUENCY SETTING
3.1 Frame Frequency Setting
The frame frequency is set according to M1, M0 (number of time-divisions setting), and F1, F0 (frequency division ratio) as indicated in the figure below. Figure 3-1. Frame Frequency Setting
Divide- by-2 time division 1 fCL 7 2 fCL 8 2 fCL 9 2 fCL 11 2 1 fCL 7 2 x2 fCL 8 2 x2 fCL 9 2 x2 fCL 11 2 x2 1 Divide- by-3 time division 1 fCL 7 2 x3 fCL 8 2 x3 fCL 9 2 x3 fCL 11 2 x3 0 Divide- by-4 time division 0 fCL 7 2 x4 fCL 8 2 x4 fCL 9 2 x4 fCL 11 2 x4 0
Static M1, M0 F1,F0 0 0
0
0
1
1
0
1
1
Remark fCL = Clock oscillation frequency
3.2 Blinking Frequency Setting
The blinking frequency can be set in two settings by K0 in the BLINKING ON command. Figure 3-2. Blinking Frequency Setting
K0 0 Blinking frequency fCL 17 2 fCL 16 2
1
Remark fCL = Clock oscillation frequency
18
Data Sheet S14308EJ6V0DS00
PD7225
4. LCD DRIVE POWER SUPPLY PIN VOLTAGE SETTING
The bias method for setting the LCD drive power supply pin allows a different voltage to be supplied to each pin. Figure 4-1. Voltage Setting
VLC1
VLC2
VLC3
Static
VDD 1 VLCD 2 1 VLCD 3
VDD - VLCD 1 VLCD 2 1 VLCD 3
VDD - VLCD
1/2 bias
VDD -
VDD -
VDD - VLCD
1/3 bias
VDD -
VDD -
VDD - VLCD
Remark
VLCD : LCD voltage
The following shows a circuit example which supplies voltages between VDD and VSS as the LCD drive reference voltage. (1) Static
VDD VDD
PD7225
VLCD R1 =
* *
VDD - VLCD
x R2
VLC1 VLC2 VLC3 VSS
R1
VLCD: LCD drive voltage R2 is used for contrast adjustment.
R2 GND
(2) Divide-by-2, -3 time division (1/2 bias)
VDD VDD
PD7225
VLCD R1 = 2(VDD - VLCD)
VLC1 VLC2 VLC3 VSS
R1
x R2
R1 R2 GND
Data Sheet S14308EJ6V0DS00
19
PD7225
(3) Divide-by-3, -4 time division (1/3 bias)
VDD VDD
PD7225
VLCD R1 = 3(VDD - VLCD)
x R2
VLC1 VLC2 VLC3 VSS
R1 R1 R1 R2 GND
20
Data Sheet S14308EJ6V0DS00
PD7225
5. CLOCK CIRCUIT
The clock oscillator can be configured by connecting a resistor (R) across the CL1 and CL2 clock pins. When using the external clock, CL1 can be used to input the external clock (CL2: Open). Figure 5-1. External Circuit for Clock Oscillation Pins
PD7225
CL1 fCL To LCD timing control OSC CL2 R fCL To LCD timing control
PD7225
CL1 OSC CL2 Open
External clock
Remark
fCL = Clock oscillation frequency (when using the external clock, this frequency is same as that of the external clock frequency.)
When configuring a multi-chip system using the /SYNC pin, a clock with the same frequency and same phase must be supplied to the CL1 pin of each PD7225.
Data Sheet S14308EJ6V0DS00
21
PD7225
6. RESET FUNCTION
When a low level of 12 clock cycles or more is input to the /RESET pin, the PD7225 will be reset to the following conditions: * This condition is the same as when M2 - M0 = 0, F1, F0 = 0 are executed by the MODE SET command. * Display data transfer from the data memory to the display data latch --- This condition is the same as when the UNSYNCHRONIZED TRANSFER command is executed. * Command/data register output --- This condition is the same as when the WITHOUT SEGMENT DECODER command is executed. * LCD display --- This condition is the same as when the DISPLAY OFF or the BRINKING OFF command is executed. Function when the PD7225 is reset * S0-S31 and COM0-COM3 pins output VDD * Serial data input --- Disabled (/BUSY = 0) (However, /CS = 0) When used in a multi-chip system, the reset state must be released (rising edge of /RESET) within 5 s. Figure 6-1. Reset Signal in Multi-Chip System
0.7VDD /RESET 0.3VDD
12 clock cycles
5 s max.
22
Data Sheet S14308EJ6V0DS00
PD7225
7. SERIAL DATA INPUT
Serial data is input to the SI pin with MSB first in synchronization with the serial clock in 8-bits units. When /CS is set to low, the PD7225 sets the /BUSY to low (this initializes the SCK counter and the data pointer to 0) in order to perform internal processing. Therefore, after the PD7225 completes internal processing, the first bit (MSB) should be input in synchronization with the /SCK after the /BUSY signal is set to high. The serial data is transferred to the serial register in bit units at the rising edge of /SCK. Inputting eight serial clocks completes the transfer of all 8 bits of data to the serial register. At the rising edge of the eighth serial clock, the /BUSY is set to low, and the status of the C, /D pin is clocked in to specify whether the data is a command or data. Afterwards, the contents of the serial register are clocked into the command/data register. When successively inputting 2 or more bytes of serial data, /CS must be set to low until all bytes of data are input. The /BUSY is set to low each time a byte of data is input. The /BUSY becomes high when the serial data is clocked in from the serial register to the command/data register, so that the next serial data can be input. When input of all serial data is complete, the data memory contents can be displayed by setting /CS to high. /CS must not be set to high while display data is being transferred (before eight clocks has elapsed.) If it becomes necessary to interrupt serial data transfer when transferring two or more bytes of data due to an interrupt for the CPU interrupt, execute the PAUSE TRANSFER command after checking that the byte has been transferred, then set /CS to high. In this case, even if /CS is set to high, the contents of the data memory will not be transferred to the display data latch. To resume serial data transfer, set /CS to low in the same way as when initiating a normal transfer. However, in this case, the contents of the data pointer are not cleared so that data write operation starts from the next data memory address when serial data transfer is resumed (C, /D = 0). Note In a multi-chip system in which the /BUSY pins of chips are made a wired-OR connection, avoid setting the /CS pins of two or more chips simultaneously. Figure 7-1. Inputting Byte
Serial data (SI pin) /SCK
D7
D6
D5
D2
D1
D0
/CS /BUSY High impedance C, /D High impedance
Data Sheet S14308EJ6V0DS00
23
PD7225
Figure 7-2. Inputting 5 Bytes Successively
Serial data /CS /BUSY Byte 1 Byte 2 Byte 3 Byte 4 Byte 5
24
Data Sheet S14308EJ6V0DS00
PD7225
8. COMMAND
8.1 MODE SET
0 1 0 M2 M1 M0 F1 F0
This command sets the number of time divisions for the LCD display static drive or the time-division drive, bias method, and frame frequency. (1) M1 and M0 specify the number of time divisions for static drive or time-division drive. M1 M0 0 1 1 0 0 ------------------- Divide-by-4 time division drive 0 ------------------- Divide-by-3 time division drive 1 ------------------- Divide-by-2 time division drive 1 ------------------- Static drive
(2) M2 specifies the bias method. M2 0 -------------------------- 1/3 bias method 1 -------------------------- 1/2 bias method 0/1 ------------------------- Static (3) F1 and F0 specify the frequency division ratio which determines the frame frequency (refer to Figure 3-1). F1 0 0 1 1 F0 Frequency division ratio
7 8 9 11
0 ------------------- 1/2 1 ------------------- 1/2 0 ------------------- 1/2 1 ------------------- 1/2
8.2 SYNCHRONIZED TRANSFER
0 0 1 1 0 0 0 1
This command controls display data modification. Normally, modification of display data is performed at the rising edge of the /CS signal (transferring display data from the data memory to the display data latch). However, after this command is executed, display data is modified at the first alternate current drive cycle (Frame frequency x Number of time divisions) after the /CS signal is set to high.
Data Sheet S14308EJ6V0DS00
25
PD7225
8.3 UNSYNCHRONIZED TRANSFER
0 0 1 1 0 0 0 0
This command controls display data modification. After this command is executed, display data is modified at the rising edge of the /CS pin.
8.4 PAUSE TRANSFER
0 0 1 1 1 0 0 0
This command disables display data modification. After this command is executed, display data can not be modified at the first rising edge of the /CS pin; instead, modification is put off until the second rising edge of the /CS pin. In addition, the data pointer is not cleared at the first rising edge of the /CS pin (refer to 2.5 Data Memory/Data Pointer). This command is used when it becomes necessary to set the /CS pin to high due to an interrupt for the CPU in the middle of serial data input operation.
8.5 BLINKING ON
0 0 0 1 1 0 1 K0
This command sets the blinking operation status. The blinking frequency is set by the least significant bit of the command (bit K0).
K0 0 1
Blinking frequency (Hz) fCL/2 fCL/2
17
16
Remark
fCL: Clock oscillation frequency
8.6 BLINKING OFF
0 0 0 1 1 0 0 0
This command stops blinking operation.
8.7 DISPLAY ON
0 0 0 1 0 0 0 1
After this command is executed, LCD display operation starts according to the display data contained in the display data latch.
26
Data Sheet S14308EJ6V0DS00
PD7225
8.8 DISPLAY OFF
0 0 0 1 0 0 0 0
When this command is executed, the relationship of all common drive signals and segment drive signals enters the non-select state. As a result, the display is turned off. Transferring display data from the data memory to the display data latch is not affected by this command execution.
8.9 WITH SEGMENT DECODER
0 0 0 1 0 1 0 1
After this command is executed, input data is sent to the segment decoder, and the decoded code is written to the data memory.
8.10 WITHOUT SEGMENT DECODER
0 0 0 1 0 1 0 0
After this command is executed, input data is written to the data memory without going through the segment decoder.
8.11 LOAD DATA POINTER
1 1 1 D4 D3 D2 D1 D0
This command sets immediate data D4-D0 to the data pointer.
8.12 WRITE DATA MEMORY
1 1 0 1 D3 D2 D1 D0
This command stores immediate data D3-D0 to the data memory addressed by the data pointer, and increments (+1) the contents of the data pointer.
8.13 OR DATA MEMORY
1 0 1 1 D3 D2 D1 D0
This command ORs the contents of the data memory addressed by the data pointer and immediate data D3-D0, and stores the result to the data memory, then increments (+1) the contents of the data pointer.
Data Sheet S14308EJ6V0DS00
27
PD7225
8.14 AND DATA MEMORY
1 0 0 1 D3 D2 D1 D0
This command ANDs the contents of the data memory addressed by the data pointer and immediate data D3-D0, and stores the result to the data memory, then increments (+1) the contents of the data pointer.
8.15 CLEAR DATA MEMORY
0 0 1 0 0 0 0 0
This command clears the contents of the data memory and the data pointer.
8.16 WRITE BLINKING DATA MEMORY
1 1 0 0 D3 D2 D1 D0
This command stores immediate data D3-D0 to the blinking data memory addressed by the data pointer, and increments (+1) the contents of the data pointer.
8.17 OR BLINKING DATA MEMORY
1 0 1 0 D3 D2 D1 D0
This command ORs the contents of the blinking data memory addressed by the data pointer and immediate data D3-D0, and stores the result to the blinking data memory, then increments (+1) the contents of the data pointer.
8.18 AND BLINKING DATA MEMORY
1 0 0 0 D3 D2 D1 D0
This command ANDs the contents of the blinking data memory addressed by the data pointer and immediate data D3-D0, and stores the result to the blinking data memory, then increments (+1) the contents of the data pointer.
8.19 CLEAR BLINKING DATA MEMORY
0 0 0 0 0 0 0 0
This command clears the contents of the blinking data memory and the data pointer.
28
Data Sheet S14308EJ6V0DS00
PD7225
9. DISPLAY OUTPUT
The following describes the serial data organization, display data organization in the data memory, segment drive signal, and common drive signal when the display is active in the static and divide-by-2, -3, -4 time division modes.
9.1 Static
When displaying just the digit "6" in the static mode: (1) Serial data organization: 0D, 07 (2) Display data organization in the data memory
Address n+7 Bit Contents of bit 0 0 n+6 1 n+5 1 n+4 1 n +3 1 n+2 1 n+1 0 n 1
(3) Power supply (static) VLC0 = VLC1 = VDD VLC2 = VLC3 = VDD - VLCD (4) Relationship between common and segment
SEGn
SEGn + 5
SEGn + 1 SEGn + 6
SEGn + 4
SEGn + 2 SEGn +7 SEGn + 3
COM0
Data Sheet S14308EJ6V0DS00
29
PD7225
(5) Segment and common drive signals
VLC0 SEGn, SEGn + 2 - SEGn + 6 VLC3
VLC0 SEGn + 1, SEGn + 7 VLC3
VLC0 COM0 VLC3
VLC0
COM0 - SEGn
0
-VLC0
COM0 - SEGn + 1
0
30
Data Sheet S14308EJ6V0DS00
PD7225
9.2 Divide-by-2 Time Division
When displaying just the digit "6" in the divide-by-2 time division mode: (1) Serial data organization: F5 (2) Display data organization in the data memory
Address n +3 Contents of bit 0 Bit Contents of bit 1 1 1 0 0 1 n+2 1 n+1 1 n 1
(3) Power supply (1/2 bias) VLC0 = VDD VLC1 = VLC2 = VDD - 1/2 VLCD VLC3 = VDD - VLCD (4) Relationship between common and segment
SEGn + 3
SEGn + 2
,, ,, ,, ,, ,,
COM0
SEGn
SEGn + 1
COM1
Data Sheet S14308EJ6V0DS00
31
PD7225
(5) Segment and common drive signals
t0 t1 t2 t3 t0 t1 t2 t3 t0 t1 VLC0 SEGn VLC3 VLC0 SEGn + 1 VLC3 VLC0 SEGn + 2 VLC3 VLC0 SEGn + 3 VLC3
VLC0 COM0 VLC1 VLC3 VLC0 COM1 VLC1 VLC3
VLC0 VLC1 COM0 - SEGn + 3 0 -VLC1 -VLC0
VLC1 COM1 - SEGn 0 -VLC1
32
Data Sheet S14308EJ6V0DS00
PD7225
9.3 Divide-by-3 Time Division
When displaying the digit "6." in the divide-by-3 time division mode: (1) Serial data organization * Without segment decoder: FE * With segment decoder : 06 (However, the floating point is set to "1" by command.) (2) Display data organization in the data memory
Address n+2 Contents of bit 0 Bit Contents of bit 1 Contents of bit 2 1 1 0 n+1 1 1 1 n 0 1 1
(3) Power supply (1/3 bias) VLC0 = VDD VLC1 = VDD - 1/3 VLCD VLC2 = VDD - 2/3 VLCD VLC3 = VDD - VLCD (4) Relationship between common and segment
SEGn + 2
,, ,, ,,, ,, ,,,
COM0 COM2
Data Sheet S14308EJ6V0DS00
, , ,, ,
SEGn + 1
SEGn
COM1
33
PD7225
(5) Segment and common drive signals
t0 t1 t2 t3 t4 t5 t0 t1 t2 t3 VLC0 VLC1 SEGn VLC2 VLC3 VLC0 VLC1 SEGn + 1 VLC2 VLC3 VLC0 VLC1 SEGn + 2 VLC2 VLC3
VLC0 VLC1 COM0 VLC2 VLC3 VLC0 VLC1 COM1 VLC2 VLC3 VLC0 VLC1 COM2 VLC2 VLC0
VLC0
VLC2 COM1 - SEGn + 2 0 -VLC2 -VLC0
VLC2 COM2 - SEGn + 2 0 -VLC2
34
Data Sheet S14308EJ6V0DS00
PD7225
9.4 Divide-by-4 Time Division
When displaying the digit "6." in the divide-by-4 time division mode: (1) Serial data organization * Without segment decoder: FD * With segment decoder : 06 (However, the floating point is set to "1" by command.)
Address n+1 Contents of bit 0 Contents of bit 1 Bit Contents of bit 2 Contents of bit 3 1 1 1 1 1 1 n 1 0
(2) Power supply (1/3 bias) VLC0 = VDD VLC1 = VDD - 1/3 VLCD VLC2 = VDD -2/3 VLCD VLC3 = VDD - VLCD (3) Relationship between common and segment
,, , ,, ,
SEGn SEGn + 1 COM0 COM2
,, ,, ,, ,,
COM1
COM3
Data Sheet S14308EJ6V0DS00
35
PD7225
(4) Segment and common drive signals
t7 t0 t1 t2 t3 t4 t5 t6 t7 t0 t1 t2 VLC0 SEGn VLC1 VLC2 VLC3 VLC0 SEGn + 1 VLC1 VLC2 VLC3
VLC0 COM0 VLC1 VLC2 VLC3 VLC0 COM3 VLC1 VLC2 VLC3 VLC0 COM1 VLC1 VLC2 VLC3 VLC0 COM2 VLC1 VLC2 VLC3 VLC0
VLC2 COM0 - SEGn + 1 0 -VLC2 -VLC0
VLC2 COM1 - SEGn 0 -VLC2
36
Data Sheet S14308EJ6V0DS00
PD7225
10. ELECTRICAL CHARACTERISTICS
Absolute Maximum Rating (TA = 25 C)
Item Power supply voltage Input voltage Output voltage Operating ambient temperature Storage temperature Symbol VDD VI VO TA Tstg Condition Rating -0.3 to +7.0 -0.3 to VDD +0.3 -0.3 to VDD +0.3 -10 to +70 -65 to +150 Units V V V C C
Caution
If the absolute maximum rating of even one of the above parameters is exceeded even momentarily, the quality of the product may be degraded. Absolute maximum ratings, therefore, specify the values exceeding which the product may be physically damaged. Be sure to use the product within the range of the absolute maximum ratings.
Capacitance (TA = 25 C, VDD = 0 V)
Item Input capacitance Output capacitance Output capacitance Input/output capacitance Clock capacitance Symbol CIN COUT1 COUT2 CIO CC Except /BUSY /BUSY /SYNC CL1 Condition f = 1 MHz pins other than those used for measurement are 0 V. 30 pF MIN. TYP. MAX. 10 20 15 15 Units pF pF pF pF
Data Sheet S14308EJ6V0DS00
37
PD7225
DC Characteristics (TA = -10 to +70 C, VDD = 5 V 10%)
Item High level input voltage Low level input voltage High level output voltage Low level output voltage Symbol VIH VIL VOH VOL1 VOL2 Output short-circuit current High level input leakage current Low level input leakage current High level output leakage current Low level output leakage current Common output impedance Segment output impedance Power supply voltage IOS ILIH ILIL ILOH ILOL RCOM RSEG IDD /SYNC, /BUSY, IOH = -10 A /BUSY, IOL = 100 A /SYNC, IOL = 900 A /SYNC, VO = 1 V VI = VDD VI = 0 V VO = VDD VO = 0 V COM0 to COM3 S0 to S31
Note 1 Note 1
Condition
MIN. 0.7 VDD 0 VDD - 0.5
TYP.
MAX. VDD 0.3 VDD
Unit V V V
0.5 1.0 -300 2 -2 2 -2
V V
A A A A A
k k
, VDD VLCD
5 7
Note 2
7 14 250
, VDD VLCD
CL1 external clock, fC = 200 kHz
100
A
Notes 1. Applies to Static, 1/2 bias, 1/3 bias 2. Abnormal current will flow if the external clock supply is removed. DC Characteristics (TA = 0 to +70 C, VDD = 2.7 to 5.5 V)
Item High level input voltage Symbol VIH1 VIH2 Low level input voltage VIL1 VIL2 High level output voltage Low level output voltage VOH VOL1 VOL2 Output short-circuit current High level input leakage current Low level input leakage current High level output leakage current Low level output leakage current Common output impedance Segment output impedance Power supply voltage IOS ILIH ILIL ILOH ILOL RCOM RSEG IDD Except /SCK /SCK Except /SCK /SCK /SYNC, /BUSY, IOH = -7 A /BUSY, IOL = 100 A /SYNC, IOL = 400 A /SYNC, VO = 0.5 V VI = VDD VI = 0 V VO = VDD VO = 0 V COM0 to COM3 S0 to S31
Note 1 Note 1
Condition
MIN. 0.7 VDD 0.8 VDD 0 0 VDD - 0.75
TYP.
MAX. VDD VDD 0.3 VDD 0.2 VDD
Units V V V V V
0.5 0.5 -200 2 -2 2 -2
V V
A A A A A
k k
, VDD VLCD
6 12 30 100
, VDD VLCD
CL external clock, VDD = 3 V 10%, Note 2 fC = 140 kHz
A
Notes 1. Applies to Static and 1/3 bias 2. Abnormal current will flow if the external clock supply is removed.
38
Data Sheet S14308EJ6V0DS00
PD7225
AC Characteristics (TA = -10 to +70 C, VDD = 5 V 10%)
Item Operating frequency Oscillation frequency High level clock pulse width Low level clock pulse width /SCK frequency High level /SCK pulse width Low level /SCK pulse width /BUSY /SCK hold time SI set time (against /SCK ) SI hold time (against /SCK ) 8th pulse of /SCK /BUSY delay time /CS /BUSY delay time /BUSY low level time Symbol fC fOSC tWHC tWLC tCYK tWHK tWLK tHBK tSIK tHKI tDKB CL = 50 pF R = 180 k 5% CL1, external clock CL1, external clock Condition MIN. 50 85 2 2 900 400 400 0 100 200 3 130 TYP. MAX. 200 175 16 16 Units kHz kHz
s s
ns ns ns ns ns ns
s s
1/fC
tDCSB tWLB
CL = 50 pF tWHCS 48/fC
Note 1
1.5 CL = 50 pF 4 44 (57)
Note 2
C, /D set time (against 8th pulse of SCK ) C, /D hold time (against 8th pulse of SCK ) /CS hold time (against 8th pulse of SCK ) High level /CS pulse width Low level /CS pulse width /SYNC load capacitance
tSDK
9
s s s s s
50 pF
tHKD
1
tHKCS
1
tWHCS tWLCS CLSY tCYC = 5 s
Note 3 Note 3
Notes 1. UNSYNCHRONIZED TRANSFER MODE For SYNCHRONIZED TRANSFER MODE, tWHCS (48/fC + AC driver frequency) 2. BLINKING ON 3. 8/fc
Data Sheet S14308EJ6V0DS00
39
PD7225
AC Characteristics (TA = 0 to +70 C, VDD = 2.7 V to 5.5 V)
Item Operating frequency Oscillation frequency High level clock pulse width Low level clock pulse width /SCK frequency High level /SCK pulse width Low level /SCK pulse width /BUSY /SCK hold time SI set time (against /SCK ) SI hold time (against /SCK ) 8th pulse of /SCK /BUSY delay time /CS /BUSY delay time /BUSY low level time Symbol fC fOSC tWHC tWLC tCYK tWHK tWLK tHBK tSIK tHKI tDKB CL = 50 pF R = 180 k 5%, VDD = 3 V 10 % CL1, external clock CL1, external clock Condition MIN. 50 50 3 3 4 1.8 1.8 0 1 1 5 100 TYP. MAX. 140 140 16 16 Unit kHz kHz
s s s s s
ns
s s s s
1/fC
tDCSB tWLB
CL = 50 pF tWHCS 48/fC
Note 1
5 CL = 50 pF 4 44 (57)
Note 2
C, /D set time (against 8th pulse of SCK ) C, /D hold time (against 8th pulse of SCK ) /CS hold time (against 8th pulse of SCK ) High level /CS pulse width Low level /CS pulse width /SYNC load capacitance
tSDK
18
s s s s s
50 pF
tHKD
1
tHKCS
1
tWHCS tWLCS CLSY tCYC = 7.1 s
Note 3 Note 3
Notes 1. UNSYNCHRONIZED TRANSFER MOD For SYNCHRONIZED TRANSFER MODE, tWHCS (48/fC + AC driver frequency) 2. BLINKING ON 3. 8/fc AC Timing Measurement Voltage
0.7VDD 0.3VDD 0.7VDD 0.3VDD
Measurement points
40
Data Sheet S14308EJ6V0DS00
PD7225
Timing Wave-Form
tCYC (1/fe) tWHC
CL1
tWLC
tWLCS tDCSB
tWHCS
/CS tHKCS
Note 1 /BUSY 0.5 V tHBK tWLK Note 2 /SCK Note 3 tWHK tSIK tHKI tCYK 0.5 V tDKB tWLR
SI
tSDK
tHKD
C, /D
Notes 1. VDD - 0.5 V when VDD = 5 V 10 %, VDD - 0.75 V when VDD = 2.7 to 5.5 V 2. 0.8 V when VDD = 2.7 V to 5.5 V 3. 0.2 V when VDD = 2.7 V to 5.5 V
Data Sheet S14308EJ6V0DS00
41
PD7225
Typical Characteristic Curve (Ta = 25 C)
External resistor and oscillation frequency CL2
Oscillation frequency (kHz)
Power supply voltage and oscillation frequency CL2 140
Oscillation frequency (kHz)
CL1
CL1
VDD = 5 V 200 R
R
R = 180 k
120
100
100
50 VDD = 3 V 100 200 External resistor R (k ohms) 500 3 4 5 6 80
Power supply voltage VDD (V)
Power supply voltage and operating current CL2 CL1
External clock
Operating current ( A)
100
fC = 200 kHz
fC = 140 kHz 50
20 3 4 5 6
Power supply voltage VDD (V)
42
Data Sheet S14308EJ6V0DS00
PD7225
11. PACKAGE DRAWINGS
PD7225G00
52 PIN PLASTIC QFP (14x14)
A B
39 40
27 26
detail of lead end S CD Q
52 1
14 13
F G H I
M
J
P
K S N S L M
NOTES 1. Controlling dimension millimeter.
ITEM A B C D F G H I J K L M N P Q S
MILLIMETERS 21.00.4 14.00.2 14.00.2 21.00.4 1.0 1.0 0.420.08 0.20 1.0 (T.P.) 3.50.2 2.20.2 0.17 +0.08 -0.07 0.15 2.6 +0.2 -0.1 0.10.1 3.0 MAX.
INCHES 0.8270.016 0.551 +0.009 -0.008 0.551 +0.009 -0.008 0.8270.016 0.039 0.039 0.017 +0.003 -0.004 0.008 0.039 0.138 +0.008 -0.009 0.087 +0.008 -0.009 0.007 +0.003 -0.004 0.006 0.102 +0.009 -0.004 0.0040.004 0.119 MAX. P52G-100-00-3
2. Each lead centerline is located within 0.20 mm of its true position (T.P.) at maximum material condition.
Data Sheet S14308EJ6V0DS00
43
PD7225
PD7225G01
52PIN PLASTIC QFP (STRAIGHT) ( 14)
A B
39 40
27 26
C F
521 14 13
G
U
H
J I
M
K
M
P
NOTE Each lead centerline is located within 0.20 mm (0.008 inch) of its true position (T.P.) at maximum material condition.
T
ITEM A B C D F G H I J K M P T U
D
MILLIMETERS 22.00.4 14.00.2 14.00.2 22.00.4 1.0 1.0 0.400.10 0.20 1.0 (T.P.) 4.00.2 0.15 +0.10 -0.05 2.6 +0.2 -0.1 1.0 1.45
INCHES 0.8660.016 0.551 +0.009 -0.008 0.551 +0.009 -0.008 0.8660.016 0.039 0.039 0.016 +0.004 -0.005 0.008 0.039 (T.P.) 0.157 +0.009 -0.008 0.006 +0.004 -0.003 0.102 +0.009 -0.004 0.039 0.057 P52G-100-01-2
44
Data Sheet S14308EJ6V0DS00
PD7225
PD7225GB-3B7
56 PIN PLASTIC QFP (10 10)
A B
39 40
27 26
detail of lead end
CD
S Q R
52 1
14 13
F J G H I
M
P
K M N L
NOTE Each lead centerline is located within 0.13 mm (0.005 inch) of its true position (T.P.) at maximum material condition.
ITEM A B C D F G H I J K L M N P Q R S
MILLIMETERS 13.20.4 10.00.2 10.00.2 13.20.4 0.75 0.75 0.300.10 0.13 0.65 (T.P.) 1.60.2 0.80.2 0.15 +0.10 -0.05 0.10 2.7 0.10.1 55 3.0 MAX.
INCHES 0.5200.016 0.3940.008 0.3940.008 0.5200.016 0.030 0.030 0.012 +0.004 -0.005 0.005 0.026 (T.P.) 0.0630.008 0.031 +0.009 -0.008 0.006 +0.004 -0.003 0.004 0.106 0.0040.004 55 0.119 MAX. S56GB-65-3B7-3
Data Sheet S14308EJ6V0DS00
45
PD7225
PD7225GC-AB6
52 PIN PLASTIC QFP (14x14)
A B
39 40
27 26
detail of lead end
C
D
S Q R
52 1
14 13
F
G H P I
M
J K M N
L
ITEM A B C D F G H I J K L M N P Q R S MILLIMETERS 17.60.4 14.00.2 14.00.2 17.60.4 1.0 1.0 0.400.10 0.20 1.0 (T.P.) 1.80.2 0.80.2 0.15 +0.10 -0.05 0.10 2.6 0.10.1 55 3.0 MAX. INCHES 0.6930.016 0.551 +0.009 -0.008 0.551 +0.009 -0.008 0.6930.016 0.039 0.039 0.016 +0.004 -0.005 0.008 0.039 (T.P.) 0.071 +0.008 -0.009 0.031 +0.009 -0.008 0.006 +0.004 -0.003 0.004 0.102 0.0040.004 55 0.119 MAX. P52GC-100-AB6-4
NOTE Each lead centerline is located within 0.20 mm (0.008 inch) of its true position (T.P.) at maximum material condition.
46
Data Sheet S14308EJ6V0DS00
PD7225
12. RECOMMENDED SOLDERING CONDITIONS
When mounting the PD7225 by soldering, soldering should be performed under the following recommended conditions. Should other than recommended conditions be used, consult with our sales personnel. Surface Mount Type
PD7225G00 PD7225G01
: 52-pin plastic QFP (14 x 14 mm) : 52-pin plastic QFP (straight) ( 14 mm)
PD7225GC-AB6 : 52-pin plastic QFP (14 x 14 mm)
Symbol of Recommended Soldering Condition -
Soldering Method
Soldering Condition Pin temperature: 300 C MAX., Time: 3 seconds MAX. (Per side of device)
Partial Heating
PD7225GB-3B7
: 56-pin plastic QFP (10 x 10 mm)
Symbol of Recommended Soldering Condition IR35-00-3
Soldering Method
Soldering Condition Package peak temperature: 235 C, Time: 30 seconds MAX. (210 C MIN.), Number of times: 3 MAX. Package peak temperature: 215 C, Time: 40 seconds MAX. (200 C MIN), Number of times: 3 MAX. Solder bath temperature: 260 C MAX., Time: 10 seconds MAX., Number of times: 1, Preheating temperature: 120 C MAX. (Package surface)
Infrared reflow
VPS
VP-15-00-3
Wave soldering
WS-60-00-1
Caution
Do not use two or more soldering methods in combination (except the partial heating method).
Reference Documents NEC Semiconductor Device Reliability / Quality Control System (C10983E) Quality Grades to NEC's Semiconductor Devices (C11531E) Semiconductor Device Mounting Technology Manual (C10535E)
Data Sheet S14308EJ6V0DS00
47
PD7225
[MEMO]
48
Data Sheet S14308EJ6V0DS00
PD7225
[MEMO]
Data Sheet S14308EJ6V0DS00
49
PD7225
[MEMO]
50
Data Sheet S14308EJ6V0DS00
PD7225
NOTES FOR CMOS DEVICES
1 PRECAUTION AGAINST ESD FOR SEMICONDUCTORS Note: Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Environmental control must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using insulators that easily build static electricity. Semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. All test and measurement tools including work bench and floor should be grounded. The operator should be grounded using wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for PW boards with semiconductor devices on it. 2 HANDLING OF UNUSED INPUT PINS FOR CMOS Note: No connection for CMOS device inputs can be cause of malfunction. If no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. CMOS devices behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered to have a possibility of being an output pin. All handling related to the unused pins must be judged device by device and related specifications governing the devices. 3 STATUS BEFORE INITIALIZATION OF MOS DEVICES Note: Power-on does not necessarily define initial status of MOS device. Production process of MOS does not define the initial operation status of the device. Immediately after the power source is turned ON, the devices with reset function have not yet been initialized. Hence, power-on does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the reset signal is received. Reset operation must be executed immediately after power-on for devices having reset function.
Data Sheet S14308EJ6V0DS00
51
PD7225
* The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. * NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. * Descriptions of circuits, software, and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software, and information in the design of the customer's equipment shall be done under the full responsibility of the customer. NEC Corporation assumes no responsibility for any losses incurred by the customer or third parties arising from the use of these circuits, software, and information. * While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. * NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance.
M7 98. 8


▲Up To Search▲   

 
Price & Availability of UPD7225G01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X