Part Number Hot Search : 
SZ5234B CAT1162 LNA2901L 74AUC1G BPC25 16160 BD46295G IXI848S1
Product Description
Full Text Search
 

To Download UGP20K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UGP20A THRU UGP20K
SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER Reverse Voltage - 50 to 800 Volts Forward Current - 2.0 Amperes
D TENTE PA
DO-204AC
FEATURES
GPRC (Glass Passivated Rectifier Chip) inside Glass passivated cavity-free junction Ultrafast recovery time for high efficiency Low forward voltage , high current capability Low leakage current High surge current capability o High temperature soldering guaranteed: 260 C/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension * Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * * * * * * *
1.0(25.4) MIN. 0.140(3.6) 0.104(2.6) DIA. 0.300(7.6) 0.230(5.8) 1.0(25.4) MIN.
0.034(0.86) 0.028(0.71) DIA.
MECHANICAL DATA
Case : JEDEC DO-204AC molded plastic over glass body Terminals : Plated axial leads , solderable per MIL-STD-750, Method 2026 Polarity : Color band denotes cathode end Mounting Position : Any Weight : 0.015 ounes , 0.4 gram
*Dimensions in inches and (millimeters)
TM
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature SYMBOLS unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current I (AV) 0.375" (9.5mm) lead length (SEE FIG.1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 2.0 A Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range TA=25 C TA=125 C
o o o
UGP20 A B 100 70 100 D
200 140 200
UNITS G
400 280 400
F
300 210 300
J
600 420 600
K
800 560 800
VRRM VRMS VDC
50 35 50
Volts Volts Volts Amps
2.0
IFSM
65
60
Amps
VF
0.95 5
1.25
1.7
2.2
Volts
IR
100 35 22 40 -55 to +150
o
uA
trr CJ R
JA
nS pF C/W
o
TJ,TSTG
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B. mounted.
REV. : 0
Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES UGP20A THRU UGP20K
FIG.1 - FORWARD CURRENT DERATING CURVE 2.0 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 70 PEAK FORWARD SURGE CURRENT, AMPERES 60 50 40 30 20 10 0
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
1.50
1.00
UGP20A~UGP20G UGP20J~UGP20K
0.50
0.375" (9.5mm) LEAD LENGTH
0 0 25 50 75 100 125
o
150
175
1
10 NUMBER OF CYCLES AT 60Hz
100
AMBIENT TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 IINSTANTANEOUS FORWARD CURRENT, AMPERES INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
PULSE WIDTH=300uS 1% DUTY CYCLE
FIG.4 - TYPICAL REVERSE CHARACTERISTICS 100
~UG P20 G
UG P2 0J
UG P2 0K
P20D
10
UGP 20
A~UG
1.00
UG P20 F
0.10
1
TJ=100 C o TJ=125 C
o
0.1 0.01 0.2 0 0.6 1.0 1.4 1.8 2.2 20 40 60 80 100 110 PERCENT OF RATED PEAK REVERSE VOLTAGE,%
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
200
JUNCTION CAPACITANCE, pF
TJ = 25 C
o
100 60 40
20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, VOLTS
REV. : 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of UGP20K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X