Part Number Hot Search : 
A105K SZ5234B A105K BP506 2N5911 SE336 LM7924 SZ5234B
Product Description
Full Text Search
 

To Download TLDR4401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLDR4401
Vishay Telefunken
High Intensity LED, o 3 mm Tinted Diffused
Color Double hetero red Type TLDR4401 Technology GaAlAs on GaAs Angle of Half Intensity o 40
Description
This LED contains the double heterojunction (DH) GaAlAs on GaAs technology. This deep red LED can be utilized over a wide range of drive current. It can be DC or pulse driven to achieve desired light output. The device is available in a 3 mm tinted diffused package.
94 8398
Features
D D D D D D D D
Exceptional brightness Very high intensity even at low drive currents Wide viewing angle Low forward voltage 3 mm (T-1) tinted diffused package Deep red color Categorized for luminous intensity Outstanding material efficiency
Applications
Bright ambient lighting conditions Battery powered equipment Indoor and outdoor information displays Portable equipment Telecommunication indicators General use
Document Number 83060 Rev. A1, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 1 (5)
TLDR4401
Vishay Telefunken Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified TLDR4401 Parameter Reverse voltage DC forward current Surge forward current Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ambient Test Conditions Tamb 60C tp 10 ms Tamb 60C Symbol VR IF IFSM PV Tj Tamb Tstg Tsd RthJA Value 6 50 1 100 100 -20 to +100 -55 to +100 260 400 Unit V mA A mW C C C C K/W
t 5 s, 2 mm from body
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified Double hetero red (TLDR4401 ) Parameter Luminous intensity Dominant wavelength Peak wavelength Spectral line half width Angle of half intensity Forward voltage Reverse current Junction capacitance Test Conditions IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA VR = 6 V VR = 0, f = 1 MHz Type Symbol IV Min 25 Typ 648 650 20 40 1.8 30 Max 50 Unit mcd nm nm nm deg V
ld lp Dl
VF IR Cj
2.2 10
mA
pF
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
125 PV - Power Dissipation ( mW ) IF - Forward Current ( mA ) 100
95 10095
60 50 40 30 20 10 0 0 20 40 60 80 0 20 40 60 80 100 Tamb - Ambient Temperature ( C ) Tamb - Ambient Temperature ( C )
100
75
50 25 0
95 10904
Figure 1 Power Dissipation vs. Ambient Temperature
Figure 2 Forward Current vs. Ambient Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (5)
Document Number 83060 Rev. A1, 04-Feb-99
TLDR4401
Vishay Telefunken
10000 Tamb IF - Forward Current ( mA ) 1000 tp/T=0.01 0.02 0.05 100 1 10 0.5 0.2 0.1 Iv rel - Relative Luminous Intensity 2.0 DH Red 1.6
v65C
1.2
0.8 0.4 0
1 0.01
95 10047
0.1
1
10
100
95 10015
0
20
40
60
80
100
tp - Pulse Length ( ms )
Tamb - Ambient Temperature ( C )
Figure 3 Forward Current vs. Pulse Length
0 Iv rel - Relative Luminous Intensity 10 20
Figure 6 Rel. Luminous Intensity vs. Ambient Temperature
30 Iv rel - Relative Luminous Intensity 2.4 DH Red 2.0 1.6 1.2 0.8 0.4 IFAV=10mA, const. 0 10
95 10262
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
20 0.5
50 0.2
100 0.1
200 0.05
500 0.02
IF(mA) tp/T
95 10020
1
Figure 4 Rel. Luminous Intensity vs. Angular Displacement
100 Iv rel - Relative Luminous Intensity DH Red IF - Forward Current ( mA ) 10
Figure 7 Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
DH Red
1
10
0.1
1 1
95 10014
0.01 1.5 2 2.5 3
95 10016
0.1
1
10
100
VF - Forward Voltage ( V )
IF - Forward Current ( mA )
Figure 5 Forward Current vs. Forward Voltage
Figure 8 Relative Luminous Intensity vs. Forward Current
Document Number 83060 Rev. A1, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 3 (5)
TLDR4401
Vishay Telefunken
1.2 Iv rel - Relative Luminous Intensity DH Red 1.0 0.8 0.6 0.4 0.2 0 600
95 10018
620
640
660
680
700
l - Wavelength ( nm )
Figure 9 Relative Luminous Intensity vs. Wavelength
Dimensions in mm
95 10951
www.vishay.de * FaxBack +1-408-970-5600 4 (5)
Document Number 83060 Rev. A1, 04-Feb-99
TLDR4401
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 83060 Rev. A1, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 5 (5)


▲Up To Search▲   

 
Price & Availability of TLDR4401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X