Part Number Hot Search : 
2SC460 RW7S0 DWR2G SMM0207 LPRG253 74ALS1 SF104C 24010
Product Description
Full Text Search
 

To Download TDA3661AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA3661 Very low dropout voltage/quiescent current adjustable voltage regulator
Preliminary specification Supersedes data of 1999 Sep 29 File under Integrated Circuits, IC01 2000 Feb 01
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
FEATURES * Output adjustable from 1.5 V to VP, 100 mA regulator * Supply voltage range up to 33 V (45 V) * Very low quiescent current of 15 A (typical value) * Very low dropout voltage * High ripple rejection * Very high stability: - Electrolytic capacitors: Equivalent Series Resistance (ESR) < 38 at IREG 25 mA - Other capacitors: 100 nF at 200 A IREG 100 mA. * Pin compatible family TDA3662 to TDA3666 * Protections: - Reverse polarity safe (down to -25 V without high reverse current) - Negative transient of 50 V (RS = 10 , t < 100 ms) QUICK REFERENCE DATA SYMBOL Supply VP supply voltage TDA3661T TDA3661AT Iq VREG quiescent supply current VP = 14.4 V; IREG = 0 mA 8 V VP 22 V; IREG = 0.5 mA 6 V VP 45 V; IREG = 0.5 mA VP = 14.4 V; 0.5 mA IREG 100 mA Vref VREG(drop) Note 1. V REG = V ref x k reference voltage dropout voltage VP = 14.4 V VP = 4.5 V; IREG = 50 mA Tamb 85 C; Regulator; k = 4.01929 (note 1) output voltage 4.8 4.75 4.75 1.181 - 5.0 5.0 5.0 1.244 0.18 regulator on 3 3 - 14.4 14.4 15 PARAMETER CONDITIONS MIN. TYP.
TDA3661
- Able to withstand voltages up to 18 V at the output (supply line may be short-circuited) - ESD protection on all pins - DC short-circuit safe to ground and VP of the regulator output - Temperature protection (at Tj > 150 C). GENERAL DESCRIPTION The TDA3661 is an adjustable voltage regulator with very low dropout voltage and quiescent current, which operates over a wide supply voltage range. The IC is available as: * TDA3661T: VP 33 V, -40 C Tamb +85 C and SO8 package (non-automotive) * TDA3661AT: VP 45 V, -40 C Tamb +125 C and SO8 package (automotive).
MAX.
UNIT
33 45 30
V V A V V V V V
5.2 5.25 5.25 1.306 0.3
ORDERING INFORMATION TYPE NUMBER TDA3661T TDA3661AT PACKAGE NAME SO8 SO8 DESCRIPTION plastic small outline package; 8 leads; body width 3.9 mm plastic small outline package; 8 leads; body width 3.9 mm VERSION SOT96-1 SOT96-1
2000 Feb 01
2
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
BLOCK DIAGRAM
TDA3661
handbook, halfpage
VP
8 REGULATOR BAND GAP THERMAL PROTECTION 2, 3, 6, 7
MGS579
1 5
REG ADJ
TDA3661
GND
Fig.1 Block diagram.
PINNING SYMBOL REG GND n.c. ADJ VP Note 1. All GND pins are connected to the lead frame and can also be used to reduce the total thermal resistance Rth(j-a) by soldering these pins to a ground plane. The ground plane on the top side of the PCB acts like a heat spreader. PIN 1 4 5 8 DESCRIPTION regulator output not connected feedback input supply voltage
handbook, halfpage
2, 3, 6 and 7 ground; note 1
REG 1 GND 2
8 VP 7 GND GND ADJ
TDA3661
GND n.c. 3 4
MGS580
6 5
Fig.2 Pin configuration.
2000 Feb 01
3
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
FUNCTIONAL DESCRIPTION The TDA3661 is an adjustable voltage regulator with an output voltage that can be fixed by means of an external resistor divider. The regulator can deliver output currents up to 100 mA. The regulator is available in an SO8 package. The regulator is intended for portable, mains, telephone and automotive applications. To increase the lifetime of batteries, a specially built-in clamp circuit keeps the quiescent current of this regulator very low, in dropout and full load conditions. The device remains operational down to very low supply voltages (typical 2 V) and below this voltage it switches off. LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VP TDA3661T TDA3661AT VP(rp) Ptot Tstg Tamb reverse polarity supply voltage total power dissipation storage temperature ambient temperature TDA3661T TDA3661AT Tj junction temperature operating non-operating PARAMETER supply voltage - - - temperature of copper area - is 25 C non-operating operating -40 -40 -40 +85 +125 +150 -55 33 45 -25 4.1 +150 CONDITIONS MIN.
TDA3661
A temperature protection is included which switches off the regulator output at a junction temperature above 150 C. A new output circuit guarantees the stability of the regulator for a capacitor output circuit with an ESR up to 20 . If only a 100 nF capacitor is used, the regulator is fully stable when IREG > 200 A. This is very attractive as the ESR of an electrolytic capacitor increases strongly at low temperatures (no expensive tantalum capacitor is required).
MAX. V V V W
UNIT
C C C C
THERMAL CHARACTERISTICS SYMBOL Rth(j-c) Rth(j-a) PARAMETER thermal resistance from junction to case thermal resistance from junction to ambient CONDITIONS to centre pins; soldered in free air; soldered VALUE 30 125 UNIT K/W K/W
QUALITY SPECIFICATION In accordance with "SNW-FQ-611E".
2000 Feb 01
4
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
TDA3661
CHARACTERISTICS VP = 14.4 V; Tamb = 25 C; k = 4.01929 (note 1); measured with test circuit of Fig.3; unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT
Supply voltage: pin VP VP supply voltage TDA3661T TDA3661AT Iq quiescent supply current VP = 4.5 V; IREG = 0 mA VP = 14.4 V; IREG = 0 mA 6 V VP 24 V; IREG = 10 mA 6 V VP 24 V; IREG = 50 mA Regulator output: pin REG; note 3 VREG output voltage 8 V VP 22 V; IREG = 0.5 mA 0.5 mA IREG 100 mA 6 V VP 45 V; IREG = 0.5 mA VREG(drop) VREG(stab) VREG(adj) VREG(line) dropout voltage output voltage long-term stability output voltage adjust range line input regulation voltage 7 V VP 22 V; IREG = 0.5 mA 7 V VP 45 V; IREG = 0.5 mA VREG(load) load output regulation voltage SVRR supply voltage ripple rejection 0.5 mA IREG 50 mA fi = 120 Hz; Vi(ripple) = 1 V (RMS); IREG = 0.5 mA VP = 14.4 V VREG > 4 V VP = 4.5 V; Tamb 85 C; IREG = 50 mA 4.8 4.75 4.75 - - 1.5 - - - 50 5.0 5.0 5.0 0.18 20 - 1 1 10 60 5.2 5.25 5.25 0.3 - VP 30 50 50 - V V V V mV/1000 h V mV mV mV dB regulator operating; note 2 3 3 - - - - 14.4 14.4 10 15 0.2 1.4 33 45 30 30 0.5 2.5 V V A A mA mA
Vref IREG(crl) ILO(rp) Notes
reference voltage output current limit
1.181 0.17 -
1.244 0.3 1
1.306 - 500
V A A
output leakage current at reverse VP = -15 V; VREG = 0.3 V polarity
R1 + R2 1. The output voltage can be calculated using the following formula: V REG = V ref x k where k = --------------------- and R2 R1 + R2 100 k. 2. The regulator output will follow VP if VP < VREG + VREG(drop). 3. Limiting values as applicable for device types: a) TDA3661T: VP 33 V and -40 C Tamb +85 C. b) TDA3661AT: VP 45 V and -40 C Tamb +125 C.
2000 Feb 01
5
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
TEST AND APPLICATION INFORMATION
TDA3661
102 handbook, halfpage ESR () 10
MDA961
(1)
handbook, halfpage
VP
8
1 R1 75.1 k
VREG C2 = 5 V 10 F
C1(1) 1 F
TDA3661
5 2, 3, 6, 7
stable region 1
R2 24.9 k
MGS581
(2)
10-1 10-1
1
10
C2 (F)
102
(1) Maximum ESR at 200 A IREG 100 mA. (2) Minimum ESR only when IREG 200 A. (1) C1 is optional (to minimize supply noise only).
Fig.4 Fig.3 Test circuit.
Graph for selecting the value of the output capacitor.
Noise The output noise is determined by the value of the output capacitor. The noise figure is measured at a bandwidth of 10 Hz to 100 kHz (see Table 1). Table 1 Noise figures NOISE FIGURE (V) C2 = 10 F 550 650 C2 = 47 F 320 400 C2 = 100 F 300 400
stable region 1
103 handbook, halfpage ESR () 102
22
MDA962
OUTPUT CURRENT IREG (mA) 0.5 50 Stability
10
The regulator is stabilized with an external capacitor connected to the output. The value of this capacitor can be selected using the diagrams shown in Figs 4 and 5. The following three examples show the effects of the stabilization circuit using different values for the output capacitor.
10-1 1 10
102
IREG (mA)
103
Fig.5
ESR as a function of IREG for selecting the value of the output capacitor.
2000 Feb 01
6
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
EXAMPLE 1 The regulator is stabilized with an electrolytic capacitor of 68 F (ESR = 0.5 ). At Tamb = -40 C, the capacitor value is decreased to 22 F and the ESR is increased to 3.5 . The regulator will remain stable at a temperature of Tamb = -40 C. EXAMPLE 2 The regulator is stabilized with a 100 nF MKT capacitor connected to the output. When the output current is larger then 200 A full stability is guaranteed. Because the thermal influence on the capacitor value is almost zero, the regulator will remain stable at a temperature of Tamb = -40 C. EXAMPLE 3 The regulator is stabilized with a 100 nF capacitor in parallel with an electrolytic capacitor of 10 F connected to the output. The regulator is now stable under all conditions and independant of: * The ESR of the electrolytic capacitor * The value of the electrolytic capacitor * The output current.
MGS582
TDA3661
APPLICATION CIRCUIT WITH BACKUP FUNCTION Sometimes, a backup function is needed to supply, for example, a microcontroller for a short period of time when the supply voltage spikes to 0 V (or even -1 V). This function can easily be built with the TDA3661 by using an output capacitor with a large value. When the supply voltage is 0 V (or -1 V), only a small current will flow into pin REG from this output capacitor (a few A). The application circuit is given in Fig.6.
andbook, halfpage
VP
8
1 R1 75.1 k C2 (2)
VREG =5V
C1(1) 1 F
TDA3661
5 2, 3, 6, 7
R2 24.9 k
Application circuits The maximum output current of the regulator equals: 150 - T amb I REG ( max ) = ----------------------------------------------------------R th ( j - a ) x ( V P - V REG ) 150 - T amb = ------------------------------------ (mA) 100 x ( V P - 5 ) When Tamb = 21 C, VP = 14 V and VREG = 5 V (k = 4.01929) the maximum output current equals 140 mA. For successful operation of the IC (maximum output current capability) special attention has to be given to the copper area required as heatsink (connected to all GND pins), the thermal capacity of the heatsink and its ability to transfer heat to the external environment. It is possible to reduce the total thermal resistance from 120 to 50 K/W.
(1) C1 is optional (to minimize supply noise only). (2) C2 4700 F.
Fig.6 Application circuit with backup function.
2000 Feb 01
7
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
APPLICATION CIRCUIT WITH ENABLE FUNCTION An enable function can easily be built with the TDA3661 by connecting a diode to pin ADJ. When the voltage on pin ADJ is forced above 1.3 V, the output will switch off. The standby current is equal to the quiescent current of the TDA3661. The application circuit is given in Fig.7.
TDA3661
handbook, halfpage
VP
8
1 R1 75.1 k D1 R2 24.9 k
MGS583
VREG =5V C2 10 F enable
C1(1) 1 F
TDA3661
5 2, 3, 6, 7
(1) C1 is optional (to minimize supply noise only).
Fig.7 Application circuit with enable function.
Additional application information This section gives typical curves for various parameters measured on the TDA3661AT. Standard test conditions are: VP = 14.4 V, Tamb = 25 C and k = 4.01929.
handbook, halfpage
25
MDA947
Iq (A)
handbook, halfpage
4
MDA949
Iq (mA) 3
20
15 2 10 1 5
0 0 10 20 VP (V) 30
0 0 10 20 30 40 VP (V) 50
IREG = 0 mA.
Fig.8
Quiescent current as a function of the supply voltage.
Fig.9
Quiescent current increase as a function of high supply voltage.
2000 Feb 01
8
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
TDA3661
handbook, halfpage
2
MDA951
handbook, halfpage
(1)
0.48
MDA948
Iq (mA) 1.5
Iq (mA) 0.44
1
0.40 0.5
(2)
0 -40
0
40
80
120
160 Tj (C)
0.36 5 10 15 20 VP (V) 25
(1) Iq at 50 mA load. (2) Iq at 10 mA load.
IREG = 10 mA.
Fig.10 Quiescent current as a function of the junction temperature.
Fig.11 Quiescent current as a function of the supply voltage.
handbook, halfpage
2
MDA950
handbook, halfpage
4
MDA952
Iq (mA) 1.8
Iq (mA) 3
2
1.6 1
1.4 5 10 15 20 VP (V) 25
0 0 20 40 60 80 100 IREG (mA)
IREG = 50 mA.
Fig.12 Quiescent current as a function of the supply voltage.
Fig.13 Quiescent current as a function of the output current.
2000 Feb 01
9
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
TDA3661
handbook, halfpage
5.10
MDA953
handbook, halfpage
6
MDA955
VREG (V) 5.05
VREG (V) 4
5.00
2
4.95 -50
0
50
100
150
200 Tj (C)
0 -50
0
50
100
150
200 Tj (C)
IREG = 0 mA.
IREG = 0 mA.
Fig.14 Output voltage as a function of the junction temperature.
Fig.15 Output voltage thermal protection as a function of the junction temperature.
handbook, halfpage
500
MDA957
handbook, halfpage
6
MDA954
VREG(drop) (mV) 400
VREG (V) 4
300
2 200
100 0 40 80 IREG (mA) 120
0 0 100 200 IREG (mA) 300
VP = 8 V and pulsed load.
Fig.16 Dropout voltage as a function of the output current.
Fig.17 Fold back protection mode.
2000 Feb 01
10
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
TDA3661
handbook, halfpage
(1)
-30
MDA956
SVRR (dB) -40
(2)
-50
(3) (1)
-60
(2)
-70 10
(3)
102
103
104
f (Hz)
105
IREG = 10 mA; C2 = 10 F. (1) SVRR at RL = 100 . (2) SVRR at RL = 500 . (3) SVRR at RL = 10 k.
Fig.18 SVRR as a function of the ripple frequency.
2000 Feb 01
11
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
PACKAGE OUTLINE SO8: plastic small outline package; 8 leads; body width 3.9 mm
TDA3661
SOT96-1
D
E
A X
c y HE vMA
Z 8 5
Q A2 A1 pin 1 index Lp 1 e bp 4 wM L detail X (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 5.0 4.8 0.20 0.19 E (2) 4.0 3.8 0.16 0.15 e 1.27 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 Q 0.7 0.6 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3
0.010 0.057 0.069 0.004 0.049
0.019 0.0100 0.014 0.0075
0.244 0.039 0.028 0.050 0.041 0.228 0.016 0.024
0.028 0.004 0.012
8 0o
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT96-1 REFERENCES IEC 076E03 JEDEC MS-012 EIAJ EUROPEAN PROJECTION
ISSUE DATE 97-05-22 99-12-27
2000 Feb 01
12
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
SOLDERING Introduction to soldering surface mount packages This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering is not always suitable for surface mount ICs, or for printed-circuit boards with high population densities. In these situations reflow soldering is often used. Reflow soldering Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, infrared/convection heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 230 C. Wave soldering Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed. Manual soldering
TDA3661
If wave soldering is used the following conditions must be observed for optimal results: * Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications.
Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
2000 Feb 01
13
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
Suitability of surface mount IC packages for wave and reflow soldering methods SOLDERING METHOD PACKAGE WAVE BGA, SQFP HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, SMS PLCC(3), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes not suitable not not not suitable(2) recommended(3)(4) recommended(5) suitable suitable suitable suitable suitable suitable
TDA3661
REFLOW(1)
1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 3. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
2000 Feb 01
14
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current adjustable voltage regulator
NOTES
TDA3661
2000 Feb 01
15
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 3 Figtree Drive, HOMEBUSH, NSW 2140, Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Via Casati, 23 - 20052 MONZA (MI), Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Al.Jerozolimskie 195 B, 02-222 WARSAW, Tel. +48 22 5710 000, Fax. +48 22 5710 001 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 3341 299, Fax.+381 11 3342 553
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 2000
Internet: http://www.semiconductors.philips.com
SCA 69
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
753503/02/pp16
Date of release: 2000
Feb 01
Document order number:
9397 750 06797


▲Up To Search▲   

 
Price & Availability of TDA3661AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X