Part Number Hot Search : 
AD975 EG21SR 71918 MBR104 2UC8AJ 463682E3 STD19NE 43650
Product Description
Full Text Search
 

To Download STPS30L40CW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS30L40CG/CT/CW
LOW DROP POWER SCHOTTKY RECTIFIER
MAIN PRODUCTS CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) FEATURES AND BENEFITS VERY SMALL CONDUCTION LOSSES NEGLIGIBLE SWITCHING LOSSES LOW FORWARD VOLTAGE DROP LOW THERMAL RESISTANCE AVALANCHERATED DESCRIPTION Dual center tap schottky rectifiers suited for Switched Mode Power Supplies and high frequencyDC to DC converters. Packaged in TO-247, TO-220ABand D2PAK these devices are intended for use in low voltage, high frequency inverters, free-wheeling and polarity protectionapplications. ABSOLUTE RATINGS (limiting values, per diode) Symbol VRRM IF(RMS) IF(AV) IFSM IRRM IRSM Tstg Tj dV/dt Parameter Repetitive peak reverse voltage RMS forward current Average forward current Surge non repetitive forward current Repetitive peak reverse current Non repetitive peak reverse current Storage temperature range Maximum operating junction temperature * Critical rate of rise of reverse voltage Tc = 135C = 0.5 Per diode Per device Value 40 30 15 30 220 1 3 - 65 to + 150 150 10000 Unit V A A A A A C C V/s
A2 A1 K
A1 K A2
2 x 15 A 40 V 150 C 0.50 V
A1 K
K
A2
A2 A1
D2PAK STPS30L40CG
TO-220AB STPS30L40CT
TO-247 STPS30L40CW
tp = 10 ms Sinusoidal tp=2 s square F=1kHz tp = 100 s square
*:
1 dPtot thermal runaway condition for a diode on its own heatsink < dTj Rth(j-a)
1/6
July 1999 - Ed: 3A
STPS30L40CG/CT/CW
THERMAL RESISTANCES Symbol Rth (j-c) Rth (c) Junction to case Parameter Per diode Total Coupling Value 1.60 0.85 0.10 Unit C/W C/W
When the diodes 1 and 2 are used simultaneously : Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
STATIC ELECTRICAL CHARACTERISTICS (per diode) Symbol IR * Parameter Reverse leakage current Forward voltage drop Tests Conditions Tj = 25C Tj = 100C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Pulse test : * tp = 380 s, < 2% To evaluate the conduction losses use the following equation : P = 0.330 x I F(AV) + 0.011 IF2(RMS) IF = 15 A IF = 15 A IF = 30 A IF = 30 A 0.59 0.42 VR = VRRM 20 Min. Typ. Max. 360 50 0.55 0.50 0.74 0.67 Unit A mA V
VF *
Fig. 1: Average forward power dissipation versus average forward current (per diode).
12 10 8 6 4
T
Fig. 2: Average current versus temperature (=0.5) (per diode).
IF(av)(A) 18 16 14 12 10 8 6 4 2 0
ambient
PF(av)(W)
= 0.05 = 0.1 = 0.2 = 0.5
Rth(j-a)=Rth(j-c)
=1
Rth(j-a)=15C/W
T
2
IF(av)A
0 0 2 4 6 8 10 12 14
=tp/T
tp
=tp/T
tp
Tamb(C) 50 75 100 125 150
16
18
20
0
25
2/6
STPS30L40CG/CT/CW
Fig. 3: Non repetitive surge peak forward current versus overload duration (maximum values) (per diode).
IM(A) 200 180 160 140 120 100 80 60 40 IM 20 0 1E-3
Fig. 4: Relative variation of thermal transient impedance junction to case versus pulse duration.
1.0 0.8 0.6 0.4 0.2
= 0.5
Zth(j-c)/Rth(j-c)
Tc=25C Tc=75C Tc=125C
t
= 0.2 = 0.1 Single pulse
T
=0.5
t(s) 1E-2 1E-1 1E+0
0.0 1.0E-4
tp(s)
1.0E-3 1.0E-2
=tp/T
tp
1.0E-1
1.0E+0
Fig. 5: Reverse leakage current versus reverse voltage applied (typical values) (per diode).
IR(mA) 2E+2 1E+2 1E+1 1E+0 1E-1 1E-2
Tj=150C
Fig. 6: Junction capacitance versus reverse voltage applied (typical values) (per diode).
2000 1000 C(pF)
F=1MHz Tj=25C
Tj=100C
Tj=75C
500
Tj=25C
200
VR(V) 0 5 10 15 20 25 30 35 40
100 1 2
VR(V) 5
10
20
50
Fig. 7: Forward voltage drop versus forward current (maximum values) (per diode).
Fig. 8: Thermal resistance junction to ambient versus copper surface under tab (Epoxy printed circuit board FR4, copper thickness: 35m) (STPS30L40CGonly).
Rth(j-a) (C/W) 80
200 100
IFM(A)
Typical values Tj=150C
70 60 50 40
10
Tj=125C Tj=25C
30 20 10
1.4 1.6 1.8 2.0
VFM(V)
1 0.0 0.2 0.4 0.6 0.8 1.0 1.2
S(Cu) (cm ) 0 5 10 15 20 25 30 35 40
0
3/6
STPS30L40CG/CT/CW
PACKAGE MECHANICAL DATA TO-220AB DIMENSIONS REF.
H2 Dia L5 C L7 L6 L2 F2 F1 L9 L4 F G1 G M E D A
A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M Diam.
Millimeters Min. Max. 4.40 4.60 1.23 1.32 2.40 2.72 0.49 0.70 0.61 0.88 1.14 1.70 1.14 1.70 4.95 5.15 2.40 2.70 10 10.40 16.4 typ. 13 14 2.65 2.95 15.25 15.75 6.20 6.60 3.50 3.93 2.6 typ. 3.75 3.85
Inches Min. Max. 0.173 0.181 0.048 0.051 0.094 0.107 0.019 0.027 0.024 0.034 0.044 0.066 0.044 0.066 0.194 0.202 0.094 0.106 0.393 0.409 0.645 typ. 0.511 0.551 0.104 0.116 0.600 0.620 0.244 0.259 0.137 0.154 0.102 typ. 0.147 0.151
Cooling method : C Recommended torque value : 0.55 m.N Maximum torque value : 0.70 m.N
4/6
STPS30L40CG/CT/CW
PACKAGE MECHANICAL DATA D2PAK DIMENSIONS REF.
A E L2 C2
Millimeters Min. Max. 4.40 4.60 2.49 2.69 0.03 0.23 0.70 0.93 1.14 1.70 0.45 0.60 1.23 1.36 8.95 9.35 10.00 10.40 4.88 5.28 15.00 15.85 1.27 1.40 1.40 1.75 2.40 3.20 0.40 typ. 0 8
Inches Min. Max. 0.173 0.181 0.098 0.106 0.001 0.009 0.027 0.037 0.045 0.067 0.017 0.024 0.048 0.054 0.352 0.368 0.393 0.409 0.192 0.208 0.590 0.624 0.050 0.055 0.055 0.069 0.094 0.126 0.016 typ. 0 8
D L L3 A1 B2 B G A2 C R
A A1 A2 B B2 C C2 D E G L L2 L3 M R V2
M
*
V2
* FLAT ZONE NO LESSTHAN 2mm
Cooling method : by conduction (method C)
FOOT PRINT (in millimeters) D2PAK
16.90
10.30 1.30
5.08
3.70 8.90
5/6
STPS30L40CG/CT/CW
PACKAGE MECHANICAL DATA TO-247 DIMENSIONS REF.
V
Millimeters
Inches
Min. Typ. Max. Min. Typ. Max.
V Dia.
H
A
L5
L L2 L4 F2 F3 V2 F(x3) G = = M E F4 L3
F1
L1 D
A 4.85 5.15 0.191 0.203 D 2.20 2.60 0.086 0.102 E 0.40 0.80 0.015 0.031 F 1.00 1.40 0.039 0.055 F1 3.00 0.118 F2 2.00 0.078 F3 2.00 2.40 0.078 0.094 F4 3.00 3.40 0.118 0.133 G 10.90 0.429 H 15.45 15.75 0.608 0.620 L 19.85 20.15 0.781 0.793 L1 3.70 4.30 0.145 0.169 L2 18.50 0.728 L3 14.20 14.80 0.559 0.582 L4 34.60 1.362 L5 5.50 0.216 M 2.00 3.00 0.078 0.118 V 5 5 V2 60 60 Dia. 3.55 3.65 0.139 0.143
Cooling method : C Recommended torque value : 0.8m.N Maximum torque value : 1.0m.N Ordering type STPS30L40CT STPS30L40CG STPS30L40CG-TR STPS30L40CW Marking STPS30L40CT STPS30L40CG STPS30L40CG STPS30L40CW Package TO-220AB D PAK D PAK TO-247
2 2
Weight 2g 1.8g 1.8g 4.4g
Base qty 50 50 500 30
Delivery mode Tube Tube Tape & reel Tube
Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 6/6


▲Up To Search▲   

 
Price & Availability of STPS30L40CW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X