Part Number Hot Search : 
AM27S45A 40PT08AI ASJ374B 10A05 MMBT3904 HT66F018 ICM7562 2SC50
Product Description
Full Text Search
 

To Download STPR1620CR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPR1620CG/CT/CR
ULTRA-FAST RECOVERY RECTIFIER DIODES
MAIN PRODUCTS CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) trr (max) 2x8A 200 V 150C 0.99 V 30 ns
A1 K A2
K
K A1
A2
FEATURES
s
D2PAK STPR1620CG
s
s
s
SUITED FOR SMPS LOW LOSSES LOW FORWARD AND REVERSE RECOVERY TIME HIGH SURGE CURRENT CAPABILITY
A2
A2 A1 K
DESCRIPTION Low cost dual center tap rectifier suited for Switched Mode Power Supplies and high frequency DC to DC converters. Packaged in D2PAK, I2PAK or TO-220AB, this device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protection applications. ABSOLUTE RATINGS (limiting values, per diode) Symbol VRRM IF(RMS) IF(AV) IFSM Tstg Tj Parameter Repetitive peak reverse voltage RMS forward current Average forward current = 0.5 Surge non repetitive forward current Storage temperature range Maximum operating junction temperature
K A1
TO-220AB STPR1620CT
I2PAK STPR1620CR
Value 200 20 Tc=120C Per diode Per device tp=10ms sinusoidal 8 16 80 - 65 to + 150 150
Unit V A A A C C
1/7
Octobert 2002 - Ed: 3C
STPR1620CG / STPR1620CT / STPR1620CR
THERMAL RESISTANCES Symbol Rth (j-c) Junction to case Parameter Per diode Total Rth (c) Coupling Value 3.0 1.8 0.6 Unit C/W C/W C/W
When the diodes 1 and 2 are used simultaneously : Tj(diode 1) = P(diode 1) x Rth(j-c) (Per diode) + P(diode 2) x Rth(c) STATIC ELECTRICAL CHARACTERISTICS Symbol IR * Tj = 25C Tj = 100C VF ** Tj = 125C Tj = 125C Tj = 25C
Pulse test : * tp = 5 ms, < 2 % ** tp = 380 s, < 2 %
Test conditions VR = VRRM
Min.
Typ.
Max. 50
Unit A mA V
0.2 IF = 8 A IF = 16 A IF = 16 A 0.8 0.95
0.6 0.99 1.20 1.25
To evaluate the conduction losses use the following equation : P = 0.78 x IF(AV) + 0.026 x IF2(RMS)
RECOVERY CHARACTERISTICS Symbol trr tfr VFP Tj = 25C Tj = 25C Tj = 25C Test conditions IF = 0.5A IR = 1A IF = 3A VFR = 1.1 x VF max IF = 3A Irr = 0.25A dIF/dt = 50 A/s dIF/dt = 50 A/s 20 3 Min. Typ. Max. 30 Unit ns ns V
2/7
STPR1620CG / STRP1620CT / STPR1620CR
Fig. 1: Average forward power dissipation versus average forward current (per diode). Fig. 2: Peak current versus form factor (per diode).
Fig. 3: Average current versus ambient temperature ( : 0.5, per diode).
Fig. 4: Non repetitive surge peak forward current versus overload duration (maximum values, per diode).
Fig. 5: Relative variation of thermal transient impedance junction to case versus pulse duration (per diode).
Fig. 6: Forward voltage drop versus forward current (maximum values, per diode).
3/7
STPR1620CG / STPR1620CT / STPR1620CR
Fig. 7: Junction capacitance versus reverse voltage applied (typical values, per diode). Fig. 8: Recovery charges versus dIF/dt (per diode).
H
Fig. 9: Peak reverse current versus dIF/dt (per diode).
Fig. 10: Dynamic parameters versus junction temperature (per diode).
Fig. 11: Thermal resistance junction to ambient versus copper surface under tab (epoxy printed circuit board, CU = 35s) (STPR1620CG only).
Rth(j-a) (C/W) 80 70 60 50 40 30 20 10 0 0 2 4 6 S(Cu) (cm) 8 10 12 14 16 18 20
4/7
STPR1620CG / STRP1620CT / STPR1620CR
PACKAGE MECHANICAL DATA D2PAK (Plastic) DIMENSIONS Millimeters Inches Min. Max. Min. Max. 4.40 4.60 0.173 0.181 2.49 2.69 0.098 0.106 0.03 0.23 0.001 0.009 0.70 0.93 0.027 0.037 1.14 1.70 0.045 0.067 0.45 0.60 0.017 0.024 1.23 1.36 0.048 0.054 8.95 9.35 0.352 0.368 10.00 10.40 0.393 0.409 4.88 5.28 0.192 0.208 15.00 15.85 0.590 0.624 1.27 1.40 0.050 0.055 1.40 1.75 0.055 0.069 2.40 3.20 0.094 0.126 0.40 typ. 0.016 typ. 0 8 0 8
A E L2 C2
REF. A A1 A2 B B2 C C2 D E G L L2 L3 M R V2
D L L3 A1 B2 B G A2 C R
M
*
V2
* FLAT ZONE NO LESS THAN 2mm
FOOT PRINT (in millimeters)
16.90
10.30 1.30
5.08
3.70 8.90
5/7
STPR1620CG / STPR1620CT / STPR1620CR
PACKAGE MECHANICAL DATA I2PAK REF. Min. A
c2
DIMENSIONS Millimeters Inches Min. 0.173 0.098 0.028 0.044 0.044 0.018 0.048 0.352 0.094 0.394 0.516 0.137 Max. 0.181 0.106 0.037 0.046 0.046 0.024 0.054 0.368 0.106 0.409 0.535 0.149 Max. 4.60 2.69 0.93 1.17 1.17 0.60 1.36 9.35 2.70 10.4 13.6 3.78
A E L2
4.40 2.49 0.70 1.14 1.14 0.45 1.23 8.95 2.40 10.0 13.1 3.48
A1 b b1 b2 c c2
D
L1 b2 L b1 b e
A1
D e E L
c
L1
6/7
STPR1620CG / STPR1620CT / STPR1620CR
PACKAGE MECHANICAL DATA TO-220AB (JEDEC outline)
H2
REF.
A
C
L5 L7 Dia
OPTIONAL
L6
L2
L9
D
F2
F1(x2) L4
M
F
E
G1 G
A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M Dia.
DIMENSIONS Millimeters Inches Min. Max. Min. Max. 4.30 4.60 0.169 0.181 1.22 1.32 0.048 0.052 2.40 2.72 0.094 0.107 0.33 0.70 0.013 0.028 0.61 0.93 0.024 0.037 1.14 1.70 0.045 0.067 1.14 1.70 0.045 0.067 4.95 5.15 0.195 0.202 2.40 2.70 0.094 0.106 10.00 10.40 0.394 0.409 16.00 Typ. 0.630 Typ. 13.00 14.00 0.512 0.551 2.65 2.95 0.104 0.116 14.80 15.75 0.583 0.620 6.20 6.60 0.244 0.260 3.40 3.94 0.134 0.155 2.60 Typ. 0.102 Typ. 3.75 3.89 0.148 0.153
Ordering type STPR1620CT STPR1620CG STPR1620CG-TR STPR1620CR
s s
Marking STPR1620CT STPR1620CG STPR1620CG STPR1620
Package TO-220AB D PAK D PAK I PAK
2 2 2
Weight 2.23 g 1.48 g 1.48 g 1.49 g
Base qty 50 50 1000 50
Delivery mode Tube Tube Tape & reel Tube
s
s
Cooling method : by conduction (C) Recommended torque value : 0.55N.m. Maximum torque value : 0.7N.m. Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 7/7


▲Up To Search▲   

 
Price & Availability of STPR1620CR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X