Part Number Hot Search : 
CO4580 LC352 470M1 SSM6J CSC815 003930 29040 USB3311
Product Description
Full Text Search
 

To Download SI4433DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4433DY
New Product
Vishay Siliconix
P-Channel 1.8-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V) rDS(on) (W)
0.110 @ VGS = -4.5 V -20 0.160 @ VGS = -2.5 V 0.240 @ VGS = -1.8 V
FEATURES
ID (A)
-3.9 -3.2 -2.6
D TrenchFETr Power MOSFET D Fast Switching
APPLICATION
D DC-DC Conversion D Asynchronous Buck Converter D Voltage Inverter
S
SO-8
S S S G 1 2 3 4 Top View D P-Channel MOSFET 8 7 6 5 D D D D
G
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a _ Pulsed Drain Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 85_C PD TJ, Tstg TA = 25_C ID TA = 85_C IDM IS -2.1 2.5 1.3 -55 to 150 -2.8 -10 -1.2 1.4 0.7 W _C -2.1 A
Symbol
VDS VGS
10 secs
Steady State
-20 "8
Unit
V
-3.9
-2.9
THERMAL RESISTANCE RATINGS
Parameter
t v 10 sec Maximum Junction-to-Ambienta Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71663 S-04245--Rev. A, 16-Jul-01 www.vishay.com Steady State Steady State RthJA RthJF
Symbol
Typical
40 75 19
Maximum
50 90 25
Unit
_C/W C/W
1
SI4433DY
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta VGS(th) IGSS IDSS ID(on) VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "8 V VDS = -16 V, VGS = 0 V VDS = -16 V, VGS = 0 V, TJ = 85_C VDS p -5 V, VGS = -4.5 V VGS = -4.5 V, ID = -2.7 A Drain-Source On-State Resistancea rDS(on) VGS = -2.5 V, ID = -2.2 A VGS = -1.8 V, ID = -1 A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = -10 V, ID = -2.7 A IS = -0.9 A, VGS = 0 V -10 0.095 0.137 0.205 7 -0.8 -1.2 0.110 0.160 0.240 S V W -0.45 "100 -1 -5 V nA mA m A
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = -0.9 A, di/dt = 100 A/ms VDD = -10 V, RL = 10 W ID ^ -1 A, VGEN = -4.5 V, RG = 6 W VDS = -10 V, VGS = -4.5 V, ID = -2.7 A 4.4 1.4 0.65 16 30 30 27 20 25 45 45 40 40 ns 6.5 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
10 VGS = 5 thru 3 V 8 I D - Drain Current (A) 2.5 V I D - Drain Current (A) 8 10
Transfer Characteristics
TC = -55_C 25_C
6 2V 4
6
125_C
4
2 1.5 V 0 0.0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V) Document Number: 71663 S-04245--Rev. A, 16-Jul-01
www.vishay.com
2
SI4433DY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.6 VGS = 1.8 V r DS(on) - On-Resistance ( W ) 0.5 C - Capacitance (pF) 600 Ciss 800
Vishay Siliconix
Capacitance
0.4
0.3 VGS = 2.5 V VGS = 4.5 V 0.1
400
0.2
200
Coss
Crss 0.0 0 2 4 6 8 10 0 0 4 8 12 16 20
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
5 V GS - Gate-to-Source Voltage (V) VDS = 10 V ID = 2.7 A 4 1.6
On-Resistance vs. Junction Temperature
VGS = 4.5 V ID = 2.7 A 1.4
3
r DS(on) - On-Resistance (W) (Normalized) 2 3 4 5
1.2
2
1.0
1
0.8
0 0 1 Qg - Total Gate Charge (nC)
0.6 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
10 0.4
On-Resistance vs. Gate-to-Source Voltage
r DS(on) - On-Resistance ( W )
ID = 2.7 A 0.3
I S - Source Current (A)
TJ = 150_C
0.2
TJ = 25_C
0.1
1 0.0
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 1 2 3 4 5 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 71663 S-04245--Rev. A, 16-Jul-01
www.vishay.com
3
SI4433DY
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.4 50
Single Pulse Power
0.3 V GS(th) Variance (V) ID = 250 mA 0.2 Power (W)
40
30
0.1
20
0.0 10
-0.1
-0.2 -50
-25
0
25
50
75
100
125
150
0 10-3
10-2
10-1
1
10
100
600
TJ - Temperature (_C)
Time (sec)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05 0.02
PDM t1 t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 75_C/W
t1 t2
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10 100
www.vishay.com
4
Document Number: 71663 S-04245--Rev. A, 16-Jul-01


▲Up To Search▲   

 
Price & Availability of SI4433DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X