Part Number Hot Search : 
M4002 GC89F 1N940B B3100 KBPC1506 AN1489 NTE2128 STRPB
Product Description
Full Text Search
 

To Download RB151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
RB151 THRU RB157
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
FEATURES
* Surge overload ratings to 50 Amperes peak * Good for printed circuit board assembly
RB-15
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: As marked Mounting position: Any Weight: 1.04 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters) SPACING
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current at TA = 25oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage Drop per element at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage per element I 2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance ( Note1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts @TA = 25 oC @TA = 100 o C VF IR VRRM VRMS VDC IO IFSM
RB151 50 35 50
RB152 100 70 100
RB153 200 140 200
RB154 400 280 400 1.5 50 1.0 10 500
RB155 600 420 600
RB156 800 560 800
RB157 1000 700 1000
UNITS Volts Volts Volts Amps Amps Volts uAmps A 2 Sec pF
0
I2t CJ RJ A TJ T STG
10 25 40 -55 to + 125 -55 to + 150
C/W
0 0
C C
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.47 x 0.47" (12x12mm) copper pads.
188
NEXT
BACK NEXT
EXIT BACK
RATING AND CHARACTERISTIC CURVES (RB151 THRU RB157)
DC COMPONENTS CO., LTD.
R
189
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT


▲Up To Search▲   

 
Price & Availability of RB151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X